Part Number Hot Search : 
STW4102 AM29LV 1N5353BE 20F2GAH S593TXRW DL5242 FR3502 MSAU429
Product Description
Full Text Search
 

To Download 74LVC2G53DP125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc2g53 is a low-power, low-volt age, high-speed, si -gate cmos device. the 74lvc2g53 provides one analog multip lexer/demultiplexer wit h a digital select input (s), two independent inputs/outputs (y0 and y1), a common input/output (z) and an active low enable input (e ). when pin e is high, the switch is turned off. schmitt-trigger action at the select and enable inputs makes the circuit tolerant of slower input rise and fall times across the entire v cc range from 1.65 v to 5.5 v. 2. features and benefits ? wide supply voltage range from 1.65 v to 5.5 v ? very low on resistance: ? 7.5 (typical) at v cc =2.7v ? 6.5 (typical) at v cc =3.3v ? 6 (typical) at v cc =5v ? switch current ca pability of 32 ma ? high noise immunity ? cmos low-power consumption ? ttl interface compatibility at 3.3 v ? latch-up performance meets requirements of jesd 78 class i ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? control inputs accepts voltages up to 5 v ? multiple package options ? specified from ? 40 c to +85 c and from ? 40 c to +125 c 74lvc2g53 2-channel analog multiplexer/demultiplexer rev. 6 ? 27 september 2010 product data sheet
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 2 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version 74lvc2g53dp ? 40 cto+125 c tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 74lvc2g53dc ? 40 cto+125 c vssop8 plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 74lvc2g53gt ? 40 cto+125 c xson8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 1.95 0.5 mm sot833-1 74lvc2g53gf ? 40 c to +125 c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.35 1 0.5 mm sot1089 74lvc2g53gd ? 40 cto+125 c xson8u plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 2 0.5 mm sot996-2 74lvc2g53gm ? 40 c to +125 c xqfn8u plastic extremely thin quad flat package; no leads; 8 terminals; utlp based; body 1.6 1.6 0.5 mm sot902-1 74lvc2g53gn ? 40 c to +125 c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.2 1.0 0.35 mm sot1116 74lvc2g53gs ? 40 c to +125 c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.35 1.0 0.35 mm sot1203 table 2. marking codes type number marking code [1] 74lvc2g53dc v53 74lvc2g53dp v53 74lvc2g53gt v53 74lvc2g53gf v3 74lvc2g53gd v53 74lvc2g53gm v53 74lvc2g53gn v3 74lvc2g53gs v3 fig 1. logic symbol 001aah7 95 s z e y0 y1
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 3 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 6. pinning information 6.1 pinning fig 2. logic diagram 001aad3 87 z y0 s y1 e fig 3. pin configuration sot505-2 and sot765-1 fig 4. pin configuration sot833-1, sot1089, sot1116 and sot1203 74lvc2g53 zv cc ey0 gnd y1 gnd s 001aae798 1 2 3 4 6 5 8 7 74lvc2g53 y1 y0 v cc s gnd e z gnd 001aae800 36 27 18 45 transparent top view
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 4 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. fig 5. pin configuration sot996-2 f ig 6. pin configuration sot902-1 001aai274 74lvc2g53 transparent top view 8 7 6 5 1 2 3 4 z e gnd gnd v cc y0 y1 s 001aag72 4 e y1 z v cc gnd y0 gnd s transparent top view 3 6 4 1 5 8 7 2 terminal 1 index area 74lvc2g53 table 3. pin description symbol pin description sot505-2, sot765-1, sot833-1, sot1089, sot996-2, sot1116 and sot1203 sot902-1 z 1 7 common output or input e 2 6 enable input (active low) gnd 3 5 ground (0 v) gnd 4 4 ground (0 v) s 5 3 select input y1 6 2 independent input or output y0 7 1 independent input or output v cc 8 8 supply voltage table 4. function table [1] input channel on s e l l y0 to z or z to y0 h l y1 to z or z to y1 x h z (switch off)
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 5 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 8. limiting values [1] the minimum input voltage rating may be exceeded if the input current rating is observed. [2] the minimum and maximum switch voltage ratings may be e xceeded if the switch clamping current rating is observed. [3] for tssop8 packages: above 55 c the value of p tot derates linearly with 2.5 mw/k. for vssop8 packages: above 110 c the value of p tot derates linearly with 8.0 mw/k. for xson8, xson8u and xqfn8u packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. 9. recommended operating conditions [1] to avoid sinking gnd current from termi nal z when switch current flows in terminal yn, the voltage drop across the bidirecti onal switch must not exceed 0.4 v. if the switch current flows into terminal z, no gnd current will flow from terminal yn. in this case, ther e is no limit for the voltage drop across the switch. [2] applies to control signal levels. table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v v i input voltage [1] ? 0.5 +6.5 v i ik input clamping current v i < ? 0.5 v or v i >v cc + 0.5 v ? 50 - ma i sk switch clamping current v i < ? 0.5 v or v i >v cc + 0.5 v - 50 ma v sw switch voltage enable and disable mode [2] ? 0.5 v cc + 0.5 v i sw switch current v sw > ? 0.5 v or v sw < v cc + 0.5 v - 50 ma i cc supply current - 100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 c p tot total power dissipation t amb = ? 40 cto+125 c [3] - 250 mw table 6. operating conditions symbol parameter conditions min max unit v cc supply voltage 1.65 5.5 v v i input voltage 0 5.5 v v sw switch voltage enable and disable mode [1] 0v cc v t amb ambient temperature ? 40 +125 c t/ v input transition rise and fall rate v cc =1.65vto2.7v [2] - 20 ns/v v cc = 2.7 v to 5.5 v [2] - 10 ns/v
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 6 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 10. static characteristics [1] typical values are measured at t amb = 25 c. [2] these typical values are measured at v cc =3.3v. table 7. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground 0 v). symbol parameter conditions t amb = ? 40 c to +85 c t amb = ? 40 c to +125 c unit min typ [1] max min max v ih high-level input voltage v cc = 1.65 v to 1.95 v 0.65 v cc - - 0.65 v cc -v v cc = 2.3 v to 2.7 v 1.7 - - 1.7 - v v cc = 3 v to 3.6 v 2.0 - - 2.0 - v v cc = 4.5 v to 5.5 v 0.7 v cc --0.7 v cc -v v il low-level input voltage v cc = 1.65 v to 1.95 v - - 0.35 v cc - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 - 0.7 v v cc = 3 v to 3.6 v - - 0.8 - 0.8 v v cc = 4.5 v to 5.5 v - - 0.3 v cc 0.3 v cc v i i input leakage current pin s and pin e ; v i =5.5vorgnd; v cc =0vto5.5v [2] - 0.1 2- 10 a i s(off) off-state leakage current v cc =5.5v; see figure 7 [2] - 0.1 5- 20 a i s(on) on-state leakage current v cc =5.5v; see figure 8 [2] - 0.1 5- 20 a i cc supply current v i = 5.5 v or gnd; v sw =gndorv cc ; v cc =1.65vto5.5v [2] -0.110 - 40 a i cc additional supply current pin s and pin e ; v i =v cc ? 0.6 v; v sw =gndorv cc ; v cc =5.5v [2] -5500 - 5000 a c i input capacitance -2.5- - -pf c s(off) off-state capacitance -6.0- - -pf c s(on) on-state capacitance -18- - -pf
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 7 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 10.1 test circuits 10.2 on resistance v i =v cc or gnd; v o = gnd or v cc . fig 7. test circuit for measuring off-state leakage current v o i s 001aad390 s z e y0 y1 v cc gnd switch switch 1 1 2 2 v ih v il s v ih v ih e v i v il or v ih v ih v i =v cc or gnd and v o = open circuit. fig 8. test circuit for measuring on-state leakage current i s 001aad39 1 s z e y0 y1 v cc gnd v i v il or v ih v il switch 1 2v ih v il s v il v il e v o switch 1 2 table 8. on resistance at recommended operating conditions; voltages ar e referenced to gnd (ground 0 v); for graphs see figure 10 to figure 15 . symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max r on(peak) on resistance (peak) v i =gndtov cc ; see figure 9 i sw =4ma; v cc = 1.65 v to 1.95 v - 34.0 130 - 195 i sw =8ma; v cc = 2.3 v to 2.7 v - 12.0 30 - 45 i sw =12ma; v cc = 2.7 v - 10.4 25 - 38 i sw =24ma; v cc =3vto3.6v - 7.8 20 - 30 i sw =32ma; v cc = 4.5 v to 5.5 v - 6.2 15 - 23
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 8 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb = 25 c and nominal v cc . [2] flatness is defined as the difference between the maximum and minimum value of on resistance measured at identical v cc and temperature. 10.3 on resistance test circuit and graphs r on(rail) on resistance (rail) v i = gnd; see figure 9 i sw =4ma; v cc = 1.65 v to 1.95 v -8.218 - 27 i sw =8ma; v cc = 2.3 v to 2.7 v - 7.1 16 - 24 i sw =12ma; v cc =2.7v - 6.9 14 - 21 i sw =24ma; v cc =3vto3.6v - 6.5 12 - 18 i sw =32ma; v cc = 4.5 v to 5.5 v - 5.8 10 - 15 v i =v cc ; see figure 9 i sw =4ma; v cc = 1.65 v to 1.95 v - 10.4 30 - 45 i sw =8ma; v cc = 2.3 v to 2.7 v - 7.6 20 - 30 i sw =12ma; v cc =2.7v - 7.0 18 - 27 i sw =24ma; v cc =3vto3.6v - 6.1 15 - 23 i sw =32ma; v cc = 4.5 v to 5.5 v - 4.9 10 - 15 r on(flat) on resistance (flatness) v i =gndtov cc [2] i sw =4ma; v cc = 1.65 v to 1.95 v -26.0- - - i sw =8ma; v cc = 2.3 v to 2.7 v - 5.0 - - - i sw =12ma; v cc =2.7v - 3.5 - - - i sw =24ma; v cc =3vto3.6v - 2.0 - - - i sw =32ma; v cc = 4.5 v to 5.5 v - 1.5 - - - table 8. on resistance ?continued at recommended operating conditions; voltages ar e referenced to gnd (ground 0 v); for graphs see figure 10 to figure 15 . symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max r on = v sw / i sw . fig 9. test circuit for measuring on resistance i sw v sw 001aad39 2 s z e y0 y1 v cc gnd switch switch 1 1 2 2 v ih v il s v il v il e v i v il or v ih v il
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 9 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer (1) v cc = 1.8 v. (2) v cc = 2.5 v. (3) v cc = 2.7 v. (4) v cc = 3.3 v. (5) v cc = 5.0 v. fig 10. typical on resistance as a function of input voltage; t amb = 25 c v i (v) 05 4 23 1 mna673 20 10 30 40 r on ( ) 0 (1) (2) (3) (4) (5) (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = ? 40 c. (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = ? 40 c. fig 11. on resistance as a function of input voltage; v cc =1.8v fig 12. on resistance as a function of input voltage; v cc =2.5v v i (v) 0 2.0 1.6 0.8 1.2 0.4 001aaa712 25 35 15 45 55 r on ( ) 5 (4) (3) (2) (1) v i (v) 0 2.5 2.0 1.0 1.5 0.5 001aaa708 9 11 7 13 15 r on ( ) 5 (1) (2) (3) (4)
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 10 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = ? 40 c. (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = ? 40 c. fig 13. on resistance as a function of input voltage; v cc =2.7v fig 14. on resistance as a function of input voltage; v cc =3.3v 001aaa709 v i (v) 0 3.0 2.0 1.0 2.5 1.5 0.5 9 7 11 13 r on ( ) 5 (1) (2) (3) (4) v i (v) 04 3 12 001aaa710 6 8 10 r on ( ) 4 (1) (2) (3) (4) (1) t amb = 125 c. (2) t amb =85 c. (3) t amb =25 c. (4) t amb = ? 40 c. fig 15. on resistance as a function of input voltage; v cc =5.0v v i (v) 05 4 23 1 001aaa711 5 4 6 7 r on ( ) 3 (2) (4) (1) (3)
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 11 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 11. dynamic characteristics [1] typical values are measured at t amb =25 c and nominal v cc . [2] t pd is the same as t plh and t phl . [3] propagation delay is the calculated rc time constant of the typical on resistance of the switch and the specified capacitanc e when driven by an ideal voltage source (zero output impedance). [4] t en is the same as t pzh and t pzl . [5] t dis is the same as t plz and t phz . table 9. dynamic characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); for test circuit see figure 18 . symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max t pd propagation delay z to yn or yn to z; see figure 16 [2] [3] v cc = 1.65 v to 1.95 v - - 2 - 2.5 ns v cc = 2.3 v to 2.7 v - - 1.2 - 1.5 ns v cc = 2.7 v - - 1.0 - 1.25 ns v cc = 3.0 v to 3.6 v - - 0.8 - 1.0 ns v cc = 4.5 v to 5.5 v - - 0.6 - 0.8 ns t en enable time s to z or yn; see figure 17 [4] v cc = 1.65 v to 1.95 v 2.6 6.7 10.3 2.6 12.9 ns v cc = 2.3 v to 2.7 v 1.9 4.1 6.4 1.9 8.0 ns v cc = 2.7 v 1.9 4.0 5.5 1.8 7.0 ns v cc = 3.0 v to 3.6 v 1.8 3.4 5.0 1.8 6.3 ns v cc = 4.5 v to 5.5 v 1.3 2.6 3.8 1.3 4.8 ns e to z or yn; see figure 17 [4] v cc = 1.65 v to 1.95 v 1.9 4.0 7.3 1.9 9.2 ns v cc = 2.3 v to 2.7 v 1.4 2.5 4.4 1.4 5.5 ns v cc = 2.7 v 1.1 2.6 3.9 1.1 4.9 ns v cc = 3.0 v to 3.6 v 1.2 2.2 3.8 1.2 4.8 ns v cc = 4.5 v to 5.5 v 1.0 1.7 2.6 1.0 3.3 ns t dis disable time s to z or yn; see figure 17 [5] v cc = 1.65 v to 1.95 v 2.1 6.8 10.0 2.1 12.5 ns v cc = 2.3 v to 2.7 v 1.4 3.7 6.1 1.4 7.7 ns v cc = 2.7 v 1.4 4.9 6.2 1.4 7.8 ns v cc = 3.0 v to 3.6 v 1.1 4.0 5.4 1.1 6.8 ns v cc = 4.5 v to 5.5 v 1.0 2.9 3.8 1.0 4.8 ns e to z or yn; see figure 17 [5] v cc = 1.65 v to 1.95 v 2.3 5.6 8.6 2.3 11.0 ns v cc = 2.3 v to 2.7 v 1.2 3.2 4.8 1.2 6.0 ns v cc = 2.7 v 1.4 4.0 5.2 1.4 6.5 ns v cc = 3.0 v to 3.6 v 2.0 3.7 5.0 2.0 6.3 ns v cc = 4.5 v to 5.5 v 1.3 2.9 3.8 1.3 4.8 ns
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 12 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 11.1 waveforms and test circuits measurement points are given in table 10 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 16. input (yn or z) to output (z or yn) propagation delays t plh t phl v m v m v m v m gnd v i v oh v ol yn or z input z or yn output 001aac36 1 measurement points are given in table 10 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 17. enable and disable times v m v i gnd v cc v ol v oh gnd s, e input output low to off off to low output high to off off to high v m 001aad39 3 v m t pzl t phz t pzh v x v y switch disabled switch enabled switch enabled z, yn z, yn t plz table 10. measurement points supply voltage input output v cc v m v m v x v y 1.65 v to 2.7 v 0.5v cc 0.5v cc v ol +0.15v v oh ? 0.15 v 2.7 v to 5.5 v 0.5v cc 0.5v cc v ol +0.3v v oh ? 0.3 v
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 13 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer test data is given in table 11 . definitions for test circuit: r l = load resistor. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = test voltage for switching times. fig 18. test circuit for measuring switching times v ext v cc v i v o 001aae23 5 dut c l r t r l r l pulse generator v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f table 11. test data supply voltage input load v ext v cc v i t r , t f c l r l t plh , t phl t pzh , t phz t pzl , t plz 1.65 v to 1.95 v v cc 2.0ns 30pf 1k open gnd 2v cc 2.3 v to 2.7 v v cc 2.0ns 30pf 500 open gnd 2v cc 2.7 v v cc 2.5ns 50pf 500 open gnd 2v cc 3 v to 3.6 v v cc 2.5ns 50pf 500 open gnd 2v cc 4.5 v to 5.5 v v cc 2.5ns 50pf 500 open gnd 2v cc
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 14 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 11.2 additional dynami c characteristics 11.3 test circuits table 12. additional dynamic characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb =25 c. symbol parameter conditions min typ max unit thd total harmonic distortion f i = 600 hz to 20 khz; r l = 600 ; c l =50pf; v i = 0.5 v (p-p); see figure 19 v cc = 1.65 v - 0.260 - % v cc = 2.3 v - 0.078 - % v cc = 3.0 v - 0.078 - % v cc = 4.5 v - 0.078 - % f ( ? 3db) ? 3 db frequency response r l =50 ; c l = 5 pf; see figure 20 v cc =1.65v - 200 - mhz v cc =2.3v - 300 - mhz v cc =3.0v - 300 - mhz v cc =4.5v - 300 - mhz iso isolation (off-state) r l =50 ; c l =5pf; f i =10mhz; see figure 21 v cc =1.65v - ? 42 - db v cc =2.3v - ? 42 - db v cc =3.0v - ? 40 - db v cc =4.5v - ? 40 - db q inj charge injection c l = 0.1 nf; v gen =0v; r gen =0 ; f i = 1 mhz; r l =1m ; see figure 22 v cc =1.8v - 3.3 - pc v cc =2.5v - 4.1 - pc v cc =3.3v - 5.0 - pc v cc =4.5v - 6.4 - pc v cc =5.5v - 7.5 - pc fig 19. test circuit for measuri ng total harmonic distortion d 001aad394 600 10 f 0.1 f s z y0 y1 v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s v il v il e f i v il or v ih e v il
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 15 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer adjust f i voltage to obtain 0 dbm level at output. increase f i frequency until db meter reads ? 3db. fig 20. test circuit for measuring the frequency response when switch is in on-state db 001aad395 50 0.1 f s z e y0 y1 v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s v il v il e f i v il or v ih v il adjust f i voltage to obtain 0 dbm level at input. fig 21. test circuit for measuring isolation (off-state) db 001aad396 50 r l 0.1 f s z e y0 y1 v cc 0.5v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v il v ih s v ih v ih e f i v il or v ih v ih
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 16 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer a. test circuit b. input and output pulse definitions q inj = v o c l . v o = output voltage variation. r gen = generator resistance. v gen = generator voltage. fig 22. test circuit for measuring charge injection 001aad39 8 s z y0 y1 r l c l v cc gnd r gen v gen switch 1 2 v i v o e v il g 001aac47 8 v o off on off logic input v o (s)
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 17 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 12. package outline fig 23. package outline sot505-2 (tssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.95 0.75 0.38 0.22 0.18 0.08 3.1 2.9 3.1 2.9 0.65 4.1 3.9 0.70 0.35 8 0 0.13 0.1 0.2 0.5 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.47 0.33 sot505-2 - - - 02-01-16 w m b p d z e 0.25 14 8 5 a 2 a 1 l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale tssop8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505- 2 1.1 pin 1 index
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 18 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 24. package outline sot765-1 (vssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (2) z (1) references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 0 0.13 0.1 0.2 0.4 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 q 0.21 0.19 sot765-1 mo-187 02-06-07 w m b p d z e 0.12 14 8 5 a 2 a 1 q l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale vssop8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765- 1 1 pin 1 index
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 19 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 25. package outline sot833-1 (xson8) terminal 1 index area references outline version european projection issue date iec jedec jeita sot833-1 - - - mo-252 - - - sot833- 1 07-11-14 07-12-07 dimensions (mm are the original dimensions) xson8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 2.0 1.9 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 (2) 4 (2) a
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 20 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 26. package outline sot1089 (xson8) references outline version european projection issue date iec jedec jeita sot1089 mo-252 sot1089_po 10-04-09 10-04-12 unit mm max nom min 0.5 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.35 0.30 0.27 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1 x 0.5 mm sot108 9 a 1 bl 1 0.40 0.35 0.32 0.20 0.15 0.12 deee 1 l 0 0.5 1 mm scale terminal 1 index area e d detail x a a 1 l l 1 b e 1 e terminal 1 index area 1 4 8 5 (4 ) (2) (8 ) (2) x
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 21 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 27. package outline sot996-2 (xson8u) references outline version european projection issue date iec jedec jeita sot996-2 - - - - - - sot996- 2 07-12-18 07-12-21 unit a max mm 0.5 0.05 0.00 0.35 0.15 3.1 2.9 0.5 1.5 0.5 0.3 0.6 0.4 0.1 0.05 a 1 dimensions (mm are the original dimensions) x son8u: plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 x 2 x 0.5 mm 0 1 2 mm scale b d 2.1 1.9 e e e 1 l l 1 0.15 0.05 l 2 v w 0.05 y y 1 0.1 c y c y 1 x b 14 85 e 1 e a c b v m c w m l 2 l 1 l terminal 1 index area b a d e detail x a a 1
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 22 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 28. package outline sot902-1 (xqfn8u) references outline version european projection issue date iec jedec jeita sot902-1 mo-255 - - - - - - sot902- 1 05-11-25 07-11-14 unit a max mm 0.5 a 1 0.25 0.15 0.05 0.00 1.65 1.55 0.35 0.25 0.15 0.05 dimensions (mm are the original dimensions) x qfn8u: plastic extremely thin quad flat package; no leads; 8 terminals; utlp based; body 1.6 x 1.6 x 0.5 mm b dl e 1 1.65 1.55 e e l 1 v 0.1 0.55 0.5 w 0.05 y 0.05 0.05 y 1 0 1 2 mm scale x c y c y 1 terminal 1 index area terminal 1 index area b a d e detail x a a 1 b 8 7 6 5 e 1 e 1 e e a c b ? v m c ? w m 4 1 2 3 l l 1 metal area not for soldering
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 23 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 29. package outline sot1116 (xson8) references outline version european projection issue date iec jedec jeita sot1116 sot1116_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 1.25 1.20 1.15 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son8: extremely thin small outline package; no leads; 8 terminals; body 1.2 x 1.0 x 0.35 mm sot111 6 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area e d (4 ) (2) (8 ) (2) a 1 a e 1 e 1 e 1 e l l 1 b 4 3 2 1 5 6 7 8
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 24 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer fig 30. package outline sot1203 (xson8) references outline version european projection issue date iec jedec jeita sot1203 sot1203_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1.0 x 0.35 mm sot120 3 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area e d (4 ) (2) (8 ) (2) a a 1 e l l 1 b e 1 e 1 e 1 1 8 2 7 3 6 4 5
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 25 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 13. abbreviations 14. revision history table 13. abbreviations acronym description cmos complementary metal-oxide semiconductor ttl transistor-transistor logic hbm human body model esd electrostatic discharge mm machine model cdm charged device model dut device under test table 14. revision history document id release date data sheet status change notice supersedes 74lvc2g53 v.6 20100927 product data sheet - 74lvc2g53 v.5 modifications: ? added type number 74lvc2g53gf (sot1089/xson8 package). ? added type number 74lvc2g53gn (sot1116/xson8 package). ? added type number 74lvc2g53 gs (sot1203/xson8 package). 74lvc2g53 v.5 20080618 product data sheet - 74lvc2g53 v.4 74lvc2g53 v.4 20080228 product data sheet - 74lvc2g53 v.3 74lvc2g53 v.3 20070828 product data sheet - 74lvc2g53 v.2 74lvc2g53 v.2 20060331 product data sheet - 74lvc2g53 v.1 74lvc2g53 v.1 20060110 product data sheet - -
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 26 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
74lvc2g53 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 6 ? 27 september 2010 27 of 28 nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74lvc2g53 2-channel analog multiplexer/demultiplexer ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 27 september 2010 document identifier: 74lvc2g53 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 10.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 10.2 on resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 7 10.3 on resistance test circuit and graphs. . . . . . . . 8 11 dynamic characteristics . . . . . . . . . . . . . . . . . 11 11.1 waveforms and test circuits . . . . . . . . . . . . . . 12 11.2 additional dynamic characteristics . . . . . . . . . 14 11.3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 25 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 25 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 26 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 26 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 27 16 contact information. . . . . . . . . . . . . . . . . . . . . 27 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28


▲Up To Search▲   

 
Price & Availability of 74LVC2G53DP125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X