Part Number Hot Search : 
TA114E MSR33RT 440SH MSR33RT HT604 T460003 OM7500SC 15KW18A
Product Description
Full Text Search
 

To Download 6061-H-ABC0-D-EG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 606  www.schurter.com/pg0 7 connectors iec appliance inlet c14, screw-on mounting, front side, solder or quick-connect, pcb or screw terminal c14 70 c description - panel mount: screw-on mounting, frontside - appliance inlet, pin temperature 70 c, protection class i approvals - vde license number: 40011871 - ul license number: e96454 - csa license number: 27324 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , distributor-stock- chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 3 kvac between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 material: housing ul 94v-0 appliance inlet c14 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1 dimensions 48 mm 22 ? 3.2 "x" 27.3 21.5 48 3 5 "x" 27.1 +0.2 - 0 19.5 19.3 +0.2 - 0 r 4 r 6 lenght of the terminal please find at the order code configuration table
 connectors (inlets/outlets) 606  www.schurter.com/pg0 7 connectors config. code product configurato r 6061 | - | h | - | a | b | c | 0- | d | - | e | g | the characters are placeholders for the correspondingly keys of selections from the key tables. 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = type type configuration key protection class 1 x 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = terminals terminal l configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 screw terminal a 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = terminals terminal n configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 screw terminal a symbols similar as in table a 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = terminals terminal ground configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 screw terminal a symbols similar as in table a 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = color color configuration key jet black; ral9005 a silver grey; ral7001 b pure white; ral9010 d standard color: black 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = style style configuration key flange with countersunk holes 1 flange with through holes 2 flange with through holes (special type) 7 6061 | - | h | - | a | b | c | 0- | d | - | e | g | = dimension x dimension "x" configuration key 36 40 the dimension "x" is dispalyed in ( 1 / 10 mm). this information is also valid for the order code
 connectors (inlets/outlets) 606  www.schurter.com/pg0 7 connectors variants config. code description order number 6061-x-2220-a-136 6061, iec appliance inlet c14, 70c, version: 1, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), ground: short solder terminal (l=4,8mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 36 6162.0045 6061-x-2220-a-140 6061, iec appliance inlet c14, 70c, version: 1, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), ground: short solder terminal (l=4,8mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 40 6162.0046 6061-x-2220-a-240 6061, iec appliance inlet c14, 70c, version: 1, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), ground: short solder terminal (l=4,8mm), color: jet black; ral9005, design: flange with through holes, dimension x: 40 6162.0047 6061-x-2220-b-140 6061, iec appliance inlet c14, 70c, version: 1, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), ground: short solder terminal (l=4,8mm), color: silver grey; ral7001, design: flange with countersunk holes, dimension x: 40 6162.0048 6061-x-3330-a-136 6061, iec appliance inlet c14, 70c, version: 1, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), ground: long solder terminal (l=8,5mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 36 6162.0049 6061-x-3330-a-140 6061, iec appliance inlet c14, 70c, version: 1, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), ground: long solder terminal (l=8,5mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 40 6162.0050 6061-x-3330-a-240 6061, iec appliance inlet c14, 70c, version: 1, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), ground: long solder terminal (l=8,5mm), color: jet black; ral9005, design: flange with through holes, dimension x: 40 6162.0051 6061-x-3330-b-140 6061, iec appliance inlet c14, 70c, version: 1, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), ground: long solder terminal (l=8,5mm), color: silver grey; ral7001, design: flange with countersunk holes, dimension x: 40 6162.0052 6061-x-4460-a-740 6061, iec appliance inlet c14, 70c, version: 1, l: pcb-terminal (standard), n: pcb-terminal (standard), ground: pcb-terminal (long), color: jet black; ral9005, design: flange with through holes (special type), dimension x: 40 6162.0053 6061-x-8880-a-136 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (4,8x0,8mm), n: blade terminal (4,8x0,8mm), ground: blade ter - minal (4,8x0,8mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 36 6162.0054 6061-x-8880-a-140 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (4,8x0,8mm), n: blade terminal (4,8x0,8mm), ground: blade ter - minal (4,8x0,8mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 40 6162.0055 6061-x-8880-b-140 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (4,8x0,8mm), n: blade terminal (4,8x0,8mm), ground: blade ter - minal (4,8x0,8mm), color: silver grey; ral7001, design: flange with countersunk holes, dimension x: 40 6162.0056 6061-x-9990-a-136 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (6,3x0,8mm), n: blade terminal (6,3x0,8mm), ground: blade ter - minal (6,3x0,8mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 36 6162.0057 6061-x-9990-a-140 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (6,3x0,8mm), n: blade terminal (6,3x0,8mm), ground: blade ter - minal (6,3x0,8mm), color: jet black; ral9005, design: flange with countersunk holes, dimension x: 40 6162.0058 6061-x-9990-b-140 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (6,3x0,8mm), n: blade terminal (6,3x0,8mm), ground: blade ter - minal (6,3x0,8mm), color: silver grey; ral7001, design: flange with countersunk holes, dimension x: 40 6162.0059 6061-x-9990-b-240 6061, iec appliance inlet c14, 70c, version: 1, l: blade terminal (6,3x0,8mm), n: blade terminal (6,3x0,8mm), ground: blade ter - minal (6,3x0,8mm), color: silver grey; ral7001, design: flange with through holes, dimension x: 40 6162.0060 6061-x-aaa0-a-140 6061, iec appliance inlet c14, 70c, version: 1, l: screw terminal, n: screw terminal, ground: screw terminal, color: jet black; ral9005, design: flange with countersunk holes, dimension x: 40 6162.0061 6061-x-aaa0-b-140 6061, iec appliance inlet c14, 70c, version: 1, l: screw terminal, n: screw terminal, ground: screw terminal, color: silver grey; ral7001, design: flange with countersunk holes, dimension x: 40 6162.0062 the listet variants should be available from stock other versions on request www.schurter.com/contac t packaging unit 50 pcs accessorie s description assorted cover s rear cover
 connectors (inlets/outlets) 606  www.schurter.com/pg0 7 connectors mating outlets/connector s category / description appliance outlet overview complet e iec appliance outlet f, screw-on mounting, front side, solder or quick-connect terminal 478 7 iec appliance outlet f, snap-in mounting, front side, solder or quick-connect terminal 478 8 iec appliance outlet f or h, screw-on mounting, front side, solder, pcb or quick-connect terminal 509 1 iec appliance outlet f or h, screw-on mounting, front side, solder or quick-connect terminal 509 2 appliance outlet further types to 606 1 connector overview complet e iec connector c15, rewireable, straight 010 1 iec connector c15a, rewireable, straight 010 2 iec connector c15a, rewireable, straight 0102- g iec connector c15a, rewireable, angled 011 2 iec connector c13, rewireable, angled 401 2 connector further types to 606 1 ... power cord overview complet e power cord with iec connector c13, angled 031 1 power cord with iec connector c13, angled 301 1 power cord with iec connector c13, angled 301 2 power cord with iec connector c13, angled 301 3 power cord with iec connector c13 302 0 power cord further types to 606 1 ... power supply or interconnection cord overview complet e divers power supply and interconnection cords 10 a kabelverbindung/10 a power supply or interconnection cord further types to 606 1 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 6061-H-ABC0-D-EG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X