Part Number Hot Search : 
MAX354 MDR6100 TMP87P 500SDF KS57C ENA1001 75002 S6010LS2
Product Description
Full Text Search
 

To Download 38721-7312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  how to order 7 2 x xx-xx series terminal no. of options style poles 1 2 3 2 to 26 (dash #s above 5 6 7 and 8 9 opposite page) *consult factory for combinations of screw options. options -45 slotted screw -47 screws up, wire ready -49 brass, phillips/slotted screw -45-56 stainless steel screw, slotted -50 clamp washer, phillips/slotted screw -58 no screws, barrier only -59 screws supplied unassembled -c no mounting ends -e solid mounting ends -f rap-attach mounts -m 3.5 m screw, slotted -p .040" standoff pads -v 130 c insulator .375" pcb barrier terminal strip features ? standard and tri-barrier construc- tion is available to provide the packaging options you need. ? robust and durable , 72 series screw terminals are ultrasonically welded into the thermoplastic insulator, eliminating terminal twisting and associated solder joint failure. ? molded to exact length, with no ugly saw cuts, beau terminal strips make your products look more professional. ? wide variety of options. our broad range of screw, terminal, hardware and mounting options allows us to save you assembly costs and improve interconnect performance. description the series 72 pcb terminal strip is a workhorse and our most popular product series. the product can be configured from 15 to 25 amps and from 150 to 300 volts. the product is available in standard and tri-barrier construction and can be configured with a broad selection of screws, hardware, mounting and terminal options. made in the usa, all beau terminal blocks embody the highest quality standards in the industry-using the finest materials and world class manufacturing processes. they meet or exceed all applicable industry standards. technical specifications electrical dwv 10500 vdc ir >5000 megohms mechanical tightening torque 12 in-lbs. maximum torque 13 in-lbs. wire strip length 5/16" wire range 12 to 24 awg environmental continuous use temp rti electrical 110 o c rti mechanical w/o impact 110 o c materials insulator thermoplastic, ul94v-0, black terminal brass, tin-lead plate screws #6-32, phillips/slotted, steel, zinc chromate plate product ratings #6-32 binding head screw ul class b 15 amps @ 300 v 14 awg class c 15 amps @ 150 v 14 awg csa class b 20 amps @ 300 v 14 awg class c 20 amps @ 300 v 14 awg #6-32 wire clamp screw ul class b 20 amps @ 300 v 12 awg class c 20 amps @ 150 v 12 awg csa class b 25 amps @ 300 v 12 awg class c 25 amps @ 300 v 12 awg note: 3.5m screws carry #6-32 screw ratings. agency listings ul file no. e48521 guide no. xcfr2 csa file no. 025562 series 72 beau molex industrial division new england operations gilford, nh 03246-6600 phone (603) 524-5101 fax (603) 524-1627 internet www.beauint.com series 72 beau terminal blocks
c in. mm .83 21,1 1.21 30,7 1.58 40,2 1.96 49,7 2.33 59,2 2.71 68,8 3.08 78,3 3.46 87,8 3.83 97,3 4.21 107 4.58 116 4.96 126 5.33 135 5.71 145 6.08 154 6.46 164 6.83 174 7.21 183 7.58 193 7.96 202 8.33 212 8.71 221 9.08 231 9.46 240 9.83 250 terminal styles a in. mm 1.58 78,3 1.96 49,7 2.33 59,2 2.71 68,8 3.08 78,3 3.46 87,8 3.83 97,3 4.21 107 4.58 116 4.96 126 5.33 135 5.71 145 6.08 154 6.46 164 6.83 174 7.21 183 7.58 193 7.96 202 8.33 212 8.71 221 9.08 231 9.46 240 9.83 250 10.21 259 10.58 269 no. of circuits 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 b in. mm 1.13 28,6 1.50 38,1 1.88 47,6 2.25 57,2 2.63 66,7 3.00 76,2 3.38 85,7 3.75 95,3 4.13 105 4.50 114 4.88 124 5.25 133 5.63 143 6.00 152 6.38 162 6.75 171 7.13 181 7.50 191 7.88 200 8.25 210 8.63 219 9.00 229 9.38 238 9.75 248 10.13 257 series 72 . 125" (3,2) .070" x .032" (1,8 x 0,8) . 050" (1,3) .29" (7,4) .062" x .032" (1,6 x 0,8) . 062" x .032" (1,6 x 0,8) .26" dia (6,6) .26" (6,6) .47" (11,9) .26" (6,6) . 070" x .032" (1,8 x 0,8) .47" (11,9) .135" (3,4) . 26" dia (6,6) .27" (6,9) .15" (3,8) .47" (11,9) .156" dia (4,0) 2 mtg holes .81" (20,6) .75" (19,1) .54" (13,7) .47" (11,9) x std -55 -75 -81 option x .062" x .032" (1,6 x 0,8) .26" dia (6,6) .47" (11,9) .187" x .032" (4,7 x 0,8) .26" (6,6) .11" (2,8) .08" (2,0) . 062" x .032" (1,6 x 0,8) .31" (7,9) .38" (9,5) .66" (16,8) .47" (11,9) .63" (16,0) .23" (5,8) b a c .23" (5,8) .375" (9,5) .375" (9,5) solid mounting ends option std -16 x .19" (4,8) .16" (4,1) x style 1 no pc terminal style 2 insulated solder turret style 3 insulated pc style 5 pc style 6 solder turret style 7 wire wrap style 8 right angle pc style 9 insulated quick connect beau molex industrial division new england operations gilford, nh 03246-6600 phone (603) 524-5101 fax (603) 524-1627 internet www.beauint.com series 72 beau terminal blocks


▲Up To Search▲   

 
Price & Availability of 38721-7312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X