Part Number Hot Search : 
PJF7N65 M5230B SDA382B 2SC1868 26C32 2SC1868 MJE180 2864H
Product Description
Full Text Search
 

To Download 3691600000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revised: may 5, 2009 163 ? 2009 littelfuse, inc. specications are subject to change without notice. radial lead fuses 369 series te5 ? > time-lag > 369 series please refer to www.littelfuse.com/series/369.html for current information. 369 series 369 series, te5 ? , time-lag fuse features description 8 lead-free 8 $#3"$#1. "$ 0$/3(0$+$,21 8 (0$"21-*#$0 !*$-0 .*3&(,4$01(-,1 8 ,2$0, 2(-, **7 ..0-4$# 8 -5(,2$0, *0$1(12 ,"$ 8 '-")1 %$" 1(,& 8 (!0 2(-,0$1(12 ,2 8  *-&$,%0$$ 8 *$"20-,(" ** 12 te5 ? (+$* &27.$ 0 2$# ,##$1(&,$#(, ""-0# ,"$ 2-    -30(,(+3+ 1$" 6(+3+
+1(,1$" 6  +1(, 1$" 6 +1(, +1 6 applications electrical characteristics for series % of ampere rating opening time   %  %  %
 %  agency approvals agency agency file number ampere range            electrical characteristics specications by item power dissipation 1.5 x i n max. (mw) melting integral 10 x i n min. (a 2 s) agency approvals voltage drop 1.0 x i n max. (mv) amp code amp rating (a) breaking capacity voltage rating (v) 1100 1160 1200 1315 1400 1500 1630 1.00 1.60 2.00 3.15 4.00 5.00 6.30 300 300 300 300 300 300 300 115 95 90 80 75 70 65 400 600 700 1100 1200 1000 1200 5.80 13.50 21.00 55.00 100.00 90.00 126.00 x x x x x x x x x x x x x 50a@300vac 50-60hz/cos  =1
revised: may 5, 2009 introduction to circuit protection introduction to circuit protection transientology 164 ? 2009 littelfuse, inc. specications are subject to change without notice. radial lead fuses 369 series te5 ? > time-lag > 369 series please refer to www.littelfuse.com/series/369.html for current information. 0.001 0.01 0.1 1 10 100 1000 10000 100000 current in amperes time in seconds 0.1 1 10 100 1000 .800a 1a 1.25a 2a 1.6 a 2.5a 3.15a 4 a 5a 6.3a soldering parameters - wave soldering dwell time 0 20 4 0 60 80 100 120 1 4 0 160 180 200 220 2 4 0 260 280 300 0 10 20 30 4 0 50 60 70 80 90 100 110 120 130 1 4 0 150 160 170 180 190 200 210 220 230 2 4 0 time (seconds) temperature (c) - measured on bottom side of board cooling time preheat time wave parameter lead-free recommendation preheat: (depends on flux activation t emperature) ( t ypical industry recommendation) t emperature minimum: 100 c t emperature maximum: 1 5 0 c preheat t ime: 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2- 5 seconds recommended hand-solder parameters: solder iron t emperature: 3 5 0 c +/- 5 c heating t ime: 5 seconds max. note: these devices are not recommended for ir or convection reow process. recommended process parameters: average time current curves temperature rerating curve
revised: may 5, 2009 16 5 ? 2009 littelfuse, inc. specications are subject to change without notice. radial lead fuses 369 series te5 ? > time-lag > 369 series please refer to www.littelfuse.com/series/369.html for current information. 369 series packaging 

 

 
 
 

 
   
 369 series tape & ammopack short leads 0000 0440 1,400 1,400 n/a n/a n/a n/a dimensions part numbering system 369 xxxx 0000 series amp code refer to amp code column of electrical characteristics table packaging code 0000 tape/ammopack (1,400pcs.) 0440 short leads - bulk (1,400pcs.) 8.5 max.4 5.08 0.6 1.5 holes in pcb 1 + 0.1 0.5 min 2 max. 8 long leads (l=18.8mm) short leads (l=4.3mm) climatic category -40c / +85c / 21days (en60068-1,-2-1,-2-2,-2-78) stock condition +10c to +60c relative humidity 75% yearly average, without dew, maximum value for 30 days-95% vibration resistance 24 cycles at 15min. each (en60068-2-6) 10 - 60 hz at 0.75 mm amplitude 60 - 2000 hz at 10g acceleration product characteristics operating temperature -40c to +85c (considerde-rating) materials base/cap: brown thermoplastic polyamide pa6.6, ul 94 v0 round pins: tin-plated copper lead pull strength 10 n (iec 60068-2-21) solderability 260c, 3s (wave) 350c, 1s (soldering iron) soldering heat resistance 260c, 10s (iec60068-2-20) 350c, 3s (soldering iron)


▲Up To Search▲   

 
Price & Availability of 3691600000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X