Part Number Hot Search : 
AP836 AN3922NS BZ5258 0GA12 C3842 15340 VUO50 256TI
Product Description
Full Text Search
 

To Download 2SK2183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    


 

 
        !"#  $%&''('%&')*'++,- 

  !

"#$  % 
%
!&

'
()
& *
+ 
%
!& ,+  '--,'",#. ,&
   
!!
!
! 
! 
&
   


/ !!
!
!  "
! 
0!
!
!  "
!% 

!
 !  1'"0  
                           !  "     " ! #  $  $ # !! $ %  $  $ %  &!   #    #   #    #    ' ()  #'       #       '* #     '  ! +   ' ,  "     "    
  -    - . !/& 01  !/   


 

 
  

    
       
       !"# $% $ &!'(    )*+ $ ,  -$ -- $ . , $% 
   $   --$+ $ ,  -$ -  * ,  /"%
  , $ ,   0-$+ $   -$  - ) 1#     % 2     *+ $   )-$ )  0 3     4   '   ' &45(    *+ $ ,  )-$ ) ) )   ,   $% $ 6    )*+ $   )-$   0 - 0  $    1# $% $     *+ $ ,  -$ )     '    7 7        8   ,
% 9 % $   :--$+ $ ,  )-$+    * ) 
 

 3- ';   2

 $   )-$+ $ ,  -$+ 2  )6 . : 1 4  

 ):- 4        *+ $ ,  )-$+ ' /  <-   =-  422   22 ))- )>-
0 2 4 6 8 10 0 5 10 15 20 2SK2183 transfer characteristics v ds = 25v pulse test typ tc = - 55 c 25 c 100 c 150 c gate-source voltage v gs [v] drain current i d [a]
static drain-source on-state resistance 0.1 1 10 -50 0 50 100 150 2SK2183 v gs = 10v pulse test typ i d = 2.5a case temperature tc [ c] static drain-source on-state resistance r ds(on) [ w ]
gate threshold voltage 0 1 2 3 4 5 -50 0 50 100 150 2SK2183 v ds = 10v i d = 1ma typ case temperature tc [ c] gate threshold voltage v th [v]
safe operating area 0.01 0.1 1 10 100 1 10 100 1000 2SK2183 100 m s tc = 25 c single pulse 200 m s 1ms 10ms dc drain-source voltage v ds [v] drain current i d [a] r ds(on) limit
0.01 0.1 1 10 100 2SK2183 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 transient thermal impedance time t [s] transient thermal impedance q jc(t) [ c/w]
capacitance 10 100 1000 0 20 40 60 80 100 2SK2183 0.005 tc=25 c typ ciss coss crss drain-source voltage v ds [v] capacitance ciss coss crss [pf]
0 20 40 60 80 100 0 50 100 150 2SK2183 power derating power derating [%] case temperature tc [ c]
0 100 200 300 400 500 0 10 20 30 40 50 2SK2183 0 5 10 15 20 200v gate charge characteristics i d = 5a 100v v dd = 400v v gs v ds gate charge qg [nc] drain-source voltage v ds [v] gate-source voltage v gs [v]


▲Up To Search▲   

 
Price & Availability of 2SK2183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X