|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
!" #$%&&'&$%&()&**+, !!" # # $ % &' $ ( ) # $ *) %++*%,*-. *$ " ! / $ 0 ! , 1" ! , # ! 2%, 1 ! " " ! # $ $ # !! $ % $ $ % &! # # # # '() #' & # '* # ' !+ ' ," " !"# $% $ &!'( )*+ $ , -$ -- $ . , $% $ --$+ $ , -$ - * , /"% , $ , 0-$+ $ -$ - ) 1# % 2 - *+ $ )-$ - 0 - 3 4 ' ' &45( -*+ $ , )-$ 6 3 - , $% $ 7 - 0*+ $ )-$ 0 - 0 $ 1# $% $ -*+ $ , -$ ) ' 8 8 ) 9 , % : % $ ;--$+ $ , )-$+ )* < );- '= 2 $ )-$+ $ , -$+ 2 )7 . )0 1 4 ; 4 - *+ $ , )-$+ ' / 0-- 0 3- 422 22 <- )-- static drain-source on-state resistance 0.1 1 10 100 -50 0 50 100 150 2SK2177 v gs = 10v pulse test typ i d = 0.5a case temperature tc [ c] static drain-source on-state resistance r ds(on) [ w ] gate threshold voltage 0 1 2 3 4 5 6 -50 0 50 100 150 2SK2177 v ds = 10v i d = 1ma typ case temperature tc [ c] gate threshold voltage v th [v] transient thermal impedance 0.01 0.1 1 10 100 2SK2177 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w] 0 20 40 60 80 100 0 50 100 150 2SK2177 power derating power derating [%] case temperature tc [ c] |
Price & Availability of 2SK2177 |