Part Number Hot Search : 
FM302 FMKA130 LC121 P1K100 11014 1CZ11V BZX84C22 040MH
Product Description
Full Text Search
 

To Download 2SD2143TL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sd2212 / 2sd2143 / 2sd1866 transistors medium power transistor (motor, relay drive) (60 10v, 2a) 2sd2212 / 2sd2143 / 2sd1866 z features 1) built-in zener diode between collector and base. 2) strong protection against reverse surges due to "l" loads. 3) built-in resistor between base and emitter. 4) built-in damper diode. z absolute maximum ratings (ta = 25 c) parameter symbol v cbo v ces v ebo i c p c tj tstg limits 60 10 60 10 6 2 2 10 ? 2 ? 3 150 ? 55~ + 150 unit v v v a(dc) 3 ? 1 a(pulse) w 1w w(tc = 25 c) c c 2sd2212 2sd2143 2sd1866 ? 1 single pulse pw = 100ms ? 2 when mounted on a 40 40 0.7mm ceramic board. ? 3 printed circuit board 1.7mm thick, collector plating 1cm 2 or larger. collector-base voltage collector-emitter voltage emitter-base voltage collector current junction temperature storage temperature collector power dissipation z packaging specifications and h fe type 2sd2212 mpt3 1k~10k t100 1000 2sd2143 cpt3 1k~10k tl 2500 2sd1866 atv 1k~10k tv2 2500 package h fe code basic ordering unit (pieces) z z z z equivalent circuit r 2 r 1 e : b : c : c b e emitter base collector r 1 3.5k ? r 2 300 ? z external dimensions (units : mm) 2sd2212 (3) emitter(source) (2) collector(drain) (1) base(gate) eiaj : sc-62 2sd2143 (3) emitter(source) (2) collector(drain) (1) base(gate) rohm : cpt3 eiaj : sc-63 2.3 0.5 1.0 0.5 9.5 2.5 0.8min. 1.5 6.5 2.3 ( 2 ) ( 3 ) c0.5 0.65 0.9 ( 1 ) 0.75 2.3 0.9 1.5 5.5 5.1 1.5 0.4 1.5 0.4 1.6 0.5 3.0 0.4 1.5 ( 3 ) 4.5 ( 1 ) ( 2 ) 0.5 4.0 2.5 1.0 rohm : mpt3 2sd1866 (2) collector (1) emitter rohm : atv taping specifications (3) base 0.45 1.05 0.5 ( 1 ) 0.65max. 2.54 ( 2 ) 2.54 ( 3 ) 6.8 1.0 14.5 0.9 4.4 2.5 z electrical characteristics (ta = 25 c) parameter symbol min. typ. max. unit conditions bv cbo bv ceo i cbo i ebo v ce(sat) h fe cob 50 50 ? ? ? 1000 ? ? ? ? ? ? ? 25 70 70 1.0 3 1.5 10000 ? v v a ma v ? ? pf i c = 50 a i c = 5ma v cb = 40v v eb = 5v i c /i b = 1a/1ma v ce = 2v, ic = 1a v cb = 10v, ie = 0a, f = 1mhz collector-base breakdown voltage collector-emitter breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio output capacitance ? measured using pulse current.


▲Up To Search▲   

 
Price & Availability of 2SD2143TL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X