Part Number Hot Search : 
1N2070A 3N50C AB005 IVRC0428 XHXXXX AWM1200V 24H3R DPS52181
Product Description
Full Text Search
 

To Download 2SC3280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3280 d escription with to-3pl package complement to type 2sa1301 applications power amplifier applications recommended for 80w high fidelity audio frequency amplifier output stage pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 160 v v ceo collector-emitter voltage open base 160 v v ebo emitter-base voltage open collector 5 v i c collector current 12 a i b base current 1.2 a p c collector power dissipation t c =25 120 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pl) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3280 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ;i b =0 160 v v cesat collector-emitter saturation voltage i c =8a i b =0.8a 2.5 v v be base-emitter voltage i c =6a ; v ce =5v 1.5 v i cbo collector cut-off current v cb =160v i e =0 5 a i ebo emitter cut-off current v eb =5v; i c =0 5 a h fe-1 dc current gain i c =1a ; v ce =5v 55 160 h fe-2 dc current gain i c =6a ; v ce =5v 35 f t transition frequency i c =1a ; v ce =5v 30 mhz c ob collector output capacitance f=1mhz;v cb =10v 220 pf  h fe-1 classifications r o 55-110 80-160
savantic semiconductor product specification 3 silicon npn power transistors 2SC3280 package outline fig.2 outline dimensions (unindicated tolerance:0.50 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC3280


▲Up To Search▲   

 
Price & Availability of 2SC3280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X