Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
 

To Download 2571-H-ABC0-D-EGF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 257  www.schurter.com/pg0 7 connectors iec appliance inlet c8, screw-on mounting, front side, solder or quick-connect or print terminal c8 70 c description - panel mount: screw-on mounting, from front side - appliance inlet, pin temperature 70 c, protection class ii approvals - vde license number: 40002274 - ul license number: e96454 - csa license number: 27324 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , distributor-stock- chec k , accessorie s technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 3 kvac between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 material: housing ul 94v-0 appliance inlet c8 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class 2 dimensions 37 mm 19.2 10.6 16 10.4 19 37 15.5 2.5 28 28 10 r <4 +0.2 - 0 +0.2 - 0 ? 3.2 lenght of the terminal please find at the order code configuration table
2 connectors (inlets/outlets) 257  www.schurter.com/pg0 7 connectors config. code product configurato r 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | the characters are placeholders for the correspondingly keys of selections from the key tables. 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = type type configuration key protection class 2 b 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal l configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (short) 5 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal n configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (short) 5 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 symbols similar as in table a 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal ground configuration key without terminal 0 symbols similar as in table a 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = color color configuration key jet black; ral9005 a silver grey; ral7001 b pure white; ral9010 d standard color: black 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = style style configuration key flange with countersunk holes 1 flange with through holes 2 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = dimension x dimension "x" configuration key 00 the dimension "x" is dispalyed in ( 1 / 10 mm). this information is also valid for the order code 2571 | - | h | - | a | b | c | 0- | d | - | e | g | f | = orientation of terminals orientation of terminals configuration key horizontal a vertical b variants config. code description order number 2571-x-2200-a-100b 2571, iec appliance inlet c8, 70c, schutzklasse 2, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with countersunk holes, mass x: 00 6160.0004 2571-x-3300-a-100b 2571, iec appliance inlet c8, 70c, schutzklasse 2, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with countersunk holes, mass x: 00 6160.0005 2571-x-3300-a-200b 2571, iec appliance inlet c8, 70c, schutzklasse 2, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0006 2571-x-7700-a-100b 2571, iec appliance inlet c8, 70c, schutzklasse 2, l: blade terminal (2,8x0,8mm), n: blade terminal (2,8x0,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with countersunk holes, mass x: 00 6160.0007 2571-x-2200-b-100b 2571, iec appliance inlet c8, 70c, schutzklasse 2, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), erde: without terminal, farbe silver grey; ral7001, bauform: flange with countersunk holes, mass x: 00 6160.0024 2571-x-2200-b-100a 2571, iec appliance inlet c8, 70c, schutzklasse 2, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), erde: without terminal, farbe silver grey; ral7001, bauform: flange with countersunk holes, mass x: 00 6160.0025 the listet variants should be available from stock other versions on request www.schurter.com/contac t packaging unit 100 pcs
 connectors (inlets/outlets) 257  www.schurter.com/pg0 7 connectors accessorie s description assorted cover s rear cover mating outlets/connector s category / description power cord overview complet e power cord with iec connector c7, straight 70c 251 0 power cord with iec connector c7, angled 251 1 power cord with iec plug c7, angled 251 4 power cord with iec connector c7, straight 70c 481 0 power cord further types to 257 1 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2571-H-ABC0-D-EGF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X