Part Number Hot Search : 
50000 AN178 SEMICO LT3850 74175PC 15020 AT495 HD64F3
Product Description
Full Text Search
 

To Download 0424109224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0424109224 status: active overview: modular_plugs_jacks description: modular jack, vertical, 8/2, keyed, panel stops documents: 3d model product specification ps-42410 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 42410 component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj45 physical boot color n/a color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch n/a keying to mating part yes lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester orientation vertical (top entry) pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray panel mount with flange pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm ports 1 positions / loaded contacts 8/2 surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole waterproof / dustproof no wire/cable type n/a electrical current - maximum per contact 1.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42410 series
grounding to pcb no grounding to panel none shielded no voltage - maximum 150v ac (rms) solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info reference - drawing numbers packaging specification pk-42410-492 product specification ps-42410 sales drawing sda-42410-**** test summary ts-42878-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0424109224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X