Part Number Hot Search : 
P13009 250BZX AC100 MAX6701A 16245 NE06L 6600M 2SK37
Product Description
Full Text Search
 

To Download XC61CN4502MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2. voltage detectors ___________________________________________________________________________________ 20 xc61c series low voltage detectors (v df = 0.9v to 1.5v) standard voltage detectors (v df = 1.6v to 6.0v) general description features the xc61c series are highly precise, low power consumption voltage detectors, manufactured using cmos and laser trim- ming technologies. detect voltage is extremely accurate with minimal temperature drift. both cmos and n channel open drain output configurations are available. highly accurate: 2% low power consumption: typ 0.7 a [ v in =1.5v ] detect voltage range: 0.9v to 1.5v in 0. 1v increments (low voltage) 1.6v to 6.0v in 0. 1v increments (standard voltage) operating voltage range: 0.7v to 6.0v (low voltage) : 0.7v to 10.0v (standard voltage) detect voltage temperature characteristics: typ 100ppm/ c output configuration: n-channel open drain or cmos ultra small package: ssot-24 (150mw) super mini-mold : sot-23 (150mw) mini-mold : sot-89 (500mw) mini-power mold note: there are no products available with a set-up voltage accuracy of 1%. pin configuration pin assignment 1 2 sot-23 (top view) 3 v in v ss v out 1 2 43 v in nc v ss v out ssot-24(sc-82) (top view) sot-89 (top view) 23 v in 1 v ss v out pin number ssot-24 sot-23 sot-89 pin name function 232v in supply voltage input 423v ss ground 111v out output 3 nc no connection block diagram (1) cmos output (2) nch open drain output v in + - vref v ss v out v in + - vref v ss v out ordering information xc61c abcdef designator description designator description a output configuration : c = cmos n = nch open drain b detect voltage : 25 = 2.5v 38 = 3.8v e package type : n = ssot-24 (sc-82) m = sot-23 p = sot-89 t = to - 9 2 c output delay : 0 = no delay d detect accuracy : 2 = within 2.0% f device orientation : r = embossed tape ( right ) l = embossed tape ( left ) h = paper tape (to-92) b = bag (to-92)


▲Up To Search▲   

 
Price & Availability of XC61CN4502MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X