Part Number Hot Search : 
4LVC3 AD592BNZ ELECT DS3020 MAX6817 N4123 0UP20D 4VHC1G
Product Description
Full Text Search
 

To Download LI0201C560R-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  global solutions: local support tm innovative technology for a connected world li0201 ferrite chip beads im pedance ( ? ) peak im pedance part number metric package size 25 mhz 100 mhz 500 mhz 1 ghz frequency (mhz) impedance ( ? ) dcr max ( ? ) current rating (ma) li0201c330r-10 0603 7 33 113 153 1646 171 0.5 300 LI0201C560R-10 0603 11 56 186 252 1347 268 0.6 300 li0201b800r-10 0603 31 80 195 224 978 225 0.8 200 li0201c800r-10 0603 18 80 335 428 903 434 0.6 300 li0201e800r-10 0603 41 80 119 116 605 120 0.5 500 li0201b121r-10 0603 39 120 247 269 800 275 0.8 200 li0201c121r-10 0603 59 120 189 182 630 190 0.7 300 li0201b241r-10 0603 81 240 586 321 390 619 1 200 metric (eia) pkg size a mm (inch) b mm (inch) c mm (inch) d mm (inch) 0603 (0201) 0.60 (.024) 0.30 (.012) 0.30 (.012) 0.15 (.006) g mm (inch) h mm (inch) l mm (inch) 0.25 (.010) 0.32 (.013) 0.69 (.027) land pattern electrical properties mechanical dimensions laird technologies has broadened its ferrite chip bead product offering by adding the smaller eia 0201 (metric 0603) version to the existing eia 0402 ~ 3312 (metric 1005 ~ 8531) product family. the smaller foot-print makes this chip bead ideal for miniature and portable electronic system devices. the new li0201 series is an ultra-compact, monolithic emi suppression chip designed for digital signal lines. it offers space effciency with superior emi noise fltering over a wide frequency range of low to several hundred mhz for broad-band signal interfaces, up to ghz ranges for high-frequency signal lines. features ? rugged monolithic construction ? smaller foot-print: 0.6 mm x 0.3 mm x 0.3 mm ? superior impedance vs. frequency characteristics with low dcr ? emi noise suppression for high frequency and broad-band signal lines ? lead free and rohs compliant markets ? advanced hand-held devices ? cellular phones ? bluetooth headsets ? pdas ? gps ? mp3 players ? digital camcorders and cameras usa: +1 800 634.2673 +1 423 308.1690 europe: +49 8031.2460.0 asia: +86 755.2714.1166 www.lairdtech.com
innovative technology for a connected world li0201 ferrite chip beads li0201b121r-10 0 ma 40 ma 80 ma 120 ma 160 ma 200 ma 300 250 200 150 100 50 0 1 1 0 100 1000 10000 li0201b241r-10 0 ma 40 ma 80 ma 120 ma 160 ma 200 ma 700 600 500 400 300 100 200 0 1 1 0 100 1000 10000 li0201b800r-10 0 ma 40 ma 80 ma 120 ma 160 ma 200 ma 250 200 150 100 50 0 1 1 0 100 1000 10000 li0201c121r-10 0 ma 60 ma 120 ma 180 ma 240 ma 300 ma 200 180 160 140 100 120 40 20 60 80 0 1 1 0 100 1000 10000 li0201c330r-10 0 ma 60 ma 120 ma 180 ma 240 ma 300 ma 180 160 140 120 100 20 40 60 80 0 1 1 0 100 1000 10000 LI0201C560R-10 0 ma 60 ma 120 ma 180 ma 240 ma 300 ma 300 250 200 150 100 50 0 1 1 0 100 1000 10000 li0201c800r-10 0 ma 60 ma 120 ma 180 ma 240 ma 300 ma 500 450 400 350 300 250 200 150 100 50 0 1 1 0 100 1000 10000 li0201e800r-10 0 ma 100 ma 200 ma 300 ma 400 ma 500 ma 140 120 100 80 60 40 20 0 1 1 0 100 1000 10000
innovative technology for a connected world competit ors lai rd technologies im pedance ( ? ) peak im pedance murata tdk taiyo yuden part number 25mhz 100mhz 500mhz 1ghz frequency (mhz) impedance ( ? ) dcr max current rating blm03pg330sn1 mmz0603d330c bk0603hs330 bk0603ll330 li0201c330r-10 7 33 113 153 1646 171 0.5 300 mmz0603d560c bk0603ll560 LI0201C560R-10 11 56 186 252 1347 268 0.6 300 blm03ag800sn1 mmz0603s800c mmz0603d800c bk0603hs800 li0201b800r-10 31 80 195 224 978 225 0.8 200 li0201c800r-10 18 80 335 428 903 434 0.6 300 li0201e800r-10 41 80 119 116 605 120 0.5 500 blm03bb121sn1 blm03bd121sn1 blm03ag121sn1 mmz0603s121c mmz0603y121c bk0603hs121 bk0603hm121 bk0603ll121 li0201b121r-10 39 120 247 269 800 275 0.8 200 li0201c121r-10 59 120 189 182 630 190 0.7 300 blm03bd241sn1 blm03ag241sn1 mmz0603s241c mmz0603y241c bk0603hs241 bk0603hm241 li0201b241r-10 81 240 586 321 390 619 1 200 li0201 ferrite chip beads competitor cross-reference
innovative technology for a connected world global solutions: local support tm usa: +1 800 634.2673 +1 423 308.1690 europe: +49 8031.2460.0 asia: +86 755.2714.1166 www.lairdtech.com reel dimension type qty (pcs) 0201 15,000 standard quantity type w [mm] 0201 9.0 0.3 taping dimension 8mm wide product type a b p t(max.) chip bead 0201 0.38 0.02 0.68 0.02 2.0 0.05 0.44 1 6 5 t o 1 8 0 top cover tape top tape strength * the force for tearing off top tape is 20 to 70 grams in the arrow direction. taping material * paper tape top tape paper tape sprocket hole chip cavity bottom tape * paper tape unit:mm leader and blank portion d r a w i n g d i r e c t i o n ch i p s bla n k bla n k 10 to 20 pitches 20 to 40 pitches 210mm to 250mm leader * the pitch holes shift within 0.3mm for cumulative 10 pitches sip-spec-0201 1008 any information furnished by laird technologies and its agents is believed to be accurate and reliable. responsibility for the use and application of laird technologies materials rests with the end user since laird technologies and its agents cannot be aware of all potential uses. laird technologies makes no warranties as to the ftness, merchantability, or suitability of any laird technologies materials or products for any specifc or general uses. laird technologies shall not be liable for incidental or conse - quential damages of any kind. all laird technologies products are sold pursuant to the laird technologies domestic terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request. for further information please visit our website at www.lairdtech.com alternatively contact: sales@lairdtech.com. bluetooth ? is a trademark owned by bluetooth sig, inc., usa and licensed to laird technologies. ? 2008 all rights reserved. laird technologies is a registered trademark of laird technologies, inc. li0201 ferrite chip beads packaging specifications
global solutions: local support tm innovative technology for a connected world li0201 ferrite chip beads application notes usa: +1 800 634.2673 +1 423 308.1690 europe: +49 8031.2460.0 asia: +86 755.2714.1166 www.lairdtech.com lead-free/rohs compliance all laird technologies surface mount and through hole emi components (including assemblies with wire and cofired monolithic ferrite chip beads and common mode chokes) are available lead-free and rohs compliant. part numbering system lead-free board level part numbers are differentiated by a suffix descriptor. the suffix (-10) identifies the part number for all lead-free parts. this part number suffix is for use on board level part numbers only. part number examples old part hz0805e601r-00 contains lead old part 28f0121-0sr contains lead new part hz0805e601r-10 is lead-free new part 28f0121-0sr-10 is lead-free all laird technologies new and old ferrite cable cores are rohs compliant. no part number change for cable cores. composition laird technologies lead-free component terminations and wire platings are 100% matte tin (sn) over a nickel (ni) barrier and are reverse compatible with existing tin (sn)/lead (pb) materials. concerns over the use of pure tin coatings on component leads and terminations, due to the possibility of tin whiskering, are still under industry discussion. electroplating 100% matte tin over a nickel barrier is recognized as an effective whisker growth mitigation strategy that is accepted by most industry groups. laird technologies maintains a minimum plating thickness of 2.5m [99in] of tin, and 0.7m [28in] of nickel. recommended lead-free soldering profile while laird technologies lead-free surface mount and through hole components are reverse compatible with existing sn/pb materials, higher peak temperatures (up to 260c) provide better wetting characteristics during the solder reflow process. the higher reflow temperatures typically used for lead-free processes will not damage laird technologies surface mount components, but the delta t between the board and larger components must be considered. smaller delta ts can be achieved with slower belt speed to increase the pre-heat time. soldering cycle time (throughput) must be balanced with reflow temperature. allowance must be made for the coldest part (largest heat sink) to solder, considering the thermal mass of the board and size of the components.
global solutions: local support tm innovative technology for a connected world li0201 ferrite chip beads application notes usa: +1 800 634.2673 +1 423 308.1690 europe: +49 8031.2460.0 asia: +86 755.2714.1166 www.lairdtech.com moisture sensitivity laird technologies surface mount components are not moisture sensitive as defined in ipc / jedc j-std-020c, as they are hermetic devices. all surface mount components are packaged in tape & reel. each reel is single packed in a sealed bag with sufficient desiccant to prevent oxidation of part terminations and maintain shelf life. shelf life cofire monolithic products are allowed twelve (12) months from date of shipment for product stored in unopened, original packaging. once the original packaging is opened the shelf life is reduced to three months (or the remainder of the 12 months if opened after 9 months).* assembled products with wire are allowed twenty-four (24) months from date of shipment for product stored in unopened, original packaging. once the original packaging is opened the shelf life is reduced to six months (or the remainder of the 24 months if opened after 18 months).* *note: board level cofire (monolithic) and assembled products with wire must be stored in a non-corrosive, temperature and humidity controlled environment. the temperature should be between C5c and +40c, and the humidity between 40 and 60% rh, with no sudden changes. ferrite cores for cables and wiring harnesses have an unlimited shelf life. all cores are rohs compliant. ferrite disks & plates with adhesive have twenty-four (24) months shelf life on the adhesive from date of certificate of analysis. ferrite disks & plates will be labeled at the manufacturing site to indicate expiration date of the adhesive on the disk or plate. ferrite disks & plates are rohs compliant. operating temperature for board level shields all board level part electrical specifications and tolerances are based on room temperature (23c 2c). laird technologies board level parts have an operating temperature of -40?c to +125?c (unless stated otherwise). while the parts will continue to operate and not be damaged over this range, they may not operate within the specified electrical performance tolerances during exposure to extreme temperatures. note : all laird technologies ferrite emi cable cores are rohs compliant


▲Up To Search▲   

 
Price & Availability of LI0201C560R-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X