Part Number Hot Search : 
BD180 IXP425 FM93C06 IXP425 MFU1206 IRKU71 GWS100 004AF
Product Description
Full Text Search
 

To Download FX8C-140140S11-SVJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a226 0.6mm pitch stacking height 3mm to 16mm connector fx8, fx8c series features 1. stacking height 3mm to 16mm available the board to board stacking height can correspond to 3mm~16mm. 2. smt coplanarity the coplanarity of the smt solder area lead is maintained at the high accuracy of less than 0.1mm. 3. mating guide the very small and guide rib is provided, and secures 0.6mm self-alignment, considering the mating operativity into accounts. 4. mis-insertion prevention the boss prevents mis-insertion in the board to cause due to the boss position and boss diameter. 5. two-piece connection product in order to enhance the mating reliability for the fine pitch connector using two-pieces, the two-pieces of connectors are combined by our unique method, and can secure the mount position accuracy. in such a new concept, the two-piece connected product is prepared at every number of contacts (the standard mating pitch for the two-piece interconnected product in two rows is 11mm.) applications note pc, business equipments, which require miniaturization or light-weight fx8 series note that fx8 series and fx8c series are not mated with each other. fx8c series stacking height 5 to 16mm-fx8c series stacking height 3,4mm-fx8 series 3,4mm 5 to 16mm
a237 rating current rating 0.4a operating temperature range - 55 ? to + 85 ? note 1. storage temperature range - 10 ? to + 60 ? note 2. voltage rating 100v ac operating humidity range - 40% to 80% storage humidity range 40% to 70% note 1: includes temperature rise caused by current flow. note 2: the term "storage" refers to products stored for long period of time prior to mounting and use. operating temperature r ange and humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. note : the black dots on the insulater will not affect performance. * the embossed tape packaging product is 60 and 80 contacts only. * the packing of the fx8c- ** p-sv6 type is the tray packaging and the tube packaging only. * the standard packaging of the two-piece connection product is the tray packaging. part material finish remarks fx8c - 120 p - sv 1 ( 22 ) qe t wry q series name : fx8c w number of contacts :60, 80, 90, 120, 140 e connector type p :header s :receptacle r contact type sv :board vertical type t product height variation blank : standard (minimum low profile) 1: + 1mm . . . . . . 3: + 3mm y packaging type blank: tray packaging (21) : tube packaging (22) : embossed tape package item specification condition 1. insulation resistance 100m ohms min. 250v dc 2. withstanding voltage no flashover or insulation breakdown. 300v ac/1 minute 3. contact resistance 80m ohms max. 100ma 4. vibration no electrical discontinuity of 1s or more frequency: 10 to 55 hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 5. humidity (steady state) contact resistance: 100m ohms max.insulation resistance: 100m ohms min. 96 hours at temperature of 40? and humidity of 90% to 95% 6. temperature cycle contact resistance: 100m ohms max.insulation resistance: 100m ohms min. ( - 55 ? : 30 minutes, 15 to 35 ? : 2 to 3 minutes ( - 85 ? : 30 minutes, 15 to 35 ? : 2 to 3minutes) 5 cycles 7. durability (mating/un-mating) contact resistance: 100m ohms max. 50 cycles 8. resistance to soldering heat no deformation of components affecting performance. reflow: at the recommended temperature profile manual soldering: 300? for 3 seconds insulator pbs light brown ul94v-0 header contact phosphor bronze contact area gold plated lead area tin-lead plated receptacle contact phosphor bronze contact area gold plated lead area tin-lead plated fx8c series fx8c - 120/120 p 11 - sv 1 j qe y u wr t q series name :fx8c w number of contacts: 60 2, 80 2, 90 2, 100 2, 120 2, 140 2 example: 120/120 = 240 contacts e connector type : p : header s : receptacle r connector to connector pitch t contact type sv : board vertical type y product height variation blank : standard (minimum lot profile) 1: + 1mm . . . . . . 3: + 3mm u j: two-piece connection product
a238 receptacle header fx8c- ** s-sv fx8c- ** / ** s11-svj fx8c- ** s-sv5 fx8c- ** / ** s11-sv5j fx8c- ** p-sv fx8c- ** / ** p11-svj fx8c- ** p-sv1 fx8c- ** / ** p11-sv1j fx8c- ** p-sv2 fx8c- ** / ** p11-sv2j fx8c- ** p-sv4 fx8c- ** / ** p11-sv4j fx8c- ** p-sv6 fx8c- ** / ** p11-sv6j 5mm 6mm 7mm 9mm 11mm 10mm 11mm 12mm 14mm 16mm b stacking height variation 5 to 16
a239 [ fx8c- ** p-sv ] [ fx8c- ** p-sv1 ] [ fx8c- ** p-sv2 ] [ fx8c- ** p-sv4 ] [ fx8c- ** p-sv6 ] ** blank : tray packaging product 21: tube packaging product 22: embossed tape packaging product note1: to order the tube packaging product, please determine the quantity for delivery, multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the delivery form item on page a245 for details. ** blank : tray packaging product 21: tube packaging product 22: embossed tape packaging product note1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an inte ger. note2:the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be sold per re el unit. please refer to the packaging specification item on page a245 for details. note3:the locator material is installed between leads for the fx8c-p-sv6 type. unit:mm cl no. part number 578-0501-9- ** 578-0503-4- ** 578-0505-0- ** 578-0506-2- ** 578-0507-5- ** fx8c- 0 60p-sv( ** ) fx8c- 0 80p-sv( ** ) fx8c-100p-sv( ** ) fx8c-120p-sv( ** ) fx8c-140p-sv( ** ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.00 29.00 35.00 41.00 47.00 c d e tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 21 17 14 12 10 20.70 26.70 32.70 38.70 44.70 part number cl no. unit: mm fx8c- 0 60p-sv1 ( ** ) fx8c- 0 60p-sv2 ( ** ) fx8c- 0 60p-sv4 ( ** ) fx8c- 0 60p-sv6 ( ** ) fx8c- 0 80p-sv1 ( ** ) fx8c- 0 80p-sv2 ( ** ) fx8c- 0 80p-sv4 ( ** ) fx8c- 0 80p-sv6 ( ** ) fx8c-100p-sv1 ( ** ) fx8c-100p-sv2 ( ** ) fx8c-100p-sv4 ( ** ) fx8c-100p-sv6 ( ** ) fx8c-120p-sv1 ( ** ) fx8c-120p-sv2 ( ** ) fx8c-120p-sv4 ( ** ) fx8c-120p-sv6 ( ** ) fx8c-140p-sv1 ( ** ) fx8c-140p-sv2 ( ** ) fx8c-140p-sv4 ( ** ) fx8c-140p-sv6 ( ** ) 578-0521-6- ** 578-0541-3- ** 578-0581-8- ** 578-0601-3- ** 578-0523-1- ** 578-0543-9- ** 578-0583-3- ** 578-0603-9- ** 578-0525-7- ** 578-0545-4- ** 578-0585-9- ** 578-0605-4- ** 578-0526-0- ** 578-0546-7- ** 578-0586-1- ** 578-0606-7- ** 578-0527-2- ** 578-0547-0- ** 578-0587-4- ** 578-0607-0- ** 60 80 100 120 140 24.60 30.60 36.60 42.60 48.60 23.00 29.00 35.00 41.00 47.00 20.70 26.70 32.70 38.70 44.70 22.20 28.20 34.20 40.20 46.20 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 21 17 14 12 10 number of contacts a b c d e f tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40
a240 [ fx8c- ** s-sv5 ] b [ fx8c- ** s-sv ] ** blank : tray packaging product 21: tube packaging product 22: embossed tape packaging product note1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an inte ger. note2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be procured p er reel unit. please refer to the packaging specification item on page a245 for details. ** blank : tray packaging product 21: tube packaging product 22: embossed tape packaging product note1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an inte ger. note2: the embossed tape package product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the packaging specification item on page a245 for details. unit:mm cl no. part number 578-0801-2- ** 578-0803-8- ** 578-0805-3- ** 578-0806-6- ** 578-0807-9- ** fx8c- 0 60s-sv( ** ) fx8c- 0 80s-sv( ** ) fx8c-100s-sv( ** ) fx8c-120s-sv( ** ) fx8c-140s-sv( ** ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 c d e tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 21 17 14 12 10 20.80 26.80 32.80 38.80 44.80 unit:mm cl no. part number 578-0821-0- ** 578-0823-5- ** 578-0825-0- ** 578-0826-3- ** 578-0827-6- ** fx8c- 0 60s-sv5( ** ) fx8c- 0 80s-sv5( ** ) fx8c-100s-sv5( ** ) fx8c-120s-sv5( ** ) fx8c-140s-sv5( ** ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 c d e tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 21 17 14 12 10 20.80 26.80 32.80 38.80 44.80
a241 22.20 28.20 34.20 40.20 46.20 note: the two-piece connection product is packaged by tray. [ fx8c- **/** p11-sv1j ] [ fx8c- **/** p11-sv2j ] [ fx8c- **/** p11-sv4j ] [ fx8c- **/** p11-sv6j ] note1: the two-piece connection product is packaged by tray. note2: the locator material is installed between leads for the fx8c- ** / ** p1-sv6j type. unit:mm cl no. part number 578-0651-1 578-0653-7 578-0655-2 578-0656-5 578-0657-8 fx8c- 0 60/ 0 60p11-svj fx8c- 0 80/ 0 80p11-svj fx8c-100/100p11-svj fx8c-120/120p11-svj fx8c-140/140p11-svj number of contacts 60 2 80 2 100 2 120 2 140 2 a b 31.70 37.70 43.70 49.70 55.70 24.70 30.70 36.70 42.70 48.70 c d e f 20.70 26.70 32.70 38.70 44.70 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 23.00 29.00 35.00 41.00 47.00 part number cl no. unit: mm fx8c- 0 60/ 0 60p11-sv1j fx8c- 0 60/ 0 60p11-sv2j fx8c- 0 60/ 0 60p11-sv4j fx8c- 0 60/ 0 60p11-sv6j fx8c- 0 80/ 0 80p11-sv1j fx8c- 0 80/ 0 80p11-sv2j fx8c- 0 80/ 0 80p11-sv4j fx8c- 0 80/ 0 80p11-sv6j fx8c-100/100p11-sv1j fx8c-100/100p11-sv2j fx8c-100/100p11-sv4j fx8c-100/100p11-sv6j fx8c-120/120p11-sv1j fx8c-120/120p11-sv2j fx8c-120/120p11-sv4j fx8c-120/120p11-sv6j fx8c-140/140p11-sv1j fx8c-140/140p11-sv2j fx8c-140/140p11-sv4j fx8c-140/140p11-sv6j 578-0671-9 578-0691-6 578-0731-9 578-0751-6 578-0673-4 578-0693-1 578-0733-4 578-0753-1 578-0675-0 578-0695-7 578-0735-0 578-0755-7 578-0676-2 578-0696-0 578-0736-2 578-0756-0 578-0677-5 578-0697-2 578-0737-5 578-0757-2 60 2 80 2 100 2 120 2 140 2 31.70 37.70 43.70 49.70 55.70 24.70 30.70 36.70 42.70 48.70 23.00 29.00 35.00 41.00 47.00 17.40 23.40 29.40 35.40 41.40 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 number of contacts a b c d e f g h 20.70 26.70 32.70 38.70 44.70 [ fx8c- **/** p11-svj ]
a242 a b c d e f fx8c-060/060s11-svj fx8c-080/080s11-svj fx8c-100/100s11-svj fx8c-120/120s11-svj fx8c-140/140s11-svj 578-0901-7 578-0903-2 578-0905-8 578-0906-0 578-0907-3 60 2 80 2 100 2 120 2 140 2 31.70 37.70 43.70 49.70 55.70 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 20.80 26.80 32.80 38.80 44.80 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 [ fx8c- **/** s11-sv5j ] b note: the two-piece connection product is packaged by tray. note: the two-piece connection product is packaged by tray. unit:mm unit:mm part number cl no. number of contacts part number cl no. number of contacts a b c d e f fx8c-060/060s11-sv5j fx8c-080/080s11-sv5j fx8c-100/100s11-sv5j fx8c-120/120s11-sv5j fx8c-140/140s11-sv5j 578-0921-4 578-0923-0 578-0925-5 578-0926-8 578-0927-0 60 2 80 2 100 2 120 2 140 2 31.70 37.70 43.70 49.70 55.70 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 20.80 26.80 32.80 38.80 44.80 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 [ fx8c- **/** s11-svj ]
a243 b
a244 b 1. tolerance clearance on mating side the effective contact length of the product is set to 2.0mm. please use the product so as to set to less than 12mm the clearance between the header and the receptacle in the mating process.. 2. fixation between mounting boards if this product is fixed only by mating force, please consider the fixing method so as not to apply loads such as vibration, sh ock and so on. 3. stacking general tolerance in mating note: please note that the above tolerance of the stacking height doesn't include the solder paste thickness. 4. handling two-piece connection product both joint bar edges of the two-piece connection product are fixed by joints, while the mating process can't be performed in th at state. before the mating process, please remove the joint bars as if pull it up. (don't remove the joint bars before mounting on the b oard. ) 5. mounting temperature profile (reference) 6. cautions this product is made as the thin formed product in order to be miniaturized. applicable conditions reflow system :ir reflow solder :paste type 63 sn/37 pb (flux content 11 wt%) test board :glass epoxy 161mm x 100mm x 1.6 mm metal mask thickness :0.15 mm recommended temperature profile. the temperature may be slightly changed according to the solder paste type and amount. before removing joint bar after removing joint bar stack amm a mm + 0.3 C 0.2
a245 b b [ tube packaging ] header [ fx8- ** p-sv ( 21 ) ] [ fx8- ** p-sv1 ( 21 ) ] [ fx8- ** p-sv2 ( 21 ) ] [ fx8- ** p-sv4 ( 21 ) ] [ fx8- ** p-sv6 ( 21 ) ] receptacle [ fx8c- ** s-sv ( 21 ) ] [ fx8c- ** s-sv5 ( 21 ) ] packaging type tube packaging packaged product pieces sales unit total tube length tape width product pitch emboss reel diameter packaged product pieces sales unit 21 pieces 12mm refer to the table on page a246 in this catalog. refer to the table on page a246 in this catalog. per reel 44mm 56mm 72mm 17 pieces 14 pieces 12-pieces 10pieces embossed tape packaging number of contacts 60 contacts 80 contacts 100 contacts 120 contacts 140 contacts * the above packaging type is , as listed for the single product only. in addition, the packaging type of the two-piece connection product is the tray packaging. deliver the multiplied pieces. (example) in case of 20 contacts,21 pieces, 4two-pieces,... 550mm 2mm p/s header fx8c- ** p-sv 0 ( 21 ) fx8c- ** p-sv1 ( 21 ) fx8c- ** p-sv2 ( 21 ) fx8c- ** p-sv4 ( 21 ) fx8c- ** p-sv6 ( 21 ) fx8c- ** s-sv 0 ( 21 ) fx8c- ** s-sv5 ( 21 ) 9 10 11 13 15 7.4 12.4 receptacle part number a
a246 [ embossed tape package ] carrier size pattern p/s part number b c d e product pieces unit: mm ** : number of contacts header receptacle fx8c- ** p-sv 0 ( 22 ) fx8c- ** p-sv1 ( 22 ) fx8c- ** p-sv2 ( 22 ) fx8c- ** p-sv4 ( 22 ) fx8c- ** p-sv6 ( 22 ) fx8c- ** s-sv 0 ( 22 ) fx8c- ** s-sv5 ( 22 ) a 5.5 5.5 5.5 5.5 5.5 6.0 6.0 7.9 7.9 7.9 7.9 7.9 8.4 8.4 5.2 6.2 7.2 9.2 11.2 4.3 9.3 1.2 1.2 1.2 1.2 1.2 1.2 1.2 ? 370 ? 370 ? 330 ? 370 ? 370 ? 330 ? 370 1000 pieces 1000 pieces 0 500 pieces 0 500 pieces 0 500 pieces 1000 pieces 0 500 pieces reel state size pattern (free)


▲Up To Search▲   

 
Price & Availability of FX8C-140140S11-SVJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X