Part Number Hot Search : 
PS1201 561U100H 29F800 MIC293 HD74H MIW2022 M7212 B250014
Product Description
Full Text Search
 

To Download DR65-0109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single driver for gaas fet switches and attenuators dr65 - 0109 so - 8 v 1.00 features n high speed cmos technology n complementary outputs n positive voltage control n low power dissipation n plastic soic package f or smt applications n tape and reel packaging available description m/a - com's dr65 - 0 109 is a single channel driver used to transl ate ttl control inputs into complementary gate voltages for gaas fet microwave switches and attenuators. high speed analog cmos technology is utilized to achieve low power dissipation at moderate to high speeds, encompassing most microwave switching applications. package outline conforms to jedec standard ms - 012a a guaranteed operating ranges symbol parameter 1 unit min typical max vcc positive dc supply voltage v 4.5 5.0 5.5 v ee negative dc supply voltage v - 5.5 - 5.0 - 4.5 v cc - v ee positive to negative supply range v 9.0 10.0 11.0 t a operating ambient temperature c - 40 +25 +85 i oh dc output current - high ma ? ? - 1.0 i ol dc output current - low ma ? ? 1.0 t rise , t fall maximum input rise or fall time ns ? ? 500 1. all voltages are relative to gnd truth table input v in a b 0 v ee gnd outputs 1 gnd v ee absolute maximum ratings parameter absolute maximum v cc - .5v to + 6.0 v v ee - 6.0 v to - .5 v v cc - v ee 12 v v in 2 v cc + .5 v v out v ee - .5 v storage temperature - 65c to +150c 2. standard cmos ttl interface, latch - up will occur if logic signal is applied prior to power supply.
single driver for gaas fet switches and attenuators dr65 - 0109 specifications subject to change without notice. n north america: tel. (800) 366 - 2266 n asia/pacific: tel.+ 81 - 44 - 844 - 8296 , fax + 81 - 44 - 844 - 8298 n europe: tel. +44 (1344) 869 595, fax+44 (1344) 300 020 visit www.macom.com for additional data sheets and product information. v 1.00 2 logic diagram v in output b output a part number package dr65 - 0 109 bulk packaging dr65 - 0 109 tr tape & reel (1,000 pieces per 7? reel) ordering information pin function 1 v cc 2 v in 3 gnd 4 gnd 5 gnd 6 output a 7 output b 8 v ee pin configuration symbol parameter test conditions units min typ max vih input high voltage guaranteed high input voltage v 2.0 ? - v il input low voltage guaranteed low input voltage v - ? 0.8 v oh output high voltage i oh = - 1 ma v ee = max v - 0.1 ? - v ol output low voltage i ol = 1 ma v ee = max v ? ? v ee + 0.1 i in input leakage current v in = v cc or gnd v ee = min a - 1.0 0 1.0 i cc quiescent supply current v cc = max v ee = min v in = v cc or gnd a ? ? 400 t phl, t plh propagation delay guaranteed - 40 c to + 85 c ns ? ? 50 t thl, t tlh output transition time guaranteed - 40 c to + 85 c ns ? ? 25 delay skew, output a to output b guaranteed - 40 c to + 85 c ns ? ? 8 ac & dc characteristics over guaranteed operating range see switching wave forms for the definition of the switching terms. supplies must be by - passed with .01 f capacitors. switching waveforms t f t r t tlh t thl t plh t phl 1.3 v 90% 50% 10% 90% 10% input v in gnd logic 1 logic 0 output a v out output b v ee


▲Up To Search▲   

 
Price & Availability of DR65-0109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X