|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
quick reference series features page dm05 lead spacing: 3.05 +/-0.8 mm 7 dm10 lead spacing: 3.57 +/-0.8 mm 9 dm12 lead spacing: 5.00 +/-0.8 mm 10 dm15 lead spacing: 5.95 +/-0.8 mm 11 dm19 lead spacing: 8.73 +/-0.8 mm 13 dm20 lead spacing: 11.11 +/-0.8 mm 15 dm30 lead spacing: 11.11 +/-0.8 mm high capacitance 17 dm42 lead spacing: 26.99 +/-0.8 mm high capacitance 17 packaging specifications 18 sharma mica capacitors page 1 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327
quick reference guide sharma designation dm 05 dm 10 dm 12 dm 15 mil style - discontinued - cm 04 - cm 05 capacitance range pf 1 to 390 1 to 390 1 to 2500 1 to 1200 maximum 50 v dc 390 820 - 2500 capacitance 100 v dc 200 390 2500 2000 in pf in the 300 v dc 120 360 820 2000 rated 500 v dc - 250 430 750 voltage 1000 v dc* - - - - indicated maximum l 0.270 0.390 0.413 0.490 nominal w 0.250 0.380 0.433 0.420 dimensions in t 0.190 0.220 0.220 0.240 inches b 0.120 0.141 0.200 0.234 maximum l 6.86 9.91 10.49 12.45 nominal w 6.35 9.65 11.00 10.67 dimensions in t 4.83 5.59 5.59 6.10 mm b 3.05 3.58 5.08 5.94 sharma designation dm 19 dm 20 dm 30 dm 42 mil style - discontinued cm 06 - cm 07 - capacitance range pf 1 to 8200 680 to 12,000 5100 to 20,000 16000 to 82000 maximum 50 v dc - - - - capacitance 100 v dc 8200 12000 - 82000 in pf in the 300 v dc 6800 12000 20000 68000 rated 500 v dc 5100 10000 20000 51000 voltage 1000 v dc* 4700 - 12000 30000 indicated maximum l 0.710 0.820 0.830 1.470 nominal w 0.590 0.630 0.920 0.920 dimensions in t 0.370 0.450 0.450 0.450 inches b 0.344 0.438 0.438 1.063 maximum l 18.03 20.83 21.08 37.34 nominal w 14.99 16.00 23.37 23.37 dimensions in t 9.40 11.43 11.43 11.43 mm b 8.74 11.13 11.13 27.00 dm series general specifications by case size * available as special part. mica capacitors 330 - 430 sharma mica capacitors page 2 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 type 1- capacitance in pf, tolerance in percentage or +/- pf and voltage(vdc) are indi- cated in numbers along with the brand marking. brand marking of saha, sh, "sm",kec are common. parts are also supplied with no brand marking in some cases based on product availability and customer requirements. part marking 150 5% 500v saha cm 05 fd 151jo3 saha 151j or 150 pf +/- 5% type 1 type 3 type 2 type 2 - formerly for military certified capacitors. the cm series code has been discontinued. type 3 - capacitance in eia capacitance code (as in type 2) and toler- ance with tolerance code or capacitance value in pf with tolerance in +/- % or +/- pf are marked on the capacitors. voltage is not marked on the part. brand marking is optional. mica capacitor - part numbering system sample part number: DM15FD151jo3 description: dm15 series, 150pf, 500 volt, 5%, rohs compliant, tape & reel, inside crimped d m 1 5 f d 1 5 1 j o 3 - rh t r 0 2 series enter series code: (up to 4 characters) series included: dm05, dm10, dm12, dm15, dm19, dm20, dm30, dm42. characteristic enter characteristic code: ( 1 character) temperature characteristic coefficient capacitance letter ppm/c drift c -200 to +200 (0.5% + 0.1pf) d -100 to +100 (0.3% + 0.1pf) e -20 to +100 (0.1% + 0.1pf) f 0 to +70 (0.05% + 0.1pf) see catalog for individual part characteristic code rated voltage enter voltage code: (1 character) rated voltage code rated voltage code letter code volts dcw letter code volts dcw y 50 e 350 a 100 d 500 c 300 f* 1000* * note: not for use in snubber applications capacitance enter eia capacitance code: (3 digits) first two digits represents significant figures of capacitance in picofarads. third digit indicates number of zeros to follow. example: 10pf = 100, 100pf = 101, 1000pf = 102 tolerance enter capacitance tolerance code: ( 1 character) tolerance code d 0.5pf h 3 % e 0.5 % j 5 % f 1 % k 10 % g 2 % temperature range code o = -55 to +125 c vibration grade standard grade = 3 (see catalog for details) marking rh= rohs compliant; s for standard non- rohs compliant parts package type bulk < blank > ammo pack a tape & reel t special specifications c cut followed by 2 digit specification code 01 -99 r crimped followed by 2 digit specification code 01 -99 p cut & crimped followed by 2 digit specification code 01 -99 examples: c 0 2 = cut leads to 0.175 mm p 0 2 = cut leads to 0.175 mm and inside crimp (see special specifications sheet) rev d - 2/99 sharma mica capacitors page 3 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 general specifications for sharma? mica capacitors the sharma mica capacitors meet the required commercial specifications and theeia requirements. the cmo series capacitors also meet the military specifications mil-c-5. the actual specifications and dimensions of the capacitors are mentioned under each series in the catalog. capacitance the capacitance of mica capacitors is measured at 1 m hz 10% for capacitance values up to 1000 pf and at 1 k hz 10% for capacitance values above 1000 pf. the capacitance value when measured at 25 c shall be with in the tolerance specified. dissipation factor the dissipation factor for mica capacitors are measured at 1mhz for values up to 1000 pf and at 1 khz for values above 1000 pf. the values shall remain within the specified values. the variation pattern of dissipation factor for different values of capacitance are also shown in the figure 3. insulation resistance the insulation resistance is measured at 50 5 v for capacitors with rated voltage of 50 v dc and at 100 10 v for capacitors with higher voltage rating. the insulation resistance thus measured at 25 c shall meet the specified limits. the variation of insulation resistance for different capacitance values at 25 c is shown in figure 1. after certain tests listed below the insulation resistance value changes and these values are plotted in figure 2. figure 4 indicates the variation pattern of insulation resistance with capacitance value at different temperature conditions. withstanding voltage the mica capacitors are designed to withstand higher voltage than the rated voltage for limited time. these capacitors shall withstand 200% of the rated voltage for 1 to 5 seconds when applied with a limiting surge current value of 50 ma. vibration grade the capacitors shall be subjected to a harmonic motion having an amplitude of 1.5 mm and the frequency which is varied between the limits of 10 and 55 hz. the entire frequency range from 10 to 55 hz and then back to 10 hz shall be traversed in approximately 1 minute and the motion shall be applied for a period of 1hour in each of the three mutually perpendicular directions. after testing, when the electrical measurements are performed: 1. the insulation resistance shall be more than 30000 m ohms for capacitance value up to 10000 pf. please refer to figure 2 for acceptable variation pattern for insulation resistance for values above 10000 pf. 2. the dissipation factor shall be within the original specified limits. please also refer to figure 3 for variation pattern of dissipation factor with respect to capacitance value. 3. the capacitance change shall not exceed 1% or 1 pf whichever is greater. soldering heat resistance both leads of the capacitors shall be immersed in molten solder at a temperature of 270 c for 3 to 4 seconds. after the test the capacitors shall meet the initial requirements of the withstanding voltage and the capacitance change shall not exceed 0.55 or 1 pf. moisture resistance capacitors shall be subjected to a temperature of 40 2 c at 90 to 95 % relative humidity for 240 8 hours. after the test: 1. the samples shall meet the after test requirement of insulation resistance values as furnished in figure 2. 2. the dissipation factor shall be within 1.5 times the original specified limits. please also refer to figure 3 for variation pattern of dissipation factor with respect to capacitance value for original limits. 3. the capacitance change shall not exceed 3% or 1 pf whichever is greater. moisture resistance loading capacitors shall be subjected to a temperature of 402 c at 90 to 95% relative humidity with rated voltage for 500 hours. after the test the samples are maintained at normal temperature and relative humidity for a period of 4 to 24 hours. when tested after this; 1. the capacitor samples shall be free of cracks, or other mechanical damages and the marking shall remain legible 2. the samples shall meet the original requirement of the withstanding voltage 3. the samples shall meet the after test requirement of insulation resistance as furnished in figure 2 4. the dissipation factor shall be within 2 times the original limits 5. the capacitance change shall not exceed 5% or 1 pf performance characteristics figure 1 figure 2 figure 3 figure 5 figure 4 sharma mica capacitors page 4 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 figure 6 figure 7 figure 8 moisture resistance loading capacitors shall be subjected to a temperature of 402 c at 90 to 95% relative humidity with rated voltage for 500 hours. after the test the samples are maintained at normal temperature and relative humidity for a period of 4 to 24 hours. when tested after this; 1. the capacitor samples shall be free of cracks, or other mechanical damages and the marking shall remain legible 2. the samples shall meet the original requirement of the withstanding voltage 3. the samples shall meet the after test requirement of insulation resistance as furnished in figure 2 4. the dissipation factor shall be within 2 times the original limits 5. the capacitance change shall not exceed 5% or 1 pf life test the capacitor samples shall be subjected to a temperature of 125 c with 150% of rated voltage for 2000 hours. after the test : 1. the capacitor samples shall be free of cracks, or other mechanical damages and the marking shall remain legible 2. the samples shall meet the original requirement of the withstanding voltage 3. the samples shall meet the original requirements of insulation resistance as furnished in figure 1. 4. the dissipation factor shall be within 1.5 times the original limits 5. the capacitance change shall not exceed 3% or 1 pf(whichever is greater) for characteristic "c" and 2.5 1pf (whichever is greater) for characteristic d, e and f.) other typical variation patterns some typical variation patterns for selected values during heat resistance load life test and moisture proof load life tests as listed below are illustrated in figures 8 through 10. 1. insulation resistance vs. time for heat resistance load life test and moisture proof load life tests (figure 8). 2. capacitance change in percentage vs. time (figure 9). 3. dissipation factor vs. time (figure 10). other variation patterns and characteristic for selected values as listed below are furnished as figures 11 through 14 1. capacitance change vs. frequency (figure 11) 2. capacitance change vs. time(figure 12) 3. dissipation factor change vs. frequency(figure 13) 4. insulation resistance vs. temperature (figure 14) figure 9 figure 10 figure 11 figure 12 figure 13 figure 14 sharma mica capacitors page 5 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 dm series introduction sharma mica capacitors have been designed to meet the exacting physical, electrical & environmental requirements of the mil-c-5 and rs-153 specifications. careful selection of raw materials, starting with the finest available grade of india ruby mica, and the constant monitoring of all equipment and processes, provides an overall uniform level of quality consistent with today's most sophisticated electronic equipment. ideal for tuning, timing, filtering and coupling circuits. features ? low loss and high stability ? available in very close tolerances ? suitable for precision applications ? wide range of operating temperature general specifications capacitance range: 1 pf to 82,000 pf voltage rating: 50 v dc to 500 v dc (higher voltage capacitors can also be custom made) temperate rating: - 40 to + 150 c case sizes: dm 05 to dm 42 insulation resistance: 100,000 m ohms minimum at 25c for capacitance up to 10,000 pf. please refer to characteristic curve for values above the range. dissipation factor < 0.1% at 1 m hz for values between 100 to 1,000 pf <0.2 at 1k hz for values above 1,000 pf. please refer to characteristic curve for values above the range. life test details: capacitors shall withstand 1.5 times the rated dc voltage at 125 c for 2000 hours. after the test: 1. capacitance change shall not exceed 1% of the initial value or 1 pf, which ever is greater. 2. dissipation factor shall be within 1.5 times the original limits. 3. insulation resistance shall meet the initial specified requirements. 4. there shall be no remarkable change in the appearance and the marking shall remain legible. dimension case code dm05 dm10 dm12 dm15 dm19 dm20 dm30 dm42 b 3.05 3.57 5.00 5.95 8.73 11.11 11.11 26.99 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 c 0.40 0.40 0.50 0.60 0.80 0.80 1.00 1.00 dimension case code dm05 dm10 dm12 dm15 dm19 dm20 dm30 dm42 b 0.120 0.141 0.197 0.234 0.344 0.438 0.438 1.063 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 c 0.016 0.016 0.020 0.025 0.032 0.032 0.04 0.04 #26 #26 #24 #22 #20 #20 #18 #18 case capacitance range in pf equivalent size standard mil mil series dm05 1 to 390 - none dm10 1 to 820 1 to 390 cm 04 dm12 1 to 2,500 - none dm15 1 to 2,500 1 to 390 cm 05 dm19 100 to 8,200 430 to 4,700 cm 06 dm20 680 to 12,000 - none dm30 5,100 to 20,000 5,100 to 20,000 cm 07 dm42 16,000 to 82,000 - none lead dimensions in inches lead dimensions in millimeters case size vs. capacitance range ll" = 1.25" min. dimension "r" = 0.078" max. for dm 05 to dm 15 and 0.125"max. for dm 19 to dm 42 ll" = 30 mm min. dimension "r" = 2.0 mm max. for dm 05 to dm 15 and 3.2 mm max. for dm 19 to dm 42 dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 6 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 300 v dc 100 v dc 50 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 12 c 6.86 4.83 2.79 15 c 6.86 4.83 3.05 18 - 20 c 6.86 5.08 3.05 22 - 24 c 6.86 5.08 3.05 6.86 4.83 3.05 27 e 6.86 5.08 3.30 6.86 4.83 3.05 30 - 33 e 6.86 5.08 3.30 6.86 5.08 3.05 36 e 6.86 5.33 3.30 6.86 5.08 3.05 39 e 6.86 5.33 3.30 6.86 5.08 3.05 6.86 4.83 3.05 43 e 6.86 5.33 3.56 6.86 5.08 3.05 6.86 4.83 3.05 47-51 e 6.86 5.33 3.56 6.86 5.08 3.30 6.86 4.83 3.05 56 e 6.86 5.59 3.81 6.86 5.08 3.30 6.86 4.83 3.05 62 e 6.86 5.59 3.81 6.86 5.33 3.30 6.86 5.08 3.05 68 e 6.86 5.59 3.81 6.86 5.33 3.56 6.86 5.08 3.05 75 - 82 e 6.86 5.84 4.06 6.86 5.33 3.56 6.86 5.08 3.05 91 f 6.86 5.84 4.32 6.86 5.33 3.56 6.86 5.08 3.30 100 - 110 f 6.86 6.10 4.57 6.86 5.59 3.81 6.86 5.08 3.30 120 f 6.86 6.35 4.83 6.86 5.59 4.06 6.86 5.08 3.30 130 f 6.86 5.84 4.06 6.86 5.33 3.30 150 f 6.86 5.84 4.32 6.86 5.33 3.56 160 f 6.86 5.84 4.32 6.86 5.33 3.56 170 - 180 f 6.86 6.10 4.57 6.86 5.33 3.56 200 f 6.86 6.35 4.83 6.86 5.59 3.81 220 f 6.86 5.59 3.81 240 f 6.86 5.59 4.06 270 f 6.86 5.84 4.06 300 f 6.86 5.84 4.32 330 - 360 f 6.86 6.10 4.57 390 f 6.86 6.35 4.83 characteristics capacitance voltage value in pf 300 v dc 100 v dc 50 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 12 c 0.270 0.190 0.110 15 c 0.270 0.190 0.120 18 - 20 c 0.270 0.200 0.120 22 - 24 c 0.270 0.200 0.120 0.270 0.190 0.120 27 e 0.270 0.200 0.130 0.270 0.190 0.120 30 - 33 e 0.270 0.200 0.130 0.270 0.200 0.120 36 e 0.270 0.210 0.130 0.270 0.200 0.120 39 e 0.270 0.210 0.130 0.270 0.200 0.120 0.270 0.190 0.120 43 e 0.270 0.210 0.140 0.270 0.200 0.120 0.270 0.190 0.120 47-51 e 0.270 0.210 0.140 0.270 0.200 0.130 0.270 0.190 0.120 56 e 0.270 0.220 0.150 0.270 0.200 0.130 0.270 0.190 0.120 62 e 0.270 0.220 0.150 0.270 0.210 0.130 0.270 0.200 0.120 68 e 0.270 0.220 0.150 0.270 0.210 0.140 0.270 0.200 0.120 75 - 82 e 0.270 0.230 0.160 0.270 0.210 0.140 0.270 0.200 0.120 91 f 0.270 0.230 0.170 0.270 0.210 0.140 0.270 0.200 0.130 100 - 110 f 0.270 0.240 0.180 0.270 0.220 0.150 0.270 0.200 0.130 120 f 0.270 0.250 0.190 0.270 0.220 0.160 0.270 0.200 0.130 130 f 0.270 0.230 0.160 0.270 0.210 0.130 150 f 0.270 0.230 0.170 0.270 0.210 0.140 160 f 0.270 0.230 0.170 0.270 0.210 0.140 170 - 180 f 0.270 0.240 0.180 0.270 0.210 0.140 200 f 0.270 0.250 0.190 0.270 0.220 0.150 220 f 0.270 0.220 0.150 240 f 0.270 0.220 0.160 270 f 0.270 0.230 0.160 300 f 0.270 0.230 0.170 330 - 360 f 0.270 0.240 0.180 390 f 0.270 0.250 0.190 characteristics dm05 case dimensions in millimeters lead spacing: 3.05 0.8mm dm 05 mica capacitors dm05 case dimensions in inches lead spacing: 0.120 0.031 dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 7 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 300 v dc 100 v dc 50 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 12 c 6.35 4.06 2.29 15 - 20 c 6.35 4.32 2.54 6.35 4.06 2.29 22 c 6.35 4.32 2.54 6.35 4.06 2.54 6.35 4.06 2.29 24 c 6.35 4.32 2.54 6.35 4.32 2.54 6.35 4.06 2.29 27 - 36 e 6.35 4.32 2.79 6.35 4.32 2.54 6.35 4.06 2.29 39 e 6.35 4.57 2.79 6.35 4.32 2.54 6.35 4.06 2.29 43 e 6.35 4.57 3.05 6.35 4.32 2.54 6.35 4.32 2.54 47 - 51 e 6.35 4.57 3.05 6.35 4.32 2.79 6.35 4.32 2.54 56 - 62 e 6.35 4.57 3.30 6.35 4.32 2.79 6.35 4.32 2.54 68 e 6.35 4.83 3.30 6.35 4.57 2.79 6.35 4.32 2.54 75 - 82 e 6.35 4.83 3.56 6.35 4.57 3.05 6.35 4.32 2.54 91 f 6.35 4.83 3.81 6.35 4.57 3.05 6.35 4.32 2.79 100 f 6.35 5.08 4.06 6.35 4.57 3.30 6.35 4.32 2.79 110 f 6.35 5.08 4.06 6.35 4.83 3.30 6.35 4.32 2.79 120 f 6.35 5.33 4.32 6.35 4.83 3.56 6.35 4.32 2.79 130 f 6.35 4.83 3.56 6.35 4.32 2.79 150 f 6.35 4.83 3.81 6.35 4.57 3.05 160 f 6.35 5.08 3.81 6.35 4.57 3.05 170 - 180 f 6.35 5.08 4.06 6.35 4.57 3.05 200 f 6.35 5.33 4.32 6.35 4.57 3.30 220 f 6.35 4.83 3.30 240 - 270 f 6.35 4.83 3.56 300 f 6.35 4.83 3.81 330 - 360 f 6.35 5.08 4.06 390 f 6.35 5.33 4.32 characteristics capacitance voltage value in pf 300 v dc 100 v dc 50 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 12 c 0.250 0.160 0.090 15 - 20 c 0.250 0.170 0.100 0.250 0.160 0.090 22 c 0.250 0.170 0.100 0.250 0.160 0.100 0.250 0.160 0.090 24 c 0.250 0.170 0.100 0.250 0.170 0.100 0.250 0.160 0.090 27 - 36 e 0.250 0.170 0.110 0.250 0.170 0.100 0.250 0.160 0.090 39 e 0.250 0.180 0.110 0.250 0.170 0.100 0.250 0.160 0.090 43 e 0.250 0.180 0.120 0.250 0.170 0.100 0.250 0.170 0.100 47 - 51 e 0.250 0.180 0.120 0.250 0.170 0.110 0.250 0.170 0.100 56 - 62 e 0.250 0.180 0.130 0.250 0.170 0.110 0.250 0.170 0.100 68 e 0.250 0.190 0.130 0.250 0.180 0.110 0.250 0.170 0.100 75 - 82 e 0.250 0.190 0.140 0.250 0.180 0.120 0.250 0.170 0.100 91 f 0.250 0.190 0.150 0.250 0.180 0.120 0.250 0.170 0.110 100 f 0.250 0.200 0.160 0.250 0.180 0.130 0.250 0.170 0.110 110 f 0.250 0.200 0.160 0.250 0.190 0.130 0.250 0.170 0.110 120 f 0.250 0.210 0.170 0.250 0.190 0.140 0.250 0.170 0.110 130 f 0.250 0.190 0.140 0.250 0.170 0.110 150 f 0.250 0.190 0.150 0.250 0.180 0.120 160 f 0.250 0.200 0.150 0.250 0.180 0.120 170 - 180 f 0.250 0.200 0.160 0.250 0.180 0.120 200 f 0.250 0.210 0.170 0.250 0.180 0.130 220 f 0.250 0.190 0.130 240 - 270 f 0.250 0.190 0.140 300 f 0.250 0.190 0.150 330 - 360 f 0.250 0.200 0.160 390 f 0.250 0.210 0.170 characteristics scdm 05 mica capacitors scdm05 case dimensions in millimeters lead spacing: 3.05 0.8mm scdm05 case dimensions in inches lead spacing: 0.120 0.031 note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 8 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 9.14 8.38 4.83 20 - 24 e 9.14 8.38 4.83 27 e 9.40 8.38 4.83 30 - 36 e 9.40 8.64 4.83 39 e 9.40 8.64 4.83 9.40 8.64 4.83 9.14 8.38 4.83 43 e 9.40 8.64 4.83 9.40 8.64 4.83 9.40 8.38 4.83 47 - 68 e 9.40 8.64 4.83 9.40 8.64 4.83 9.40 8.64 4.83 75 e 9.40 8.64 5.08 9.40 8.64 4.83 9.40 8.64 4.83 82 e 9.40 8.89 5.08 9.40 8.64 4.83 9.40 8.64 4.83 91 - 100 f 9.40 8.89 5.08 9.40 8.89 5.08 9.40 8.64 4.83 110 f 9.65 8.89 5.08 9.40 8.89 5.08 9.40 8.64 4.83 120 f 9.65 8.89 5.08 9.40 8.89 5.08 9.40 8.64 5.08 130 f 9.65 9.14 5.08 9.65 8.89 5.08 9.40 8.89 5.08 150 f 9.65 9.14 5.33 9.65 8.89 5.08 9.40 8.89 5.08 160 f 9.65 9.14 5.33 9.65 9.14 5.08 9.40 8.89 5.08 180 f 9.91 9.40 5.33 9.65 9.14 5.33 9.65 8.89 5.08 200 f 9.91 9.40 5.59 9.65 9.14 5.33 9.65 8.89 5.08 220 f 9.91 9.40 5.59 9.91 9.40 5.33 9.65 9.14 5.33 240 - 250 f 9.91 9.65 5.59 9.91 9.40 5.59 9.65 9.14 5.33 270 f 9.91 9.65 5.59 9.65 9.40 5.33 300 f 9.91 9.65 5.59 9.91 9.40 5.33 330 f 10.16 9.91 5.84 9.91 9.40 5.59 360 f 10.16 9.91 5.84 9.91 9.65 5.59 390 - 400 f 9.91 9.65 5.59 430 - 680 f 10.16 9.91 5.84 750 - 820* f 10.16 9.91 5.84 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 0.360 0.330 0.190 20 - 24 e 0.360 0.330 0.190 27 e 0.370 0.330 0.190 30 - 36 e 0.370 0.340 0.190 39 e 0.370 0.340 0.190 0.370 0.340 0.190 0.360 0.330 0.190 43 e 0.370 0.340 0.190 0.370 0.340 0.190 0.370 0.330 0.190 47 - 68 e 0.370 0.340 0.190 0.370 0.340 0.190 0.370 0.340 0.190 75 e 0.370 0.340 0.200 0.370 0.340 0.190 0.370 0.340 0.190 82 e 0.370 0.350 0.200 0.370 0.340 0.190 0.370 0.340 0.190 91 - 100 f 0.370 0.350 0.200 0.370 0.350 0.200 0.370 0.340 0.190 110 f 0.380 0.350 0.200 0.370 0.350 0.200 0.370 0.340 0.190 120 f 0.380 0.350 0.200 0.370 0.350 0.200 0.370 0.340 0.200 130 f 0.380 0.360 0.200 0.380 0.350 0.200 0.370 0.350 0.200 150 f 0.380 0.360 0.210 0.380 0.350 0.200 0.370 0.350 0.200 160 f 0.380 0.360 0.210 0.380 0.360 0.200 0.370 0.350 0.200 180 f 0.390 0.370 0.210 0.380 0.360 0.210 0.380 0.350 0.200 200 f 0.390 0.370 0.220 0.380 0.360 0.210 0.380 0.350 0.200 220 f 0.390 0.370 0.220 0.390 0.370 0.210 0.380 0.360 0.210 240 - 250 f 0.390 0.380 0.220 0.390 0.370 0.220 0.380 0.360 0.210 270 f 0.390 0.380 0.220 0.380 0.370 0.210 300 f 0.390 0.380 0.220 0.390 0.370 0.210 330 f 0.400 0.390 0.230 0.390 0.370 0.220 360 f 0.400 0.390 0.230 0.390 0.380 0.220 390 - 400 f 0.390 0.380 0.220 430 - 680 f 0.400 0.390 0.230 750 - 820* f 0.400 0.390 0.230 characteristics dm 10 / cm04 mica capacitors dm10 cm04 case dimensions in millimeters lead spacing: 3.57 0.8mm dm10 cm04 case dimensions in inches lead spacing: 0.141 0.031 * available only in 50 v rating. note: values above 390 pf - available on special order only note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 9 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 9.50 10.01 4.50 20 - 82 e 9.50 10.01 4.50 91 - 430 f 9.50 10.01 4.50 470 f 10.01 10.49 5.08 510 f 10.01 10.49 5.08 560 f 10.01 10.49 5.08 620 f 10.01 10.49 5.08 680 f 10.01 10.49 5.08 750 f 10.49 11.00 5.59 820 f 10.49 11.00 5.59 910 f 10.49 11.00 5.59 1,000 f 10.49 11.00 5.59 1,100 f 11.00 11.51 6.10 1,200 f 11.00 11.51 6.10 1,300 - 2,500 f 11.00 11.51 6.10 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 0.374 0.394 0.177 20 - 82 e 0.374 0.394 0.177 91 - 430 f 0.374 0.394 0.177 470 f 0.394 0.413 0.200 510 f 0.394 0.413 0.200 560 f 0.394 0.413 0.200 620 f 0.394 0.413 0.200 680 f 0.394 0.413 0.200 750 f 0.413 0.433 0.220 820 f 0.413 0.433 0.220 910 f 0.413 0.433 0.220 1,000 f 0.413 0.433 0.220 1,100 f 0.433 0.453 0.240 1,200 f 0.433 0.453 0.240 1,300 - 2,500 f 0.433 0.453 0.240 characteristics dm 12 mica capacitors dm12 case dimensions in millimeters lead spacing: 5.0 0.8mm dm12 case dimensions in inches lead spacing: 0.197 0.031 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 7.87 5.84 3.05 20 - 56 e 7.87 5.84 3.05 62 - 68 e 8.13 5.84 3.30 7.87 5.84 3.05 75 - 82 e 8.13 5.84 3.30 8.13 5.84 3.30 7.87 5.84 3.05 91 f 8.13 5.84 3.30 8.13 5.84 3.30 7.87 5.84 3.05 100 f 8.13 5.84 3.30 8.13 5.84 3.30 8.13 5.84 3.30 110 - 120 f 8.13 6.10 3.56 8.13 5.84 3.30 8.13 5.84 3.30 130 - 160 f 8.13 6.10 3.56 8.13 6.10 3.56 8.13 5.84 3.30 180 f 8.38 6.10 3.81 8.13 6.10 3.56 8.13 6.10 3.56 200 f 8.38 6.10 3.81 8.38 6.10 3.81 8.13 6.10 3.56 220 - 240 f 8.64 6.35 4.06 8.38 6.10 3.81 8.13 6.10 3.56 250 f 8.64 6.35 4.06 8.64 6.35 4.06 8.13 6.10 3.56 270 - 300 f 8.64 6.35 4.06 8.38 6.10 3.81 330 f 8.89 6.60 4.32 8.38 6.10 3.81 360 f 8.89 6.60 4.32 8.64 6.35 4.06 390 - 400 f 8.64 6.35 4.06 430 - 470 f 8.89 6.60 4.32 750 - 820* f 8.89 6.60 4.32 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 0.310 0.230 0.120 20 - 56 e 0.310 0.230 0.120 62 - 68 e 0.320 0.230 0.130 0.310 0.230 0.120 75 - 82 e 0.320 0.230 0.130 0.320 0.230 0.130 0.310 0.230 0.120 91 f 0.320 0.230 0.130 0.320 0.230 0.130 0.310 0.230 0.120 100 f 0.320 0.230 0.130 0.320 0.230 0.130 0.320 0.230 0.130 110 - 120 f 0.320 0.240 0.140 0.320 0.230 0.130 0.320 0.230 0.130 130 - 160 f 0.320 0.240 0.140 0.320 0.240 0.140 0.320 0.230 0.130 180 f 0.330 0.240 0.150 0.320 0.240 0.140 0.320 0.240 0.140 200 f 0.330 0.240 0.150 0.330 0.240 0.150 0.320 0.240 0.140 220 - 240 f 0.340 0.250 0.160 0.330 0.240 0.150 0.320 0.240 0.140 250 f 0.340 0.250 0.160 0.340 0.250 0.160 0.320 0.240 0.140 270 - 300 f 0.340 0.250 0.160 0.330 0.240 0.150 330 f 0.350 0.260 0.170 0.330 0.240 0.150 360 f 0.350 0.260 0.170 0.340 0.250 0.160 390 - 400 f 0.340 0.250 0.160 430 - 470 f 0.350 0.260 0.170 750 - 820* f 0.350 0.260 0.170 characteristics scdm 10 mica capacitors * available only in 50 v rating. note: bold outlined sections indicate susco standard items. scdm10 case dimensions in millimeters lead spacing: 3.57 0.8mm scdm10 case dimensions in inches lead spacing: 0.141 0.031 note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 10 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 11.43 9.14 4.32 20 - 68 e 11.43 9.14 4.32 75 - 82 e 11.43 9.14 4.57 91 - 100 f 11.68 9.14 4.57 110 - 130 f 11.68 9.40 4.57 150 - 180 f 11.68 9.40 4.83 200 f 11.68 9.65 4.83 220 - 240 f 11.68 9.65 5.08 270 - 390 f 11.94 9.91 5.33 430 f 11.94 9.91 5.33 11.68 9.65 5.08 470 - 510 f 11.94 10.16 5.59 11.68 9.65 5.08 560 - 620 f 12.19 10.41 5.84 11.68 9.65 5.08 680 f 12.45 10.67 6.10 11.94 9.91 5.33 750 f 12.70 10.92 6.35 11.94 9.91 5.33 820 f 11.94 9.91 5.33 11.94 9.91 5.33 910 f 11.94 10.16 5.59 11.94 10.16 5.59 1,000 f 12.19 10.16 5.84 12.19 10.16 5.84 1,100 f 12.45 10.67 6.10 12.19 10.16 5.84 1,200 - 2,000 f 12.70 10.92 6.35 12.45 10.67 6.10 2,200 - 2,500* f 12.45 10.67 6.10 characteristics dm 15 / cm05 mica capacitors * available only in 50 v rating. note: bold outlined sections indicate sharma standard items. capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 0.450 0.360 0.170 20 - 68 e 0.450 0.360 0.170 75 - 82 e 0.450 0.360 0.180 91 - 100 f 0.460 0.360 0.180 110 - 130 f 0.460 0.370 0.180 150 - 180 f 0.460 0.370 0.190 200 f 0.460 0.380 0.190 220 - 240 f 0.460 0.380 0.200 270 - 390 f 0.470 0.390 0.210 430 f 0.470 0.390 0.210 0.460 0.380 0.200 470 - 510 f 0.470 0.400 0.220 0.460 0.380 0.200 560 - 620 f 0.480 0.410 0.230 0.460 0.380 0.200 680 f 0.490 0.420 0.240 0.470 0.390 0.210 750 f 0.500 0.430 0.250 0.470 0.390 0.210 820 f 0.470 0.390 0.210 0.470 0.390 0.210 910 f 0.470 0.400 0.220 0.470 0.400 0.220 1,000 f 0.480 0.400 0.230 0.480 0.400 0.230 1,100 f 0.490 0.420 0.240 0.480 0.400 0.230 1,200 - 2,000 f 0.500 0.430 0.250 0.490 0.420 0.240 2,200 - 2,500* f 0.490 0.420 0.240 characteristics dm15 cm05 case dimensions in millimeters lead spacing: 5.95 0.8mm dm15 cm05 case dimensions in inches lead spacing: 0.234 0.031 dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 11 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 scdm 15 mica capacitors capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 10.92 7.11 3.56 20 - 68 e 10.92 7.11 3.56 75 - 100 f 10.92 7.11 3.81 110 - 160 f 11.18 7.37 3.81 180 - 200 f 11.18 7.37 4.06 220 - 270 f 11.18 7.62 4.06 300 - 390 f 11.43 7.87 4.06 430 - 470 f 11.43 7.87 4.32 11.18 7.37 3.81 510 f 11.43 7.87 4.57 11.18 7.37 3.81 560 f 11.43 7.87 4.57 11.18 7.62 4.06 620 f 11.43 8.13 4.83 11.18 7.62 4.06 680 f 11.68 8.13 5.08 11.43 7.62 4.06 750 f 11.68 8.13 5.33 11.43 7.62 4.06 820 f 11.43 7.87 4.32 11.43 7.87 4.06 910 f 11.43 7.87 4.57 11.43 7.87 4.32 1,000 f 11.43 8.13 4.83 11.43 7.87 4.32 1,100 f 11.68 8.13 5.08 11.43 7.87 4.57 1,200 - 2,000 f 11.68 8.13 5.33 11.43 8.13 4.83 2,200 - 2,500* f 11.43 8.13 4.83 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 18 c 0.430 0.280 0.140 20 - 68 e 0.430 0.280 0.140 75 - 100 f 0.430 0.280 0.150 110 - 160 f 0.440 0.290 0.150 180 - 200 f 0.440 0.290 0.160 220 - 270 f 0.440 0.300 0.160 300 - 390 f 0.450 0.310 0.160 430 - 470 f 0.450 0.310 0.170 0.440 0.290 0.150 510 f 0.450 0.310 0.180 0.440 0.290 0.150 560 f 0.450 0.310 0.180 0.440 0.300 0.160 620 f 0.450 0.320 0.190 0.440 0.300 0.160 680 f 0.460 0.320 0.200 0.450 0.300 0.160 750 f 0.460 0.320 0.210 0.450 0.300 0.160 820 f 0.450 0.310 0.170 0.450 0.310 0.160 910 f 0.450 0.310 0.180 0.450 0.310 0.170 1,000 f 0.450 0.320 0.190 0.450 0.310 0.170 1,100 f 0.460 0.320 0.200 0.450 0.310 0.180 1,200 - 2,000 f 0.460 0.320 0.210 0.450 0.320 0.190 2,200 - 2,500* f 0.450 0.320 0.190 characteristics * available only in 50 v rating. note: bold outlined sections indicate sharma standard items. scdm15 case dimensions in millimeters lead spacing: 5.95 0.8mm scdm15 case dimensions in inches lead spacing: 0.234 0.031 dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 12 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 100 - 330 f 16.26 12.70 4.83 360 - 470 f 16.26 12.95 5.08 510 - 620 f 16.51 12.95 5.08 680 - 910 f 16.51 12.95 5.33 1,000 - 1,100 f 16.51 13.21 5.59 1,200 - 1,300 f 16.76 13.21 5.59 1,500 f 16.76 13.21 5.84 1,600 f 16.76 13.46 5.84 1,800 - 2,000 f 17.02 13.46 6.10 2,200 f 17.02 13.46 6.35 2,400 f 17.02 13.72 6.60 2,700 f 17.27 13.72 6.86 3,000 f 17.27 13.97 7.11 3,300 f 17.27 13.97 7.37 17.02 13.72 6.60 3,600 f 17.27 14.22 7.62 17.27 13.72 6.86 3,900 f 17.53 14.22 7.87 17.27 13.72 6.86 4,300 f 17.53 14.48 8.38 17.27 13.97 7.11 4,700 f 17.78 14.73 8.89 17.27 13.97 7.37 5,100 f 18.03 14.99 9.40 --- 5,600 f 17.27 14.22 7.87 6,200 f 17.53 14.22 8.13 17.53 14.22 7.87 6,800 f 17.53 14.48 8.38 17.53 14.48 8.13 7,500 f 17.78 14.48 8.64 8,200 f 17.78 14.73 8.89 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 100 - 330 f 0.640 0.500 0.190 360 - 470 f 0.640 0.510 0.200 510 - 620 f 0.650 0.510 0.200 680 - 910 f 0.650 0.510 0.210 1,000 - 1,100 f 0.650 0.520 0.220 1,200 - 1,300 f 0.660 0.520 0.220 1,500 f 0.660 0.520 0.230 1,600 f 0.660 0.530 0.230 1,800 - 2,000 f 0.670 0.530 0.240 2,200 f 0.670 0.530 0.250 2,400 f 0.670 0.540 0.260 2,700 f 0.680 0.540 0.270 3,000 f 0.680 0.550 0.280 3,300 f 0.680 0.550 0.290 0.670 0.540 0.260 3,600 f 0.680 0.560 0.300 0.680 0.540 0.270 3,900 f 0.690 0.560 0.310 0.680 0.540 0.270 4,300 f 0.690 0.570 0.330 0.680 0.550 0.280 4,700 f 0.700 0.580 0.350 0.680 0.550 0.290 5,100 f 0.710 0.590 0.370 --- 5,600 f 0.680 0.560 0.310 6,200 f 0.690 0.560 0.320 0.690 0.560 0.310 6,800 f 0.690 0.570 0.330 0.690 0.570 0.320 7,500 f 0.700 0.570 0.340 8,200 f 0.700 0.580 0.350 characteristics dm 19 / cm06 mica capacitors dm19 cm06 case dimensions in millimeters lead spacing: 8.73 0.8mm dm19 cm06 case dimensions in inches lead spacing: 0.344 0.031 note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 13 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 100 - 240 f 15.49 11.43 3.30 270 - 560 f 15.49 11.43 3.56 620 - 820 f 15.49 11.68 3.81 910 - 1,100 f 15.75 11.68 4.06 1,200 - 1,500 f 15.75 11.68 4.32 1,600 - 1,800 f 15.75 11.68 4.57 2,000 - 2,200 f 16.00 11.68 4.83 2,400 f 16.00 11.94 5.33 2,700 f 16.00 11.94 5.59 3,000 f 16.00 11.94 5.84 3,300 f 16.00 12.19 6.10 16.00 10.67 5.33 3,600 f 16.26 12.19 6.35 16.00 11.94 5.33 3,900 f 16.26 12.19 6.60 16.00 11.94 5.33 4,300 f 16.51 12.45 7.11 16.00 11.94 5.59 4,700 f 16.51 12.45 7.62 16.00 11.94 5.84 5,100 f 16.76 12.70 8.13 16.00 12.19 6.10 5,600 f 16.26 12.19 6.35 6,200 f 16.26 12.19 6.60 16.26 12.19 6.35 6,800 f 16.26 12.45 6.86 16.26 12.19 6.60 7,500 f 16.51 12.45 7.11 8,200 f 16.51 12.45 7.62 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 100 - 240 f 0.610 0.450 0.130 270 - 560 f 0.610 0.450 0.140 620 - 820 f 0.610 0.460 0.150 910 - 1,100 f 0.620 0.460 0.160 1,200 - 1,500 f 0.620 0.460 0.170 1,600 - 1,800 f 0.620 0.460 0.180 2,000 - 2,200 f 0.630 0.460 0.190 2,400 f 0.630 0.470 0.210 2,700 f 0.630 0.470 0.220 3,000 f 0.630 0.470 0.230 3,300 f 0.630 0.480 0.240 0.630 0.420 0.210 3,600 f 0.640 0.480 0.250 0.630 0.470 0.210 3,900 f 0.640 0.480 0.260 0.630 0.470 0.210 4,300 f 0.650 0.490 0.280 0.630 0.470 0.220 4,700 f 0.650 0.490 0.300 0.630 0.470 0.230 5,100 f 0.660 0.500 0.320 0.630 0.480 0.240 5,600 f 0.640 0.480 0.250 6,200 f 0.640 0.480 0.260 0.640 0.480 0.250 6,800 f 0.640 0.490 0.270 0.640 0.480 0.260 7,500 f 0.650 0.490 0.280 8,200 f 0.650 0.490 0.300 characteristics characteristics scdm 19 mica capacitors scdm19 case dimensions in millimeters lead spacing: 8.73 0.8mm scdm19 case dimensions in inches lead spacing: 0.344 0.031 note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 14 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 680 - 1,200 f 0.750 0.510 0.200 1,300 - 1,600 f 0.750 0.510 0.210 1,800 - 2,200 f 0.760 0.520 0.220 2,400 f 0.770 0.530 0.250 2,700 f 0.770 0.540 0.260 3,000 f 0.770 0.540 0.270 3,300 f 0.780 0.550 0.280 3,600 f 0.780 0.550 0.290 3,900 f 0.780 0.560 0.300 4,300 f 0.780 0.560 0.310 0.770 0.540 0.270 4,700 f 0.790 0.560 0.320 0.770 0.540 0.270 5,100 f 0.790 0.570 0.330 0.780 0.550 0.280 5,600 f 0.790 0.570 0.340 0.780 0.550 0.290 6,200 f 0.790 0.580 0.350 0.780 0.560 0.300 0.780 0.550 0.290 6,800 f 0.800 0.590 0.370 0.790 0.560 0.320 0.780 0.560 0.300 7,500 f 0.800 0.600 0.390 0.790 0.570 0.330 0.780 0.560 0.300 8,200 f 0.810 0.610 0.410 0.790 0.570 0.340 0.780 0.560 0.310 9,100 f 0.810 0.620 0.430 0.800 0.580 0.360 0.790 0.570 0.330 10,000 f 0.820 0.630 0.450 0.800 0.590 0.370 0.790 0.570 0.340 11,000 f 0.800 0.590 0.380 0.790 0.580 0.350 12,000 f 0.810 0.600 0.400 0.800 0.580 0.360 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 680 - 1,200 f 19.05 12.95 5.08 1,300 - 1,600 f 19.05 12.95 5.33 1,800 - 2,200 f 19.30 13.21 5.59 2,400 f 19.56 13.46 6.35 2,700 f 19.56 13.72 6.60 3,000 f 19.56 13.72 6.86 3,300 f 19.81 13.97 7.11 3,600 f 19.81 13.97 7.37 3,900 f 19.81 14.22 7.62 4,300 f 19.81 14.22 7.87 19.56 13.72 6.86 4,700 f 20.07 14.22 8.13 19.56 13.72 6.86 5,100 f 20.07 14.48 8.38 19.81 13.97 7.11 5,600 f 20.07 14.48 8.64 19.81 13.97 7.37 6,200 f 20.07 14.73 8.89 19.81 14.22 7.62 19.81 13.97 7.37 6,800 f 20.32 14.99 9.40 20.07 14.22 8.13 19.81 14.22 7.62 7,500 f 20.32 15.24 9.91 20.07 14.48 8.38 19.81 14.22 7.62 8,200 f 20.57 15.49 10.41 20.07 14.48 8.64 19.81 14.22 7.87 9,100 f 20.57 15.75 10.92 20.32 14.73 9.14 20.07 14.48 8.38 10,000 f 20.83 16.00 11.43 20.32 14.99 9.40 20.07 14.48 8.64 11,000 f 20.32 14.99 9.65 20.07 14.73 8.89 12,000 f 20.57 15.24 10.16 20.32 14.73 9.14 characteristics dm 20 mica capacitors dm20 case dimensions in inches lead spacing: 0.438 0.031 dm20 case dimensions in millimeters lead spacing: 11.11 0.8mm note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 15 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 100 f 17.78 11.43 3.05 200 - 620 f 17.78 11.43 3.30 750 - 1,200 f 17.78 11.43 3.56 1,200 - 1,600 f 17.78 11.68 3.81 1,800 f 18.03 11.68 3.81 2,000 - 2,200 f 18.03 11.68 4.06 2,400 - 2,700 f 18.03 11.68 5.08 3,300 - 3,300 f 18.29 11.94 5.59 3,600 f 18.29 11.94 5.84 3,900 f 18.29 12.19 6.10 4,300 f 18.29 12.19 6.35 18.29 11.94 5.33 4,700 f 18.54 12.19 6.60 18.29 11.94 5.59 5,100 f 18.54 12.45 6.86 18.29 11.94 5.84 5,600 f 18.54 12.45 7.11 18.29 12.19 6.10 6,200 f 18.80 12.45 7.62 18.29 12.19 6.35 18.29 11.94 5.59 6,800 f 18.80 12.70 8.13 18.54 12.19 6.60 18.29 11.94 5.84 7,500 f 19.05 12.70 8.64 18.54 12.45 6.86 18.29 12.19 6.10 8,200 f 19.05 12.95 9.14 18.54 12.45 7.11 18.29 12.19 6.35 9,100 f 19.30 13.21 9.65 18.80 12.45 7.37 18.54 12.19 6.60 10,000 f 19.30 13.46 10.16 18.80 12.45 7.62 18.54 12.45 6.86 11,000 f 18.80 12.70 8.13 18.54 12.45 7.11 12,000 f 19.05 12.70 8.64 18.80 12.45 7.37 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 1 - 100 f 0.700 0.450 0.120 200 - 620 f 0.700 0.450 0.130 750 - 1,200 f 0.700 0.450 0.140 1,200 - 1,600 f 0.700 0.460 0.150 1,800 f 0.710 0.460 0.150 2,000 - 2,200 f 0.710 0.460 0.160 2,400 - 2,700 f 0.710 0.460 0.200 3,300 - 3,300 f 0.720 0.470 0.220 3,600 f 0.720 0.470 0.230 3,900 f 0.720 0.480 0.240 4,300 f 0.720 0.480 0.250 0.720 0.470 0.210 4,700 f 0.730 0.480 0.260 0.720 0.470 0.220 5,100 f 0.730 0.490 0.270 0.720 0.470 0.230 5,600 f 0.730 0.490 0.280 0.720 0.480 0.240 6,200 f 0.740 0.490 0.300 0.720 0.480 0.250 0.720 0.470 0.220 6,800 f 0.740 0.500 0.320 0.730 0.480 0.260 0.720 0.470 0.230 7,500 f 0.750 0.500 0.340 0.730 0.490 0.270 0.720 0.480 0.240 8,200 f 0.750 0.510 0.360 0.730 0.490 0.280 0.720 0.480 0.250 9,100 f 0.760 0.520 0.380 0.740 0.490 0.290 0.730 0.480 0.260 10,000 f 0.760 0.530 0.400 0.740 0.490 0.300 0.730 0.490 0.270 11,000 f 0.740 0.500 0.320 0.730 0.490 0.280 12,000 f 0.750 0.500 0.340 0.740 0.490 0.290 characteristics scdm 20 mica capacitors scdm20 case dimensions in millimeters lead spacing: 11.11 0.8mm scdm20 case dimensions in inches lead spacing: 0.438 0.031 note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 16 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 capacitance voltage value in pf 500 v dc 300 v dc lmax. w max. t max lmax. w max. t max 5,100 f 19.81 21.84 7.11 5,600 - 6,200 f 19.81 22.10 7.37 6,800 f 19.81 22.10 7.62 7,500 f 20.07 22.35 7.87 19.81 21.84 6.86 8,200 f 20.07 22.35 8.13 19.81 21.84 7.11 9,100 f 20.07 22.35 8.38 19.81 22.10 7.11 10,000 f 20.32 22.61 8.64 19.81 22.10 7.37 11,000 f 20.32 22.61 8.89 19.81 22.10 7.62 12,000 f 20.32 22.61 9.14 20.07 22.35 7.87 13,000 f 20.57 22.61 9.40 20.07 22.35 7.87 15,000 f 20.57 22.86 9.91 20.07 22.35 8.38 16,000 f 20.83 22.86 10.41 20.32 22.61 8.64 18,000 f 20.83 23.11 10.92 20.32 22.61 9.14 20,000 f 21.08 23.37 11.43 20.57 22.61 9.40 characteristics capacitance voltage value in pf 500 v dc 300 v dc lmax. w max. t max lmax. w max. t max 5,100 f 0.780 0.860 0.280 5,600 - 6,200 f 0.780 0.870 0.290 6,800 f 0.780 0.870 0.300 7,500 f 0.790 0.880 0.310 0.780 0.860 0.270 8,200 f 0.790 0.880 0.320 0.780 0.860 0.280 9,100 f 0.790 0.880 0.330 0.780 0.870 0.280 10,000 f 0.800 0.890 0.340 0.780 0.870 0.290 11,000 f 0.800 0.890 0.350 0.780 0.870 0.300 12,000 f 0.800 0.890 0.360 0.790 0.880 0.310 13,000 f 0.810 0.890 0.370 0.790 0.880 0.310 15,000 f 0.810 0.900 0.390 0.790 0.880 0.330 16,000 f 0.820 0.900 0.410 0.800 0.890 0.340 18,000 f 0.820 0.910 0.430 0.800 0.890 0.360 20,000 f 0.830 0.920 0.450 0.810 0.890 0.370 characteristics dm 30 / cm07 mica capacitors capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 16,000 f 35.81 22.10 7.11 18,000 f 35.81 22.10 7.37 20,000 f 36.07 22.10 7.62 22,000 f 36.07 22.35 7.87 36.07 22.10 7.37 24,000 f 36.32 22.35 8.13 36.07 22.10 7.62 27,000 f 36.32 22.35 8.38 36.07 22.35 7.87 35.81 22.10 7.11 30,000 f 36.58 22.61 8.89 36.32 22.35 8.13 35.81 22.10 7.37 33,000 f 36.58 22.61 9.14 36.32 22.35 8.64 36.07 22.10 7.62 36,000 f 36.83 22.86 9.65 36.58 22.61 8.89 36.07 22.35 7.87 39,000 f 36.83 22.86 10.16 36.58 22.61 9.14 36.32 22.35 8.13 43,000 f 37.08 23.11 10.67 36.83 22.86 9.40 36.32 22.35 8.38 47,000 f 37.34 23.11 11.43 36.83 22.86 9.91 36.32 22.61 8.64 51,000 f 37.59 23.37 11.94 37.08 22.86 10.16 36.58 22.61 9.14 56,000 f 37.08 23.11 10.67 36.58 22.86 9.40 62,000 f 37.34 23.37 11.43 36.83 22.86 9.91 68,000 f 37.59 23.37 11.94 37.08 22.86 10.41 75,000 f 37.34 23.11 11.18 82,000 f 37.59 23.37 11.68 characteristics capacitance voltage value in pf 500 v dc 300 v dc 100 v dc lmax. w max. t max lmax. w max. t max lmax. w max. t max 16,000 f 1.410 0.870 0.280 18,000 f 1.410 0.870 0.290 20,000 f 1.420 0.870 0.300 22,000 f 1.420 0.880 0.310 1.420 0.870 0.290 24,000 f 1.430 0.880 0.320 1.420 0.870 0.300 27,000 f 1.430 0.880 0.330 1.420 0.880 0.310 1.410 0.870 0.280 30,000 f 1.440 0.890 0.350 1.430 0.880 0.320 1.410 0.870 0.290 33,000 f 1.440 0.890 0.360 1.430 0.880 0.340 1.420 0.870 0.300 36,000 f 1.450 0.900 0.380 1.440 0.890 0.350 1.420 0.880 0.310 39,000 f 1.450 0.900 0.400 1.440 0.890 0.360 1.430 0.880 0.320 43,000 f 1.460 0.910 0.420 1.450 0.900 0.370 1.430 0.880 0.330 47,000 f 1.470 0.910 0.450 1.450 0.900 0.390 1.430 0.890 0.340 51,000 f 1.480 0.920 0.470 1.460 0.900 0.400 1.440 0.890 0.360 56,000 f 1.460 0.910 0.420 1.440 0.900 0.370 62,000 f 1.470 0.920 0.450 1.450 0.900 0.390 68,000 f 1.480 0.920 0.470 1.460 0.900 0.410 75,000 f 1.470 0.910 0.440 82,000 f 1.480 0.920 0.460 characteristics dm42 case dimensions in millimeters lead spacing: 26.99 0.8mm dm42 case dimensions in inches lead spacing: 1.063 0.031 dm30 cm07 case dimensions in millimeters lead spacing: 11.11 0.8mm dm30 cm07 case dimensions in inches lead spacing: 0.438 0.031 dm 42 mica capacitors note: bold outlined sections indicate sharma standard items. note: bold outlined sections indicate sharma standard items. dimensions: ll = 31.75 mm (1.25) min. sharma mica capacitors page 17 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 tape/reel & packaging specifications item symbol specifications (mm) specifications (inches) value tol. value tol. body width l l max. l max. body height w w max. w max. body thickness t t max. t max. lead-wire diameter d 0.5 0.05 0.020 0.002 pitch of components p 12.7 1.0 0.500 0.039 sprocket hole pitch p o 12.7 0.3 0.500 0.12 lead location p 1 3.85 0.7 0.152 0.028 hole center to component center p 2 6.35 1.3 0.250 0.051 component lead spacing f 5 +0.6 to -0.2 0.197 +0.024 to -0.008 deflection h 0 2.0 0.000 0.079 carrier tape width w t 18 1.0 to -.05 0.709 0.039 to -0.002 hold down tape width w o 12.5 min. 0.492 min. sprocket hole location w 1 9 0.5 0.354 0.020 adhesive tape border w 2 3 max. 0.118 max. length of scating plans h 1 16 0.5 0.630 0.020 lead-wire protrusion l p 2 max. 0.079 max. sprocket hole diameter d o 4 0.2 0.157 0.008 overall tape thickness t 0.7 0.2 0.028 0.008 cut out length h 2 11 max. 0.433 max. all dipped mica capacitors are shipped in bulk packing. tape and reel format available for dm12 and dm15 capacitors upon request and meet eia standards. dipped mica capacitors are also available with various lead forming and trimming options. please provide specific requirements taping dimensions taping specifications reel and ammo specifications series quantity per reel (min.) dm12 1k pcs. dm15 1k pcs. series quantity per reel (min.) dm12 1k pcs. dm15 1k pcs. product std. quantity dm series single coat per bag dm05 scdm05 500 pcs. dm10 scdm10 500 pcs. dm12 scdm12 500 pcs. dm15 scdm15 500 pcs. dm19 scdm19 250 pcs. dm20 scdm20 250 pcs. dm30 100 pcs. dm42 50 pcs. bulk pack quantity reel pack quantity ammo pack quantity sharma mica capacitors page 18 tel: (949)642-7324 seci engineers & buyers' guide fax: (949)642-7327 |
Price & Availability of DM15FD |