Part Number Hot Search : 
CA3240E 21256SNF SS15L SG16036A MTN2130 BC317 SI3227 13001
Product Description
Full Text Search
 

To Download DC-SP-01-JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  more and more, electronic devices used in all types of commercial applications are being network-enabled so that data from those devices can be accessed, evaluated and utilized in real time. the digi connect sp device server is a simple and cost-effective solution for migrating electronic devices to this emerging world of networked device collaboration. built on digi's 32-bit net+arm technology, the digi connect sp provides a powerful off-the-shelf hardware platform for standard plug and play device networking as well as a configurability for custom network applications. the award-winning net+arm architecture provides a seamless migration path to embedded modules and a fully-integrated system-on-a-chip solution. the digi connect sp also provides as an easy user interface, product customization options, intelligent remote management and monitoring capabilities through the digi connectware ? manager device management software, full ipv6 support and standard management interfaces including snmp. please contact us at 1-877-oem-digi or 952-912-3444 for additional information or to discuss your application requirements. product datasheet overview the digi connect sp serial server delivers a powerful, compact and cost-effective off-the-shelf hardware platform for standard plug and play applications or embedded networking solutions. features/benefits www.digi.com ? off-the-shelf hardware platform for standard or custom network applications ? compact enclosure design with integrated mounting tabs ? rs-232 only or switch- selectable rs-232/422/485 serial interface ? flexible 9-30vdc power input ? product customization options - web ui - logos and color schemes - factory defaults ? ssl/tls with nist-certified aes encryption for security sensitive environments ? digi's patented realport with encryption for com/tty port redirection and control ? ipv6 capable ? snmp support ? support for sshv2 connections ? digi connectware ? manager- ready information management system serial ethernet digi connect ? sp deli scale 0 . 00 d igi c o n nec t s p digi connect sp ? family standard and customizable serial servers
? digi connect sp w/jtag ? macgraigor raven jtag debugger ? net+os software components - microcross? gnu x-tools with command line and visual gdb debugger - threadx ? real-time operating system with picokernel? architecture - fusion? tcp/ip stack with full networking protocol and extended networking services support - tcp, udp, icmp, igmp, dns, snmpv2, ldap, pop, smtp, ppp, ftp, sntp, telnet, fastip, fast sockets, multi-homing - universal ip address assignment through address configuration executive (ace) - static ip, dhcp, bootp, auto-ip, rarp, arp/ping development kit contents the digi connect sp device server is the ideal platform for custom web- and network-enabled applications. it eliminates the hardware design effort and delivers a true device networking solution that is powerful enough to meet your future performance requirements. the digi connect sp development kit is an easy-to-use and royalty-free development platform that significantly reduces traditional design risk and accelerates the overall software development process. based on digi?s net+os ? development platform, it delivers the integrated building blocks and tools to quickly and cost effectively create flexible and secure embedded applications for integrated, high-performance web and networking solutions. - allegro software embedded web server with https support - ssl 3.0/tls 1.0 with strong encryption des (56-bit) 3des (168-bit) aes (128/256-bit) - flexible and robust file system supporting ram and flash (with wear leveling) ? smicng mib compiler ? micro xml sax parser ? additional utilities - html-to-c compiler - flash download ? sample code ? documentation - digi connect sp hardware reference - net+os ? programmer?s guide - net+os api reference model north america international digi connect sp development kit (gnu) - includes dc-sp-01-gn dc-sp-01-gn unit w/jtag interface, hardware debugger, net+os platform cd, documentation, cables and power supplies units for custom applications digi connect sp bulk (rs-232 only) dc-sp-01r-c dc-sp-01r-c-w digi connect sp bulk (rs-232/422/485) dc-sp-01-c dc-sp-01-c-w digi connect sp bulk (25-unit pack w/ 25 power supplies) dc-sp-01-c-25 dc-sp-01-c-w-25 accessories replacement power supply 76000737 76000738 single-unit and bulk packs include unit with power supply. please order development kits for product development purposes. units for custom applications are designed for deployment of embedded software solutions developed using the net+os development kit. model......................part numbers - net+os advanced web server toolkit - ns7520 hardware reference ? cables - straight-thru and crossover serial cables - straight-thru and crossover network cables ? loop-back adapter ? power supplies ? significantly improves time-to-market by eliminating hardware design process ? easy-to-use and royalty-free, out-of-the- box development kit solution ? quick and cost-effective embedded application software development ? seamless migration path to a fully integrated system-on-chip solution customizable firmware models development tools run-time environment services tcp/ip stack tcp, udp, icmp, ppp, igmp web server: htp 1.1 email services: pop3, smtp file transfer: ftp client and server installation and configuration: ace enterprise connectivity: snmp, active directory, telnet, integrated file system, ssl, sntp threadx rtos board support package microcross gnu x-tools? utilities html-to-c compiler flash download raven jtag debugger digi connect sp
? automated security alerts via email and snmp traps ? ipv6 support for compatibility with next-generation networks ? easy-to-use digi plug-and-play firmware offers complete serial-to-network connectivty and unique product customization flexibility ? strong ssl/tls encryption with nist-certified aes encryption for security sensitive environments ? digi?s patented realport ? technology for com/tty port redirection and control software features standard firmware models the digi connect sp delivers a true plug-and-play device networking solution that combines a compact form factor with proven serial port connectivity. unlike the similarly-sized digi one ? sp, the digi connect sp provides a more extended operating temperature range, ipv6 support, the ability to issue automated email alerts and snmp traps, and unique product customization capabilities. these and other features make the digi connect sp an attractive solution for a broad range of applications in retail/pos, manufacturing, building security, government and medical. ? robust on-board tcp/ip stack with built-in web server ? universal ip address assignment - static ip, dhcp, auto-ip ? dynamic dns support (dhcp option 12) ? secure web user interface (http/https) with context-sensitive online help ? pre-defined and custom device profiles ? customizable web interface with optional java applet support - file system w/512 kb user space ? telnet command line interface ? modem emulation and port logging ? serial configuration interface - command line, xml remote command interface (rci) model north america international digi connect sp (rs-232 only) dc-sp-01r-s dc-sp-01r-s-w digi connect sp (rs-232/422/485) dc-sp-01-s dc-sp-01-s-w digi connect sp bulk (25-unit pack w/ 25 power supplies) dc-sp-01-s-25 dc-sp-01-s-w-25 accessories replacement power supply 76000737 76000738 single-unit and bulk packs include unit with power supply. model......................part numbers ? user-defined network service/port configuration - http/https, telnet, rlogin, advanced digi discovery protocol (addp), snmp, realport, ssl/tls, tcp/udp ? tcp/udp forwarding characteristics - bytes, idle time, data pattern ? user-configurable tcp/udp socket id ? data pattern event notification via email/snmp traps ? intelligent snmp device management ? strong ssl/tls based encryption - des (56-bit), 3des (168-bit), aes (128/256-bit)
features/specifications 91001379 b1/208 ? 2004-2008 digi international inc. digi, digi international, the digi logo, the when reliability matters logo, digi connect, digi connect sp, net+, and net+os are trademarks or registered trademarks of digi international inc. in the united states and other countries worldwide. arm and net+arm are tra demarks or registered trademarks of arm limited. all other trademarks are the property of their respective owners. digi internationa l 11001 bren road e. minnetonka, mn 55343 u.s.a. ph: 877-912-3444 952-912-3444 fx: 952-912- 4952 email: info@digi.com digi internationa l france 31 rue des poissonniers 92200 neuilly sur seine ph: +33-1-55-61-98-98 fx: +33-1-55-61-98-99 www.digi.fr digi internationa l kk nes building south 8f 22-14 sakuragaoka-cho, shibuya-ku tokyo 150-0031, japan ph: +81-3-5428-0261 fx: +81-3-5428-0262 www.digi-intl.co.jp digi internationa l (hk) limited suite 1703-05, 17/f., k wah centre 191 java road north point, hong kong ph: +852-2833-1008 fx: +852-2572-9989 www.digi.cn digi service and support - you can purchase with confidence knowing that digi is here to support you with expert technical support and a strong five- year warranty. www.digi.com/support digi international , the leader in device networking for business, develops reliable products and technologies to connect and securely manage local or remote electronic devices over the network or via the web. with over 20 million ports shipped worldwide since 1985, digi offers the highest levels of performance, flexibility and quality. www.digi.com w hen m atters ? ? network link ? ethernet activity ? power (red) leds ? fcc part 15, class a ? en 55022 ? en5j024 ? vcci ? as 3548 ? ul60950 ? csa 22.2 no. 60950 ? en 60950 regulatory approvals length: 3.876 in (9.846 cm) width: 1.680 in (4.267 cm) depth: 0.999 in (2.537 cm) weight: 2.29 oz (6.50 g) dimensions ? storage temperature: -40o c to 90o c (-40o f to 194o f) ? operating temperature: 0o c to 60o c (32o f to 140o f) ? relative humidity: 5% to 90% (non-condensing) ? altitude: 12,000 feet (3658 meters) environmental ? 9-30vdc @ 370 ma ? power supply included - north america: 120vac - international: 90-264vac power requirements digi connect sp - front db-9m digi connect sp - back ethernet power ? 32-bit net+arm high-performance risc processor (ns7520 55 mhz) ? 4 mb flash and 16 mb ram ? rs-232 or switch-selectable rs-232/422/485 serial interface (db-9m connector) - throughput up to 230,400 bps - 7/8 data bits - 1/1.5/2 stop bits - none/even/odd parity - full signal support with software/hardware flow control ? auto-sensing 10/100 mbit ethernet interface and network link ? flexible 9-30vdc power supply hardware


▲Up To Search▲   

 
Price & Availability of DC-SP-01-JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X