Part Number Hot Search : 
74HC20N PM7351 AS431A F120M 1N6016A KAM0703 F607K50 ST5KB40
Product Description
Full Text Search
 

To Download CR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a b c d e w t ?178 2.0 ?50 min. 13.0 0.5 21.0 0.8 2.0 0.8 8.8/12.8 1.5 2.0 0.5 ?330 2.0 ?100 min. 13.0 0.5 21.0 0.8 2.0 0.8 8.8/12.8 1.5 2.0 0.6 reel dimensions; a b c d e w t ?7 0.08 ?2.0 min. 5.0 0.02 0.83 0.03 0.08 0.3 0.35/0.50 0.06 0.08 0.02 ?13 0.08 ?4.0 min. 5.0 0.3 0.83 0.03 0.08 0.3 0.35/0.50 0.06 0.08 0.02 reel dimensions in millimeters reel dimensions in inches cr thick film chip resistor series introduction the most popular type of chip resistor developed for surface mount technology. ideal for general purpose applications. unique construction and special termination techniques ensure high quality and reliability. extremely compact size for miniaturization. features ? excellent long term stability ? available in bulk and tape & reel packing. ? available in tolerances of 5% & 1% ? uniform body size ensures compatibility with high speed automatic handling machines ? compatible with flow and re-flow soldering methods specifications resistance range: 1 ohm to 10 m ohms for e24 values(5%) 1 ohm to 1 m ohms for e96 values(1%) rated power: 1/16 to 1w at 70c (please see power derating curve) rated voltage: rated power x nominal resistance. overload voltage: please refer to power ratings table. temperature coefficient: 100 ppm or 200 ppm per c. temperature range: -55c to +125c with derating above 70c tolerance: 5% or 1% (special tolerance upon request.). load life: the component will be subjected to 1000 hours of testing at rated voltage and 70 c, with duty cycles of 1.5 hours ''on'' and 0.5 hours ''off''. after the test the resistance change will remain within 3% of the initial value + 0.1 ohm for values above 1 m ohm and 5% for values less than 1 m ohm. resistance to soldering heat: the component can be subjected to a soldering temperature of 270 c for 10 seconds. after the test the resistance change will remain within 3% + 0.1 ohms. tape, reel and packing specifications power ratings table (values above 10 m ohms are available upon request) case dimensions table dimensions in mm case code l w t max e 0402 1.0 + 0.05 0.5 + 0.05 0.35 + 0.05 0.25 + 0.15 0603 1.6 + 0.1 0.8 + 0.15 0.45 + 0.10 0.30 + 0.1 0805 2.0 + 0.1 1.25 + 0.10 0.55 + 0.10 0.40 + 0.2 1206 3.2 + 0.15 1.6 + 0.15 0.55 + 0.10 0.50 + 0.25 2010 5.0 + 0.15 2.5 + 0.15 0.55 + 0.15 0.60 + 0.2 2512 6.4 + 0.15 3.2 + 0.15 0.55 + 0.15 0.60 + 0.2 size rate power rate current maximum maximum temperature combination of resistance operating at 70c of jumper working overload coefficient range of tolerance temperature a voltage voltage of resistance f (+1%) j (+ 5%) range c vw vo ppm/c (e96) (e24) 0402 1/16 50 100 + 100 10 ohms-562 k ohms + 200 1 ohm-9.76 ohms 10 ohms - 1 m ohms 0603 1/10 1 50 100 + 100 10 ohms-1 m ohms + 200 1 ohm - 9.76 ohms 1 ohm- 10 m ohms 0805 1/8 150 300 + 100 10 ohms - 1 m ohms + 200 1 ohm - 9.76 ohms 1 ohm - 10 m ohms 1206 1/4 + 100 10 ohms-1 m ohms -55 - + 125 2 + 200 1 ohm - 9.76 ohms 1 ohm - 10 m ohms 2010 3/4 + 100 10 ohms - 1 m ohms 200 400 + 200 1 ohm - 9.76 ohms 1 ohm - 10 m ohms 2512 1 + 100 10 ohms - 1 m ohms + 200 1 ohm - 9.76 ohms 1 ohm - 10 m ohms power derating curve sharma resistors rohs compliant
2.0 4.0 p b a f 1.5 - 0.0 + 0.10 0.1 0.1 e f w tmax carrier tape dimensions; part numbering cr series: 02 = 0402 03 = 0603 05 = 0805 06 = 1206 20 = 2010 25 = 2512 3 or 4 digit eia code. temp. coefficient: 0 = + 100 ppm/c 3 = + 200 ppm/c a b w f e p tmax size 0.2 mm or 0.2 mm or 0.3 mm or 0.1 mm or 0.1 mm or 0.1 mm or code 0.008'' 0.008'' 0.012'' 0.004'' 0.004'' 0.004'' 0402 0.65 (0.026") 1.15 (0.045") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 2mm (0.079") 0.43mm (0.018") 0603 1.1 (0.043") 1.9mm (0.075") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 4mm (0.157") 0.60mm (0.024") 0805 1.65 (0.065") 2.4mm (0.094") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 4mm (0.157") 0.75mm (0.030") 1206 1.9 (0.075") 3.5mm (0.138") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 4mm (0.157") 0.75mm (0.030") 2010 2.8 (0.011") 5.6mm (0.22") 12.0mm (0.472") 5.5mm (0.217") 1.75mm (0.069") 4mm (0.157") 0.20mm (0.080") 2512 3.6 (0.142") 6.7mm (0.264") 12.0mm (0.472") 5.5mm (0.217") 1.75mm (0.069") 8mm (0.315") 0.20mm (0.080") packing methods; packing paper taping reel (r) embossed taping reel (k) bulk cassette (k) style 7" (178mm) 10" (254mm) 13" (330mm) 7" (178mm) cr02 (0402) 10,000 10,000 10,000 - 50,000 cr03 (0603) 5,000 5,000 5,000 - 25,000 cr05 (0805) 5,000 5,000 5,000 - 10,000 cr06 (1206) 5,000 5,000 5,000 - 5,000 cr20 (2010) - - - 4,000 - cr25 (2512) - - - 4,000 - tolerance: f = + 1% g = + 2% j = + 5% circuits: 0 = na packaging: 1 = 5k paper taping 2 = 10k paper taping 3 = 20k paper taping 4 = 4k plastic taping 5 = loose packing a = 5k cassette b = 10k cassette c = 25k cassette d = 50k cassette eia code-e24 values eia code-e96 values 10 33 10.0 14.7 21.5 31.6 46.4 68.1 11 36 10.2 15.0 22.1 32.4 47.5 69.8 12 39 10.5 15.4 22.6 33.2 48.7 71.5 13 43 10.7 15.8 23.2 34.0 49.9 73.2 15 47 11.0 16.2 23.7 34.8 51.1 75.0 16 51 11.3 16.5 24.3 35.7 52.3 76.8 18 56 11.5 16.9 24.9 36.5 53.6 78.7 20 62 11.8 17.4 25.5 37.4 54.9 80.6 22 68 12.1 17.8 26.1 38.3 56.2 82.5 24 75 12.4 18.2 26.7 39.2 57.6 84.5 27 82 12.7 18.7 27.4 40.2 59.0 86.6 30 91 13.0 19.1 28.0 41.2 60.4 88.7 add 3 digit multipler 13.3 19.6 28.7 42.2 61.9 90.9 examples: 13.7 20.0 29.4 43.2 63.4 93.1 101= 100 ohms 14.0 20.5 30.1 44.2 64.9 95.3 472= 4.7k ohms 14.3 21.0 30.9 45.3 66.5 97.6 684= 680k ohms add 4 digit multipler 1r0= 1 ohm examples: 15r= 15 ohms 1130= 113 ohms 1871= 1.87k ohms note: 6193= 619k ohms r= decimal point in 19r1= 19.1 ohms the eia code 1r21= 1.21 ohms sharma resistors rohs compliant


▲Up To Search▲   

 
Price & Availability of CR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X