Part Number Hot Search : 
AD585 MP1208KN FSA1157 ST21NFC ATCHIPS BUX84S BUX84S TH212S
Product Description
Full Text Search
 

To Download CD9011D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  continental device india limited an is/iso 9002 and iecq certified manufacturer npn silicon planar transistor cd9011 to-92 cbe absolute maximum ratings description symbol value unit collector -emitter voltage vceo 30 v collector -base voltage vcbo 50 v emitter base voltage vebo 5.0 v collector current ic 100 ma power dissipation pd 400 mw operating and storage junction tj, tstg -55 to +125 deg c temperature range electrical characteristics (ta=25 deg c unless otherwise specified) description symbol test condition min typ max unit collector -emitter voltage vceo ic=10ma, ib=0 30 - - v collector -base voltage vcbo ic=100ua, ie=0 50 - - v emitter base voltage vebo ie=10ua, ic=0 5.0 - - v collector cut off current icbo vcb=18v, ie=0 - - 50 na emitter cut off current iebo veb=3v, ic=0 - - 100 na dc current gain hfe ic=1ma,vce=5v 29 - 273 collector emitter saturation voltage vce(sat) ic=10ma,ib=1ma - - 0.30 v dynamic characteristics output capacitance cob vcb=10v,f=1mhz - - 3.5 pf transition frequency ft vce=10v, ic=10ma, 250 - - mhz f=100mhz noise figure nf vce=5v, ic=100ua - - 4.0 db f=1khz hfe classification d 29-44, e 40-59, f 54-80, g 72-108, h 97-146, i 132-198, j 182-273 is/iso 9002 lic# qsc/l- 000019.2 is / iecqc 700000 is / iecqc 750100 continental device india limited data sheet page 1 of 3
to-92 transistors on tape and ammo pack to-92 plastic package to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5.0k 2.0k 17" x 15" x 13.5" 17" x 15" x 13.5" 80.0k 32.0k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size p ac ki ng d eta il cumulative pitch error 1.0 mm/20 pitch to be measured at bottom of clinch at to p of bo dy t1 0.3 - 0.6 body width body height body thickness pitch of component feed hole pitch feed hole centre to component centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickness lead - to - lead distancef1, clinch height pull - out force item a1 a t p po p2 f h w wo w1 w2 ho h1 l do t f2 h2 (p) symbol specification 4.0 4.8 3.9 6n min. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 nom. 4.8 5.2 4.2 1 23.25 11.0 1.2 3 max. 1 0.3 0.4 +0.6 -0.2 0.5 0.2 +0.7 -0.5 0.2 0.5 0.2 +0.4 -0.1 tol . remarks notes 1. maximum alignment deviation between leads not to be greater than 0.2 mm. 2. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pit ch es . 3. holddow n tape not to exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. no more than 3 consecutive missing components are permitted. 5. a tape trailer, having at least three feed holes are required after the last component. 6. splices shall not interfere w ith the sprocket feed holes. all dimensions in mm unless specified otherwise ammo pack s t y le adhesive ta p e on to p side flat side mechanical data t t1 t f1 f2 f p2 po do (p) w2 wo w1 w h1 a a1 p h0 l flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 8.2" 1 3 " f e e d 1 . 7 7 " h h b 3 2 1 a k e d a a sec aa g d f f h c 3 2 1 3 2 1 all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f5 deg g 1.14 1.40 h 1.14 1.53 k 12.70 ? pin configuration 1. collector 2. base 3. emitter continental device india limited data sheet page 2 of 3
disclaimer notes the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume res ponsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these pr oducts are not designed for use in life saving/support appliances or systems. cdil customers selling these pr oducts (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-579 6150 fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD9011D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X