Part Number Hot Search : 
UPC8103 132PW 00112 222J100 1205D 128160 TTINY B5117
Product Description
Full Text Search
 

To Download ATS-53290R-C2-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product details dimension a dimension b dimension c dimension d interface material finish notes: d imension c = heat sink height from bottom of the base to the top of the fn feld. ats-53290r-c1-r0 is a subsitute item available utilizing an equivalent phase change material (chomerics t766). thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. optional maxigrip? installation/removal tool set p/n: mgt290 contact ats to learn about custom options available. 1) 2) 3) 4) 5) 6) t hermal performance for more information, to fnd a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (north america); +31 (0) 3569 84715 (europe). ats part # ATS-53290R-C2-R0 features & benefts high performance bga cooling solutions w/ maxigrip? attachment rev1_0908 air velocity thermal r esistance ft/min m/s c/w (unducted flow) c/w (ducted flow) 200 1.0 300 1.5 400 2.0 500 2.5 600 3.0 700 3.5 800 4.0 5 3.9 3.4 3.1 2.8 2.6 2.5 3.2 29 mm 29 mm 19.5 mm 29 mm black-anodized saint -gobain c1100f high aspect ratio, straight fin heat sinks that are ideal for compact pcb environments maxigrip? attachment applies steady, even pressure to the component and does not require holes in the pcb designed specifically for bgas and other surface mount packages meets telcordia gr-63-core office vibration; etsi 300 019 transportation vibration; and mil-std-810 shock testing and unpackaged drop testing standards comes preassembled with high performance, phase changing, thermal interface material ? ? ? ? ? c b a d *image above is for illustration purposes only.


▲Up To Search▲   

 
Price & Availability of ATS-53290R-C2-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X