Part Number Hot Search : 
2113A EPF8115G 7818CT D2002AL BC858C 2000D HCF40 A1870
Product Description
Full Text Search
 

To Download AT28C256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? fast read access time ? 150 ns  automatic page write operation ? internal address and data latches for 64 bytes ? internal control timer  fast write cycle times ? page write cycle time: 3 ms or 10 ms maximum ? 1 to 64-byte page write operation  low power dissipation ? 50 ma active current ? 200 a cmos standby current  hardware and software data protection  data polling for end of write detection  high reliability cmos technology ? endurance: 10 4 or 10 5 cycles ? data retention: 10 years  single 5v 10% supply  cmos and ttl compatible inputs and outputs  jedec approved byte-wide pinout  full military, commercial, and industrial temperature ranges description the AT28C256 is a high-performance electrically erasable and programmable read only memory. its 256k of memory is organized as 32,768 words by 8 bits. manufac- tured with atmel ? s advanced nonvolatile cmos technology, the device offers access times to 150 ns with power dissipation of just 440 mw. when the device is deselected, the cmos standby current is less than 200 ?. 256k (32k x 8) paged parallel eeprom AT28C256 rev. 0006h ? 12/99 pin configurations pin name function a0 - a14 addresses ce chip enable oe output enable we write enable i/o0 - i/o7 data inputs/outputs nc no connect dc don ? t connect cerdip, pdip, flatpack, soic ? to p v i ew 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 i/o1 i/o2 gnd vcc we a13 a8 a9 a11 oe a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 tsop to p v i ew 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 oe a11 a9 a8 a13 we vcc a14 a12 a7 a6 a5 a4 a3 a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 gnd i/o2 i/o1 i/o0 a0 a1 a2 lcc, plcc to p v i ew note: plcc package pins 1 and 17 are don ? t connect. 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 a6 a5 a4 a3 a2 a1 a0 nc i/o0 a8 a9 a11 nc oe a10 ce i/o7 i/o6 4 3 2 1 32 31 30 14 15 16 17 18 19 20 i/o1 i/o2 gnd dc i/o3 i/o4 i/o5 a7 a12 a14 dc vcc we a13 (continued) pga to p v i e w
AT28C256 2 the AT28C256 is accessed like a static ram for the read or write cycle without the need for external components. the device contains a 64-byte page register to allow writing of up to 64 bytes simultaneously. during a write cycle, the addresses and 1 to 64 bytes of data are internally latched, freeing the address and data bus for other operations. following the initiation of a write cycle, the device will auto- matically write the latched data using an internal control timer. the end of a write cycle can be detected by data polling of i/o 7 . once the end of a write cycle has been detected a new access for a read or write can begin. atmel?s 28c256 has additional features to ensure high quality and manufacturability. the device utilizes internal error correction for extended endurance and improved data retention characteristics. an optional software data protec- tion mechanism is available to guard against inadvertent writes. the device also includes an extra 64 bytes of eeprom for device identification or tracking. block diagram absolute maximum ratings* temperature under bias ................................ -55 c to +125 c *notice: stresses beyond those listed under ? absolute maximum ratings ? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability storage temperature ..................................... -65 c to +150 c all input voltages (including nc pins) with respect to ground ...................................-0.6v to +6.25v all output voltages with respect to ground .............................-0.6v to v cc + 0.6v voltage on oe and a9 with respect to ground ...................................-0.6v to +13.5v
AT28C256 3 device operation read: the AT28C256 is accessed like a static ram. when ce and oe are low and we is high, the data stored at the memory location determined by the address pins is asserted on the outputs. the outputs are put in the high impedance state when either ce or oe is high. this dual- line control gives designers flexibility in preventing bus con- tention in their system. byte write: a low pulse on the we or ce input with ce or we low (respectively) and oe high initiates a write cycle. the address is latched on the falling edge of ce or we , whichever occurs last. the data is latched by the first rising edge of ce or we . once a byte write has been started it will automatically time itself to completion. once a pro- gramming operation has been initiated and for the duration of t wc , a read operation will effectively be a polling operation. page write: the page write operation of the AT28C256 allows 1 to 64 bytes of data to be written into the device during a single internal programming period. a page write operation is initiated in the same manner as a byte write; the first byte written can then be followed by 1 to 63 addi- tional bytes. each successive byte must be written within 150 s (t blc ) of the previous byte. if the t blc limit is exceeded the AT28C256 will cease accepting data and commence the internal programming operation. all bytes during a page write operation must reside on the same page as defined by the state of the a6 - a14 inputs. for each we high to low transition during the page write opera- tion, a6 - a14 must be the same. the a0 to a5 inputs are used to specify which bytes within the page are to be written. the bytes may be loaded in any order and may be altered within the same load period. only bytes which are specified for writing will be written; unnec- essary cycling of other bytes within the page does not occur. data polling: the AT28C256 features data polling to indicate the end of a write cycle. during a byte or page write cycle an attempted read of the last byte written will result in the complement of the written data to be presented on i/o 7 . once the write cycle has been completed, true data is valid on all outputs, and the next write cycle may begin. data polling may begin at anytime during the write cycle. toggle bit: in addition to data polling the AT28C256 provides another method for determining the end of a write cycle. during the write operation, successive attempts to read data from the device will result in i/o 6 toggling between one and zero. once the write has completed, i/o 6 will stop toggling and valid data will be read. reading the toggle bit may begin at any time during the write cycle. data protection: if precautions are not taken, inad- vertent writes may occur during transitions of the host system power supply. atmel has incorporated both hard- ware and software features that will protect the memory against inadvertent writes. hardware protection: hardware features protect against inadvertent writes to the AT28C256 in the following ways: (a) v cc sense ? if v cc is below 3.8v (typical) the write function is inhibited; (b) v cc power-on delay ? once v cc has reached 3.8v the device will automatically time out 5 ms (typical) before allowing a write; (c) write inhibit ? holding any one of oe low, ce high or we high inhibits write cycles; and (d) noise filter ? pulses of less than 15 ns (typical) on the we or ce inputs will not initiate a write cycle. software data protection: a software controlled data protection feature has been implemented on the AT28C256. when enabled, the software data protection (sdp), will prevent inadvertent writes. the sdp feature may be enabled or disabled by the user; the AT28C256 is shipped from atmel with sdp disabled. sdp is enabled by the host system issuing a series of three write commands; three specific bytes of data are written to three specific addresses (refer to ? software data protec- tion ? algorithm). after writing the 3-byte command sequence and after t wc the entire AT28C256 will be pro- tected against inadvertent write operations. it should be noted, that once protected the host may still perform a byte or page write to the AT28C256. this is done by preceding the data to be written by the same 3-byte command sequence used to enable sdp. once set, sdp will remain active unless the disable com- mand sequence is issued. power transitions do not disable sdp and sdp will protect the AT28C256 during power-up and power-down conditions. all command sequences must conform to the page write timing specifications. the data in the enable and disable command sequences is not written to the device and the memory addresses used in the sequence may be written with data in either a byte or page write operation. after setting sdp, any attempt to write to the device without the 3-byte command sequence will start the internal write timers. no data will be written to the device; however, for the duration of t wc , read operations will effectively be poll- ing operations. device identification: an extra 64 bytes of eeprom memory are available to the user for device identification. by raising a9 to 12v 0.5v and using address locations 7fc0h to 7fffh the additional bytes may be written to or read from in the same manner as the regular memory array. optional chip erase mode: the entire device can be erased using a 6-byte software code. please see ? soft- ware chip erase ? application note for details.
AT28C256 4 notes: 1. x can be v il or v ih . 2. refer to ac programming waveforms. 3. v h = 12.0v 0.5v. dc and ac operating range AT28C256-15 AT28C256-20 AT28C256-25 AT28C256-35 operating temperature (case) com. 0 c - 70 c0 c - 70 c0 c - 70 c ind. -40 c - 85 c-40 c - 85 c-40 c - 85 c mil. -55 c - 125 c-55 c - 125 c-55 c - 125 c-55 c - 125 c v cc power supply 5v 10% 5v 10% 5v 10% 5v 10% operating modes mode ce oe we i/o read v il v il v ih d out write (2) v il v ih v il d in standby/write inhibit v ih x (1) x high z write inhibit x x v ih write inhibit x v il x output disable x v ih x high z chip erase v il v h (3) v il high z dc characteristics symbol parameter condition min max units i li input load current v in = 0v to v cc + 1v 10 a i lo output leakage current v i/o = 0v to v cc 10 a i sb1 v cc standby current cmos ce = v cc - 0.3v to v cc + 1v com., ind. 200 a mil. 300 a i sb2 v cc standby current ttl ce = 2.0v to v cc + 1v 3 ma i cc v cc active current f = 5 mhz; i out = 0 ma 50 ma v il input low voltage 0.8 v v ih input high voltage 2.0 v v ol output low voltage i ol = 2.1 ma 0.45 v v oh output high voltage i oh = -400 a 2.4 v
AT28C256 5 ac read waveforms (1)(2)(3)(4) notes: 1. ce may be delayed up to t acc - t ce after the address transition without impact on t acc . 2. oe may be delayed up to t ce - t oe after the falling edge of ce without impact on t ce or by t acc - t oe after an address change without impact on t acc . 3. t df is specified from oe or ce whichever occurs first (c l = 5 pf). 4. this parameter is characterized and is not 100% tested. input test waveforms and measurement level output test load note: 1. this parameter is characterized and is not 100% tested. ac read characteristics symbol parameter AT28C256-15 AT28C256-20 AT28C256-25 AT28C256-35 units min max min max min max min max t acc address to output delay 150 200 250 350 ns t ce (1) ce to output delay 150 200 250 350 ns t oe (2) oe to output delay 0 70 0 80 0 100 0 100 ns t df (3)(4) ce or oe to output float 050055060070 ns t oh output hold from oe , ce or address, whichever occurred first 0000 ns t r , t f < 5 ns pin capacitance f = 1 mhz, t = 25 c (1) symbol typ max units conditions c in 46pfv in = 0v c out 812pfv out = 0v
AT28C256 6 note: 1. nr = no restriction ac write waveforms we controlled ce controlled ac write characteristics symbol parameter min max units t as , t oes address, oe setup time 0 ns t ah address hold time 50 ns t cs chip select setup time 0 ns t ch chip select hold time 0 ns t wp write pulse width (we or ce ) 100 ns t ds data setup time 50 ns t dh , t oeh data, oe hold time 0 ns t dv time to data valid nr (1)
AT28C256 7 page mode write waveforms (1)(2) notes: 1. a6 through a14 must specify the same page address during each high to low transition of we (or ce ). 2. oe must be high only when we and ce are both low. chip erase waveforms page mode characteristics symbol parameter min max units t wc write cycle time (option available) AT28C256 10 ms AT28C256f 3 ms t as address setup time 0 ns t ah address hold time 50 ns t ds data setup time 50 ns t dh data hold time 0 ns t wp write pulse width 100 ns t blc byte load cycle time 150 s t wph write pulse width high 50 ns t s = t h = 5 sec (min.) t w = 10 msec (min.) v h = 12.0v 0.5v
AT28C256 8 software data protection enable algorithm (1) notes for software program code: 1. data format: i/o7 - i/o0 (hex); address format: a14 - a0 (hex). 2. write protect state will be activated at end of write even if no other data is loaded. 3. write protect state will be deactivated at end of write period even if no other data is loaded. 4. 1 to 64 bytes of data are loaded. software data protection disable algorithm (1) software protected write cycle waveforms (1)(2) notes: 1. a6 through a14 must specify the same page address during each high to low transition of we (or ce ) after the software code has been entered. 2. oe must be high only when we and ce are both low. load data aa to address 5555 load data 55 to address 2aaa load data a0 to address 5555 load data xx to any address (4) load last byte to last address enter data protect state writes enabled (2) load data aa to address 5555 load data 55 to address 2aaa load data 80 to address 5555 load data aa to address 5555 load data 20 to address 5555 load data xx to any address (4) load last byte to last address load data 55 to address 2aaa exit data protect state (3)
AT28C256 9 notes: 1. these parameters are characterized and not 100% tested. 2. see ? ac read characteristics ? . data polling waveforms notes: 1. these parameters are characterized and not 100% tested. 2. see ? ac read characteristics ? . toggle bit waveforms (1)(2)(3) notes: 1. toggling either oe or ce or both oe and ce will operate toggle bit. 2. beginning and ending state of i/o6 will vary. 3. any address location may be used but the address should not vary. data polling characteristics (1) symbol parameter min typ max units t dh data hold time 0 ns t oeh oe hold time 0 ns t oe oe to output delay (2) ns t wr write recovery time 0 ns toggle bit characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t oehp oe high pulse 150 ns t wr write recovery time 0 ns
AT28C256 10
AT28C256 11 ordering information (2) t acc (ns) i cc (ma) ordering code package operation range active standby 150 50 0.2 AT28C256(e,f)-15jc AT28C256(e,f)-15pc AT28C256(e,f)-15sc AT28C256(e,f)-15tc 32j 28p6 28s 28t commercial (0 c to 70 c) AT28C256(e,f)-15ji AT28C256(e,f)-15pi AT28C256(e,f)-15si AT28C256(e,f)-15ti 32j 28p6 28s 28t industrial (-40 c to 85 c) 50 0.3 AT28C256(e,f)-15dm/883 AT28C256(e,f)-15fm/883 AT28C256(e,f)-15lm/883 AT28C256(e,f)-15um/883 28d6 28f 32l 28u military/883c class b, fully compliant (-55 c to 125 c) 200 50 0.2 AT28C256(e,f)-20jc AT28C256(e,f)-20pc AT28C256(e,f)-20sc AT28C256(e,f)-20tc 32j 28p6 28s 28t commercial (0 c to 70 c) AT28C256(e,f)-20ji AT28C256(e,f)-20pi AT28C256(e,f)-20si AT28C256(e,f)-20ti 32j 28p6 28s 28t industrial (-40 c to 85 c) 50 0.3 AT28C256(e,f)-20dm/883 AT28C256(e,f)-20fm/883 AT28C256(e,f)-20lm/883 AT28C256(e,f)-20um/883 28d6 28f 32l 28u military/883c class b, fully compliant (-55 c to 125 c) package type 28d6 28-lead, 0.600" wide, non-windowed, ceramic dual inline package (cerdip) 28f 28-lead, non-windowed, ceramic bottom-brazed flat package (flatpack) 32j 32-lead, plastic j-leaded chip carrier (plcc) 32l 32-pad, non-windowed, ceramic leadless chip carrier (lcc) 28p6 28-lead, 0.600" wide, plastic dual inline package (pdip) 28s 28-lead, 0.300" wide, plastic gull wing small outline (soic) 28t 28-lead, plastic thin small outline package (tsop) 28u 28-pin, ceramic pin grid array (pga) w die options blank standard device: endurance = 10k write cycles; write time = 10 ms e high endurance option: endurance = 100k write cycles f fast write option: write time = 3 ms
AT28C256 12 250 50 0.2 AT28C256(e,f)-25jc AT28C256(e,f)-25pc AT28C256-w 32j 28p6 die commercial (0 c to 70 c) AT28C256(e,f)-25ji AT28C256(e,f)-25pi 32j 28p6 industrial (-40 c to 85 c) 50 0.3 AT28C256(e,f)-25dm/883 AT28C256(e,f)-25fm/883 AT28C256(e,f)-25lm/883 AT28C256(e,f)-25um/883 AT28C256(e,f)-35um/883 28d6 28f 32l 28u 28u military/883c class b, fully compliant (-55 c to 125 c) 150 (3) 50 0.35 5962-88525 16 ux 5962-88525 16 xx 5962-88525 16 yx 5962-88525 16 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 5962-88525 15 ux 5962-88525 15 xx 5962-88525 15 yx 5962-88525 15 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 5962-88525 14 ux 5962-88525 14 xx 5962-88525 14 yx 5962-88525 14 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) ordering information (2) t acc (ns) i cc (ma) ordering code package operation range active standby package type 28d6 28-lead, 0.600" wide, non-windowed, ceramic dual inline package (cerdip) 28f 28-lead, non-windowed, ceramic bottom-brazed flat package (flatpack) 32j 32-lead, plastic j-leaded chip carrier (plcc) 32l 32-pad, non-windowed, ceramic leadless chip carrier (lcc) 28p6 28-lead, 0.600" wide, plastic dual inline package (pdip) 28u 28-pin, ceramic pin grid array (pga) w die options blank standard device: endurance = 10k write cycles; write time = 10 ms e high endurance option: endurance = 100k write cycles f fast write option: write time = 3 ms
AT28C256 13 150 (3) 50 0.35 5962-88525 08 ux 5962-88525 08 xx 5962-88525 08 yx 5962-88525 08 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 5962-88525 07 ux 5962-88525 07 xx 5962-88525 07 yx 5962-88525 07 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 5962-88525 06 ux 5962-88525 06 xx 5962-88525 06 yx 5962-88525 06 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 200 (3) 50 0.35 5962-88525 12 ux 5962-88525 12 xx 5962-88525 12 yx 5962-88525 12 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 50 0.35 5962-88525 04 ux 5962-88525 04 xx 5962-88525 04 yx 5962-88525 04 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 250 (3) 50 0.35 5962-88525 13 ux 5962-88525 13 xx 5962-88525 13 yx 5962-88525 13 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 5962-88525 11 ux 5962-88525 11 xx 5962-88525 11 yx 5962-88525 11 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) ordering information (2) t acc (ns) i cc (ma) ordering code package operation range active standby package type 28d6 28-lead, 0.600" wide, non-windowed, ceramic dual inline package (cerdip) 28f 28-lead, non-windowed, ceramic bottom-brazed flat package (flatpack) 32l 32-pad, non-windowed, ceramic leadless chip carrier (lcc) 28u 28-pin, ceramic pin grid array (pga) w die options blank standard device: endurance = 10k write cycles; write time = 10 ms e high endurance option: endurance = 100k write cycles f fast write option: write time = 3 ms
AT28C256 14 notes: 1. electrical specifications for these speeds are defined by standard microcircuit drawing 5962-88525. 2. see ? valid part numbers ? table below. 3. smd specifies software data protection feature for device type, although atmel product supplied to every device type in the smd is 100% tested for this feature. 250 50 0.35 5962-88525 05 ux 5962-88525 05 xx 5962-88525 05 yx 5962-88525 05 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 5962-88525 03 ux 5962-88525 03 xx 5962-88525 03 yx 5962-88525 03 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 300 50 0.35 5962-88525 10 ux 5962-88525 10 xx 5962-88525 10 yx 5962-88525 10 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 50 0.35 5962-88525 02 ux 5962-88525 02 xx 5962-88525 02 yx 5962-88525 02 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 350 50 0.35 5962-88525 09 ux 5962-88525 09 xx 5962-88525 09 yx 5962-88525 09 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) 50 0.35 5962-88525 01 ux 5962-88525 01 xx 5962-88525 01 yx 5962-88525 01 zx 28u 28d6 32l 28f military/883c class b, fully compliant (-55 c to 125 c) ordering information (2) t acc (ns) i cc (ma) ordering code package operation range active standby package type 28d6 28-lead, 0.600" wide, non-windowed, ceramic dual inline package (cerdip) 28f 28-lead, non-windowed, ceramic bottom-brazed flat package (flatpack) 32l 32-pad, non-windowed, ceramic leadless chip carrier (lcc) 28u 28-pin, ceramic pin grid array (pga) w die options blank standard device: endurance = 10k write cycles; write time = 10 ms e high endurance option: endurance = 100k write cycles f fast write option: write time = 3 ms
AT28C256 15 valid part numbers the following table lists standard atmel products that can be ordered. device numbers speed package and temperature combinations AT28C256 15 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256e 15 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256f 15 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256 20 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256e 20 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256f 20 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256 25 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256e 25 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256f 25 jc, ji, pc, pi, sc, si, tc, ti, dm/883, fm/883, lm/883, um/883 AT28C256 ? w die products reference section: parallel eeprom die products
AT28C256 16 packaging information 1.49(37.9) 1.44(36.6) pin 1 .610(15.5) .510(13.0) .098(2.49) max .005(.127) min .060(1.52) .015(.381) .023(.584) .014(.356) .065(1.65) .045(1.14) 0 15 ref .700(17.8) max .620(15.7) .590(15.0) .015(.381) .008(.203) .110(2.79) .090(2.29) .200(5.08) .125(3.18) seating plane .225(5.72) max 1.300(33.02) ref pin #1 id .370(9.40) .250(6.35) .019(.483) .015(.381) .050(1.27) bsc .045(1.14) max .119(3.02) .087(2.21) .045(1.14) .026(.660) .286(7.26) .274(6.96) .077(1.96) .043(1.09) .006(.152) .004(.102) .416(10.6) .384(9.75) .728(18.5) .712(18.1) .045(1.14) x 45? pin no. 1 identify .025(.635) x 30? - 45? .012(.305) .008(.203) .021(.533) .013(.330) .530(13.5) .490(12.4) .030(.762) .015(.381) .095(2.41) .060(1.52) .140(3.56) .120(3.05) .032(.813) .026(.660) .050(1.27) typ .553(14.0) .547(13.9) .595(15.1) .585(14.9) .300(7.62) ref .430(10.9) .390(9.90) at contact points .022(.559) x 45? max (3x) .453(11.5) .447(11.4) .495(12.6) .485(12.3) 28d6 , 28-lead, 0.600" wide, non-windowed ceramic dual inline package (cerdip) dimensions in inches and (millimeters) mil-std-1835 d-10 config a 28f , 28-lead, non-windowed, ceramic bottom- brazed flat package (flatpack) dimensions in inches and (millimeters) mil-std-1835 f-12 config b 32j , 32-lead, plastic j-leaded chip carrier (plcc) dimensions in inches and (millimeters) jedec standard ms-016 ae 32l , 32-pad, non-windowed, ceramic leadless chip carrier (lcc) dimensions in inches and (millimeters) mil-std-1835 c-12
AT28C256 17 packaging information 1.47(37.3) 1.44(36.6) pin 1 .566(14.4) .530(13.5) .090(2.29) max .005(.127) min .065(1.65) .015(.381) .022(.559) .014(.356) .065(1.65) .041(1.04) 0 15 ref .630(16.0) .590(15.0) .690(17.5) .610(15.5) .012(.305) .008(.203) .110(2.79) .090(2.29) .161(4.09) .125(3.18) seating plane .220(5.59) max 1.300(33.02) ref *controlling dimension: millimeters index mark area 0.55 (0.022) bsc 0.20 (0.008) 0.10 (0.004) 7.15 (0.281) ref 8.10 (0.319) 7.90 (0.311) 1.25 (0.049) 1.05 (0.041) 0.27 (0.011) 0.18 (0.007) 11.9 (0.469) 11.7 (0.461) 13.7 (0.539) 13.1 (0.516) 0 5 0.20 (0.008) 0.15 (0.006) ref 0.70 (0.028) 0.30 (0.012) 28p6 , 28-lead, 0.600" wide, plastic dual inline package (pdip) dimensions in inches and (millimeters) jedec standard ms-011 ab 28s , 28-lead, 0.300" wide, plastic gull wing small outline (soic) dimensions in inches and (millimeters) 28t , 28-lead, plastic thin small outline package (tsop) dimensions in millimeters and (inches)* 28u , 28-pin, ceramic pin grid array (pga) dimensions in inches and (millimeters)
? atmel corporation 1999. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company ? s standard war- ranty which is detailed in atmel ? s terms and conditions located on the company ? s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any tim e without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectu al prop- erty of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel ? s products are not authorized for use as critical components in life support devices or systems. marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel (408) 441-0311 fax (408) 487-2600 europe atmel u.k., ltd. coliseum business centre riverside way camberley, surrey gu15 3yl england tel (44) 1276-686-677 fax (44) 1276-686-697 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimhatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan atmel japan k.k. 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 atmel colorado springs 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 tel (719) 576-3300 fax (719) 540-1759 atmel rousset zone industrielle 13106 rousset cedex france tel (33) 4-4253-6000 fax (33) 4-4253-6001 fax-on-demand north america: 1-(800) 292-8635 international: 1-(408) 441-0732 e-mail literature@atmel.com web site http://www.atmel.com bbs 1-(408) 436-4309 printed on recycled paper. 0006h ? 12/99/xm


▲Up To Search▲   

 
Price & Availability of AT28C256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X