Part Number Hot Search : 
5248B GP1S37 RN498 U3502BM GP1S37 MBT440 ST7787 AO4296
Product Description
Full Text Search
 

To Download 300-6300-CAN-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m electronic handling and protection division 6801 river place blvd. austin, tx 78726-9000 test & burn-in grid zip sockets pin grid arrays 7 ts-0358-1 2 shee t 1 of 4 date issued: november 1, 1999 physical insulation material: polyethersulfone (pes) flammability : ul 94 v -0 color : black (pes) marking : part number identifier and logo on all cam handle material : stainless steel contact material : beryllium copper plating : 30 m " (0.76 m m) gold mil-g-45204, t ype ii, grade c, over 50 m " (1.3 m m) nickel qq-n-290a, class 2 electrical cur r ent rating : 1 amp insulation resistance : > 1 10 12 w at 500 vdc w ithstanding v oltage : 1000 v rms at sea level environmental operating t emperatu r e rating : pes : - 5 5 c to + 15 0 c mechanical pes/bec u a. when used as a test socket at room temperature 2 4 c the socket will last 25,000 actuations. b. based on field experience, under normal burn-in conditions up to a maximum of 150 c for pes, the socket should last an average of four years. lever actuated zero insertion force mechanism rugged 3-plate construction for durability and electrical reliability available in 10 x 10 through 25 x 25 matrices ptfe coated stainless steel handle - durable and safe in high humidity environment optical locating holes for robotics loading/unloading repairable - contacts, handles, top-plate, and cam plate are replaceable available with flush handle option for use with test probes and ease of board stacking for technical, sales or ordering information call 800-328-041 1 or visit our website: http://www.3m.com/ehpd
3m electronic handling and protection division 6801 river place blvd. austin, tx 78726-9000 t est & burn-in grid zip sockets pin grid arrays a b .02 [ 0.5 ] g closed .50 [ 12.7 ] .26 ref [ 6.5 ] 4x #0-80 x 5/16 long phillips pan-hd (requires .070 [1.78] dia clearance hole)  #0-80 5/16 phillips pan hd optic pickup 2x dia. .062 [ 1.58 ] .20 [ 5.1 ] .10 [ 2.5 ] d e c 90 .40 [ 10.3 ] .02 [ 0.5 ] .40 [ 10.2 ] .010 x .028 [ 0.25 ] [ 0.71 ] contact t ail .100 t yp [ 2.54 ] .13 [ 3.3 ] .21 [ 5.3 ]  .3 [ 8.0 ] f open ts-0358-12 sheet 2 of 4 ordering information 2xxx-63xx-xxx-1902 number of contacts 6310 10x10 6311 11x11 6313 13x13 6315 15x15 6317 17x17 6319 19x19 6321 21x21 6325 25x25 0ua = molded pattern, standard handle 9ua = all holes open, standard handle 0ra = molded pattern, flush cam handle 9ra = all holes open, flush cam handle plating pes: 1902 with / 30 " au/ni on becu notes: 1 25 x 25 only . 1 present only on 15 x 15 and larger . c l open closed note: ten hole plugs can be ordered separately part #200-4660-14-1 900. (mm) (.00) ( .25) ( .13) t olerance .010 .005 .000 t olerance dimension .00 (.0) inch  1.00 [ 25.4 ] 2 for technical, sales or ordering information call 800-328-041 1 or visit our website: http://www.3m.com/ehpd 2
3m electronic handling and protection division 6801 river place blvd. austin, tx 78726-9000 t est & burn-in grid zip sockets pin grid arrays grid matr ix maximum contact dimensions dimension g cam handle matrix contact quantity a b c d e f standard **flush 10 x 10 100 1.70 [ 43.2 ] .90 [ 22.9 ] 1.15 [ 29.2 ] 1.50 [ 38.1 ] .90 [ 22.9 ] .80 [ 20.3 ] .80 [ 20.3 ] 1.00 [ 25.4 ] 1 1 x 1 1 121 1.80 [ 45.7 ] 1.00 [ 25.4 ] 1.25 [ 31.8 ] 1.60 [ 40.6 ] 1.00 [ 25.4 ] .80 [ 20.3 ] .80 [ 20.3 ] 1.00 [ 25.4 ] 13 x 13 169 2.00 [ 50.8 ] 1.20 [ 31.8 ] 1.45 [ 36.8 ] 1.80 [ 45.7 ] 1.00 [ 25.4 ] .80 [ 20.3 ] .80 [ 20.3 ] 1.00 [ 25.4 ] 15 x 15 225 2.20 [ 55.9 ] 1.40 [ 35.6 ] 1.65 [ 41.9 ] 2.00 [ 50.8 ] 1.20 [ 30.5 ] 1.30 [ 33.0 ] 1.40 [ 35.6 ] 1.50 [ 38.1 ] 17 x 17 289 2.40 [ 61.0 ] 1.60 [ 40.6 ] 1.85 [ 47.0 ] 2.20 [ 55.9 ] 1.20 [ 30.5 ] 1.30 [ 33.0 ] 1.40 [ 35.6 ] 1.50 [ 38.1 ] 19 x 19 361 2.60 [ 66.0 ] 1.80 [ 45.7 ] 2.05 [ 52.1 ] 2.40 [ 61.0 ] 1.40 [ 35.6 ] 1.70 [ 43.2 ] 1.80 [ 45.7 ] 1.90 [ 48.2 ] 21 x 21 441 2.80 [ 27.1 ] 2.00 [ 50.8 ] 2.25 [ 57.2 ] 2.60 [ 66.0 ] 1.40 [ 35.6 ] 1.70 [ 43.2 ] 1.80 [ 45.7 ] 1.90 [ 48.2 ] 25 x 25 625 3.70 [ 94.0 ] 2.40 [ 61.0 ] 2.65 [ 67.3 ] 3.50 [ 88.9 ] 2.00 [ 50.8 ] 2.58 [ 65.5 ] 2.78 [ 70.6 ] 2.78 [ 70.6 ] **for -0ra and -9ra flush cam handle option only ts-0358- 12 sheet 3 of 4 .12 [ 3.0 ] g .26 [ 6.5 ] .4 [ 10.0 ] #0-80 phillips pan-hd 4x #0-80 x 5/16 long phillips pan-hd 2 flush cam handle option fo r technical, sales or ordering information cal l 800-328-041 1 or visit our website : http://www.3m.com/ehpd
3m electronic handling and protection division 6801 river place blvd. austin, tx 78726-9000 t est & burn-in grid zip sockets pin grid arrays holes with contacts handle side front 10 x 10 1 1 x1 1 13 x 13 15 x 15 17 x 17 19 x19 21 x 21 25 x 25 to p mark indications: no holes, no contacts  holes only , no contacts ts-0358-1 2 sheet 4 of 4 notes: 1. this is only a work sheet. do not proceed with any layout un til a part number is assigned by t extool. the pattern is subject to repositioning. 2. lead diameter = .022 [ 0.56 ] max, .014 [ 0.36 ] min. the s tandard socket has been designed to accept these lead diameters only . for all others please consult the factory . 3. use this sheet to indicate which positions you intend to us e. 4. remember: for best results, keep your patterns as symmetric al with the centerline as possible. 5. the contact point for all sizes is .085 [ 2.16 ] below th e top surface and we recommend a device lead length of .100 [ 2.54 ] below the solder stan do f fs. fo r technical, sales or ordering information cal l 800-328-041 1 or visit our website : http://www.3m.com/ehpd


▲Up To Search▲   

 
Price & Availability of 300-6300-CAN-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X