Part Number Hot Search : 
C2008 5STRR KA78R08C SR6150 AF139 KA78R08C D5885 SP5301
Product Description
Full Text Search
 

To Download 2SK4222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK4222 no. a1519-1/5 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. features ? low on-resistance. ? high-speed switching. ? 10v drive. ? avalanche resistance guarantee. speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 600 v gate-to-source voltage v gss 30 v drain current (dc) i d 23 a drain current (pulse) i dp pw 10 s, duty cycle 1% 80 a allowable power dissipation p d 2.5 w tc=25 c 220 w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *1 e as 429 mj avalanche current *2 i av 12 a note : * 1 v dd =99v, l=5mh, i av =12a * 2 l 5mh, single pulse electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =10ma, v gs =0v 600 v zero-gate voltage drain current i dss v ds = 480 v, v gs =0v 100 a gate-to-source leakage current i gss v gs =30v, v ds =0v 100 na marking : k4222 continued on next page. ordering number : ena1519 12710qb tk im tc-00002058 sanyo semiconductors data sheet 2SK4222 n-channel silicon mosfet general-purpose switching device applications www.semiconductor-sanyo.com/network
2SK4222 no. a1519-2/5 continued from preceding page. parameter symbol conditions ratings unit min typ max cutoff voltage v gs (off) v ds =10v, i d =1ma 35v forward transfer admittance | yfs | v ds =10v, i d = 11.5 a 7.5 15 s static drain-to-source on-state resistance r ds (on) i d = 11.5 a, v gs =10v 0.26 0.34 1 input capacitance ciss v ds =30v, f=1mhz 2250 pf output capacitance coss v ds =30v, f=1mhz 400 pf reverse transfer capacitance crss v ds =30v, f=1mhz 80 pf turn-on delay time t d (on) see speci ed test circuit. 48 ns rise time t r see speci ed test circuit. 140 ns turn-off delay time t d (off) see speci ed test circuit. 216 ns fall time t f see speci ed test circuit. 75 ns total gate charge qg v ds =200v, v gs =10v, i d =23a 81 nc gate-to-source charge qgs v ds =200v, v gs =10v, i d =23a 17 nc gate-to-drain ?miller? charge qgd v ds =200v, v gs =10v, i d =23a 45 nc diode forward voltage v sd i s =23a, v gs =0v 1.0 1.3 v package dimensions unit : mm (typ) 7503-004 switching time test circuit avalanche resistance test circuit pw=10 + s d.c. ) 0.5% p. g r gs =50 1 g s d i d =11.5a r l =17.3 1 v dd =200v v out 2SK4222 v in 10v 0v v in 14.0 15.6 4.8 2.0 20.0 20.0 3.5 2.6 1.2 1.3 15.0 3.2 1.4 1.6 1.0 0.6 5.45 5.45 123 0.6 2.0 1 : gate 2 : drain 3 : source sanyo : to-3pb 50 1 * 50 1 rg v dd l 10v 0v 2SK4222
2SK4222 no. a1519-3/5 r ds (on) -- v gs r ds (on) -- tc i d -- v ds i d -- v gs i s -- v sd sw time -- i d drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a gate-to-source voltage, v gs -- v case temperature, tc -- c static drain-to-source on-state resistance, r ds (on) -- 1 drain current, i d -- a drain current, i d -- a switching time, sw time -- ns drain-to-source voltage, v ds -- v ciss, coss, crss -- pf diode forward voltage, v sd -- v | y fs | -- i d forward transfer admittance, | y fs | -- s ciss, coss, crss -- v ds source current, i s -- a static drain-to-source on-state resistance, r ds (on) -- 1 it14825 --50 --25 150 0 25 50 75 100 125 25 c 75 c tc= --25 c i d =11.5a --25 c 25 c tc=75 c it14824 35 15 7 9 11 13 0 0.2 0.1 0.8 0.9 1.0 0.4 0.3 0.6 0.7 0.5 0.2 0.1 0.4 0.3 0.8 0.7 0.6 0.5 0 it14823 8 41220 16 6 21018 14 0 v ds =20v v gs =10v, i d =11.5a it14826 0.1 23 57 23 57 23 57 1.0 3 7 5 2 3 7 5 10 2 3 5 1.0 10 tc= --25 c 25 c 75 c v ds =10v it14827 1.4 1.2 0.8 1.0 0.4 0.6 0.2 0.01 0.1 1.0 2 10 5 7 3 2 5 7 3 2 5 7 3 2 5 7 3 tc=75 c 25 c - -25 c v gs =0v it14829 020 10 30 100 3 5 7 2 3 5 7 2 3 5 7 1000 10000 f=1mhz 50 40 ciss crss coss it14822 515 10 20 25 30 0 0 10 20 60 70 50 40 30 0 10 20 60 70 50 40 30 tc=25 c 6v 8v v gs =5v 15v 10v 0.1 1.0 23 57 23 57 23 5 10 1000 100 7 3 5 2 7 3 5 2 3 2 it14828 t d (off) t d (on) v dd =200v v gs =10v t f t r
2SK4222 no. a1519-4/5 a s o v gs -- qg p d -- tc total gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a case temperature, tc -- c allowable power dissipation, p d -- w p d -- ta ambient temperature, ta -- c allowable power dissipation, p d -- w 0 0 20 40 60 80 100 120 3.0 2.5 140 160 2.0 1.5 1.0 0.5 it14799 0 0 20 40 60 80 100 140 120 150 200 220 100 50 250 160 it14821 it14831 0.1 2 3 1.0 5 7 2 3 5 7 2 2 3 5 7 0.1 100 + s 10 + s 100ms 10ms 1ms dc operation 1.0 10 100 23 57 23 57 23 57 23 57 1000 10 100 i d =23a operation in this area is limited by r ds (on). i dp =80a (pw ) 10 + s) 090 80 70 50 60 10 20 30 40 3 10 0 1 4 it14830 8 9 5 6 7 2 v ds =200v i d =26a tc=25 c single pulse e as -- ta avalanche energy derating factor -- % ambient temperature, ta -- c 0 0 25 50 75 100 125 150 100 80 60 20 40 120 175 it10478
2SK4222 no. a1519-5/5 sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. ps this catalog provides information as of january, 2010. speci cations and information herein are subject to change without notice. note on usage : since the 2SK4222 is a mosfet product, please avoid using this device in the vicinity of highly charged objects.


▲Up To Search▲   

 
Price & Availability of 2SK4222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X