Part Number Hot Search : 
BUV20D 4N60C3 F2010 GH100 FAN3228C P0300S SS428 IRLR8203
Product Description
Full Text Search
 

To Download 2MBI50P-140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2MBI50P-140 1400v / 50a 2 in one-package features small temperature dependence of the turn-off switching loss easy to connect in parallel wide rbsoa (square up to 2 time of rated current) and high short- circuit withstand capability low loss and soft-switching (reduction of emi noise) thermal resistance characteristics thermal resistance contact thermal resistance ? ? 0.31 ? ? 0.66 ? 0.05 ? igbt diode the base to cooling fin c/w c/w c/w equivalent circuit schematic rth(j-c) rth(j-c) rth(c-f)* 4 igbt module p-series * 4 : this is the value which is defined mounting on the additional cooling fin with thermal compound. c1 g1 e1 g2 e2 c2e1 e2 items symbols conditions characteristics unit min. typ. max. item zero gate voltage collector current gate-emitter leakage current gate-emitter threshold voltage collector-emitter saturation voltage input capacitance output capacitance reverse transfer capacitance turn-on time turn-off time diode forward on voltage reverse recovery time i ces i ges v ge(th) v ce(sat) c ies c oes c res t on t r t off t f v f t rr ? ? 1.0 ? ? 200 6.0 8.0 9.0 ? 2.7 3.0 ? 3.3 ? ? 5000 ? ? 750 ? ? 330 ? ? ? 1.20 ? ? 0.60 ? ? 1.00 ? ? 0.30 ? 2.4 3.3 ? ? 0.35 v ge =0v, v ce =1400v v ce =0v, v ge =20v v ce =20v, i c =50ma v ge =15v, i c =50a, tj=25c v ge =15v, i c =50a, tj=125c v ce =10v v ge =0v f=1mhz v cc =600v i c =50a v ge =15v r g =24 ? i f =50a, v ge =0v i f =50a ma na v v pf s v s electrical characteristics (at tj=25c unless otherwise specified) symbols conditions characteristics unit min. typ. max. maximum ratings and characteristics absolute maximum ratings (at tc=25c unless otherwise specified) * 1 : all terminals should be connected together when isolation test will be done. * 2 : recommendable value : 2.5 to 3.5 nm(m5) item symbol collector-emitter voltage v ces gate-emitter voltage v ges collector current i c i c p -i c -i c pulse collector power dissipation p c junction temperature t j storage temperature t stg isolation voltage between terminal and copper base *1 v iso screw torque mounting * 2 terminals * 2 rating 1400 20 75 50 150 100 50 100 400 +150 -40 to +125 2500 3.5 3.5 unit v v a w c vac nm conditions continuous 1ms 1 device ac:1min. tc=25c tc=80c tc=25c tc=80c applications general purpose inverter ac and dc servo drive amplifier uninterruptible power supply
2MBI50P-140 igbt module characteristics (representative)
2MBI50P-140 igbt module
2MBI50P-140 igbt module outline drawings, mm m232


▲Up To Search▲   

 
Price & Availability of 2MBI50P-140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X