Part Number Hot Search : 
22100 HD66002 2SJ246 12DH6 GM71C4 D00469 DRDC3105 06C10
Product Description
Full Text Search
 

To Download 24LC014-EMNY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 microchip technology inc. ds21809e-page 1 24aa014/24lc014 device selection table features: ? single-supply with operation down to 1.8v ? low-power cmos technology: - 1 ma active current, typical -1 a standby current, typical at 5.5v ? organized as a single block of 128 bytes (128 x 8) ? hardware write protection for entire array ? 2-wire serial interface bus, i 2 c? compatible ? 100 khz and 400 khz clock compatibility ? page write buffer for up to 16 bytes ? self-timed write cycle (including auto-erase) ? 5 ms max. write cycle time ? address lines allow up to eight devices on bus ? 1,000,000 erase/write cycles ? esd protection > 4,000v ? data retention > 200 years ? 8-pin pdip, soic, tssop, dfn, tdfn and msop packages ? available for extended temperature ranges: ? pb-free and rohs compliant description: the microchip technology in c. 24aa014/24lc014 is a 1 kbit serial electrically erasable prom with opera- tion down to 1.8v. the device is organized as a single block of 128 x 8-bit memory with a 2-wire serial inter- face. low-current design permits operation with typical standby and active currents of only 1 a and 1 ma, respectively. the device has a page write capability for up to 16 bytes of data. functional address lines allow the connection of up to eight 24aa014/24lc014 devices on the same bus for up to 8 kbits of contiguous eeprom memory. the device is available in the standard 8-pin pdip, 8-pin soic (150 mil), tssop, 2x3 dfn and tdfn and msop packages. package types block diagram pin function table part number v cc range max clock temp. range 24aa014 1.8v - 5.5v 400 khz (1) i 24lc014 2.5v - 5.5v 400 khz i note 1: 100 khz for v cc < 2.5v - industrial (i): -40c to+85c name function v ss ground sda serial data scl serial clock v cc power supply a0, a1, a2 chip selects wp hardware write-protect a0 a1 a2 v ss v cc wp scl sda 1 2 3 4 8 7 6 5 pdip, msop soic, tssop a0 a1 a2 v ss 1 2 3 4 8 7 6 5 v cc wp scl sda dfn/tdfn a0 a1 a2 v ss wp scl sda v cc 8 7 6 5 1 2 3 4 i/o control logic memory control logic xdec hv generator eeprom array write-protect circuitry ydec v cc v ss sense amp. r/w control sda scl a0 a1 a2 wp 1k i 2 c ? serial eeprom
24aa014/24lc014 ds21809e-page 2 ? 2008 microchip technology inc. 1.0 electrical characteristics absolute maximum ratings (?) v cc ............................................................................................................................... ..............................................6.5v all inputs and outputs w.r.t. v ss ......................................................................................................... -0.6v to v cc +1.0v storage temperature ............................................................................................................ ...................-65c to +150c ambient temperature with power applie d ............... .............. .............. .............. ........... ........... .......... .......-40c to +125c esd protection on all pins ............................................................... ............................................................... ........................ 4 kv ? notice : stresses above those listed under ?absolute maxi mum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. exposure to maximum rating conditions for extended periods may affect device reliability. table 1-1: dc characteristics all parameters apply across the specified operating ranges unless otherwise noted. v cc = +1.8v to +5.5v industrial (i): t a = -40c to +85c parameter symbol min. max. units conditions scl and sda pins: high-level input voltage v ih 0.7 v cc ?v low-level input voltage v il ?0.3 v cc v hysteresis of schmitt trigger inputs v hys 0.05 v cc ?v (note 1) low-level output voltage v ol ?0.40vi ol = 3.0 ma, v cc = 4.5v i ol = 2.1 ma, v cc = 2.5v input leakage current i li ?1 ? v in = v ss or v cc , wp = vss output leakage current i lo ?1 av out = v ss or v cc pin capacitance (all inputs/outputs) c in , c out ?10pfv cc = 5.0v (note 1) t a = 25c, f = 1 mhz operating current i cc read ? 1 ma v cc = 5.5v, scl = 400 khz i cc write ? 3 ma v cc = 5.5v standby current i ccs ?1 av cc = 5.5v, sda = scl = v cc wp = v ss , a0, a1, a2 = v ss note 1: this parameter is periodically sampled and not 100% tested.
? 2008 microchip technology inc. ds21809e-page 3 24aa014/24lc014 table 1-2: ac characteristics figure 1-1: bus timing data all parameters apply across the specified operating ranges unless otherwise noted. vcc = 1.8v to 5.5v industrial (i): t a = -40c to +85c parameter symbol vcc = 1.8v - 5.5v std mode vcc = 2.5v - 5.5v fast mode units remarks min. max. min. max. clock frequency f clk ? 100 ? 400 khz clock high time t high 4000 ? 600 ? ns clock low time t low 4700 ? 1300 ? ns sda and scl rise time t r ? 1000 ? 300 ns (note 1) sda and scl fall time t f ? 300 ? 300 ns (note 1) start condition hold time t hd : sta 4000 ? 600 ? ns after this period, the first clock pulse is generated start condition setup time t su : sta 4700 ? 600 ? ns only relevant for repeated start condition data input hold time t hd : dat 0? 0?ns (note 2) data input setup time t su : dat 250 ? 100 ? ns stop condition setup time t su : sto 4000 ? 600 ? ns output valid from clock t aa ? 3500 ? 900 ns (note 2) bus free time t buf 4700 ? 1300 ? ns time the bus must be free before a new transmission can start output fall time from v ih minimum to v il maximum t of ? 250 20 +0.1 c b 250 ns (note 1) , c b 100 pf input filter spike suppression (sda and scl pins) t sp ?50 ?50ns (note 3) write cycle time t wc ? 5 ? 5 ms byte or page mode endurance 1m ? 1m ? cycles 25c, (note 4) note 1: not 100% tested. c b = total capacitance of one bus line in pf. 2: as a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of scl to avoi d unintended generation of start or stop conditions. 3: the combined t sp and v hys specifications are due to schmitt trigger inputs which provide improved noise spike suppression. this eliminates the need for a ti specification for standard operation. 4: this parameter is not tested but ensured by charac terization. for endurance estimates in a specific application, please consult the to tal endurance? model which can be downloaded from microchip?s web site at www.microchip.com. scl sda in t su : sta sda out t hd : sta t low t high t r t buf t aa t hd : dat t su : dat t su : sto t sp t f
24aa014/24lc014 ds21809e-page 4 ? 2008 microchip technology inc. 2.0 pin descriptions 2.1 sda serial data this is a bidirectional pin used to transfer addresses and data into and out of the device. it is an open drain terminal. therefore, the sda bus requires a pull-up resistor to v cc (typical 10 k for 100 khz, 2 k for 400 khz). for normal data transfer sda is allowed to change only during scl low. changes during scl high are reserved for indicating the start and stop conditions. 2.2 scl serial clock the scl input is used to synchronize the data transfer to and from the device. 2.3 a0, a1, a2 the levels on the inputs a0, a1 and a2 are compared with the corresponding bits in the slave address. the chip is selected if the compare is true. up to eight 24aa014/24lc014 devices may be connected to the same bus by using different chip select bit combinations. these inputs must be connected to either v cc or v ss . 2.4 wp wp is the hardware write-protect pin. it must be tied to v cc or v ss . if tied to v cc , the hardware write protection is enabled. if the wp pin is tied to v ss the hardware write protection is disabled. 2.5 noise protection the 24aa014/24lc014 employs a v cc threshold detector circuit that disables the internal erase/write logic if the v cc is below 1.5 volts at nominal conditions. the scl and sda inputs have schmitt trigger and filter circuits that suppress noise spikes to assure proper device operation even on a noisy bus. 3.0 functional description the 24aa014/24lc014 supports a bidirectional, 2-wire bus and data transmission protocol. a device that sends data onto the bus is defined as transmitter, and a device receiving data as receiver. the bus has to be controlled by a master device that generates the serial clock (scl), controls th e bus access and generates the start and stop conditions while the 24aa014/ 24lc014 works as slave. both master and slave can operate as transmitter or receiver, but the master device determines which mode is activated.
? 2008 microchip technology inc. ds21809e-page 5 24aa014/24lc014 4.0 bus characteristics the following bus protocol has been defined: ? data transfer may be initiated only when the bus is not busy. ? during data transfer, the data line must remain stable whenever the clock line is high. changes in the data line while the clock line is high will be interpreted as a start or stop condition. accordingly, the following bus conditions have been defined (figure 4-1). 4.1 bus not busy (a) both data and clock lines remain high. 4.2 start data transfer (b) a high-to-low transition of the sda line while the clock (scl) is high determines a start condition. all commands must be preceded by a start condition. 4.3 stop data transfer (c) a low-to-high transition of the sda line while the clock (scl) is high determines a stop condition. all operations must be ended with a stop condition. 4.4 data valid (d) the state of the data line represents valid data when, after a start condition, the data line is stable for the duration of the high period of the clock signal. the data on the line must be changed during the low period of the clock signal. there is one bit of data per clock pulse. each data transfer is initiated with a start condition and terminated with a stop condition. the number of the data bytes transferred between the start and stop conditions is determined by the master device and is, theoretically, unlimited, though only the last sixteen will be stored when doing a wr ite operation. when an over- write does occur, it will replac e data in a first-in first-out fashion. 4.5 acknowledge each receiving device, when addressed, is required to generate an acknowledge after the reception of each byte. the master device must generate an extra clock pulse, which is associated with this acknowledge bit. the device that acknowledges has to pull down the sda line during the acknowledge clock pulse in such a way that the sda line is stable low during the high period of the acknowledge-related clock pulse. of course, setup and hold ti mes must be taken into account. a master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. in this case, the slave must leave the data line high to enable the master to generate the stop condition (figure 4-2). figure 4-1: data transfer sequence on the serial bus characteristics figure 4-2: acknowledge timing note: the 24aa014/24lc014 does not generate any acknowledge bits if an internal programming cycle is in progress. (a) (b) (c) (d) (a) (c) scl sda start condition address or acknowledge valid data allowed to change stop condition scl 9 8 7 6 5 4 3 2 1123 transmitter must release the sd a line at this point allowing the receiver to pull the sda line low to acknowledge the previous eight bits of data. receiver must release the sda line at this point so the transmitter can continue sending data. sda acknowledge bit data from transmitter data from transmitter
24aa014/24lc014 ds21809e-page 6 ? 2008 microchip technology inc. 5.0 device addressing a control byte is the first byte received following the start condition from the master device (figure 5-1). the control byte consists of a four-bit control code; for the 24aa014/24lc014 this is set as ? 1010 ? binary for read and write operations. the next three bits of the control byte are the chip select bits (a2, a1, a0). the chip select bits allow the use of up to eight 24aa014/ 24lc014 devices on the same bus and are used to select which device is acce ssed. the chip select bits in the control byte must correspond to the logic levels on the corresponding a2, a1 and a0 pins for the device to respond. these bits are in effect the three most significant bits of the word address. the last bit of the control byte defines the operation to be performed. when set to a ? 1 ?, a read operation is selected. when set to a ? 0 ?, a write operation is selected. following the start condition, the 24aa014/ 24lc014 monitors the sda bus, checking the control byte being transmitted. upon receiving a ? 1010 ? code and appropriate chip select bits, the slave device out- puts an acknowledge signal on the sda line. depend- ing on the state of the r/w bit, the 24aa014/24lc014 will select a read or write operation. figure 5-1: control byte format 5.1 contiguous addressing across multiple devices the chip select bits a2, a1 and a0 can be used to expand the contiguous address space for up to 8k bits by adding up to eight 24aa014/24lc014 devices on the same bus. in this case, software can use a0 of the control byte as address bit a8, a1 as address bit a9, and a2 as address bit a10. it is not possible to sequentially read across device boundaries. 1010 a2 a1 a0 sack r/w control code chip select bits slave address acknowledge bit start bit read/write bit
? 2008 microchip technology inc. ds21809e-page 7 24aa014/24lc014 6.0 write operations 6.1 byte write following the start signal from the master, the device code(4 bits), the chip select bits (3 bits) and the r/w bit (which is a logic low) are placed onto the bus by the master transmitter. the device will acknowledge this control byte during the ninth clock pulse. the next byte transmitted by the master is the word address and will be written into the address pointer of the 24aa014/ 24lc014. after receiving another acknowledge signal from the 24aa014/24lc014, the master device will transmit the data word to be written into the addressed memory location. the 24aa014/24lc014 acknowl- edges again and the master generates a stop condition. this initiates t he internal write cycle and the 24aa014/24lc014 will not generate acknowledge signals during this time (figure 6-1). if an attempt is made to write to the protect ed portion of the array when the hardware write protec tion has been enabled, the device will acknowledge the command, but no data will be written. the write cycle ti me must be observed even if write protection is enabled. 6.2 page write the write-control byte, word address and the first data byte are transmitted to the 24aa014/24lc014 in the same way as in a byte write. but instead of generating a stop condition, the master transmits up to 15 addi- tional data bytes to the 24aa014/24lc014 that are temporarily stored in the on-chip page buffer and will be written into the memory once the master has transmit- ted a stop condition. upon receipt of each word, the four lower order address pointer bits are internally incremented by one. the higher order four bits of the word address remain constant. if the master should transmit more than 16 bytes prior to generating the stop condition, the address counter will roll over and the previously received data will be overwritten. as with the byte write operation, once the stop condi tion is received, an inter- nal write cycle will begin (figure 6-2). if an attempt is made to write to the protec ted portion of the array when the hardware write protection has been enabled, the device will acknowledge the command, but no data will be written. the write cycle time must be observed even if write protection is enabled. 6.3 write protection the wp pin must be tied to v cc or v ss . if tied to v cc , the entire array will be write- protected. if the wp pin is tied to v ss , write operations to all address locations are allowed. figure 6-1: byte write figure 6-2: page write note: page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. physical page boundaries start at addresses that are integer multiples of the page buffer size (or ?page size?) and end at addresses that are integer multiples of [page size ? 1]. if a page write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page, as might be expected. it is therefore necessary that the application software prevent page write operations that would attempt to cross a page boundary. s p bus activity master sda line bus activity s t a r t s t o p control byte word address data a c k a c k a c k s p bus activity master sda line bus activity s t a r t control byte word address (n) data (n) data (n + 15) s t o p a c k a c k a c k a c k a c k data (n +1)
24aa014/24lc014 ds21809e-page 8 ? 2008 microchip technology inc. 7.0 acknowledge polling since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). once the stop condition for a write command has been issued from the master, the device initiates the inte rnally-timed write cycle and ack polling can be initiated immediately. this involves the master sending a start condition followed by the control byte for a write command (r/w = 0 ). if the device is still busy with the write cycle, no ack will be returned. if no ack is returned, the start bit and control byte must be re-sent. if the cycle is comp lete, the device will return the ack and the master c an then proceed with the next read or write command. see figure 7-1 for a flow diagram of this operation. figure 7-1: acknowledge polling flow send write command send stop condition to initiate write cycle send start send control byte with r/w = 0 did device acknowledge (ack = 0 )? next operation no yes
? 2008 microchip technology inc. ds21809e-page 9 24aa014/24lc014 8.0 read operations read operations are initiated in the same way as write operations, with the exce ption that the r/w bit of the slave address is set to ? 1 ?. there are three basic types of read operations: current address read, random read and sequential read. 8.1 current address read the 24aa014/24lc014 contains an address counter that maintains the address of the last word accessed, internally incremented by one. therefore, if the previous read access was to address n, the next current address read operation would access data from address n + 1. upon receipt of the slave address with the r/w bit set to ? 1 ?, the 24aa014/24lc014 issues an acknowledge and transmits the 8-bit data word. the master will not acknowledge the transfer, but does generate a stop condition and the 24aa014/24lc014 discontinues transmission (figure 8-1). 8.2 random read random read operations allow the master to access any memory location in a random manner. to perform this type of read operation, the word address must first be set. this is done by sending the word address to the 24aa014/24lc014 as part of a write operation. once the word address is sent, the master generates a start condition following the acknowledge. this terminates the write operat ion, but not before the internal address pointer is set. the master then issues the control byte again but with the r/w bit set to a ? 1 ?. the 24aa014/24lc014 will then issue an acknowl- edge and transmits the eight-bit data word. the master will not acknowledge the transfer, but does generate a stop condition and the 24aa014/24lc014 discontin- ues transmission (figure 8-2). after this command, the internal address counter will point to the address location following the one that was just read. 8.3 sequential read sequential reads are initiated in the same way as a random read except that after the 24aa014/24lc014 transmits the first data byte, the master issues an acknowledge as opposed to a stop condition in a random read. this directs the 24aa014/24lc014 to transmit the next sequentially addressed 8-bit word (figure 8-3). to provide sequential reads the 24aa014/24lc014 contains an internal address pointer which is incremented by one at the completion of each opera- tion. this address pointer allows the entire memory contents to be serially read during one operation. the internal address pointer will automatically roll over from address 07fh to address 000h. figure 8-1: current address read bus activity master sda line bus activity p s s t o p control byte s t a r t data a c k n o a c k
24aa014/24lc014 ds21809e-page 10 ? 2008 microchip technology inc. figure 8-2: random read figure 8-3: sequential read s p s bus activity master sda line bus activity s t a r t s t o p control byte a c k word address (n) control byte s t a r t data (n) a c k a c k n o a c k bus activity master sda line bus activity control byte data (n) data (n + 1) data (n + 2) data (n + x) n o a c k a c k a c k a c k a c k s t o p p
? 2008 microchip technology inc. ds21809e-page 11 24aa014/24lc014 9.0 packaging information 9.1 package marking information xxxxxxxx t/xxxnnn yyww 8-lead pdip (300 mil) example: 8-lead soic (3.90 mm) example: xxxxxxxt xxxxyyww nnn 8-lead tssop example: 24lc014 i/p 12f 0521 24lc014i sn 0521 12f 8-lead msop example: xxxx tyww nnn 4l14 i521 12f 4l14i 52112f xxxxt ywwnnn 3 e 3 e 8-lead 2x3 dfn example: 2n4 521 12 xxx yww nn 8-lead 2x3 tdfn example: an4 521 12 xxx yww nn
24aa014/24lc014 ds21809e-page 12 ? 2008 microchip technology inc. part number 1st line marking codes tssop msop dfn tdfn 24aa014 4a14 4a14t 2n1 an1 24lc014 4l14 4l14t 2n4 an4 note: t = temperature grade (i, e) legend: xx...x part number or part number code t temperature (i, e) y year code (last digit of calendar year) yy year code (last 2 digits of calendar year) ww week code (week of january 1 is week ?01?) nnn alphanumeric traceability code (2 characters for small packages) pb-free jedec designator for matte tin (sn) note : for very small packages with no room for the pb-free jedec designator , the marking will only appear on the outer carton or reel label. note : in the event the full microchip part numbe r cannot be marked on one line, it will be carried over to the next line, t hus limiting the number of available characters for customer-specific information. 3 e 3 e note: please visit www.microchip.com/pbfree for the latest information on pb-free conversion. * standard otp marking consists of microchip part num ber, year code, week code, and traceability code.
? 2008 microchip technology inc. ds21809e-page 13 24aa014/24lc014 
 
  
        !"#$%&" '  ()"&'"!&)
&#*& &  & #   +%&,  & !& - '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#/  !#  '!
#&
   .0 1,21!'!
 
&$& "!
**&
"&&
 !   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 7,8. '!
9'&! 7 7: ; 7"') 
%! 7 < &  1,
&
&  = =  
##4 4!!   -  1!&
&   = = 
"# &

"# >#& .  - - 
##4>#& .   < :  9&  -< -?   &
& 9  -  9# 4!!  <   6  9#>#& )  ?  9
* 9#>#& )  <  :  
* + 1 = = - n e1 note 1 d 12 3 a a1 a2 l b1 b e e eb c 
   

  * ,<1
24aa014/24lc014 ds21809e-page 14 ? 2008 microchip technology inc. 
  
!
 ""#$%& !'      !"#$%&" '  ()"&'"!&)
&#*& &  & #   +%&,  & !& - '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !#  '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  1, :  8 &  = =  
##4 4!!   = = &#
%% +   =  :  >#& . ?1, 
##4>#& . -1, :  9&  1, , '% @
&
a  =  3
&9& 9  =  3
& & 9 .3 3
&  b = #& ) - =  
# %&
 b = b 
# %&1
&&
'  b = b d n e e e1 note 1 12 3 b a a1 a2 l l1 c h h 
   

  * ,1
? 2008 microchip technology inc. ds21809e-page 15 24aa014/24lc014 
  
!
 ""#$%& !'   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4
24aa014/24lc014 ds21809e-page 16 ? 2008 microchip technology inc. 
 ()  )" * 
!
 (+%+( !       !"#$%&" '  ()"&'"!&)
&#*& &  & #   '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !# - '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  ?1, :  8 &  = =  
##4 4!!  <   &#
%%   =  :  >#& . ?1, 
##4>#& . -   
##49&   - - 3
&9& 9  ?  3
& & 9 .3 3
&  b = #& )  = - d n e e1 note 1 12 b e c a a1 a2 l1 l 
   

  * , ? 2008 microchip technology inc. ds21809e-page 17 24aa014/24lc014 
 , " 
!
 *-, , !       !"#$%&" '  ()"&'"!&)
&#*& &  & #   '!
!#.#

&"#'
#%! 

& "!
!
#%! 

& "!
!! 
&$#''  !# - '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  ?1, :  8 &  = =  
##4 4!!   <  &#
%%   =  :  >#& . 1, 
##4>#& . -1, :  9&  -1, 3
&9& 9  ? < 3
& & 9 .3 3
& b = #& )  =  d n e e1 note 1 1 2 e b a a1 a2 c l1 l 
   

  * ,1
24aa014/24lc014 ds21809e-page 18 ? 2008 microchip technology inc. 
 
.
 $ *-,'/00%&.      !"#$%&" '  ()"&'"!&)
&#*& &  & #    4'  

'
$
!#&) !&#! - 4!!*!"&#   '!
#&
   .0 1,2 1!'!
 
&$& "!
**&
"&&
 ! .32 % '!
("!"*&
"&&
 (%
%
'&
 "
!!
   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4 6&! 99. . '!
9'&! 7 7: ; 7"') 
%! 7 < &  1, :  8 &  <   &#
%%     ,
&& 4!! - .3 :  9&  1, :  >#& . -1, .$
!##9&  - =  .$
!##>#& .  =  ,
&&>#& )   - ,
&&9& 9 -   ,
&&&
.$
!## c  = = d n e note 1 1 2 exposed pad note 1 2 1 d2 k l e2 n e b a3 a1 a note 2 bottom view top view 
   

  * ,-,
? 2008 microchip technology inc. ds21809e-page 19 24aa014/24lc014 
 
.
 $ *-,'/00%&.   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4
24aa014/24lc014 ds21809e-page 20 ? 2008 microchip technology inc. 
 
.
 $ *-,/00%12(.   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4
? 2008 microchip technology inc. ds21809e-page 21 24aa014/24lc014 
 
.
 $ *-,/00%12(.   3
& '
!&" & 4# *!( !!& 
  4 %&

&#& && 255***'
  
'5 4
24aa014/24lc014 ds21809e-page 22 ? 2008 microchip technology inc. appendix a: revision history revision b corrections to section 1.0, electrical characteristics. revision c added dfn package. revision d (10/2007) add pb-free to features; re vise section 8.3; replace package drawings; update product id system. revision e (04/2008) replaced package drawings; added tdfn package; revised product id section.
? 2008 microchip technology inc. ds21809e-page 23 24aa014/24lc014 the microchip web site microchip provides online support via our www site at www.microchip.com. this web site is used as a means to make files and information easily available to customers. accessible by using your favorite internet browser, the web site contains the following information: ? product support ? data sheets and errata, application notes and sample programs, design resources, user?s guides and hardware support documents, latest software releases and archived software ? general technical support ? frequently asked questions (faq), technical support requests, online discussion groups, microchip consultant program member listing ? business of microchip ? product selector and ordering guides, latest microchip press releases, listing of seminars and events, listings of microchip sales offices, distributors and factory representatives customer change notification service microchip?s customer notification service helps keep customers current on microchip products. subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or de velopment tool of interest. to register, access the microchip web site at www.microchip.com, click on customer change notification and follow the registration instructions. customer support users of microchip products can receive assistance through several channels: ? distributor or representative ? local sales office ? field application engineer (fae) ? technical support ? development systems information line customers should contact their distributor, representative or field application engineer (fae) for support. local sales offices are also available to help customers. a listing of sa les offices and locations is included in the back of this document. technical support is available through the web site at: http://suppo rt.microchip.com
24aa014/24lc014 ds21809e-page 24 ? 2008 microchip technology inc. reader response it is our intention to provide you wit h the best documentation possible to ensur e successful use of your microchip prod- uct. if you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please fax your comments to t he technical publications manager at (480) 792-4150. please list the following information, and use this outli ne to provide us with your comments about this document. to : technical publications manager re: reader response total pages sent ________ from: name company address city / state / zip / country telephone: (_______) _________ - _________ application (optional): would you like a reply? y n device: literature number: questions: fax: (______) _________ - _________ ds21809e 24aa014/24lc014 1. what are the best features of this document? 2. how does this document meet your hardware and software development needs? 3. do you find the organization of this document easy to follow? if not, why? 4. what additions to the document do you th ink would enhance the structure and subject? 5. what deletions from the document could be made without affecting the overall usefulness? 6. is there any incorrect or misleading information (what and where)? 7. how would you improve this document?
? 2008 microchip technology inc. ds21809e-page 25 24aa014/24lc014 product identification system to order or obtain information, e.g., on pricing or de livery, refer to the factory or the listed sales office . device: 24aa014: 1.8v, 1 kbit addressable serial eeprom 24aa014t: 1.8v, 1 kbit addressable serial eeprom (tape and reel) 24lc014: 2.5v, 1 kbit addressable serial eeprom 24lc014t: 2.5v, 1 kbit addressable serial eeprom (tape and reel) temperature range: i = -40c to +85c package: p = plastic dip, (300 mil body), 8-lead sn = plastic soic, (3.90 mm body) st = tssop, 8-lead ms = msop, 8-lead mc = 2x3 dfn, 8-lead mny (1) = plastic dual flat (tdfn), no lead package, 2x3 mm body, 8-lead part no. x /xx package temperature range device examples: a) 24aa014-i/p: industrial temperature, 1.8v, pdip package. b) 24aa014-i/sn: industrial temperature, 1.8v, soic package. c) 24aa014t-i/st: industrial temperature, 1.8v, tssop package, tape and reel a) 24lc014-i/p: industrial temperature, 2.5v, pdip package. b) 24lc014t-i/sn: industrial temperature, 2.5v, soic package, tape and reel c) 24lc014t-i/ms: industrial temperature, 2.5v, msop package, tape and reel. note 1: ?y? indicates a nickel, palladium, gold (nipdau) finish.
24aa014/24lc014 ds21809e-page 26 ? 2008 microchip technology inc. notes:
? 2008 microchip technology inc. ds21809e-page 27 information contained in this publication regarding device applications and the like is prov ided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application me ets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safe ty applications is entirely at the buyer?s risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting fr om such use. no licenses are conveyed, implicitly or ot herwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, accuron, dspic, k ee l oq , k ee l oq logo, mplab, pic, picmicro, picstart, pro mate, rfpic and smartshunt are registered trademarks of microchip te chnology incorporated in the u.s.a. and other countries. filterlab, linear active thermistor, mxdev, mxlab, seeval, smartsensor and the embedded control solutions company are registered tradema rks of microchip technology incorporated in the u.s.a. analog-for-the-digital age, a pplication maestro, codeguard, dspicdem, dspicdem.net, dspicworks, dsspeak, ecan, economonitor, fansense, in-circuit serial programming, icsp, icepic, mindi, miwi, mpasm, mplab certified logo, mplib, mplink, mtouch, pickit, picdem, picdem.net, pictail, pic 32 logo, powercal, powerinfo, powermate, powertool, real ice, rflab, select mode, total endurance, uni/o, wiperlock and zena are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of mi crochip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2008, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the mo st secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal meth ods used to breach the code protection fe ature. all of these methods, to our knowledge, require using the microchip pr oducts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are committed to continuously improving the code protection features of our products. attempts to break microchip?s c ode protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your softwa re or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperi pherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified.
ds21809e-page 28 ? 2008 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://support.microchip.com web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 kokomo kokomo, in tel: 765-864-8360 fax: 765-864-8387 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8528-2100 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 asia/pacific india - bangalore tel: 91-80-4182-8400 fax: 91-80-4182-8422 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-572-9526 fax: 886-3-572-6459 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 w orldwide s ales and s ervice 01/02/08


▲Up To Search▲   

 
Price & Availability of 24LC014-EMNY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X