Part Number Hot Search : 
PBA75F 1000B 1600C 20EEJ1 LCX32 C5042F LN850RPH SF10A6
Product Description
Full Text Search
 

To Download 1N5817-E34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5817, 1n5818, 1n5819 vishay general semiconductor document number: 88525 revision: 20-aug-07 www.vishay.com 1 schottky barrier rectifiers features ? guardring for overvoltage protection ? very small conduction losses ? extremely fast switching ? low forward voltage drop ? high frequency operation ? solder dip 260 c, 40 seconds ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in low voltage high frequency inverters, free-wheeling, dc-to-dc converters, and polarity protection applications. mechanical data case: do-204al (do-41) epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade polarity: color band denotes the cathode end primary characteristics i f(av) 1.0 a v rrm 20 v, 30 v, 40 v i fsm 25 a v f 0.45 v, 0.55 v, 0.60 v t j max. 125 c do-204al (do-41) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol 1n5817 1n5818 1n5819 unit maximum repetitive peak reverse voltage v rrm 20 30 40 v maximum rms voltage v rms 14 21 28 v maximum dc blocking voltage v dc 20 30 40 v maximum non-repetitive peak reverse voltage v rsm 24 36 48 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t l = 90 c i f(av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 25 a voltage rate of change (rated v r ) dv/dt 10000 v/s storage temperature range t j , t stg - 65 to + 125 c
1n5817, 1n5818, 1n5819 vishay general semiconductor www.vishay.com document number: 88525 revision: 20-aug-07 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle note: (1) thermal resistance from junction to l ead vertical p.c.b. mounted, 0.375" (9.5 mm) lead length with 1.5 x 1.5" (38 x 38 mm) copper pads ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol 1n5817 1n5818 1n5819 unit maximum instantaneous forward voltage (1) at 1.0 v f 0.450 0.550 0.600 v maximum instantaneous forward voltage (1) at 3.1 v f 0.750 0.875 0.900 v maximum average reverse current at rated dc blocking voltage (1) t a = 25 c t a = 100 c i r 1.0 10 ma typical junction capacitance at 4.0 v, 1.0 mhz c j 125 110 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol 1n5817 1n5818 1n5819 unit typical thermal resistance (1) r ja r jl 50 15 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode 1n5819-e3/54 0.332 54 5500 13" diameter paper tape and reel 1n5819-e3/73 0.332 73 3000 ammo pack packaging figure 1. forward current derating curve 0 0.25 0.5 0.75 0 40 60 20 8 0 100 120 140 1.0 resisti v e or ind u cti v e load 0.375" (9.5 mm) lead length a v erage for w ard c u rrent (a) case temperat u re (c) figure 2. maximum non-repetitive peak forward surge current 1 10 100 0 5 10 15 20 25 30 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
1n5817, 1n5818, 1n5819 vishay general semiconductor document number: 88525 revision: 20-aug-07 www.vishay.com 3 figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics figure 5. typical junction capacitance instantaneo u s for w ard c u rrent (a) 50 10 1.0 0.1 0.01 instantaneo u s for w ard v oltage ( v ) 0 0.4 0.2 1.2 0. 8 0.6 1.4 1.6 1.0 t j = 125 c t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle instantaneo u s re v erse c u rrent (ma) 1.0 10 100 0.01 0.001 0.1 20 0 100 40 60 8 0 percent of rated peak re v erse v oltage ( % ) t j = 125 c t j = 25 c t j = 75 c j u nction capacitance (pf) 10 1 100 100 1000 10 0.1 re v erse v oltage ( v ) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 1 n 5 8 17 figure 6. typical junction capacitance figure 7. typical transient thermal impedance j u nction capacitance (pf) 10 1 100 100 400 10 0.1 re v erse v oltage ( v ) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 1 n 5 8 1 8 & 1 n 5 8 19 0.01 10 1 100 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w )
1n5817, 1n5818, 1n5819 vishay general semiconductor www.vishay.com document number: 88525 revision: 20-aug-07 4 package outline dimensions in inches (millimeters) 0.107 (2.7) 0.0 8 0 (2.0) dia. 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) d o -204al (d o -41) 0.034 (0. 8 6) 0.02 8 (0.71) dia.
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 1N5817-E34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X