Part Number Hot Search : 
3020S 130P10 MAX2424 KV4352M AK6420B ACE4102E PC160 JANSR
Product Description
Full Text Search
 

To Download 1803617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  module no:1840366 labelid:1840366 operator:phoenix 16:39:48, donnerstag, 28. juni 2001 mc 1,5/?-st-? plug, plug-in direction parallel to the conductor axis pitch 3.5 or 3.81 (iec) [mm 2 ] connection data rigid solid 0.14-1.5 flexible stranded 0.14-1.5 awg 28-16 i [a] 8 u [v] 160 ca description plugs, 3.5 mm pitch, color: green plugs, 3.81 mm pitch, color: green no. of positions 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 2 3 4 5 6 7 8 9 10 11 dim. a [mm] 3.5 7 10.5 14 17.5 21 24.5 28 31.5 35 38.5 42 45.5 49 52.5 56 59.5 63 66.5 3.81 7.62 11.43 15.24 19.05 22.86 26.67 30.48 34.29 38.10 type mc 1,5/2-st-3,5 mc 1,5/3-st-3,5 mc 1,5/4-st-3,5 mc 1,5/5-st-3,5 mc 1,5/6-st-3,5 mc 1,5/7-st-3,5 mc 1,5/8-st-3,5 mc 1,5/9-st-3,5 mc 1,5/10-st-3,5 mc 1,5/11-st-3,5 mc 1,5/12-st-3,5 mc 1,5/13-st-3,5 mc 1,5/14-st-3,5 mc 1,5/15-st-3,5 mc 1,5/16-st-3,5 mc 1,5/17-st-3,5 mc 1,5/18-st-3,5 mc 1,5/19-st-3,5 mc 1,5/20-st-3,5 mc 1,5/2-st-3,81 mc 1,5/3-st-3,81 mc 1,5/4-st-3,81 mc 1,5/5-st-3,81 mc 1,5/6-st-3,81 mc 1,5/7-st-3,81 mc 1,5/8-st-3,81 mc 1,5/9-st-3,81 mc 1,5/10-st-3,81 mc 1,5/11-st-3,81 order no. 18 40 36 6 18 40 37 9 18 40 38 2 18 40 39 5 18 40 40 5 18 40 41 8 18 40 42 1 18 40 43 4 18 40 44 7 18 40 45 0 18 40 46 3 18 40 47 6 18 40 48 9 18 40 49 2 18 40 50 2 18 40 51 5 18 40 52 8 18 40 53 1 18 40 54 4 18 03 57 8 18 03 58 1 18 03 59 4 18 03 60 4 18 03 61 7 18 03 62 0 18 03 63 3 18 03 64 6 18 03 65 9 18 03 66 2 pcs . pkt. 50 50 phoenix contact elektronischer katalog page 1 / 3
module no:1840366 labelid:1840366 operator:phoenix 16:39:48, donnerstag, 28. juni 2001 12 13 14 15 16 17 18 19 20 41.91 45.72 49.53 53.34 57.15 60.96 64.77 68.58 72.39 mc 1,5/12-st-3,81 mc 1,5/13-st-3,81 mc 1,5/14-st-3,81 mc 1,5/15-st-3,81 mc 1,5/16-st-3,81 mc 1,5/17-st-3,81 mc 1,5/18-st-3,81 mc 1,5/19-st-3,81 mc 1,5/20-st-3,81 18 03 67 5 18 03 68 8 18 03 69 1 18 03 70 1 18 03 71 4 18 40 32 4 18 40 33 7 18 40 34 0 18 40 35 3 accessories (1) screwdriver, blade: 0.4 x 2.5 x 80 mm, length: 160 mm (2) marker card, with 14 pcs., 10-section marker strips, white, self-adhesive, for 140 terminal blocks szs 0,4 x 2,5 sk 3,5/2,8 or sk 3,81/2,8 (see info 1 , info 2 ) 12 05 03 7 10 technical data dimensions pitch technical data in accordance with iec / din vde insulation material group surge voltage category / contamination class rated voltage rated surge voltage nominal current / cross section maximum load current / cross section connection capacity solid / stranded / conductor sizes stranded with ferrules without / with plastic collar multiple connection (2 conductors with same cross section) solid / stranded stranded with ferrules without plastic collar stranded with twin ferrules with plastic collar stripping length internal cylindrical gage (iec 947-1:1988) thread torque insulation material inflammability class acc. to ul 94 temperature indices rti/ti approval data (ul and csa) nillt / t/ [mm 2 ]/[mm 2 ]/awg ul [v] / [a] / awg [mm] ? ?/? [v] [kv] [a]/[mm 2 ] [a]/[mm 2 ] [mm 2 ] [mm 2 ] [mm 2 ] [mm 2 ] [mm] ? ? [nm] see description 3.5 / 3.81 iii / 3 160 2.5 8 / 1.5 8 / 1.5 0.14 - 1.5 / 0.14 - 1.5 / 28 - 16 0.25 - 1.5 / 0.25 - 0.5 0.14 - 0.5 / 0.14 - 0.75 0.25 - 0.34 0.5 0.22 - 0.25 125/100 300/8/30 14 i iii / 2 160 2.5 7 a 1 m 2 pa v2 ii / 2 320 2.5 phoenix contact elektronischer katalog page 2 / 3
module no:1840366 labelid:1840366 operator:phoenix 16:39:48, donnerstag, 28. juni 2001 n om i na l vo l tage / current / conductor sizes csa: [v] / [a] / awg ul : [v] / [a] / awg 300 / 8 / 30 - 14 300 / 8 / 28 - 16 articles printed in bold can be delivered at short notice. products with black or gray housing available on request. note: only actuate mini-combicon plug connectors when under no load condition. if for operating reasons small loads must be switched, experimental values are available on request. dimensional drawing diagram current carrying capacity depending on ambient temperature plug : mc 1,5/2-st(f)-3,81(3,5) header : mc 1,5/2-st(f)-3,81(3,5) phoenix contact elektronischer katalog page 3 / 3


▲Up To Search▲   

 
Price & Availability of 1803617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X