wi-fi add-on-kit a ppli c ation ki t to add more fle x ibility to your embedded network, rabbit semiconductor offers wi-fi add-on ki ts for use with many of its rabbit core microprocessor core modules (rcms). these kits provide inte grated wi-fi (ie ee 802.11b) capability for existin g and new rabb it- based application s . 1/6/200 5 rabbit semicon ductor has created a kit that minimizes the effort required to add wi-fi capability to rabbit-ba sed applicat ions. the kit consi s ts of a interposer card specifica l ly desig ned to fit between an rcm and a m or prototyping board, a compact f la sh wi-fi board, a linksys wi-fi compactflash card, a 12" ribbon cable to allow r e mote placement of the wi-fi board and card, necessary conn ection hardware, and software including sample program s and dynamic c upgrade. o t h e r b o a r d wi-fi add-on kits are available for the followi ng rcm families : ? rcm3000 ? rcm3100 ? rcm3200 ? rcm3300 ? rcm3400 ? rcm3600 ? rcm3700 ? powercore flex to further expan d the capabilit ies of your embedded network, the optional rabbitweb software module pro v ides a mechan ism by which ra bbit-based application s can serve web pages includ ing reading and writing program variables remotely. in addition, correctly implementing other opt ional software modules, such a s s s l and aes, will make your e mbedded network and critical ma chine information more secure. ot her optional soft ware modules that may be of inte rest include fat file system, ppp, snmp, and the c/os-ii re al time kernel. z-wo rld has partnered with linksys to provide wi- f i hardwa r e s upport. linksys is the leader in networking solution s for the ho me and small business particularly in wireless l a n equipment, broadband router s, network adapters for desktop and notebook co mputers, and hu bs and switches. rabbit security and connectivity rabbitweb ? the rabbitwe b module web-e nables your rabbit-based application. rabbitweb lets you create web-page htm l forms that interface with c variables in emb edded networked application s . r abbitweb can reduce weeks or months of complex common gat e int erfac e (c gi) programming to hours. rabbitweb enhances the dynamic c compile r and extend s the dynamic-c http serve r . 1 01-0910 $149 web download/101-0 900 $159 shipp ed cd secure soc kets la y e r (ssl) ? the ssl module provides a small foot print implement ation of ssl allow i ng ssl securit y to be added to your web-enable d embedded application s with ju st a few lines of code. the ssl module also in cl udes a utilit y program for gene r at ing the security certificates need ed to use ssl. the ssl module is for use wi th p r oducts based o n rabbit 3000a and later microprocessors includ ing the rcm370 0 and rcm3300 families of rabbit c ores. the uniq ue block arithme t ic instruct ions of those microprocessors speed en cryption and de cryption making ssl fast and economical for embedded systems. 101-0895 $289 web download/101-0896 $299 shipped cd
1/6/2005 fat file system ? rabbit-based applications with serial flash memories including the rcm3300 and rcm3700 families of rabbitcores can now use the common fat file system. this module allows the fi le system to be integrated with http upload and ftp for run-time updates of web pages and graphics, security access lists, embedded help files, or any file that needs to be changeable in the field. rcm3300, rcm3700, and powercore flex families only. powercore flex requires fat file system version 2.06. 101-0984 $149 web download/101-0979 $159 shipped cd. snmp source code & sample programs ? originally intended to gather statistics for network management and capacity planning, the simple network management protocol (snmp) can also be us ed for data gathering in embedded systems. known applications incl ude monitoring thermostat temperatures, tool revolution speed, and st atus of physical components such as doors. the rabbit snmp mo dule is based upon rfcs 1155-1157. 101-0982 $149 web download/101-0977 $159 shipped cd. ppp source code & sample programs ? this module includes a point-to-point protoc ol driver for serial and pppoe links, which allows a serial or modem connection to use tcp/ip. the ppp module is based upon rfc2516 method for transmitting ppp over ether net. 101- 0983 $149 web download/101-0659 $159 web download aes source code & sample programs ? the aes module allows you to encrypt sensitive data for greater security. this module is an implementation of the rijndael advanced encryption standar d cipher with a 128-bit key. 101-0646 $149 web download/101-0658 $159 shipped cd c/os-ii real-time kernel source code & sample programs ? this module implements jean labrosse?s popular real- time kernel. this is a pre-emptive, pr ioritized kernel that allows 63 different tasks, flags, semaphores, mutex semaphores, qu eues, and message mail boxes. purchasers of this module also receive jean j. labrosse?s book microc/os-ii: the real-time kernel. 101-0644 $159 wi-fi interposer board parameter rcm3000-rcm3300 rcm 3400 rcm3600-rcm3700 powercore current 285 ma @ 3.3 v 285 ma @ 3.3 v 300 ma @ 5 v 300 ma @ 5 v operating temperature 0c to +55c storage temperature -20c to +65c humidity 10% to 90%, noncondensing wi-fi compact flash card certifications fcc class b, ce wi-fi compact flash card channels 1-11 (canada, u.s.a) 1-13 (europe except france, spain) 10-13 (france) 10-11 (spain) 14 (japan) protocol ieee 802.11b (wi-fi) 11 mbits/s, 2.4 ghz compactflash wi-fi board compact flash connector type 1 compact flash adapter: ? cf based 802.11b i/o ? dual 2 x 10, 2 mm pitch header wi-fi add-on kit contents ? interposer board ? interposer boards are not interchangeable between rcms with different footprints. see below for the appropriate part numbers. ? compactflash wi-fi board ? linksys wi-fi compactflash card ? 20-pin to 20-pin idc header connection ribbon cable ? 10-pin idc header to de9f serial cable ? sample programs and software related specifically to the wi-fi add- on kits on cd ? dynamic c upgrade to 9.21 or higher on cd ? getting started instructions ? miscellaneous connection and mounting hardware including standoffs, if necessary wi-fi add-on kit (rcm3000 ? rcm3300 footprint) ? 101-0997 wi-fi add-on kit (rcm3600 ? rcm3700 footprint) ? 101-0999 wi-fi add-on kit (rcm3400 footprint) ? 101-0998 wi-f i add-on kit (powercore flex footprint) ? 101-1000
|