Part Number Hot Search : 
TLP267J IRF40N03 74ABT KT862L15 TMP88 KRA101S 221M25V8 KBU3510
Product Description
Full Text Search
 

To Download 101-0616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rabbi tnet tm rn1200 a/d expansion card $73 (q t y . 100 ) the r a bb itnet rn 12 00 a/ d c a rd i s the s e c o nd i n a s e ri es o f peri p h e r a l i/o cards de si gn e d for us e w i th z-world c o ntro ller pro d u c ts with ra bb itn e t exp a n si on port s , such as th e bl2 5 00 coy o t e a nd op 72 0 0 edi s p l ay. th e card s ar e din r a il m o unt ab le a nd hav e friction-lock connectors for si mplified oem manufacturability. rabbitnet rabbitnet ex pans ion ports enable a m o dula r and expandable embedded control system whos e configur ation of ex pans ion c a rds c an be ta il ore d to a larg e v a ri ety o f dem an di ng r e al-tim e c ontr o l, dis p l a y, a nd d a ta- a cq ui siti on ap pl icat io ns. a typic a l r a bb itn e t system con s ists of a m a ster s i n g l e -b o a rd c o m put er a nd on e or m o r e peri p her al c a r d s. a hi g h -p erf o rma n c e r a b b i t 300 0 ? o r ra bb it 20 00 ? micro p r o c e ss o r on th e m a ster prov id es fast d a ta pr oc ess i n g , an d the bl 25 0 0 mast er a l so prov id es th e d c in a nd + 5 v po wer f o r the per ip he ral c a r d s. progra m ming rabbitnet cards pro g ram s ar e dev el o p e d a n d de bu gg e d us i ng z-wor l d ? s i n dustry- pr ov en dyn a m i c c ? so ftware, w h i c h r uns on a wi nd ows p c . th e a / d card is a s l av e; the ma ster to whi c h ra bb itn e t bo ar ds ar e c o n n e c te d is pr ogr amm e d us i ng v e rsi o n 8.0 1 or l a ter of z-worl d's dy na mi c c. dyn a m i c c i n cl ud es c o mpr e h ens iv e d e b u g g i ng s u p p o rt an d incl u des bre a k poi nts, w a tch expr ess i o n s an d ma ny ot he r e x tens iv e features orient ed toward real-time embedded systems programming. an extens ive library of drivers and sample programs is provide d, inc l u d i ng a roy a lty-fre e tcp/i p stack for net work an d int e r net c o mm un ica t ion s . full s o ur ce co d e is pr ov id ed for m o st l i b rary r o utin es. dynam i c c is s o ld separ ately. connectivity tools z-world offers a connectivity kit for wi ring assemblies that inte rfa c e with t h e fricti on- loc k c o n n e c tors on t he a/ d car d . hardwa re features ? 8 si ng le- e n d e d 11- bit or 4 d i ffere nti a l 1 2 - b it an al og in puts ? softw are-c o ntr o ll e d vo lta ge r a ng es ? 10 0 mm di n ra il tray m o u n ta bl e ? ra bb itn e t int e r f ace: 1 m e ga bi t per se co nd u s in g sta n d a r d ether n e t ca bl e, up to 10 m ( 3 3 ft) away fro m master ( r s- 42 2) rn1200 1/11/2005
1/11/2005 rn1200 a/d expansion card specifications & features featur e rn1200 rabbitn et? s e rial port rs-422 , 1 mbps analog inputs 8 si ng le- e n d e d 11- bit or 4 d i ffere nti a l 1 2 - b it an al og in puts 1 m inp u t im pe d anc e, 2. 5 ksam p l e s/s s a mpl i n g rat e , al l 8 ch an n e ls c a n be c onfi g ure d as 1 1 -b it 4- 20 ma a n a l o g i n p u ts softw are-c o ntr o ll e d ra ng es: 0 - 1 v, 2 v, 5 v, 10 v, 2 0 v d c (sin gl e e n d e d ) or 1 v, 2 v, 5 v, 1 0 v, 20 v dc (d iffer ent ial) power vcc: +5 v dc, 100 ma operating temp. ?4 0 c to +7 0 c humidity 5 ? 9 5 % , no ncon de nsin g connecto r s friction-lock connectors: ? one po lar i ze d 9-p o sit i o n term in als w i th 0.1" pitc h ? one 4-p o sit i o n termi n a l wit h 0. 15 6" pitc h ? one rj-4 5 r a bb itn e t? ja ck board siz e 1.9 4 " 3.9 4 " 0.67 " (5 0 1 00 1 7 mm) pricing (qty. 1/100) part number $8 9/7 3 10 1-0 6 16 connecti v ity kit part number $1 8 10 1-0 5 81 connectivity kit (sold separately) includes : ? six 1 x 10 frict i on- loc k co nn ec tors (0. 1 " p i tch) with s i xty 0. 1" crimp t e rmi n als ? two 1 x 4 fricti on- loc k co nn ec tors (0. 1 5 6 " p i t c h) ? two 1 x 2 fricti on- loc k co nn ec tors (0. 1 5 6 " p i t c h) with fift een 0. 156" crimp terminals each kit con t ains sufficient parts to interface with two a/d cards (only fifty- four 0.1" crim p term inals and twelve 0.156" crim p te rm inals are actually used).


▲Up To Search▲   

 
Price & Availability of 101-0616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X