Part Number Hot Search : 
DTA124T SG1091 EPI1029 15N20 MHO18FAD NMF0515S MAX16 EZ480A12
Product Description
Full Text Search
 

To Download 101-0602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4/20/2005 the bl2500 coyote single-board computer gives oem designers extremely low-cost embedded control for high-volume applications such as product control, factory equipment control, access cont rol, hvac, and vending machines. two standard models?one with ethernet, one without?feature the rabbit 3000? microprocessor at 29.4 mhz, with 256k flash and 128k sram (standard). customized bl2500 models (oem2500 versions) can be manufactured to user-specified configurations in volumes > 500. customization helps oems realize an extremely low-cost, yet maintain a reliable and rugged industrial solution. our pin-compat ible rabbitcore modules provide multiple configurations on the bl2500 coyote, including ethernet, non-ethernet, and memory options. on-board features the coyote's compact board size of 3.95" 3.95" (100 100 mm) is easily mountable in standard 100 mm din rail trays. externa l connections via polarized locking industry-standard molex ? -type connectors enable rapid assemb ly with wire harnesses. these connectors also provide dependable cable harness connectivity to i/o. future expansion boards (including a/d, d/a, digital i/o , and keypad/display) will interface via the two multiplexed spi rs-422 ports. the coyote provides 24 rugged digital i/o (plus 1 a/d input and 2 d/a outputs) along with 4 leds (3 yellow and 1 extra bright r ed). the 8 industrialized open-collector sinking outputs can easily switch up to 200 ma of inductive loads such as relays and soleno ids with protection from inductive kickback. of the 16 digital inputs, 15 are fully protected to 36 v. six serial ports are included to support external communication. two ports are connected to standard full-duplex rs-232 circui try. one port is connected to rugged rs-485 differential pair signal ing circuitry?allowing for industry standard multi-drop rs-485 n etworks. one port, designed to allow serial expansion, is multiplexed through two very high-speed (>1mbit/sec capability) spi ports with each line going through rs-422 differential pair signaling. the spi ports connect to rj-45 connectors (accepting standard category 5 cabling) for ease of connectivity. one serial port is a 3.3 v cmos-level port that can either be asynchronous or clocked and o ne cmos-compatible serial port is dedicated to programming/debugging. the optional ethernet interface (10 mbps or 10/100 mbps) allows easy connection to local networks or the internet. powerful sof tware allows tcp/ip communication including e-mail and serving of web pages. remote program development and loading via a network or the internet is supported using appropriate accessory hardware. programming the coyote programs are developed and debugged using z-world?s industry-proven dynamic c ? software, which runs on a windows pc. interfacing from the pc ho sting dynamic c to the target bl2500 board can be accomplished by a serial cable, a usb cable, or via ethernet. comprehensive debugging support includes break points, watch expressions and many other extensive features oriented toward real-time embedded systems programming. an extensive library of drivers and sample programs is provided, including a royalty-free tcp/ip stack for network and internet communications. full source code is provided for most library routines. bl2500 coyote tm ethernet-enabled single-board computer oem volume version $ 69* w/o ethernet bl2500
4/20/2005 bl2500 features ? rabbit 3000 ? processor core modules ? with or without 10base-t ethernet ? molex-type connectors for industry standard wire harness connectivity ? 16 digital inputs ? 8 digital high-current sinking outputs with rugged protection diodes ? two 9-bit pwm analog output channels ? one 8-bit a/d analog input channel ? 6 serial ports (2 rs-232, rs-485, rs-422, 2 cmos) ? 4 user-configurable leds ? 1000 ma ? h backup battery for rtc (time/date clock) and sram ? standard options: ? 10/100base-t ethernet ? higher memory versions oem2500 options (available for quantities > 500) ? a variety of core modules with or without ethernet?10base-t or 10/100base-t ? higher memory versions ? addition/removal of any or all of the following sub circuits for performance/lower cost: ? 2 serial expansion spi rs-422 ports ? battery ? rs-485 ? rs-232 ? 16 inputs ? 8 outputs ? 2 d/a + 1 a/d ? 4 leds ? user specified options: contact sales representative *example - oem2510: rcm3110 (non-ethernet core), remove 8 inputs, remove backup battery, and remove serial expansion spi rs-422 ports = $69 each (qty. 500) **example - oem2500: rcm3010 (10base-t ethernet core), remove 8 inputs, remove backup battery, and remove serial expansion spi rs-422 ports = $99 each (qty. 500) development kit the bl2500/oem2500 development kit contains all the software and hardware tools needed to begin design, including bl2500 model, demonstration board, dynamic c se development software and documentation on cd-rom, user?s manual with schematics, serial cable for programming and debugging, ac adapter (us/canada only), and molex ? -style crimp pins & housings (standard crimping tool sold separately). dynamic c is a registered trademark of z-world, inc. rabbit & rabbit 3000 are trademarks of rabbit semiconductor, inc. molex is a registered trademark of molex, inc. pin-compatible core modules: rcm3000, rcm3010, rcm3100, rcm3110, rcm3200 rugged industry standard molex ? type connectors backup battery for rtc and sram serial expansion ports for connectivity to peripheral boards
4/20/2005 bl2500 specifications & features feature bl2500 bl2510 oem2500** oem2510* microprocessor rabbit 3000 at 29.4 mhz ethernet port 10base-t, rj-45 (standard) none 10base-t, rj-45 (standard) none flash memory 256k (standard) sram 128k (standard) leds 4, user-programmable digital inputs 16: 15 protected to 36 v dc, 1 protected to +5 ?36v; threshold is 1.5 v nom. 8 protected to 36 v dc, threshold is 1.5 v nom. digital outputs 8, sink up to 200 ma each, 36 v dc max. standoff voltage analog inputs one 10-bit resolution, 8-bit accuracy, input range 0.1?3.1 v, 10 samples/s analog outputs two 9-bit pwm, 0.1?3.1 v dc, 17ms settling time serial ports 6 serial ports: ? 1 rs-485 ? 2 rs-232 or one rs-232 (with cts/rts) ? 1 cmos level asynchronous or clocked serial port ? 1 expansion serial port multiplexed to two rs-422 clocked spi ports ? 1 cmos compatible serial port for programming/debug 5 serial ports: ? 1 rs-485 ? 2 rs-232 or one rs-232 (with cts/rts) ? 1 cmos level asynchronous or clocked serial port ? 1 cmos compatible serial port for programming/debug serial rate max. async = clk/8, max. sync = clk/2 real-time clock yes timers ten 8-bit timers (6 cascadable from the first) and one 10-bit timer with 2 match registers watchdog/supervisor yes power 8 ? 40 v dc 1 w typical w/ no load 8 ? 40 v dc 0.8 w typical w/ no load 8 ? 40 v dc 1 w typical w/ no load 8 ? 40 v dc 0.8 w typical w/ no load backup battery 3 v lithium coin-type, 1000 ma ? h, supports rtc & sram none operating temperature ?40 to +70c humidity 5 ? 95%, noncondensing connectors 5 polarized 9-pin molex ? -type terminals with 0.1" pitch, two 4-pin 0.156? pitch molex-type, two 0.156? pitch 2- pin molex - type, two rj-45, one 0.1? pitch 2x5 idc, one 2 mm pitch 2x5 idc programming port 4 polarized 9-pin molex ? type terminals with 0.1" pitch, two 0.156? pitch 2-pin molex - type, one .1? pitch 2x5 idc, one 2 mm pitch 2x5 idc programming port board size 3.94" 3.94" 1.16" (100 100 29 mm) 3.94" 3.94" 0.80" (100 100 20 mm) 3.94" 3.94" 1.16" (100 100 29 mm) 3.94" 3.94" 0.80" (100 100 20 mm) pricing part number $189/155 (qty. 1/100) 101-0575 $149/122 (qty. 1/100) 101-0576 **$99 /94 (qty. 500/1000) 101-0605 *$69 /64 (qty. 500/1000) 101-0606 development kit part number $299 u.s. 101-0577 int?l 101-0578 options standard options bl2500 pricing (qty. 1/100) bl2510 pricing (qty. 1/100) oem2500 pricing (qty. 500/1000) oem2510 pricing (qty. 500/1000) bl25xx with: 10/100base-t, 512k flash, 512k sram (program) + 256k sram (data), rabbit 3000 ? @ 44.2 mhz part number $239/195 101-0602 n/a $145/135 101-0609 n/a bl25xx with: 512k flash / 512k sram part number $209/171 101-0599 $179/147 101-0600 $129/119 101-0607 $99/89 101-0608 user-specified options n/a contact sales representative
4/20/2005 oem2500 customization checklist complete form and fax for custom quote or complete online at: www.zworld.com/products/oem2500/custom.shtml feature ethernet/memory 10/100base-t (44.2 mhz clock, 512k flash, 512k program + 256k data sram) (100) 10base-t, 512k flash / 512k sram (80) 10base-t, 256k flash / 128k sram (40) no ethernet, 512k flash / 512k sram (40) no ethernet, 256k flash / 128k sram serial ports: rs-485 yes (5) no rs-232 yes (5) no digital inputs 16 (15 protected) (8) 8 (8 protected) (4) no inputs digital outputs 8 outputs (6) no outputs analog i/o 1 input / 2 outputs (3) no analog i/o expansion rabbitnet? expansion port multiplexed to 2 rs-422 clocked spi ports (10) no rabbitnet backup battery (1000 ma ? h) yes (8) no leds 4 leds (1) no leds quantity required 500 - 999 1000 - 4999 5000 + other user specification: in the checklist above, the numbers in parentheses denote the relative worth of the circuits listed. this will aid a designer in judging which circuits to use for an oem version. example: leds are given the lowest rela tive value = 1. actual oem prices will vary depending upon the p articular combination of circuits and also upon the volume. contact a sales representative for actual pr ice quote and lead time. name: company: address: city: state: country: zip/postal code: phone number: fax number: email: fax completed form to z-world sales at 530.757.3792


▲Up To Search▲   

 
Price & Availability of 101-0602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X