Part Number Hot Search : 
BSCD84H IRF840AS 6N65F 0118D4C SD6860 S0370 CHA2098B RVT1200
Product Description
Full Text Search
 

To Download XCD100100K-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  xchip direct soc C network connectivity on a chip connects to host microcontroller for serial to ethernet (lan) applications robust networking and applications firmware included ?no coding required; zero royalty licensing agreement integrated 10-100 mac/phy; 256k sram; up to 230 kbps data rate compact 12mm x 12mm 184 bga rohs compliant package highly-integrated networking processor soc fabricated using an industry-standard cmos process, xchip direct is a highly-integrated x86-class processor that includes a built in ethernet mac and 10-100 phy, 256 kb zero wait-state sram, up to 2 gpios and a high-performance serial uart in a compact 12mm x 12mm 184 bga rohs-compliant, industrial temperature package. simply connect the serial port to the xchip direct and load the lantronix supplied royalty free standard application and network protocol firmware in an external flash chip. finish by adding an rj45 jack and magnetics to instantly connect virtually any product to an ethernet network or the internet! a dedicated networking co-processor, it enables the host microcontroller to function at maximum capacity without the burden of network processing overhead. serial data from the device microcontrollers cmos logic-level serial port is packetized and delivered over an ethernet network via tcp or udp data packets similarly, incoming tcp or udp packets are packaged and sent to the attached device over its microcontrollers serial interface. this enables oems to use less expensive, less powerful host microcontrollers on their products without sacrificing performance. feature-rich, royalty-free application and network protocol firmware xchip direct comes with robust, licensed networking firmware so virtually zero programming is required. powered by the same firmware already deployed in millions of networked nodes, this processor makes it easy to design-in connectivity and significantly speed time-to-market. the application-ready networking firmware and a feature-rich network protocol stack includes tcp/ip, udp, bootp, dhcp and autoip. it also features a variety of configurable options for serial-to- ethernet tunneling (baud rate, flow control, port number, data packing control intervals, inactivity timeout and mtu size). ideal for high-volume applications with its low cost, small size and potent functionality, xchip direct is an ideal solution for high-volume, cost sensitive products. ? consumer electronics ? building automation (lighting, etc.) ? energy/metering applications ? home automation (high-end audio, alarm panels, etc.) ? point of sale (pos) products ? rfid readers ? sensors and controllers ? vending machines ? white/durable goods complete hardware reference design package xchip direct comes complete with a compact, 4-layer reference design optimized for cost and performance. ? gerber files (rs-274-x) ? pads pcb design file (pads2005 spac 2) ? fabrication drawing ? design integration guide ? schematic and assembly diagram (pdf and dsn) additional software utilities for easy configuration and deployment deploying products in volume on a network typically require additional windows software to simplify implementation. dynamic host protocol support (dhcp) and additional ip configuration methods included with xchip directs windows ? Cbased deviceinstaller ? software streamline device deployment and network initiation. additionally, the included com port redirector ? (cpr) software maps virtual com ports on a pc platform and redirects application data destined for an attached device. rather than going out the local com port, the data is transmitted across the ethernet network to and from the xchip direct using tcp/ip. a member of the devicelinx ? xchip ? family of networking system-on-chip solutions, the xchip direct ? soc rapidly delivers highly-affordable and field-proven ethernet (ip) connectivity to virtually any electronic product with a serial interface on its host microcontroller. in designs where embedded web server capability is not required, xchip direct delivers the soc bundled with application and networking firmware for the same level of ethernet connectivity as the market-proven xport ? direct device networking module. affordable serial to ethernet connectivity in a deployment-ready chip embedded device gateway soc co-processor xchip direct soc
15353 barranca parkway | irvine | ca 92618 | usa | tel: 949.453.3990 | fax: 949.453.3995 | www.lantronix.com ? 2007 lantronix, inc. lantronix and xport are registered trademarks and com port redirector, deviceinstaller, xchip direct and devicelinx are trademarks of lantronix. all other trademarks are the property of their respective owners. specifications subject to change without notice. all rights reserved. 910-529 09/07 dgs2500 embedded device gateway soc co-processor xchip direct soc features architecture cpu: x86 architecture memory: 256 kb on-chip sram (no external ram required) ethernet mac/phy: 10-100, integrated inside the cpu electrical characteristics: 1.8vdc core supply voltage 3.3 vdc i/o supply voltage serial interface data rates: 300 bps to 230 kbps characters: 7 or 8 data bits parity: odd, even, none stop bits: 1 or 2 control signals: dtr/dcd, cts,rts flow control: xon/xoff, rts/cts programmable i/o: 2 pio pins (software selectable) network interface interface: ethernet 10base-t or 100base-tx (using external rj45 jack) packaging 184 bga, 12mm x 12mm, rohs environmental operating: -40 to 85c (-40 to 185?) storage: -40 to 85c (-40 to 185?) firmware (licensed with xchip direct) network protocols: tcp/ip, udp/ip, arp, icmp, snmp,tftp,telnet, dhcp, bootp and autoip serial to ethernet (lan) tunneling application software utilities (licensed with xchip direct) deviceinstaller software com port redirector ordering information part number description xcd1001000-01 xchip direct embedded device gateway soc co-processor, 184 pin bga, bulk xcd100100s-01 xchip direct embedded device gateway soc co-pr ocessor, 184 pin bga, sample XCD100100K-01 xchip direct embedded device gateway soc co-processor, 184 pin bga, kit note: oem supplies flash memory, rj45-magnetics, clock crystal and regulated power inputs. xchip direct layout and included software reference design xchip direct


▲Up To Search▲   

 
Price & Availability of XCD100100K-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X