Part Number Hot Search : 
TD62603 SNA6I4 A78R12 GLB2855 00306 B1033 1N414 122ML
Product Description
Full Text Search
 

To Download TX14-80R-6ST-MH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors general specifications number of contacts 30 to 80, 100, 120, 140, 160, 180, 200 contact spacing 1.27mm (.050"), double row current rating 0.5 amps dielectric withstanding voltage 500 vac r.m.s. (for one minute) insulation resistance 100 megohms min. contact resistance 40 milliohms max. operating temperature -40 c to +80 c pcb thickness 1.6mm (0.063") materials and finishes description materials/finishes contact copper alloy connecting area: gold 0.1 m m (.000004") min. over nickel terminal area: tin plating insulator glass-filled nylon (ul94v-0, black) spacer glass-filled nylon (ul94v-0, black) hook pin phosphor bronze/tin plating features ? greater stability and reliability due to extra long contact wipe ? leaf-type contact design resists damage from twisting ? first-to-make-last-to-break contact action ? nine optional stacking heights: 12 to 20mm (.472 to .787"), 1mm (.039") intervals ? 16 optional polarization keying positions ? with/without hook pin ? ? ? ? ? ? ? ? ? ? ? ? ? ? the leaf-type design (non-pin) contact of this board-to-board connector is superior in reliability and stability due to its resis- tance to twisting. the receptacle (tx14) and plug (tx15) combi- nation can be arranged in horizontal, vertical or parallel connec- tions. straight through hole and right angle through hole types are available. with 5 variable heights of the straight through hole type, this series is particularly adaptable to parallel board assemblies spaced within a range of 12 to 20mm (.472-.787"). these connectors are ideal for all types of office/factory automa- tion equipment, computers, and other electronic equipment. tx** C ** * * ** C * * 1 series tx14/tx15 no. of contacts 30, 40, 50, 60, 70, 80, 100, 120, 140, 160, 180, 200 connector type p C plug r C receptacle mating height code (st) C 6 to 10 (lt) C none termination style st C straight through hole lt C right angle through hole mounting ears m C with mounting ears blank C without mounting ears hook pin h C with hook pin n C without hook pin finish code 1 C connecting area: gold 0.1 m m (.000004") min. over nickel terminal area: tin plating ordering information connector profile (ref.)
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors tx14?*r?st?*1 25.2 (.992) 12 to 20 (.472 to .787 ) 7 (.276 ) 18.6 to 22.6 (.732 to .890) 18.6 to 22.6 (.732 to .890) 7 (.276 ) 7 (.276 ) 7 (.276 ) ?straight through hole (with mounting ears) tx14?*r?st?1 ?straight through hole ( without mounting ears) tx14?*r?t?*1 ?angle through hole (with mounting ears) tx15?*p?st?*1 ?straight through hole (with mounting ears) tx15?*p?st?*1 ?straight through hole (without mounting ears) tx15?*p?t?*1 ?angle through hole (with mounting ears) tx14 ? receptacle tx15 ? plug note : r C receptacle, p C plug 6 12 (.472) 13 (.512) 14 (.551) 15 (.591) 16 (.630) 7 13 (.512) 14 (.551) 15 (.591) 16 (.630) 17 (.669) 8 14 (.551) 15 (.591) 16 (.630) 17 (.669) 18 (.709) 9 15 (.591) 16 (.630) 17 (.669) 18 (.709) 19 (.748) 10 16 (.630) 17 (.669) 18 (.709) 19 (.748) 20 (.787) mating height code 67 8 910 receptacle plug parallel board-to-board distance mating height code 6 7 8 9 10 receptacle a 8.9 (.350) 9.9 (.390) 10.9 (.429) 11.9 (.469) 12.9 (.508) plug b 9.2 (.362) 10.2 (.402) 11.2 (.441) 12.2 (.480) 13.2 (.520) insulator height (straight through hole) a b plug receptacle
dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors @ : add mating height code. refer to mating height table. * : add hook pin code. h C with hook pin, n C without hook pin 1.27 (.050) 0.1 (.004) (pitch) 3.2 (.126) square a 0.15 (.006) 3.1 (.122) 0.1 (.004) 6.6 (.260) 0.2 (.008) 7 (.276) 0.2 (.008) 2.6 (.102) 0.5 (.020) d 0.2 (.008) c f 1.905 (.075) 2.8 (.110) 0.25 (.010) 4.9 (.193) + 0 (.000) ?0.2 (.008) (note 2) w 0.4 x t 0.3 ( w .016 x t .012) 4 (.157) polarizing mark hook pin (note 1) tx14 ? receptacle straight through hole (st) type with mounting ears (m): 30 to 120 contacts ? with hook pin: tx14-**r- @ st-mh1 ? without hook pin: tx14-**r- @ st-mn1 dimensions in mm (inches). note 1: shown with hook pins. note 2: insulator height. refer to mating height table. pcb hole patterns (ref.) 30, 50, 70 contacts 40, 60, 80, 100, 120 contacts note 3: holes on both sides are needed for hook pin type. 30 tx14- 30r- @ st-m*1 17.78 ( .700) 23.78 ( .936) 27.94 (1.100) 34.98 (1.377) 40 tx14- 40r- @ st-m*1 24.13 ( .950) 30.13 (1.186) 34.29 (1.350) 41.33 (1.627) 50 tx14- 50r- @ st-m*1 30.48 (1.200) 36.48 (1.436) 40.64 (1.600) 47.68 (1.877) 60 tx14- 60r- @ st-m*1 36.83 (1.450) 42.83 (1.686) 46.99 (1.850) 54.03 (2.127) 70 tx14- 70r- @ st-m*1 43.18 (1.700) 49.18 (1.936) 53.34 (2.100) 60.38 (2.377) 80 tx14- 80r- @ st-m*1 49.53 (1.950) 55.53 (2.186) 59.69 (2.350) 66.73 (2.627) 100 tx14-100r- @ st-m*1 62.23 (2.450) 68.23 (2.686) 72.39 (2.850) 79.43 (3.127) 120 tx14-120r- @ st-m*1 74.93 (2.950) 80.93 (3.186) 85.09 (3.350) 92.13 (3.627) no. of contacts part number acdf +.004 -.012 ( ) +0.1 -0.3 0.4 (.016) 2 holes, dia. 2.2 (.087) 0.05 (.002) 2 holes, dia. 2.2 (.087) 0.05 (.002) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. polorization key polorization key (note 3) (note 3)
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 2 holes, dia. 2.2 (.087) 0.05 (.002) 2 holes, dia. 2.2 (.087) 0.05 (.002) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) b 0.1 (.004) a 0.1 (.004) a 0.1 (.004) b 0.1 (.004) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. polorization key polorization key (note 3) (note 3) 1.27 (.050) 0.1 (.004) (pitch) 1.27 (.050) 0.1 (.004) (pitch) 4 (.157) 4 (.157) 3.2 (.126) square d 0.2 (.008) a 0.15 (.006) a 0.15 (.006) 3.1 (.122) 0.1 (.004) 0.5 (.020) 2.6 (.102) 7 (.276) 0.2 (.008) f b 0.2 (.008) c 1.905 (.075) 2.8 (.110) 0.25 (.010) (note 2) 46.99 (1.850) 0.2 (.008) 6.6 (.260) 0.2 (.008) 4.9 (.193) + 0 (.000) ?0.2 (.008) w 0.4 x t 0.3 (w.016 xt.012) hook pin (note1) porarizing mark tx14 ? receptacle straight through hole (st) type with mounting ears (m): 140 to 200 contacts ? with hook pin: tx14-**r- @ st-mh1 ? without hook pin: tx14-**r- @ st-mn1 @ : add mating height code. refer to mating height table. * : add hook pin code. h C with hook pin, n C without hook pin 140 tx14-140r- @ st-m*1 43.18 (1.700) 90.17 (3.550) 96.17 (3.786) 100.33 (3.950) 107.37 (4.227) 160 tx14-160r- @ st-m*1 49.53 (1.950) 102.87 (4.050) 108.87 (4.286) 113.03 (4.450) 120.07 (4.727) 180 tx14-180r- @ st-m*1 55.88 (2.200) 115.57 (4.550) 121.57 (4.786) 125.73 (4.950) 132.77 (5.227) 200 tx14-200r- @ st-m*1 62.23 (2.450) 128.27 (5.050) 134.27 (5.286) 138.43 (5.450) 145.47 (5.727) no. of contacts part number abcd f +.004 -.012 ( ) +0.1 -0.3 0.4 (.016) pcb hole patterns (ref.) 140, 180 contacts 160, 200 contacts note 3: holes on both sides are needed for hook pin type. note 1: shown with hook pins. note 2: insulator height. refer to mating height table.
dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.1 (.004) (pitch) a 0.15 (.006) 3.1 (.122) 0.1 (.004) 6.6 (.260) 0.2 (.008) 7 (.276) 0.2 (.008) d 1.905 (.075) 2.8 (.110) 0.25 (.010) 4.9 (.193) + 0 (.000) ?0.2 (.008) (note 1) w 0.4 x t 0.3 ( w .016 x t .012) 4 (.157) c polarizing mark tx14 ? receptacle straight through hole (st) type without mounting ears (n): 30 to 120 contacts ? without hook pin: tx14-**r- @ st-n1 note 1: insulator height. refer to mating height table. pcb hole patterns (ref.) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) polorizing key polorizing key 30, 50, 70 contacts 40, 60, 80, 100, 120 contacts @ : add mating height code. refer to mating height table. 30 tx14- 30r- @ st-n1 17.78 ( .700) 23.78 ( .936) 26.38 (1.039) 40 tx14- 40r- @ st-n1 24.13 ( .950) 30.13 (1.186) 32.73 (1.289) 50 tx14- 50r- @ st-n1 30.48 (1.200) 36.48 (1.436) 39.08 (1.539) 60 tx14- 60r- @ st-n1 36.83 (1.450) 42.83 (1.686) 45.43 (1.789) 70 tx14- 70r- @ st-n1 43.18 (1.700) 49.18 (1.936) 51.78 (2.039) 80 tx14- 80r- @ st-n1 49.53 (1.950) 55.53 (2.186) 58.13 (2.289) 100 tx14-100r- @ st-n1 62.23 (2.450) 68.23 (2.686) 70.83 (2.789) 120 tx14-120r- @ st-n1 74.93 (2.950) 80.93 (3.186) 83.53 (3.289) no. of contacts part number acd +.004 -.012 ( ) +0.1 -0.3 0.4 (.016) dimensions in mm (inches).
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors @ : add mating height code. refer to mating height table. 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) b 0.1 (.004) b 0.1 (.004) polorizing key polorizing key tx14 ? receptacle straight through hole (st) type without mounting ears (n): 140 to 200 contacts ? without hook pin: tx14-**r- @ st-n1 note 1: insulator height. refer to mating height table. pcb hole patterns (ref.) 140, 180 contacts 160, 200 contacts 140 tx14-140r- @ st-n1 43.18 (1.700) 90.17 (3.550) 96.17 (3.786) 98.77 (3.889) 160 tx14-160r- @ st-n1 49.53 (1.950) 102.87 (4.050) 108.87 (4.286) 111.47 (4.389) 180 tx14-180r- @ st-n1 55.88 (2.200) 115.57 (4.550) 121.57 (4.786) 124.17 (4.889) 200 tx14-200r- @ st-n1 62.23 (2.450) 128.27 (5.050) 134.27 (5.286) 136.87 (5.389) no. of contacts part number abcd +.004 -.012 ( ) +0.1 -0.3 0.4 (.016) company logo note 1 1.27 (.050) 0.1 (.004) (pitch) 1.27 (.050) 0.1 (.004) (pitch) 46.99 (1.850) 0.2 (.008) b 0.2 (.008) 3.1 (.122) 0.1 (.004) 7 (.276) 0.2 (.008) 6.6 (.260) 0.2 (.008) 4 (.157) 4 (.157) 1.905 (.075) 2.8 (.110) 0.25 (.010) 4.9 (.193) + 0 (.000) ?0.2 (.008) (note 1) w0.4 x t0.3 (w0.16 x t0.12) d c polarizing mark a 0.15 (.006) a 0.15 (.006)
dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 1.27 (.050) 0.05 (.002) (pitch) 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2) 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2) 1.27 (.050) 0.1 (.004) (pitch) hook pin (note 1) polarizing mark 3.2 (.126) square d 0.2 (.008) a 0.15 (.006) 3.1 (.122) 0.1 (.004) 3 (.118) 0.1 (.004) 0.5 (.020) 2.5 (.098) 7 (.276) 0.2 (.008) 3.7 (.146) 0.1 (.004) 15.5 (.610) f c 1.905 (.075) 2.8 (.110) 0.25 (.010) 4.9 (.193) + 0 (.000) ?0.2 (.008) 4 (.157) w0.4 x t0.3 (w.016 x t.012) dimensions in mm (inches). tx14 ? receptacle right angle through hole (lt) type with mounting ears (m): 30 to 120 contacts ? with hook pin: tx14-**r-lt-mh1 ? without hook pin: tx14-**r-lt-mn1 note 1: shown with hook pins. 30 tx14- 30r-lt-m*1 17.78 ( .700) 23.78 ( .936) 27.94 (1.100) 34.98 (1.377) 40 tx14- 40r-lt-m*1 24.13 ( .950) 30.13 (1.186) 34.29 (1.350) 41.33 (1.627) 50 tx14- 50r-lt-m*1 30.48 (1.200) 36.48 (1.436) 40.64 (1.600) 47.68 (1.877) 60 tx14- 60r-lt-m*1 36.83 (1.450) 42.83 (1.686) 46.99 (1.850) 54.03 (2.127) 70 tx14- 70r-lt-m*1 43.18 (1.700) 49.18 (1.936) 53.34 (2.100) 60.38 (2.377) 80 tx14- 80r-lt-m*1 49.53 (1.950) 55.53 (2.186) 59.69 (2.350) 66.73 (2.627) 100 tx14- 100r-lt-m*1 62.23 (2.450) 68.23 (2.686) 72.39 (2.850) 79.43 (3.127) 120 tx14- 120r-lt-m*1 74.93 (2.950) 80.93 (3.186) 85.09 (3.350) 92.13 (3.627) no. of contacts part number * : add hook pin code. h C with hook pin, n C without hook pin pcb hole patterns (ref.) 30, 50, 70 contacts 40, 60, 80, 100, 120 contacts note 2: applicable screws for without-hook-pin type: m2 acdf +.004 -.012 ( ) +0.1 -0.3 0.4 (.016)
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.1 (.004) (pitch) 1.27 (.050) 0.1 (.004) (pitch) d 0.2 (.008) 3.1 (.122) 0.1 (.004) 3 (.118) 0.1 (.004) 3.7 (.146) 0.1 (.004) 7 (.276) 0.2 (.008) 0.5 (.020) 2.5 (.098) 46.99 (1.850) 0.2 (.008) 4 (.157) 4 (.157) 1.905 (.075) 4.9 (.193) + 0 (.000) ?0.2 (.008) polarizing mark w0.4 x t0.3 (w0.16 x t0.12) hook pin (note1) 3.2 (.126) square a 0.15 (.006) a 0.15 (.006) f c b 0.2 (.008) 15.5 (.610) 2.8 (.110) 0.25 (.010) tx14 ? receptacle right angle through hole (lt) type with mounting ears (m): 140 to 200 contacts ? with hook pin: tx14-**r-lt-mh1 ? without hook pin: tx14-**r-lt-mn1 * : add hook pin code. h C with hook pin, n C without hook pin 140 tx14- 140r-lt-m*1 43.18 (1.700) 90.17 (3.550) 96.17 (3.786) 100.33 (3.950) 107.37 (4.227) 160 tx14- 160r-lt-m*1 49.53 (1.950) 102.87 (4.050) 108.87 (4.286) 113.03 (4.450) 120.07 (4.727) 180 tx14- 180r-lt-m*1 55.88 (2.200) 115.57 (4.550) 121.57 (4.786) 125.73 (4.950) 132.77 (5.227) 200 tx14- 200r-lt-m*1 62.23 (2.450) 128.27 (5.050) 134.27 (5.286) 138.43 (5.450) 145.47 (5.727) no. of contacts part number abcd f +.004 -.012 ( ) +0.1 -0.3 0.4 (.016) 140, 180 contacts 160, 200 contacts note 2: applicable screws for without-hook-pin type: m2 pcb hole patterns (ref.) note 1: shown with hook pins. 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) b 0.1 (.004) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) b 0.1 (.004) a 0.1 (.004) d 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2)
dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 2 holes, dia. 2.2 (.087) 0.05 (.002) 2 holes, dia. 2.2 (.087) 0.05 (.002) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. polarization key polarization key (note 3) (note 3) 1.27 (.050) 0.1 (.004) (pitch) 3.2 (.126) square d 0.2 (.008) a 0.15 (.006) 3.3 (.130) 0.1 (.004) 6.6 (.260) 0.2 (.008) 5.9 (.232) 0.4 (.016) 2.6 (.102) f 4.2 (.165) c 1.905 (.075) 2.8 (.110) 0.25 (.010) (note 2) w0.4 x t0.3 (w0.16 x t0.12) hook pin (note1) polarizing mark 7 (.276) 0.2 (.008) note 3: holes on both sides are needed for hook pin type. 30 tx15- 30p- @ st-m*1 17.78 ( .700) 23.98 ( .944) 27.94 (1.100) 34.98 (1.377) 40 tx15- 40p- @ st-m*1 24.13 ( .950) 30.33 (1.194) 34.29 (1.350) 41.33 (1.627) 50 tx15- 50p- @ st-m*1 30.48 (1.200) 36.68 (1.444) 40.64 (1.600) 47.68 (1.877) 60 tx15- 60p- @ st-m*1 36.83 (1.450) 43.03 (1.694) 46.99 (1.850) 54.03 (2.127) 70 tx15- 70p- @ st-m*1 43.18 (1.700) 49.38 (1.944) 53.34 (2.100) 60.38 (2.377) 80 tx15- 80p- @ st-m*1 49.53 (1.950) 55.73 (2.194) 59.69 (2.350) 66.73 (2.627) 100 tx15-100p- @ st-m*1 62.23 (2.450) 68.43 (2.694) 72.39 (2.850) 79.43 (3.127) 120 tx15-120p- @ st-m*1 74.93 (2.950) 81.13 (3.194) 85.09 (3.350) 92.13 (3.627) no. of contacts part number acdf tx15 ? plug straight through hole (st) type with mounting ears (m): 30 to 120 contacts ? with hook pin: tx15-**p- @ st-mh1 ? without hook pin: tx15-**p- @ st-mn1 pcb hole patterns (ref.) dimensions in mm (inches). 30, 50, 70 contacts 40, 60, 80, 100, 120 contacts @ : add mating height code. refer to mating height table. * : add hook pin code. h C with hook pin, n C without hook pin ( ) +.012 -.004 +0.3 -0.1 0.4 (.016) note 1: shown with hook pins. note 2: insulator height. refer to mating height table.
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 2 holes, dia. 2.2 (.087) 0.05 (.002) 2 holes, dia. 2.2 (.087) 0.05 (.002) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) b 0.1 (.004) a 0.1 (.004) d 0.1 (.004) b 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. polarization key polarization key (note 3) (note 3) 1.27 (.050) 0.1 (.004) (pitch) 1.27 (.050) 0.1 (.004) (pitch) 46.99 (1.850) 0.2 (.008) polarizing mark b 0.2 (.008) a 0.15 (.006) a 0.15 (.006) 3.3 (.130) 0.1 (.004) 6.6 (.260) 0.2 (.008) 5.9 (.232) 0.4 (.016) f c 4.2 (.165) 4.2 (.165) 2.6 (.102) 1.905 (.075) 2.8 (.110) 0.25 (.010) (note 2) w0.4 x t0.3 (w0.16 x t0.12) hook pin (note1) d 0.2 (.008) 7 (.276) 0.2 (.008) 3.2 (.126) square @ : add mating height code. refer to mating height table. * : add hook pin code. h C with hook pin, n C without hook pin tx15 ? plug straight through hole (st) type with mounting ears (m): 140 to 200 contacts ? with hook pin: tx15-**p- @ st-mh1 ? without hook pin: tx15-**p- @ st-mn1 ( ) 140 tx15-140p- @ st-m*1 43.18 (1.700) 90.17 (3.550) 96.37 (3.794) 100.33 (3.950) 107.37 (4.227) 160 tx15-160p- @ st-m*1 49.53 (1.950) 102.87 (4.050) 109.07 (4.294) 113.03 (4.450) 120.07 (4.727) 180 tx15-180p- @ st-m*1 55.88 (2.200) 115.57 (4.550) 121.77 (4.794) 125.73 (4.950) 132.77 (5.227) 200 tx15-200p- @ st-m*1 62.23 (2.450) 128.27 (5.050) 134.47 (5.294) 138.43 (5.450) 145.47 (5.727) no. of contacts part number abcd f +.012 -.004 +0.3 -0.1 0.4 (.016) pcb hole patterns (ref.) 140, 180 contacts 160, 200 contacts note 3: holes on both sides are needed for hook pin type. note 1: shown with hook pins. note 2: insulator height. refer to mating height table.
dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.1 (.004) (pitch) a 0.15 (.006) 3.3 (.130) 0.1 (.004) 6.6 (.260) 0.2 (.008) d c 4.2 (.165) polarizing mark 1.905 (.075) 2.8 (.110) 0.25 (.010) (note 1) w0.4 x t0.3 (w0.16 x t0.12) 7 (.276) 0.2 (.008) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) polarization key polarization key tx15 ? plug straight through hole (st) type without mounting ears (n): 30 to 120 contacts ? without hook pin: tx15-**p- @ st-n1 dimensions in mm (inches). 30 tx15- 30p- @ st-n1 17.78 ( .700) 23.98 ( .944) 26.38 (1.039) 40 tx15- 40p- @ st-n1 24.13 ( .950) 30.33 (1.194) 32.73 (1.289) 50 tx15- 50p- @ st-n1 30.48 (1.200) 36.68 (1.444) 39.08 (1.539) 60 tx15- 60p- @ st-n1 36.83 (1.450) 43.03 (1.694) 45.43 (1.789) 70 tx15- 70p- @ st-n1 43.18 (1.700) 49.38 (1.944) 51.78 (2.039) 80 tx15- 80p- @ st-n1 49.53 (1.950) 55.73 (2.194) 58.03 (2.289) 100 tx15-100p- @ st-n1 62.23 (2.450) 68.43 (2.694) 70.83 (2.789) 120 tx15-120p- @ st-n1 74.93 (2.950) 81.13 (3.194) 83.53 (3.289) no. of contacts part number acd ( ) +.012 -.004 +0.3 -0.1 0.4 (.016) 30, 50, 70 contacts 40, 60, 80, 100, 120 contacts pcb hole patterns (ref.) @ : add mating height code. refer to mating height table. note 1: insulator height. refer to mating height table.
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.1(.004) (pitch) 1.27 (.050) 0.1 (.004) (pitch) 46.99 (1.850) 0.2 (.008) b 0.2 (.008) a 0.15 (.006) a 0.15 (.006) 3.3 (.130) 0.1 (.004) 6.6 (.260) 0.2 (.008) c 4.2 (.165) 4.2 (.165) d polarizing mark 1.905 (.075) 2.8 (.110) 0.25 (.010) (note 1) w0.4 x t0.3 (w0.16 x t0.12) 7 (.276) 0.2 (.008) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) b 0.1 (.004) b 0.1 (.004) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) polarization key polarization key tx15 ? plug straight through hole (st) type without mounting ears (n): 140 to 200 contacts ? without hook pin: tx15-**p- @ st-n1 note 1: insulator height. refer to mating height table. 140, 180 contacts 160, 200 contacts pcb hole patterns (ref.) 140 tx15- 140p- @ st-n1 43.18 (1.700) 90.17 (3.550) 96.37 (3.794) 98.77 (3.889) 160 tx15- 160p- @ st-n1 49.53 (1.950) 102.87 (4.050) 109.07 (4.294) 111.47 (4.389) 180 tx15- 180p- @ st-n1 55.88 (2.200) 115.57 (4.550) 121.77 (4.794) 124.17 (4.889) 200 tx15- 200p- @ st-n1 62.23 (2.450) 128.27 (5.050) 134.47 (5.294) 136.87 (5.389) no. of contacts part number abcd ( ) +.012 -.004 +0.3 -0.1 0.4 (.016) @ : add mating height code. refer to mating height table.
dimensions in mm (inches). tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.1 (.004) (pitch) 3.2 (.126) square d 0.2 (.008) a 0.15 (.006) 3.3 (.130) 0.1 (.004) 6.6 (.260) 0.2 (.008) 5.9 (.232) 0.4 (.016) 2.5 (.098) f 4.2 (.165) c 1.905 (.075) 2.8 (.110) 0.25 (.010) 15.8 (.622) 0.2 (.008) w0.4 x t0.3 (w0.16 x t0.12) hook pin (note1) polarizing mark 9.4 (.370) 0.2 (.008) 7 (.276) 0.2 (.008) tx15 ? plug right angle through hole (lt) type with mounting ears (m): 30 to 120 contacts ? with hook pin: tx15-**p-lt-mh1 ? without hook pin: tx15-**p-lt-mn1 dimensions in mm (inches). note 1: shown with hook pins. pcb hole patterns (ref.) 30, 50, 70 contacts 40, 60, 80, 100, 120 contacts * : add hook pin code. h C with hook pin, n C without hook pin 30 tx15- 30p-lt-m*1 17.78 ( .700) 23.98 ( .944) 27.94 (1.100) 34.98 (1.377) 40 tx15- 40p-lt-m*1 24.13 ( .950) 30.33 (1.194) 34.29 (1.350) 41.33 (1.627) 50 tx15- 50p-lt-m*1 30.48 (1.200) 36.68 (1.444) 40.64 (1.600) 47.68 (1.877) 60 tx15- 60p-lt-m*1 36.83 (1.450) 43.03 (1.694) 46.99 (1.850) 54.03 (2.127) 70 tx15- 70p-lt-m*1 43.18 (1.700) 49.38 (1.944) 53.34 (2.100) 60.38 (2.377) 80 tx15- 80p-lt-m*1 49.53 (1.950) 55.73 (2.194) 59.69 (2.350) 66.73 (2.627) 100 tx15-100p-lt-m*1 62.23 (2.450) 68.43 (2.694) 72.39 (2.850) 79.43 (3.127) 120 tx15-120p-lt-m*1 74.93 (2.950) 81.13 (3.194) 85.09 (3.350) 92.13 (3.627) no. of contacts part number acdf ( ) +.012 -.004 +0.3 -0.1 0.4 (.016) note 2: applicable screws for without-hook-pin type: m2 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2) 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref.
dimensions and specifications subject to change without notice. tx14/15 series connectors 1.27mm (.050") contact spacing, pcb-to-pcb connectors 1.27 (.050) 0.1 (.004) (pitch) 1.27 (.050) 0.1 (.004) (pitch) 46.99 (1.850) 0.2 (.008) polarizing mark b 0.2 (.008) a 0.15 (.006) a 0.15 (.006) 3.3 (.130) 0.1 (.004) 6.6 (.260) 0.2 (.008) 5.9 (.232) 0.4 (.016) f c 4.2 (.165) 4.2 (.165) 2.5 (.098) 1.905 (.075) 2.8 (.110) 0.25 (.010) w0.4 x t0.3 (w0.16 x t0.12) hook pin (note1) d 0.2 (.008) 7 (.276) 0.2 (.008) 3.2 (.126) square 15.8 (.622) 0.2 (.008) 9.4 (.370) 0.2 (.008) tx15 ? plug right angle through hole (lt) type with mounting ears (m): 140 to 200 contacts ? with hook pin: tx15-**p-lt-mh1 ? without hook pin: tx15-**p-lt-mn1 pcb hole patterns (ref.) note 1: shown with hook pins. 140, 180 contacts 160, 200 contacts 140 tx15-140p-lt-m*1 43.18 (1.700) 90.17 (3.550) 96.37 (3.794) 100.33 (3.950) 107.37 (4.227) 160 tx15-160p-lt-m*1 49.53 (1.950) 102.87 (4.050) 109.07 (4.294) 113.03 (4.450) 120.07 (4.727) 180 tx15-180p-lt-m*1 55.88 (2.200) 115.57 (4.550) 121.77 (4.794) 125.73 (4.950) 132.77 (5.227) 200 tx15-200p-lt-m*1 62.23 (2.450) 128.27 (5.050) 134.47 (5.294) 138.43 (5.450) 145.47 (5.727) no. of contacts part number abcd f ( ) +.012 -.004 +0.3 -0.1 0.4 (.016) * : add hook pin code. h C with hook pin, n C without hook pin note 2: applicable screws for without-hook-pin type: m2 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 1.27 (.050) 0.05 (.002) (pitch) 0.8 (.031) dia. 0.05 (.002) 0.8 (.031) dia. 0.05 (.002) 1.905 (.075) 0.05 (.002) 1.905 (.075) 0.05 (.002) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) a 0.1 (.004) d 0.1 (.004) b 0.1 (.004) b 0.1 (.004) d 0.1 (.004) 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 5.08 (.200) ref. 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2) 2 holes, dia. 2.2 (.087) 0.05 (.002) (note 2)


▲Up To Search▲   

 
Price & Availability of TX14-80R-6ST-MH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X