Part Number Hot Search : 
TYN40 854927 SP6203 01504 DF005 BPC250 0NF03L N74F862D
Product Description
Full Text Search
 

To Download SFF75N06-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary solid state devices, inc. SFF75N06-28 features: data sheet #: ft0001a maximum ratings v gs 20 volts gate to source voltage i d 30 continuous drain current @ tc = 25 o c drain to source voltage v ds 100 amps volts watts ? rugged construction with poly silicon gate ? low rds (on) and high transconductance ? excellent high temperature stability ? very fast switching speed ? fast recovery and superior dv/dt performance ? increased reverse energy capability ? low input transfer capacitance for easy paralleling ? hermetically sealed surface mount package ? tx, txv and space level screening available 28 pin clcc 30 amp 1/ 60 volts 25m s n-channel power mosfet total device dissipation @ tc = 25 o c p d 35 thermal resistance, junction to case (all four) r 2 jc t op & t stg -55 to +150 operating and storage temperature o c designer's data sheet 14005 stage road * santa fe springs, ca 90670 phone: (562) 404-4474 * fax: (562) 404-1773 note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. o c/w 3.5 characteristic symbol value unit package outline: 28 pin clcc pin out: source: 1, 15 - 28 drain: 5 - 11 gate: 2, 3, 13, 14 note: all drain/source pins must be connected on the pc board in order to maximize current carrying capability and to mini- mize rds (on) v dg 60 60 60 60 60 volts drain to gate voltage ( rgs = 1.0 m s )
solid state devices, inc. SFF75N06-28 preliminary 14005 stage road * santa fe springs, ca 90670 phone: (562) 404-4474 * fax: (562) 404-1773 electrical characteristics @ t j =25 o c (unless otherwise specified) v drain to source breakdown voltage (vgs =0 v, id =250 : a) - bv dss - rating symbol min typ max unit 60 m s drain to source on state resistance 2/ (vgs = 10 v) 23 25 27 r ds(on) 25 27 - - - - v gate threshold voltage (vds =vgs, id =250 : a) - v gs(th) 4 2 s( ) forward transconductance (vds > id(on) x rds (on) max, ids =60% rated id) 35 gf s - 15 : a zero gate voltage drain current (vds =80% rated vds, vgs =0 v, t a = 25 o c ) (vds =80% rated vds, vgs =0 v, t a = 125 o c ) - - i dss - - gate to source leakage forward gate to source leakage reverse - - i gss 100 100 - - at rated vgs total gate charge gate to source charge gate to drain charge vgs =10 volts 50% rated vds rated id qg qgs qgd - - - 83 13 40 100 20 55 nsec turn on delay time rise time turn off delay time fall time vdd =50% rated vds rated id rg = 6.2 s t d (on) tr t d (off) tf - - - - 20 35 65 40 40 70 130 80 v 1.47 v sd 1.6 - diode reverse recovery time reverse recovery charge 70 t rr 150 - tj =25 o c if = 10a di/dt = 100a/ : sec input capacitance output capacitance reverse transfer capacitance vgs =0 volts vds =25 volts f =1 mhz ciss coss crss - - - 2600 700 260 2900 1100 275 pf nsec for thermal derating curves and other characteristic curves please contact ssdi marketing department. diode forward voltage (i s = rated i d , v gs = 0v, t j = 25 o c) nc na 10 100 60% of rated id, t c = 25 o c rated id, t c = 25 o c 60% of rated id, t c = 150 o c notes: 1/ die rating: 75amps. 2/ all package pins of the same terminations (drain/source/gate) must be connected together to minimize r ds(on) and maximize current carrying capability.


▲Up To Search▲   

 
Price & Availability of SFF75N06-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X