Part Number Hot Search : 
54853A PFS5000 MC1402 4111D L7805T TDZ27J 00406 BU2508AW
Product Description
Full Text Search
 

To Download S3C9454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s3c9442/c9444/f9444/c9452/c9454/f9454 product overview 1- 1 1 product overview sam88rcri product family samsung's sam88rcri family of 8-bit single-chip cmos microcontrollers offers a fast and efficient cpu, a wide range of integrated peripherals, and various mask-programmable rom sizes. a address/data bus architecture and a large number of bit-configurable i/o ports provide a flexible programming environment for applications with varied memory and i/o requirements. timer/counters with selectable operating modes are included to support real-time operations. s3c9442/c9444/c9452/c9454 microcontroller the s3c9442/c9444/c9452/c9454 single-chip 8-bit microcontroller is designed for useful a/d converter , sio application field. the s3c9442/c9444/c9452/c9454 uses powerful sam88rcri cpu and s3c9442/c9444/c9452/c9454 architecture. the internal register file is logically expanded to increase the on- chip register space. the s3c9442/c9444/c9452/c9454 has 2k/4k bytes of on-chip program rom and 208 bytes of ram. the s3c9442/c9444/c9452/c9454 is a versatile general-purpose microcontroller that is ideal for use in a wide range of electronics applications requiring simple timer/counter, pwm. in addition, the s3c9442/c9444/c9452/c9454?s advanced cmos technology provides for low power consumption and wide operating voltage range. using the sam88rcri design approach, the following peripherals were integrated with the sam88rcri core: ? three configurable i/o ports (18 pins) ? four interrupt sources with one vector and one interrupt level ? one 8-bit timer/counter with time interval mode ? analog to digital converter with nine input channels and 10-bit resolution ? one 8-bit pwm output the s3c9442/c9444/c9452/c9454 microcontroller is ideal for use in a wide range of electronic applications requiring simple timer/counter, pwm, adc. s3c9452/c9454 is available in a 20/16-pin dip and a 20-pin sop package. s3c9452/c9454 is available in a 8-pin and a 8-pin sop package. mtp the s3f9444/f9454 is an mtp (multi time programmable) version of the s3c9442/c9444/c9452/c9454 microcontroller. the s3f9444/f9454 has on-chip 4-kbyte multi-time programmable flash rom instead of masked rom. the s3f9444/f9454 is fully compatible with the s3c9442/c9444/c9452/c9454, in function, in d.c. electrical characteristics and in pin configuration.
product overview s3c9442/c9444/f9444/c9452/c9454/f9454 1- 2 features cpu ? sam88rcri cpu core ? the sam88rcri core is low-end version of the current sam87 core. memory ? 2/4-kbyte internal program memory ? 208-byte general purpose register area instruction set ? 41 instructions ? the sam88rcri core provides all the sam87 core instruction except the word-oriented instruction, multiplication, division, and some one-byte instruction. instruction execution time ? 400 ns at 10 mhz f osc (minimum) interrupts ? 4 interrupt sources with one vector ? one interrupt level general i/o ? three i/o ports (max 18 pins) ? bit programmable ports 8-bit high-speed pwm ? 8-bit pwm 1-ch (max: 156 khz) ? 6-bit base + 2-bit extension built-in reset circuit ? low voltage detector for safe reset timer/counters ? one 8-bit basic timer for watchdog function ? one 8-bit timer/counter with time interval modes a/d converter ? nine analog input pins ? 10-bit conversion resolution oscillation frequency ? 1 mhz to 10 mhz external crystal oscillator ? maximum 10 mhz cpu clock ? internal rc: 3.2 mhz ( typ.), 0.5 mhz ( typ.) in v dd = 5 v operating temperature range ? ? 40 c to + 85 c operating voltage range ? 2.0 v (lvr level) to 5.5 v smart option package types ? s3c9452/c9454: ? 20-dip-300a ? 20-sop-375 ? 16-dip-300a ? s3c9442/c9444 ? 8-dip-300 ? 8-sop-225
s3c9442/c9444/f9444/c9452/c9454/f9454 product overview 1- 3 block diagram 88rcri samri cpu port i/o and interrupt control 2 kb rom 4 kb rom 208 byte register file timer 0 adc pwm x in x out osc basic timer adc0-adc8 p0.6/pwm port 0 port 2 port 1 p0.0/adc0/int0 p0.1/adc1/int1 p0.2/adc2 p0.7/adc7 ... p1.0 p1.1 p1.2 p2.0/t0 p2.1 p2.6 ... note: p1.2 is used as input only figure 1-1. block diagram
product overview s3c9442/c9444/f9444/c9452/c9454/f9454 1- 4 pin assignments s3c9452/c9454 (20-dip-300a/ 20-sop-375) 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 v ss x in /p1.0 x out /p1.1 reset /p1.2 p2.0/t0 p2.1 p2.2 p2.3 p2.4 p2.5 v dd p0.0/adc0/int0 p0.1/adc1/int1 p0.2/adc2 p0.3/adc3 p0.4/adc4 p0.5/adc5 p0.6/adc6/pwm p0.7/adc7 p2.6/adc8/clo figure 1-2. pin assignment diagram (20-pin dip/sop package)
s3c9442/c9444/f9444/c9452/c9454/f9454 product overview 1- 5 s3c9452/c9454 (16-dip-300a) v dd p0.0/adc0/int0 p0.1/adc1/int1 p0.2/adc2 p0.3/adc3 p0.4/adc4 p0.5/adc5 p0.6/adc6/pwm 16 15 14 13 12 11 10 9 v ss x in /p1.0 x out /p1.1 reset /p1.2 p2.0/t0 p2.1 p2.2 p2.3 1 2 3 4 5 6 7 8 figure 1-3. pin assignment diagram (16-pin dip package) s3c9442/c9444 (8-dip-300 8-sop-225) v dd p0.0/adc0/int0 p0.1/adc1/int1 p0.2/adc2 8 7 6 5 v ss x in /p1.0 x out /p1.1 reset /p1.2 1 2 3 4 figure 1-4. pin assignment diagram (8-pin dip/sop package)
product overview s3c9442/c9444/f9444/c9452/c9454/f9454 1- 6 pin descriptions table 1-1. s3c9452/c9454 pin descriptions pin name in/out pin description pin type share pins p0.0?p0.7 i/o bit-programmable i/o port for schmitt trigger input or push-pull output. pull-up resistors are assignable by software. port0 pins can also be used as a/d converter input, pwm output or external interrupt input. e-1 adc0?adc7 int0/int1 pwm p1.0?p1.1 i/o bit-programmable i/o port for schmitt trigger input or push-pull , o pen-drain output. pull-up resistors or pull-down resistors are assignable by software. e-2 x in, x out p1.2 i schmitt trigger input port b reset p2.0?p2.6 i/o bit-programmable i/o port for schmitt trigger input or push-pull, o pen-drain output. pull-up resistors are assignable by software. e e-1 ? adc8/clo t0 x in, x out ? crystal/ceramic, or rc oscillator signal for s ystem clock. p1.0?p1.1 reset i internal lvr or external reset b p1.2 v dd, v ss ? voltage input pin and ground ? clo o system clock output port e-1 p2.6 int0?int1 i external interrupt input port e-1 p0.0, p0.1 pwm o 8-bit high speed pwm output e-1 p0.6 t0 o timer0 match output e-1 p2.0 adc0?adc8 i a/d converter input e-1 e p0.0?p0.7 p2.6
s3c9442/c9444/f9444/c9452/c9454/f9454 product overview 1- 7 pin circuits v dd in n-channel p-channel figure 1-5. pin circuit type a in figure 1-6. pin circuit type b v dd out output disable data figure 1-7. pin circuit type c i/o output disable data circuit type c pull-up enable v dd digital input figure 1-8. pin circuit type d
product overview s3c9442/c9444/f9444/c9452/c9454/f9454 1- 8 v dd i/o digital input p-ch v dd open-drain enable pull-up enable analog input enable adc output disable (input mode) data m u x alternative output p2.x p2conh p2conl n-ch figure 1-9. pin circuit type e v dd i/o digital input p-ch v dd pull-up enable output disable (input mode) data m u x alternative output p0.x p0conh n-ch analog input enable adc interrupt input figure 1-10. pin circuit type e-1
s3c9442/c9444/f9444/c9452/c9454/f9454 product overview 1- 9 v dd i/o x in x out v dd open-drain enable output disable (input mode) p1.x digital input pull-up enable pull-down enable figure 1-11. pin circuit type e-2
s3c9442/c9444/f9444/c9452/c9454/f9454 e lectrical data 13- 1 13 electrical data overview in this section, the following s3c9442/c9444/c9452/c9454 electrical characteristics are presented in tables and graphs: ? absolute maximum ratings ? d.c. electrical characteristic s ? a.c. electrical characteristics ? input timing measurement points ? oscillator characteristics ? oscillation stabilization time ? operating voltage range ? schmitt trigger input characteristics ? data retention supply voltage in stop mode ? stop mode release timing when initiated by a reset ? a/d converter electrical characteristics ? lvr circuit characteristics ? lvr reset timing
electrical data s3c 9442/c9444/f9444/c9452/c9454/f9454 13- 2 table 13-1. absolute maximum ratings (t a = 25 c) parameter symbol conditions rating unit supply voltage v dd ? ? 0.3 to + 6.5 v input voltage v i all ports ? 0.3 to v dd + 0.3 v output voltage v o all output ports ? 0.3 to v dd + 0.3 v output current high i oh one i/o pin active ? 25 ma all i/o pins active ? 80 output current low i ol one i/o pin active + 30 ma all i/o pins active + 150 operating temperature t a ? ? 40 to + 85 c storage temperature t stg ? ? 65 to + 150 c
s3c9442/c9444/f9444/c9452/c9454/f9454 e lectrical data 13- 3 table 13-2. dc electrical characteristics (t a = ? 40 c to + 85 c, v dd = 2.0 v to 5.5 v) parameter symbol conditions min typ max unit input high voltage v ih1 ports 0, 1, 2 and reset v dd = 2.0 to 5.5 v 0.8 v dd ? v dd v v ih2 x in and x out v dd - 0.1 input low voltage v il1 ports 0, 1, 2 and reset v dd = 2.0 to 5.5 v ? ? 0.2 v dd v v il2 x in and x out 0.1 output high voltage v oh i oh = ? 10 ma ports 0, 1, 2 v dd = 4.5 to 5.5 v v dd -1.5 v dd - 0.4 ? v output low voltage v ol i ol = 25 ma port 0, 1, and 2 v dd = 4.5 to 5.5 v ? 0.4 2.0 v input high leakage current i lih1 all input except i lih2 v in = v dd ? ? 1 ua i lih2 x in , x out v in = v dd 20 input low leakage current i lil1 all input except i lil2 and reset v in = 0 v ? ? ?1 ua i lil2 x in , x out v in = 0 v ?20 output high leakage current i loh all output pins v out = v dd ? ? 2 ua output low leakage current i lol all output pins v out = 0 v ? ? ?2 ua pull-up resistors r p v in = 0 v ports 0, 1, 2 v dd = 5 v 25 50 100 k w pull-down resistors r p v in = 0 v ports 1 v dd = 5 v 25 50 100 supply current i dd1 run mode 10 mhz cpu clock v dd = 4.5 to 5.5 v ? 5 10 ma 3 mhz cpu clock v dd = 2.0 v 2 5 i dd2 idle mode 10 mhz cpu clock v dd = 4.5 to 5.5 v ? 2 4 3 mhz cpu clock v dd = 2.0 v 0.5 1.5 i dd3 stop mode v dd = 4.5 to 5.5 v (lvr disable) ? 0.1 5 ua v dd = 4.5 to 5.5 v (lvr enable) 100 200 v dd = 2.6 v (lvr enable) 30 60 note: in stop (i dd3 ), idle (i dd2 ) current, current by adc module is not included.
electrical data s3c 9442/c9444/f9444/c9452/c9454/f9454 13- 4 table 13-3. ac electrical characteristics (t a = ? 40 c to + 85 c, v dd = 2.0 v to 5.5 v) parameter symbol conditions min typ max unit interrupt input low width t intl int0, int1 v dd = 5 v 10 % ? 200 ? ns reset input low width t rsl input v dd = 5 v 10 % ? 1 ? us t intl t inth x in 0.8 v dd 0.2 v dd figure 13-1. input timing measurement points
s3c9442/c9444/f9444/c9452/c9454/f9454 e lectrical data 13- 5 table 13-4. oscillator characteristics (t a = ? 40 c to + 85 c) oscillator clock circuit test condition min typ max unit main crystal or ceramic x in x out c1 c2 v dd = 4.5 to 5.5 v 1 ? 10 mhz v dd = 2.7 to 4.5 v 1 ? 6 mhz v dd = 2.0 to 2.7 v 1 ? 3 mhz external clock (main system) x in x out v dd = 4.5 to 5.5 v 1 ? 10 mhz v dd = 2.7 to 4.5 v 1 ? 6 mhz v dd = 2.0 to 2.7 v 1 ? 3 mhz external rc oscillator ? v dd = 4.75 to 5.25 v tolerance:10 % ? 4 ? mhz internal rc v dd = 4.75 to 5.25 v 3.2 oscillator 0.5 table 13-5. oscillation stabilization time (t a = - 40 c to + 85 c, v dd = 3.0 v to 5.5 v) oscillator test condition min typ max unit main crystal f osc > 1.0 mhz ? ? 20 ms main ceramic oscillation stabilization occurs when v dd is equal to the minimum oscillator voltage range. ? ? 10 ms external clock (main system) x in input high and low width (t xh , t xl ) 25 ? 500 ns oscillator stabilization t wait when released by a reset (1) ? 2 16 /f osc ? ms wait time t wait when released by an interrupt (2) ? ? ? ms notes: 1. f osc is the oscillator frequency. 2. the duration of the oscillator stabilization wait time, t wait , when it is released by an interrupt is determined by the settings in the basic timer control register, btcon.
electrical data s3c 9442/c9444/f9444/c9452/c9454/f9454 13- 6 10 mhz cpu clock 6 mhz 1 mhz 1 2 3 4 5 6 7 supply voltage (v) 2 mhz 3 mhz 4 mhz 2.7 5.5 4.5 figure 13-2. operating voltage range v ss a a = 0.2 v dd b = 0.4 v dd c = 0.6 v dd d = 0.8 v dd v dd v out v in b c d 0.3 v dd 0.7 v dd figure 13-3. schmitt trigger input characteristics diagram
s3c9442/c9444/f9444/c9452/c9454/f9454 e lectrical data 13- 7 table 13-6. data retention supply voltage in stop mode (t a = ? 40 c to + 85 c, v dd = 2.0 v to 5.5 v) parameter symbol conditions min typ max unit data retention supply voltage v dddr stop mode 2.0 ? 5.5 v data retention supply current i dddr stop mode; v dddr = 2.0 v ? 0.1 5 ua note: supply current does not include current drawn through internal pull-up resistors or external output current loads. data retention mode v dddr execution of stop instrction v dd normal operating mode oscillation stabilization time stop mode t wait reset reset occurs note: t wait is the same as 4096 x 16 x 1/f osc ~ ~ ~ ~ figure 13-4. stop mode release timing when initiated by a reset
electrical data s3c 9442/c9444/f9444/c9452/c9454/f9454 13- 8 table 13-7. a/d converter electrical characteristics (t a = ? 40 c to + 85 c, v dd = 2.7 v to 5.5 v, v ss = 0 v) parameter symbol test conditions min typ max unit total accuracy ? v dd = 5.12 v cpu clock = 10 mhz v ss = 0 v ? ? 3 lsb integral linearity error ile 2 ? ? 2 differential linearity error dle 2 ? ? 1 offset error of top eot 2 ? 1 3 offset error of bottom eob 2 ? 1 2 conversion time (1) t con f osc = 10 mhz ? 20 ? m s analog input voltage v ian ? v ss ? v dd v analog input impedance r an ? 2 ? ? m w analog input current i adin v dd = 5 v ? ? 10 m a analog block current (2) i adc v dd = 5 v ? 1 3 ma v dd = 3 v 0.5 1.5 v dd = 5 v power down mode ? 100 500 na notes: 1. ?conversion time? is the time required from the moment a conversion operation starts until it ends. 2. i adc is operating current during a/d conversion.
s3c9442/c9444/f9444/c9452/c9454/f9454 e lectrical data 13- 9 table 13-8. lvr circuit characteristics (t a = 25 c, v dd = 2.0 v to 5.5 v) parameter symbol conditions min typ max unit low voltage reset v lvr ? ? 2.3 3.0 3.9 v lvr hysteresis voltage v hys ? 0.3 ? v power supply voltage rise time t r 10 (note) us power supply voltage off time t off 0.5 s note: 2 16 / fx ( = 6.55 ms at fx = 10 mhz) v dd v lvr,max v hys v hys v lvr v lvr,min t off t r figure 13-5. lvr reset timing
s3c9442/c9444/f9444/c9452/c9454/f9454 me chanical data 14- 1 14 mechanical data overview the s3c9452/c9454 is available in a 20-pin dip package ( samsung: 20-dip-300a), a 20-pin sop package ( samsung: 20-sop-375), a 16-pin dip package ( samsung: 16-dip-300a). package dimensions are shown in figure 15-1, 15-2, and 15-3. the s3c9442/c9444 is available in a 8-pin dip package (samsung 8-dip-300a), a 8-pin sop package (samsung 8-sop-225). package dimensions are shown in figure 14-4 and 14-5. note : dimensions are in millimeters. 26.80 max 26.40 0 .20 (1.77) 20-dip-300a 6.40 0 .20 #20 #1 0.46 0.10 1.52 0.10 #11 #10 0-15 0.25 + 0.10 - 0.05 7.62 2.54 0.51 min 3.30 0.30 3.25 0.20 5.08 max figure 14-1. 20-dip-300a package dimensions
mechanical data s3c9 442/c9444/f9444/c9452/c9454/f9454 14- 2 note : dimensions are in millimeters. 20-sop-375 10.30 0 .30 #11 #20 #1 #10 13.14 max 12.74 0 .20 (0.66) 0-8 0.203 + 0.10 - 0.05 9.53 7.50 0.20 0.85 0.20 0.05 min 2.30 0.10 2.50 max 0.40 0.10 max + 0.10 - 0.05 1.27 figure 14-2. 20-sop-375 package dimensions
s3c9442/c9444/f9444/c9452/c9454/f9454 me chanical data 14- 3 note : dimensions are in millimeters. 19.80 max 19.40 0 .20 (0.81) 6.40 0 .20 #16 #1 16-dip-300a 0.46 0.10 1.50 0.10 #9 #8 0-15 0.25 + 0.10 - 0.05 7.62 2.54 0.38 min 3.30 0.30 3.25 0.20 5.08 max figure 14-3. 16-dip-300a package dimensions
mechanical data s3c9 442/c9444/f9444/c9452/c9454/f9454 14- 4 note : dimensions are in millimeters. 9.60 max 9.20 0 .20 2.54 0.46 0.10 1.52 0.10 (0.79) 0.33 min 3.30 0.30 3.40 0.20 5.08 max 0-15 0.25 + 0.10 - 0.05 7.62 8-dip-300 6.40 0 .20 #8 #1 #5 #4 figure 14-4. 8-dip-300 package dimensions
s3c9442/c9444/f9444/c9452/c9454/f9454 me chanical data 14- 5 note : dimensions are in millimeters. 8-sop-225 6.00 0 .30 #5 #8 #1 #4 5.13 max 4.92 0 .20 (0.56) 1.27 0.1-0.25 min 1.55 0.20 1.80 max 0.41 0.10 0-8 0.15 + 0.10 - 0.05 5.72 3.95 0.20 0.50 0.20 0.10 max figure 14-5. 8-sop-225 package dimensions
s3c9442/c9444/f9444/c9452/c9454/f9454 s3 f9444/f9454 mtp 15- 1 15 s3f9444/f9454 mtp overview the s3f9444/f9454 single-chip cmos microcontroller is the mtp (multi time programmable) version of the s3c9442/c9444/c9452/c9454 microcontroller. it has an on-chip flash rom instead of masked rom. the flash rom is accessed by serial data format. the s3f9444/f9454 is fully compatible with the s3c9442/c9444/c9452/c9454, in function, in d.c. electrical characteristics, and in pin configuration. because of its simple programming requirements, the s3f9444/f9454 is ideal for use as an evaluation chip for the s3c9442/c9444/c9452/c9454. v dd / v dd p0.0/adc0/int0/ scl p0.1/adc1/int1/ sda p0.2/adc2 p0.3/adc3 p0.4/adc4 p0.5/adc5 p0.6/adc6/ pwm p0.7/adc7 p2.6/adc8/clo s3f9454 20 19 18 17 16 15 14 13 12 11 v ss /v ss x in /p1.0 x out /p1.1 v pp / reset /p1.2 t0/p2.0 p2.1 p2.2 p2.3 p2.4 p2.5 1 2 3 4 5 6 7 8 9 10 note: the bolds indicate mtp pin name. figure 15-1. pin assignment diagram (20-pin package)
s3f9444/f9454 mtp s3 c9442/c9444/f9444/c9452/c9454/f9454 15- 2 s3f9454 v dd / v dd p0.0/adc0/int0/ scl p0.1/adc1/int1/ sda p0.2/adc2 p0.3/adc3 p0.4/adc4 p0.5/adc5 p0.6/adc6/ pwm 16 15 14 13 12 11 10 9 v ss /v ss x in /p1.0 x out /p1.1 v pp / reset /p1.2 t0/p2.0 p2.1 p2.2 p2.3 1 2 3 4 5 6 7 8 note: the bolds indicate mtp pin name. figure 15-2. pin assignment diagram (16-pin package) s3f9444 v dd / v dd p0.0/adc0/int0/ scl p0.1/adc1/int1/ sda p0.2/adc2 8 7 6 5 v ss /v ss x in /p1.0 x out /p1.1 v pp / reset /p1.2 1 2 3 4 note: the bolds indicate mtp pin name. figure 15-3. pin assignment diagram (8-pin package)
s3c9442/c9444/f9444/c9452/c9454/f9454 s3 f9444/f9454 mtp 15- 3 table 15-1. descriptions of pins used to read/write the flash rom main chip during programming pin name pin name pin no. i/o function p0.1 sda 18 (20-pin) 14 (16-pin) i/o serial data pin (output when reading, input when writing) input and push-pull output port can be assigned p0.0 scl 19 (20-pin) 15 (16-pin) i serial clock pin (input only pin) reset , p1.2 v pp 4 i power supply pin for flash rom cell writing (indicates that mtp enters into the writing mode). when 12.5 v is applied, mtp is in writing mode and when 5 v is applied, mtp is in reading mode. (option) v dd /v ss v dd /v ss 20 (20-pin), 16 (16-pin) 1 (20-pin), 1 (16-pin) i logic power supply pin. table 15-2. comparison of s3f9444/f9454 and s3c9442/c9444/c9452/c9454 features characteristic s3f9444/f9454 s3c9442/c9444/c9452/c9454 program memory 4 kbyte flash rom 2k/4k byte mask rom operating voltage (v dd ) 2.0 v to 5.5 v 2.0 v to 5.5 v otp programming mode v dd = 5 v, v pp = 12.5 v pin configuration 20 dip/20 sop/16 dip/8 dip/8 sop eprom programmability user program multi time programmed at the factory operating mode characteristics when 12.5 v is supplied to the v pp pin of the s3f9444/f9454 flash rom programming mode is entered. the operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in table 15-3 below. table 15-3. operating mode selection criteria v dd v pp reg/ mem address (a15?a0) r/w mode 5 v 5 v 0 0000h 1 flash rom read 12.5 v 0 0000h 0 flash rom program 12.5 v 0 0000h 1 flash rom verify 12.5 v 1 0e3fh 0 flash rom read protection note: "0" means low level; "1" means high level.


▲Up To Search▲   

 
Price & Availability of S3C9454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X