Part Number Hot Search : 
MC3479 CRCW0402 RT7274 120FIB 2SB824 374545 6KE400CA PC1188
Product Description
Full Text Search
 

To Download R1250V351A-E2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  negative output charge pump regulator (100ma) r1250vxx1a 2000.5.25 12345 12345 rev. 1.10 - 1 - n n n n outline the r1250vxx1a series are negative output charge pump regulator ics which can be developed as a controller of local power supply for portable appliances and small electric appliances used with batteries, with low supply current by cmos process. each of these ics consists of an oscillator, a control circuit, a reference voltage unit, an error amplifier, an output driver circuit. the r1250vxx1a can be easily supply negative voltage, or regulated setting output voltage in the range from C2v to C4v. the chip enable function works to shut down the internal circuit and reduces supply current at the stand-by mode, therefore the r1250vxx1a is very suitable for the application such as portable systems that require low supply current. since the package for this ic is tssop8 package (tsop8 in eiaj standard), high density mounting of the ics on board is possible. n n n n features o output current 100ma (max. at v in =5.0v, c in =c p =c out =4.7 m f, set output voltage=-3.0v) o output voltage accuracy 3.0%(v in =5.0v, c in =c p =c out =4.7 m f, set output voltage=-3.0v, i out =0ma/10ma) 9.0%(v in =5.0v, c in =c p =c out =4.7 m f, set output voltage=-3.0v, i out =50ma) o output voltage stepwise setting with a step of 0.1v in the range from C2.0v to C4.0v is possible. o range of input voltage ? v out ? to +5.5v(set output voltage=-4.0v to -2.8v) +2.7 to +5.5v(set output voltage=-2.7v to C2.0v) o oscillator frequency typ. 280khz o chip enable function (active at "l") o package tssop8 n n n n applications o power source for disk drives. o power source for hand-held communication equipment and battery-powered equipment. o power source for pc peripherals and add-on cards. o power source for portable audio-visual appliances such as cameras. o local power source for small electrical appliances.
12345 rev. 1.10 - 2 - n n n n block diagram osc v in c p + gnd v out c p - ce v ref v ref 8 1 2 3 4 6 7 sw1 sw4 sw3 sw2 r pu ro n n n n pin configuration l tssop8 c p + 1 2 3 4 5 6 7 8 gnd c p - ce or ce v ref n.c. v out v in n n n n package dimension tsop8 0.65mm-pitch 6.4 (typ.) 4.4 (typ.) 3.0 (typ.) 0.65 (unit: mm ) thickness 1.1 (max.)
12345 rev. 1.10 - 3 - n n n n pin description pin no. symbol description 1c p+ c p (capacitor for charge pump) positive power supply pin 2 gnd ground pin 3c p - c p (capacitor for charge pump) negative power supply pin 4 ce chip enable pin (active at l) 5 nc no connection pin 6v ref output pin for reference voltage(*note1) 7v out output pin for negative regulator 8v in power supply pin *note1 v ref is just a monitoring pin, therefore remain open. do not connect any load. refer to technical notes. q absolute maximum ratings (gnd=0v) symbol item rating unit v in v in supply voltage -0.3 to 7.5 v v ce ce pin input voltage -0.3 to v in +0.3 v v p+ c p+ pin input voltage -0.3 to v in +0.3 v v ref v ref pin voltage -0.3 to v in +0.3 v v p- c p- pin input voltage v in -12 to +0.3 v v out v out pin voltage v in -12 to +0.3 v i out output current 200 ma p d power dissipation* note1 490 mw topt operating temperature range -40 to +85 q c tstg storage temperature range -55 to +125 q c *note1: power dissipation is specified under our specified condition. conditions; evaluation board dimensions: 50mm 50mm 1.6mm material: glass epoxy (fr-4) reverse side of the evaluation board: plane copper surface of the evaluation board: land pattern and wiring
12345 rev. 1.10 - 4 - n selection guide the output voltage and the active type for the ics can be selected at the user's request. the selection can be made with designating the part number as shown below; r1250v 55 1a- 55 - - - a b c code contents a setting output voltage xx : the absolute value of output voltage stepwise setting with a step of 0.1v in the range of C2.0v to C4.0v is possible. b designation of active type of the chip enable circuit: a (fixed) : l active type c designation of packing type e2 : e2 1reel=2000pcs
12345 rev. 1.10 - 5 - n n n n electrical characteristics l r1250vxx1a (unless otherwise provided, v in =5.0v, topt=25 c, c p, c out = ceramic 4.7 m f) symbol item conditions min. typ. max. unit set output voltage = C2.7v to C2.0v 2.7 v in operating input voltage set output voltage = -4.0v to C2.8v _ set v out 5.5 v -2.4v to C2.0v 1.50 2.30 -2.9v to C2.5v 1.60 2.55 -3.4v to C3.0v 1.70 2.75 iss supply current operation: active, for ic itself* note1 -4.0v to C3.5v 1.80 3.00 ma i stb shut-down current operation: shut-down, for ic itself *note2 0.1 1 p a -2.4v to C2.0v u 0.95 u 1.05 -2.9v to C2.5v u 0.96 u 1.04 -3.4v to C3.0v u 0.97 u 1.03 i out =0ma/10ma -4.0v to C3.5v u 0.97 u 1.03 i out =50ma -2.4v to C2.0v u 0.88 u 1.12 -2.9v to C2.5v u 0.89 u 1.11 -3.4v to C3.0v u 0.91 u 1.09 v out output voltage i out =75ma -4.0v to C3.5v u 0.92 u 1.08 v v ref reference voltage(note 3) no load ~ v out ? v i out =10ma to 50ma -2.4v to C2.0v ' v out / ' i out load regulation i out =10ma to 75ma -4.0v to C2.5v 0.7 mv/ma fosc oscillator frequency output frequency 238 280 322 khz ' f osc / ' t oscillator frequency temperature coefficient r 0.25 khz/ q c d uty oscillator duty cycle at no load 50 % v sdh ce h input voltage 1.5 v v sdl ce l input voltage 0.25 v r pu ce pull-up resistance 0.68 1.25 3.00 m : r o resistance between v out and gnd 5k : *note1: refer to test circuit 1. *note2: refer to test circuit 6. *note3: do not connect ant load. refer to technical notes. *use ceramic capacitors with low esr. capacitors with high esr could have bad effect on the performance of this ic.
12345 rev. 1.10 - 6 - q typical characteristics 1)supply current at no load vs. input voltage 2)supply current at no load vs. temperature r1250vxx1a 0.000 0.500 1.000 1.500 2.000 2.500 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage v in (v) supply current at no load i ss2 (ma) -4.0v output -3.0v output -2.0v output r1250vxx1a 0.0 0.5 1.0 1.5 2.0 2.5 -50 -25 0 25 50 75 100 temperature topt(c) supply current at no load i ss2 (ma) -2.0v output -3.0v output -4.0v output 3) input current vs. output load current 4) efficiency vs. load current r1250v301a 0 20 40 60 80 100 120 0 20 40 60 80 100 120 output load current i out (ma) input current i in (ma) r1250vxx1a 0 20 40 60 80 100 0 20 40 60 80 100 120 output load current i out (ma) efficiency (%) -2.0v output -3.0v output -4.0v output v in =|output|+1 v 5) oscillator frequency vs. input voltage 6) oscillator frequency vs. temperature r1250v201a 240 250 260 270 280 290 300 310 320 2.533.544.555.5 input voltage v in (v) oscillator frequency fosc (khz) r1250v201a 280 282 284 286 288 290 292 294 296 298 300 -50 -25 0 25 50 75 100 temperature topt (c) oscillator frequency fosc (khz)
12345 rev. 1.10 - 7 - 7) output voltage vs. output load current r1250v201a -2.1 -2 -1.9 0 20 40 60 80 100 120 output load current i out [ma] output voltage v out [v] 25c 50c 85c v in =5.0v r1250v201a -2.2 -2.1 -2 -1.9 -1.8 -1.7 -1.6 -1.5 0 20 40 60 80 100 120 output load current i out [ma] output voltage v out [v] 25c 50c 85c v in =3.0v r1250v301a -3.1 -3 -2.9 0 20 40 60 80 100 120 output load current i out [ma] output voltage v out [v] 85c 50c 25c v in =5.0v r1250v301a -3.2 -3.1 -3 -2.9 -2.8 -2.7 -2.6 -2.5 0 20 40 60 80 100 120 output load current i out [ma] output voltage v out [v] 85c 50c 25c v in =4.0v r1250v401a -4.2 -4.1 -4 -3.9 -3.8 -3.7 -3.6 -3.5 0 20 40 60 80 100 120 output voltage load current i out [ma] output voltage v out [v] 85c 50c 25c v in =5.0v
12345 rev. 1.10 - 8 - 8)output voltage vs. temperature r1250v201a -2.02 -2.01 -2.00 -1.99 -1.98 -50 -25 0 25 50 75 100 temperature topt(c) output voltage v out (v) r1250v301a -3.05 -3.04 -3.03 -3.02 -3.01 -3.00 -2.99 -50 -25 0 25 50 75 100 temperature topt(c) output voltage v out (v) r1250v401a -4.06 -4.05 -4.04 -4.03 -4.02 -4.01 -4.00 -3.99 -3.98 -50 -25 0 25 50 75 100 temperature topt (c) output voltage v out (v) 9) output voltage waveform unless otherwise provided, conditions are as follows; sample: r1250v301a v in =5.0v c in =c p =c out =4.7 m f i out =0ma bw=20mhz
12345 rev. 1.10 - 9 - i out =10ma i out =50ma q test circuits test circuit 1) supply current 1 test circuit 2) typical characteristics 1), 2) test circuit 3) typical characteristics 3), 4), 7), 8) test circuit 4) typical characteristics 5), 6) test circuit 5) typical characteristics 9) test circuit 6) standby current 1) test circuit 1 i ss-p 5.5v 1.c p+ 2.gnd 3.c p- 4.ce 8.v in 7.v out 6.v ref 5.nc a set output voltage +0.2v a i ss-n i ss1 =i ss-p +i ss-n (*) to stabilize voltage, a few m f bypass capacitors are applied to v out pin and v in pin.
12345 rev. 1.10 - 10 - 2) test circuit 2 1.c p+ 2.gnd 3.c p- 4.ce 8.v in 7.v out 6.v ref 5.nc a 4.7 m f 4.7 m f i ss2 4.7 m f 3) test circuit 3 1.c p+ 2.gnd 3.c p- 4.ce 8.v in 7.v out 6.v ref 5.nc a 4.7 m f 4.7 m f i in v i out h (|v out | i out )/(v in i in ) 100(%) 4) test circuit 4 1.c p+ 2.gnd 3.c p- 4.ce 8.v in 7.v out 6.v ref 5.nc oscilloscope (*) to stabilize voltage, a few m f bypass capacitor is applied to v in pin.
12345 rev. 1.10 - 11 - 5) test circuit 5 1.c p+ 2.gnd 3.c p- 4.ce 8.v in 7.v out 6.v ref 5.nc 4.7 m f 4.7 m f i in i out oscilloscope bw : 20mhz 5.0v 4.7 m f 6) test circuit 6 1.c p+ 2.gnd 3.c p- 4.ce 8.v in 7.v out 6.v ref 5.nc a 7.5v q typical application c p+ gnd c p- ce v in v out v ref nc c p 4.7 m f c out 4.7 m f c in 4.7 m f o utput open (*) v ref pin should not be wired. refer to technical notes.
12345 rev. 1.10 - 12 - n n n n operation 1) basic operation the r1250vxx1a series make sw1 through sw4 on and off by the clock generated by internal oscillator (osc) with fixed frequency, and operate as a inverting charge pump with the capacitor c p and the capacitor c out. the output voltage is feedback and the voltage between the output voltage and reference voltage (v ref = ? v out ? v) is divided half, and it is compared with the gnd (=0v) level by an internal operational amplifier. by this action, the impedance of sw3 is controlled to correspond with its load current and output voltage keeps ? set v out level. 2) status of internal circuits at standby mode and standby current at standby mode, r1250v series keep the voltage of c p as shown below: r1250v301 v in c p c in up to 5k w r out c out v out when you design a system with using this ic, consider the following subjects; 2-(1) if very small leakage current would be a critical, the leakage current of both c in and c p should be considered. 2-(2) because the voltage level of c p keeps as much as v dd level, the speed for start-up from stand-by mode is faster than the start-up by power-on. 2-(3) v out is internally pulled down through 5k w to gnd. time constant t of transient response (turn-off speed) of v out can be calculated as follows: t @ (5[k w ] ?? r out ) c out ( r out : output load resistance) 2-(4) load current should be off synchronously with this ic if the load is electronic or connected between v in and v out . if some charge is continuously flown to the output v out at the off state, the voltage level of v out will rise and could be beyond 0v. and if the voltage will be +0.3v (that is designated as absolute maximum rating.), this ic might be break down. 3) ripple voltage ripple voltage of output waveform can be roughly calculated as follows: vripple [mvp-p] @ 0.5 (i out [ma] + supply current at no load [ma]) / (oscillator frequency: 280000 [hz]) / c out [f] supply current at no load [ma] @ supply current 1 [ma] 4) power consumption power consumption at large load current of this ic can be calculated as follows: wchip[mw] @ (v in [v]-| set output voltage |) (i out [ma]) n n n n technical notes to use this ic, the following things should be considered. 1) short protection function for each pin is not included in this ic. 2) use capacitors with low equivalent series resistor (esr) for c in , c p , c out pins. capacitors with large esr make this ics performance worse. 3) make wiring of gnd, v in , c p+ , c p- secure enough and decrease impedance. high impedance could be a cause of unstable operation of this ic. 4) when this ic is used with large load current, consider its radiation of heat. 5) basically, v ref pin can be used for soldering to the mount pad of pcb. do not make it wiring. 6) load type is electronic or setting between v in and v out , in cases of off-state of this ic and start-up state of this ic, make sure not to raise v out level on positive voltage side. if the voltage level is beyond +0.3v, which is
12345 rev. 1.10 - 13 - designated as the absolute maximum rating, this ic could be broken.


▲Up To Search▲   

 
Price & Availability of R1250V351A-E2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X