Part Number Hot Search : 
SE139 M347S EPB5011G MS320 TORX1 MC330 1028548 KA2101
Product Description
Full Text Search
 

To Download PL-KP1-00-000-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs-compliant small form factor solder-down cage PL-KP1-00-000-06 key features ? compatible with all msa compliant sfp transceivers and pcb layouts for single and double sided applications ? enhanced emi performance at data rates up to and above 4gbps ? rohs compliant and lead-free the unique lead-free and rohs-compliant, plug gable, solder-down cage represents one of jdsu?s complementary products to the small form factor pluggable (sfp) transceivers. its patented design enables enhanced emi performance using improved shielding between the cage and bezel. optimized for use with all transceiver prod- ucts complying with the sfp multisource agreement (msa), the cage design allows for low-cost implementation using standard manufacturing processes. its hardened spring-tempered material, plus excellent material memory characteristics, further provide for consistent transceiver mate/de-mate performance that provides for port ? exibility over the life of the system. applications ? switch and hub devices ? mass storage systems interconnect ? host adapter cards ? enterprise switch interconnects north america: 800 498-jdsu (5378) worldwide: +800 5378-jdsu website: www.jdsu.com communications modules & subsystems highlights ? industry?s most robust and sturdy cage design optimized for all sfp applications, including fibre c hannel, gigabit ethernet, and sonet ? enhanced emi performance due to improved mechanical shielding ? supports all industry sfp transceivers, using msa-compliant board layouts and hole sizes for single and double sided applications ? extensive compatibility testing with industry-wide msa-based modules for interoperability in multiple vendor implementation ? backward compatible design offers superior mechanical stability, simplifying implementation to customer pcbs ? tested for common applications and standard industry processes to allow seamless integration into manufacturing without additional equipment or requirements
2 rohs-compliant small form factor pluggable solder-down cage PL-KP1-00-000-06 features the PL-KP1-00-000-06 solder-down cage accommodates all msa-compliant sfp transceivers, and is ideally suited for application on printed circuit board (pcb) with a minimum thickness of 0.062 inches. ? rohs-compliant and lead-free ? superior emi performance at 4gbps ? solder-down attachment ? proven sfp msa compliant transceiver cage ? supports msa compliant board layout and hole sizes ? supports multiple system con? gurations ? robust manufacturing process ? sturdy construction ? hardened spring tempered alloy ? simple assembly ? utilizes common manufacturing equipment and processes ? 360 degree emi contact ? ngers ? low emission design ? fcc class b compliant dimensions in millimeters 48.73 9.60 15.02
3 rohs-compliant small form factor pluggable solder-down cage section 1 functional description the solder-down cage is designed in compliance with the small form factor plug- gable (sfp) transceiver multisource agreement (msa). see figure 1. figure 1 standard solder-down cage mechanical drawing (PL-KP1-00-000-06) ) inside 14.00 inside ) 8.90 ( ( 8.20 15.02 14.70 outside ) ( 48.73 dimensions in millimeters 5.00 2.35 6.40 9.60 outside ) ( 3.66 9.50
4 rohs-compliant small form factor pluggable solder-down cage section 2 recommended oem pcb layouts figure 2 board layout figure 3 detail board layout 14.25 min 0 16.25 min 15.25 min 1.00 5.00 15.00 25.00 min 0 37.80 35.00 0.10 4.50 10.00 30.90 min 23.50 20.00 27.50 30.00 2x 32.50 2x 37.10 2x 0 2.33 2x 11.92 2x typ 2x 22.80 a b m a be tied to chassis ground dimensions are in millimeters 1 2 m 2 a 0.10 m a 0.10 area. all exposed metal should b 3 a component and trace keepout b 0.10 b 0.05 0.95 7x 0.05 8x 1.05 2x 1.550.05 notes: datum b to be established by customer noted pads and vias are plated and tied to chassis ground. dimensions apply after plating. noted thru holes are unplated. electrical pad layout per sfp msa. 3 2 4 1 10.93 typ 0.80 typ 4.10 typ 4.10 10.53 4 0.10 a component keepout 2 scale 6 : 1 detail a pads and vias, typ. plated chassis ground dimensions are in millimeters area, traces ok. 2 2 l b 0.06 a b typ min 4.5 min 2.0 typ typ min 0.05 0.03 0.50 typ 1.4 2.00 2.0 min typ
5 rohs-compliant small form factor pluggable solder-down cage 0.20 a r0.5 max typ 15.250.10 a a section a-a dimensions are in millimeters 3.500.50 1.0 min 10.400.10 0.400.10 - a - 3.500.50 1.70 10.40 max 14.25 figure 4 recommended panel cut-out and pcb offset
north america: 800 498-jdsu (5378) worldwide: +800 5378-jdsu website: www.jdsu.com product speci? cations and descriptions in this document subject to change without notice. ? 2008 jds uniphase corporation 30149205 500 07 08 PL-KP1-00-000-06.ds.cms.ae july 2008 rohs-compliant small form factor pluggable solder-down cage order information for more information on this or other products and their availability, please contact your local jdsu account manager or jdsu directly at 1-800-498-jdsu (5378) in north america and +800-5378-jdsu worldwide or via e-mail at customer.servic e@jdsu.com. sample: PL-KP1-00-000-06 part number description PL-KP1-00-000-06 solder-down cage, standard application the PL-KP1-00-000-06 is packaged in card board boxes. each box has 10 layers of cages. each layer consists of 35 cages in plastic clamshell trays. there are 350 cages per box. flammability the PL-KP1-00-000-06 solder-down cage is made from alloy 770 sheet metal with a tin-plated becu emi collar welded on. rohs compliance compliant per the directive 2002/95/ec of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous sub- stances in electrical and electronic equipment section 3 package and handling instructions


▲Up To Search▲   

 
Price & Availability of PL-KP1-00-000-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X