104 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 105 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com size (d ? x l) tape and box nsrz 220 m 35v 5x5 series tb capacitance code tolerance code rated voltage rohs compliant f part number system miniature aluminum electrolytic capacitors nsrz series features ? very low impedance at high freq and high ripple current ? 5mm height, low profile ? suitable for dc-dc converter or dc-ac inverter characteristics lead spacing and diameter (mm) e g n a r e g a t l o v d e t a r c d v 5 3 ~ 3 . 6 e g n a r e c n a t i c a p a c d e t a r 0 8 1 ~ 7 4 . 0 f e g n a r e r u t a r e p m e t g n i t a r e p o 5 0 1 + ~ 5 5 - o c t n e r r u c e g a k a e l . x a m 0 2 t a e t u n i m 1 r e t f a o c 3 r o v c 1 0 . 0 , a r e t a e r g s i r e v e h c i h w n a t . x a m & e g a t l o v e g r u s ) c d v ( . v . w 3 . 6 0 1 6 1 5 2 5 3 ) c d v ( . v . s 8 3 1 0 2 2 3 4 4 n a t t a 0 2 / z h 0 2 1 o c 4 2 . 0 0 2 . 0 6 1 . 0 4 1 . 0 2 1 . 0 y t i l i b a t s e r u t a r e p m e t w o l ) z h 0 2 1 t a o i t a r e c n a d e p m i ( ) c d v ( . v . w 3 . 6 0 1 6 1 5 2 5 3 0 4 - z o 0 2 + z / c o c 3 2 2 2 2 5 5 - z o 0 2 + z / c o c 5 4 4 3 3 t s e t e f i l d a o l 5 0 1 o s r u o h 0 0 0 , 1 c e g n a h c e c n a t i c a p a c n i h t i w + e u l a v d e r u s a e m l a i t i n i f o % 5 2 n a t e u l a v d e i f i c e p s f o % 0 0 2 n a h t s s e l t n e r r u c e g a k a e l e u l a v d e i f i c e p s n a h t s s e l standard products, case sizes and specifications d x l (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking low impedance, subminiature, radial leads, polarized aluminum electrolytic capacitors ? suit able for dc-dc conver ter or dc-a c inver ter rohs compliant includes all homogeneous materials *see part number system for details precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com . v . w ) c d v ( p a c ( ) f e d o c e z i s e s a c d ? m m l x ( z . x a m ? ) 0 2 & z h k 0 0 1 o c ) a m ( t n e r r u c e l p p i r . x a m 5 0 1 & z h k 0 0 5 - k 0 1 o c 3 . 6 7 2 0 7 2 5 x 4 0 8 . 1 0 8 6 5 0 6 5 5 x 5 6 7 . 0 0 5 1 0 0 1 1 0 1 5 x 3 . 6 4 4 . 0 0 3 2 0 8 1 1 8 1 5 x 3 . 6 7 4 . 0 0 3 2 0 1 8 1 0 8 1 5 x 4 0 8 . 1 0 8 3 3 0 3 3 5 x 5 6 7 . 0 0 5 1 8 6 0 8 6 5 x 3 . 6 4 4 . 0 0 3 2 0 2 1 1 2 1 5 x 3 . 6 7 4 . 0 0 3 2 6 1 2 1 0 2 1 5 x 4 0 8 . 1 0 8 2 2 0 2 2 5 x 5 1 8 . 0 0 5 1 7 4 0 7 4 5 x 3 . 6 4 4 . 0 0 3 2 8 6 0 8 6 5 x 3 . 6 4 4 . 0 0 3 2 0 2 1 1 2 1 5 x 3 . 6 7 4 . 0 0 3 2 5 2 2 . 8 2 r 8 5 x 4 0 8 . 1 0 8 5 1 0 5 1 5 x 5 1 8 . 0 0 5 1 2 2 0 2 2 5 x 5 1 8 . 0 0 5 1 3 3 0 3 3 5 x 3 . 6 4 4 . 0 0 3 2 7 4 0 7 4 5 x 3 . 6 7 4 . 0 0 3 2 5 3 7 . 4 7 r 4 5 x 4 0 8 . 1 0 8 2 . 8 2 r 8 5 x 4 0 8 . 1 0 8 0 1 0 0 1 5 x 5 1 8 . 0 0 5 1 5 1 0 5 1 5 x 5 1 8 . 0 0 5 1 2 2 0 2 2 5 x 5 1 8 . 0 0 5 1 3 3 0 3 3 5 x 3 . 6 4 4 . 0 0 3 2 d ( . a i d e s a c ? ) 4 5 3 . 6 d ( . a i d s d a e l ? ) 5 4 . 0 5 4 . 0 5 4 . 0 ) f ( g n i c a p s d a e l 5 . 1 0 . 2 5 . 2 . m i d 5 . 0 5 . 0 5 . 0 . m i d 0 . 1 0 . 1 0 . 1
|