11 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nmc high cv series multilayer ceramic chip capacitors temperature coef? cient x7r x5r y5v capacitance range 1.0 f ~ 22 f 1.0 f ~ 100 f 1.0 f ~ 100 f capacitance tolerance 10% (k) & 20% (m) 10% (k) & 20% (m) +80%/-20% (z) operating temperature range -55c ~ +125c -55c ~ +85c -30c ~ +85c temperature characteristics 15% ? cap. 15% ? cap. +22%, -82% ? cap. rated voltages 4vdc, 6.3vdc, 16vdc, 25vdc, 50vdc & 100vdc dissipation factor see sizes & values tables insulation resistance 100megohm/ f minimum @ +25c dielectric withstanding voltage 250% of rated voltage for 5 1 sec., 50ma max. 150% of rated voltage for 5 1 sec., 50ma max. test conditions (eia-198-2e) 1khz, 0.5v 0.2vrms (alc on) 1khz, 1.0v 0.2vrms (alc on) features x7r, x5r and y5v dielectrics high capacitance density ultra low esr & esl excellent mechanical strength nickel barrier terminations rohs compliant sac solder compatible* nmc 0603 y5v 105 z 25 trp or trplp 3k f rohs compliant optional reel qty (3k = 3, 000pcs) tape & reel (embossed plastic carrier) tape & reel (paper carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros temperature characteristic (x7r, x5r or y5v) size code (see chart) series part number system *re? ow soldering is recommended. contact nic regarding the use of other soldering methods. typical esr versus frequency typical capacitance versus bias voltage rohs compliant includes all homogeneous materials *see part number system for details nmc-hc rev. 002
12 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com x7r high cv capacitor values and sizes (mm) eia case size 0603 0805 1206 length (l) 1.6 0.15 2.0 0.2 3.20.2 width (w) 0.8 0.15 1.25 0.2 1.60.2 thickness max. (t) 1.0 1.35 1.90 termination width (p) 0.1 ~ 0.65 0.25 ~ 0.75 0.25 ~ 0.85 capacitance working voltage (v) 6.3v 10 16 6.3 10 16 25 6.3 10 16 25 35 50 1.0 f 5% 5% 5% 3.5% 5% 5% 5% 3.5% 3% 1.5 f 2.2 f 10% 10%* 5%* 5%* 5% 5% 3.5% 3.3 f 10%* 5% 5% 3.5% 4.7 f 10%* 5% 5% 3.5% 10 f 10% 5% 3.5%** 22 f 10% * 1.45mm maximum thickness, **2.20mm maximum thickness x7r high cv capacitor values and sizes (mm) eia case size 1210 1812 2225 length (l) 3.20.2 4.50.4 5.70.4 width (w) 2.50.2 3.20.3 6.350.25 thickness max. (t) 2.20 1.8 2.20 termination width (p) 0.25 ~ 1.00 0.25 ~ 1.5 0.25 ~ 1.02 capacitance working voltage (v) 10 16 25 35 50 100 10 16 25 50 100 25 50 100 1.0 f 5% 3.5% 3.5% 3.5% 2.5%** 5% 3.5% 3.5% 2.5%* 2.5% 2.5% 2.5% 2.5% 1.5 f 2.5% 2.2 f 3.5% 2.5% 3.3 f 3.5% 4.7 f 3.5% 5% 2.5%** 10 f 5% 3.5% 5%** 5%** 3.5%** *2.20mm maximum thickness, **2.80mm maximum thickness nmc high cv series multilayer ceramic chip capacitors p p l w h 100% sn over ni barrier (consult factory for capacitance values not listed) percentages in the table represent the dissipation factor for that value. percentages in the table represent the dissipation factor for that value.
13 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com x5r high cv capacitor values and sizes (mm) eia case size 0402 0603 0805 length (l) 1.0 0.05 1.6 0.15 2.0 0.2 width (w) 0.5 0.05 0.8 0.15 1.25 0.2 thickness max. (t) 0.6 1.0 1.45 termination width (p) 0.1 ~ 0.3 0.1 ~ 0.65 0.25 ~ 0.75 capacitance working voltage (vdc) 4 6.3 10 4 6.3 10 16 25 6.3 10 16 25 1.0 f 10% 15% 10% 10% 5% 5% 10% 7.5% 5% 5% 1.5 f 2.2 f 10% 10% 10% 10% 10% 5% 5% 3.3 f 10% 10% 10% 4.7 f 10% 10% 10% 5% 6.8 f 10 f 10% 10% 10% 10% 5% 22 f 15% x5r high cv capacitor values and sizes (mm) eia case size 1206 1210 1812 length (l) 3.20.2 3.20.2 4.50.4 width (w) 1.60.2 2.50.2 3.20.3 thickness max. (t) 1.90 2.2 2.8 termination width (p) 0.25 ~ 0.85 0.25 ~ 1.0 0.25 ~ 1.5 capacitance working voltage (vdc) 4 6.3 10 16 25 6.3 10 16 25 35 6.3 10 16 25 1.0 f 1.5 f 5% 2.2 f 10% 7.5% 5% 3.5% 3.5% 3.3 f 10% 7.5% 5% 3.5% 4.7 f 10% 7.5% 5% 5% 10% 5% 3.5% 3.5%* 6.8 f 10% 10 f 10% 10% 5% 5% 10% 5% 5% 5%* 3.5% 22 f 10% 10% 10%* 10%* 5%* 5% 5% 47 f 10% 10% 10%* 10%* 10% 100 f 15%* 10%** *2.8mm maximum thickness, ** 3.3mm maximum thickness nmc high cv series multilayer ceramic chip capacitors p p l w h 100% sn over ni barrier (consult factory for capacitance values not listed) percentages in the table represent the dissipation factor for that value. percentages in the table represent the dissipation factor for that value.
14 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com y5v high cv capacitor values and sizes (mm) eia case size 0402 0603 0805 length (l) 1.0 0.05 1.6 0.15 2.0 0.2 width (w) 0.5 0.05 0.8 0.15 1.25 0.2 thickness max. (t) 0.6 1.0 1.45 termination width (p) 0.1 ~ 0.3 0.1 ~ 0.65 0.25 ~ 0.75 capacitance working voltage (vdc) 6.3 6.3 10 16 25 6.3 10 16 25 50 1.0 f 20% 16% 16% 9% 16% 12.5% 9% 9% 9% 1.5 f 16% 12.5% 9% 2.2 f 20% 16% 16% 16% 12.5% 9% 9% 3.3 f 16% 12.5% 9% 4.7 f 20% 12.5% 16% 12.5% 12.5% 6.8 f 16% 10 f 20% 30% 22 f 20% *2.5mm maximum thickness y5v high cv capacitor values and sizes (mm) eia case size 1206 1210 1812 length (l) 3.20.2 3.20.2 4.50.4 width (w) 1.60.2 2.50.2 3.20.3 thickness max. (t) 1.90 2.2 2.8 termination width (p) 0.25 ~ 0.85 0.25 ~ 1.0 0.25 ~ 1.5 capacitance 6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 50 1.0 f 12.5% 12.5% 7% 7% 12.5% 12.5% 9% 7% 12.5% 9% 5% 5% 1.5 f 12.5% 12.5% 9% 12.5% 12.5% 9% 12.5% 9% 5% 5% 2.2 f 12.5% 12.5% 9% 9% 12.5% 12.5% 9% 7% 12.5% 9% 5% 5% 3.3 f 12.5% 12.5% 9% 12.5% 12.5% 9% 12.5% 9% 5% 5% 4.7 f 12.5% 12.5% 9% 7% 20% 12.5% 12.5% 9% 7% 12.5% 9% 5% 5% 6.8 f 16% 12.5% 12.5% 12.5% 9% 12.5% 9% 5% 5% 10 f 20% 16% 12.5% 9% 9% 16% 12.5% 9% 7% 12.5% 9% 5% 5% 22 f 20% 16% 20% 16% 16% 5% 33 f 47 f 20% 16% 16% 9% 100 f 20%* 20% 16% *2.5mm maximum thickness nmc high cv series multilayer ceramic chip capacitors (consult factory for capacitance values not listed) p p l w h 100% sn over ni barrier percentages in the table represent the dissipation factor for that value. percentages in the table represent the dissipation factor for that value.
|