Part Number Hot Search : 
20CTQ MF1S50 TC58F SILICON 74AHC1G KBU10 SILICON 6MT20
Product Description
Full Text Search
 

To Download NLS110-9602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low to medium power ac/dc power supplies 80-110w ac/dc universal input switch mode power supplies 1 2 year warranty NLS110-9602 quad output ? 7.0 x 4.25 x 1u package ? overvoltage and short circuit protection ? 110w with 20cfm ? 90vac to 264vac universal input range ? en55022 conducted emissions level b, radiated emissions level a ? ul, vde and csa safety approvals ? ce mark the NLS110-9602 is a 110w universal input ac/dc power supply on a 7 x 4.25 inch card. the NLS110-9602 has proven itself to be highly reliable and versatile product for a wide range of communication and industrial applications, with a very high peak current capability on each output for drive and motor applications. the NLS110-9602 provides 80w of output power with free air convection cooling which can be boosted to 110w with 20cfm of air. standard features include overvoltage and short circuit protection. the NLS110-9602 with full international safety approval and the ce mark, meets conducted emissions en55022 level b. the NLS110-9602 is designed for use in low power data networking, computer, telecom and industrial applications such as servers, thermal printers, storage devices, vending machines and pos equipment. all specifications are typical at nominal input, full load at 25c unless otherwise stated general specifications hold-up time 120vac @ 60hz 35ms @ 80w 25ms @ 110w efficiency 120vac @ 110w 70% min. isolation voltage input/output 3000vac input/chassis 1500vac approvals and en60950, vde0805, iec950 standards ul1950, csa c22.2 no. 950 weight 383g (13.5 oz.) mtbf (@ 25?c) mil-hdbk-217f 220,000 hours min. environmental specifications (6,8) thermal performance operating ambient, 0c to +50c (see derating curve) non-operating C40c to +85c +50c to +70c, derate to amb. convection cooled 50% load 0c to +50c, 80w amb. convection cooled 0c to +50c ambient, 110w 150lfm forced air peak (0c to +50c, 60s) (see note 4) relative humidity non-condensing 5% to 95% rh altitude operating 10,000 feet max. non-operating 30,000 feet max. vibration (see note 7) 5hz to 500hz 2.4g rms peak shock per mil-std-810e 516.4 part iv output specifications total regulation line and load (see table) rise time at turn-on 1.0s, max. transient response (see table) temperature coefficient 0.02%/c overvoltage protection +5.1v 125%, 10% short circuit protection cyclic operation yes with auto recovery input specifications input voltage range universal input 90 to 264vdc input frequency range 47hz to 440hz input surge current 120vac 18a max. (cold start) 230vac 35a max. safety ground 120vac, 60hz 0.45ma leakage current 230vac, 50hz 0.75ma input current 120vac @ 80w 0.95a rms 120vac @ 110w 1.35a rms 230vac @ 80w 0.53a rms 230vac @ 110w 0.75a rms input fuse ul/iec127 f3.15a h, 250vac emc characteristics (11) conducted emissions en55022, fcc part 15 level b radiated emissions en55022, fcc part 15 level a harmonic current en61000-3-2 compliant emission correction esd air en61000-4-2 level 3 esd contact en61000-4-2 level 3 surge en61000-4-5 level 3 fast transients en61000-4-4 level 3 radiated immunity en61000-4-3 level 3 conducted immunity en61000-4-6 level 3 specifications file name: nls110.pdf rev: 12 june 2001
for the most current data and application support visit www.artesyn.com/powergroup/products.htm notes 1 convection cooled, 80w maximum. 2 peak outputs lasting less than 60 seconds with duty cycle less than 10%. total peak power must not exceed 110w. 3 forced air, 20cfm at 1 atmosphere, 110w maximum. 4 amplitude is peak-to-peak. output ripple is measured across a 20mhz bandwidth using a 12 inch twisted pair terminated with a 10f capacitor. 5 total regulation is defined as the static output regulation at 25c, including initial tolerance, line voltage within stated limits and output voltages adjusted to their factory settings. 6 derating curve is application specific for ambient temperatures >50c. 7 three orthogonal axes, random vibration, 10 minute test for each axis. 8 for optimum reliability no part of the heatsink should exceed 100 o c and no semiconductor case temperature should exceed 115 o c. 9 caution: allow a minimum of 1 second after disconnecting the power when making thermal measurements. 10 this product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 11 the emi specifications reference measurements made with the power supply mounted on a grounded metal sheet extending 1 inch beyond each edge, using an unshielded cable. no external filtering is required during conducted emissions testing but some applications may require additional filtering to achieve system compliance. a line choke, (ac input cords looped twice through an emi suppression toroid) was used during radiated emissions testing. considerable radiated testing in 1u six-sided boxes has shown that units can meet level b in typical systems. application support is available from the factory to assist with emi compliance. 12 requires a minimum mounting stand-off of 6.35mm (0.25 inches) in the end use product. transient response NLS110-9602 +5.1v (7.5a to 10a) 150mv peak, 1ms recovery +24v (1.5a to 3a) 300mv peak, 1ms recovery +12v (2.5a to 5a) 100mv peak, 0.5ms recovery -12v (0.5a to 1a) 100mv peak, 0.5ms recovery NLS110-9602 quad output low to medium power ac/dc power supplies 80-110w ac/dc universal input switch mode power supplies 2 please consult our website for the following items: 4 application note www.artesyn.com file name: nls110.pdf rev: 12 june 2001 output output currents ripple (4) total model numbers voltage max (1) peak (2) fan (3) regulation (5) +5.1v 8.0a 20.0a 10.0a 50mv 2.0% NLS110-9602 (12) +24.0v 3.5a 4.5a 4.5a 240mv 5.0% +12.0v 4.5a 9.0a 5.0a 120mv 3.0% C12.0v 0.5a 1.5a 1.0a 120mv 3.0% power fail detect signal 50ms t1 200ms t2 will vary with line and load t3 3 3ms pout: 110w pfd output is an open collector which will sink 40ma in the low state. high t1 t2 t3 4.75v 3.5v min 0-0.4 max low 4.75v 5v output pfd signal ac input optional power fail detect timing diagram derating curve output power (watts) 0 c10 c20 c30 c40 c50 c60 c70 c 40w 80w 110w 150 lfm forced air cooling 55w natural convection cooling output pin connections j2 function pin 1 +5.1v pin 2 +5.1v pin 3 return pin 4 return pin 5 return pin 6 return pin 7 +12v pin 8 +12v pin 9 +24v pin 10 pfd pin 11 -12v return pin 12 -12v input pin connections j1 pin 1 ac neutral pin 2 no connection pin 3 ac line j4 pin 1 safety earth
input and output connectors mating connectors ac (j1) connector type ac (j1) mating connector type molex 26-60-4030 or equivalent. molex 09-50-3031 or equivalent with molex 08-50-0105 or equivalent crimp terminals. dc (j2) connector type dc (j2) mating connector type 12 position molex spox type 26-48-1125 molex spox type 26-03-3121 and or equivalent. contact 08-52-0113. earth (j4) connector type earth (j4) mating connector type male 0.250 quick disconnect. molex 90028. 4.25 (107.95) 0.25 (6.35) 0.25 (6.35) 3.750 (95.250) 3 j1 j2 j5 12 7.00 (177.80) 6.500 (165.100) 1 1 2 j4 t1 (ref) t2 (ref) f1 1 tolerance: .xxx: 0.005 (0.127) .xx: 0.02 (0.51) all dimensions in inches (mm) recommended direction for forced air relative to power supply orientation shown below. 1 optimum. 2 very good. 3 not recommended. 4 not recommended. 2 3 4 1 data sheet ? artesyn technologies ? 2002 the information and specifications contained in this data sheet are believed to be correct at time of publication. however, art esyn technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. specifications are subject to change without notice. no rights under any patent accompany the sale of any such product(s) or information contained herein. for the most current data and application support visit www.artesyn.com/powergroup/products.htm NLS110-9602 quad output low to medium power ac/dc power supplies 80-110w ac/dc universal input switch mode power supplies 3 please consult our website for the following items: 4 application note www.artesyn.com file name: nls110.pdf rev: 12 june 2001 mechanical notes a all dimensions are in inches (mm). international safety standard approvals vde0805/en60950/iec950/iec1010 file no. 10401-3336-1049 licence no. 2874, 1653 and 1049 ul1950 file no. e136005 csa c22.2 no. 950 file no. lr41062c


▲Up To Search▲   

 
Price & Availability of NLS110-9602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X