Part Number Hot Search : 
F60205K ADP31 6757U N4754 SM130DT AME4625 XR1016CN ICM515NB
Product Description
Full Text Search
 

To Download MSP3402C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  short information msp 3402c 1 sept/96 msp 3402c sound processor for korea (68-pin plcc package, 64-pin psdip package, or 52-pin psdip package) the msp 3402c is designed as a single-chip sound processor for applications in analog and digital tv sets, satellite receivers, video recorders, and pc-cards for korea. the msp 3402c increases function integration in a spectacular way. the chips are produced in submicron cmos technology and will offer a wide range of interesting features combined with high performance digital signal processing. the complete tv-sound-processing, starting at the sound-if domain, will be performed by one single ic. the ic's input signal consists of analog audio signals in baseband and at intercarrier position. the msp 3402c covers the sound processing of the tv-standard m. the msp 3402c is fully backwards compatible to the msp 3410b/d, which include nicam sound decoding. the msp 3402c offers the following advantages: two selectable analog inputs automatic gain control (agc) for analog input: input range: 0.14 3 vpp sound-if frequency 4.5 mhz and 4.7242 mhz integrated a/d converter all demodulation and filtering is performed on chip and is individually programmable no external filter hardware is required only one crystal clock (18.432 mhz) is necessary fm carrier mute function flexible selection of audio sources digital input and output interfaces via s-bus for d2mac, and via i 2 s-bus for external dsp-processors fea- turing surround sound etc. digitally performed fm-identification decoding and dematrixing for korea 2-tone system digital baseband processing: volume, bass/treble or 5 band graphic equalizer, pseudostereo and base- width enlargement simplified controlling of volume, bass, treble etc. increased audio bandwidth for fm-audio-signals (20 hz 15 khz, 1 db)
short information msp 3402c 2 intermetall ? sept/96 tuner sound if mixer vision demo- dulator composite video scart1 scart2 scart3 scart1 scart2 optional feature processor amu and dma saw filter sound if filter msp 3402c 33 34 39 mhz 5 9 mhz loudspeaker headphone am sound 2 2 2 2 2 i 2 s sbus scart inputs scart outputs according to the mixing characteristics of the sound-if mixer, the sound-if filter may be omitted. i 2 s typical msp 3402c application demodulator ident dfp sound if loudspeaker dacm_l daca_l sc1_out_l headphone mono scart1 scart2 d/a d/a d/a d/a d/a d/a scart3 scart 1 scart 2 fm1 / am fm2 scart_l scart_r scart_l scart_r i2sl/r headphone l headphone r loud- speaker r loud- speaker l ident a/d a/d dacm_r daca_r sc1_out_r sc2_out_l sc2_out_r ana_in1+ ana_in2+ mono_in sc1_in_l sc1_in_r sc2_in_l sc2_in_r sc3_in_l sc3_in_r s_cl s_da_in i2s_ws sbus scart switching facilities i2s1/2l/r i2s_cl i2s_da_in_1/2 i2s_da_out i 2 s interface s_id s1..4 architecture of the msp 3402c intermetall hans-bunte-strasse 19 d-79108 freiburg (germany) p.o. box 840 d-79008 freiburg (germany) tel. +49-761-517-0 fax +49-761-517-2174 e-mail: docservice@intermetall.de internet: http://www.intermetall.de edition: sept. 13, 1996 order no. 6251-426-1si all information in this short information is without any commitment, is not to be considered as an offer for conclusion of a contract nor shall it be construed as to create any liability. product availability and delivery dates are exclusively subject to our order confirmation. by this publication, intermetall does not assume responsibility for infringements of patents or other rights of third parties, which may result from its use or the use of the product. our prior written consent must be obtained for reprinting.
multimedi a ic s en d o f dat a shee t bac k t o dat a sheet s bac k t o summar y micron a s


▲Up To Search▲   

 
Price & Availability of MSP3402C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X