Part Number Hot Search : 
1N5245B C68HC908 PST9243 MRF6S ASJ183 74M05 XXXXFS MA2C346
Product Description
Full Text Search
 

To Download MSK5131-19EZD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 4707 dey road liverpool, n.y. 13088 m.s.kennedy corp. (315) 701-6571 features: series high current, low dropout voltage regulators electrically isolated top tab or z tab sip extremely low dropout voltage: 350mv @ 3 amps available in +1.5v,+1.7v,+1.8v,+1.9v,+2.5v,+3.3v,+5.0v and +12.0v ttl level enable pin: zero current shutdown mode reverse battery and load dump protection low ground current: 42ma typical at full load 1% maximum guaranteed accuracy output current to 3 amps contact msk for mil-prf-38534 qualification status mil-prf-38534 certified description: the msk 5131 series voltage regulators are available in +1.5v,+1.7v,+1.8v,+1.9v,+2.5v,+3.3v,+5.0v and +12.0v configurations. all boast ultra low dropout specifications due to the utilization of a super pnp output pass transistor with monolithic technology. dropout voltages of 350mv at 3 amps are typical in this configuration, which drives efficiency up and power dissipation down. accuracy is guaranteed with a 1% maximum output voltage tolerance. the series also offers a ttl/cmos compatible on/off enable function. the msk 5131 series is packaged in a space efficient 5 pin power sip available in two styles with three lead bend options. equivalent schematic typical applications pin-out information high efficiency, high current linear regulators constant voltage/current regulators system power supplies switching power supply post regulators battery powered equipment enable vin ground vout n/c 1 2 3 4 5 5131 rev. b 2/06
output current limit output noise shutdown output current thermal resistance thermal shutdown max. 1.0 2.0 175 600 1.0 2.0 0.5 1.0 5.0 45 - - - 0.8 600 2 500 2.4 - output voltage tolerance dropout voltage load regulation line regulation ground current enable input voltage enable input current storage temperature range lead temperature (10 seconds soldering) operating temperature msk 5131 series msk 5131h/e series % % mv mv % % % % a ma ma v v v a a a c/w c ? v out =-1%; i out = 100ma ? v out =-1%; i out =3a v in =v out +1.5v 10ma i out 2.5a (v out +1v) v in 26v i out =10ma v out =0v; v in =v out +1v v in =v out +1v; i out =1.5a v in =v out +1v; i out =3a c l =20f; 10hz f 100khz v enable 0.8v junction to case @ 125c t j input voltage (100ms 1%d.c.) input voltage enable voltage output current v inp v in v en i out parameter t st t ld t j electrical specifications absolute maximum ratings -65c to +150c 300c -40c to +85c -55c to +125c 1 test conditions 1 2 3 4 5 6 7 8 9 notes: output decoupled to ground using 27f minimum capacitance unless otherwise specified. this parameter is guaranteed by design but need not be tested. typical parameters are representative of actual device performance but are for reference only. all output parameters are tested using a low duty cycle pulse to maintain t j = t c . industrial grade and "e" suffix devices shall be tested to subgroup 1 unless otherwise specified. military grade devices ('h' suffix) shall be 100% tested to subgroups 1,2 and 3. subgroup 1 subgroup 2 subgroup 3 please consult the factory if alternate output voltages are required. due to current limit, maximum output current may not be available at all values of v in -v out and temperatures. see typical performance curves for clarification. continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle. t c =+25c t j =+125c t a =-55c high/on low/off high/on low/off msk 5131h/e series min. - - - - - - - - - - - - 2.4 - - - - - - typ. 0.5 1.0 80 350 0.2 0.3 0.05 0.5 4.5 20 42 400 1.2 1.2 20 - 10 2.1 135 typ. 0.5 - 80 350 0.2 0.3 0.05 0.5 4.5 20 42 400 1.2 1.2 20 - 10 2.1 135 msk 5131 series min. - - - - - - - - - - - - 2.4 - - - - - - max. 1.0 - 200 625 1.2 - 0.6 - 5.0 45 - - - 0.8 600 2 500 2.5 - units 2 2 2 2 3 group a subgroup 1 2,3 1 1 1 2,3 1 2,3 - - - - 1 1 1 1 - - - 2 i out =10ma; v in =v out +1v 2 -20v to +60v 26v -0.3v to 26v 3.5a 2 2 2 2 rev. b 2/06 8 9
application notes heat sink selection: to select a heat sink for the msk 5131, the following formula for convective heat flow may be used. governing equation: tj = pd x (r jc + r cs + r sa) + ta where: tj = junction temperature pd = total power dissipation r jc = junction to case thermal resistance r cs = case to heat sink thermal resistance r sa = heat sink to ambient thermal resistance ta = ambient temperature regulator protection: the msk 5131 series is fully protected against reversed input polarity, overcurrent faults, overtemperature conditions (pd) and transient voltage spikes of up to 60v. if the regulator is used in dual supply systems where the load is returned to a negative supply, the output voltage must be diode clamped to ground. first, the power dissipation must be calculated as follows: power dissipation = (vin - vout) x iout next, the user must select a maximum junction temperature. the absolute maximum allowable junction temperature is 125c. the equation may now be rearranged to solve for the required heat sink to ambient thermal resistance (r sa). example: an msk 5131-3.3 is configured for vin=+5v and vout=+3.3v. iout is a continuous 1a dc level. the ambient temperature is +25c. the maximum desired junction tem- perature is 125c. r jc = 2.4c/w and r cs = 0.15c/w for most thermal greases power dissipation = (5v - 3.3v) x (1a) = 1.7 watts solve for r sa: r sa = 125c - 25c - 2.4c/w - 0.15c/w in this example, a heat sink with a thermal resistance of no more than 56c/w must be used to maintain a junction tem- perature of no more than 125c. device/case connection: the msk 5131 series are highly thermally conductive devices and the thermal path from the package heat sink to the internal junctions is very short. since the case is electrically isolated from the internal circuitry, the package can be directly con- nected to a heat sink. enable pin: the msk 5131 series of voltage regulators are equipped with a ttl compatible enable pin. a ttl high level on this pin acti- vates the internal bias circuit and powers up the device. a ttl low level on this pin places the controller in shutdown mode and the device draws approximately 10a of quiescent cur- rent. if the enable function is not used, simply connect the enable pin to the input. load connections: in voltage regulator applications where very large load cur- rents are present, the load connection is very important. the path connecting the output of the regulator to the load must be extremely low impedance to avoid affecting the load regulation specifications. any impedance in this path will form a voltage divider with the load. output capacitor: the output voltage ripple of the msk 5131 series voltage regu- lators can be minimized by placing a filter capacitor from the output to ground. the optimum value for this capacitor may vary from one application to the next, but a minimum of 10f is recommended for optimum performance. this capacitor need not be an expensive low esr type: aluminum electrolytics are adequate. in fact, extremely low esr capacitors may contrib- ute to instability. tantalum capacitors are recommended for systems where fast load transient response is important. tran- sient load response can also be improved by placing a capaci- tor directly across the load. 1.7w 3 rev. b 2/06 = 56.27c/w
typical performance curves 4 rev. b 2/06
the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. please visit our website for the most recent revision of this datasheet. contact msk for mil-prf-38534 qualification status. mechanical specifications m.s. kennedy corp. 4707 dey road, liverpool, new york 13088 phone (315) 701-6751 fax (315) 701-6752 www.mskennedy.com 5 rev. b 2/06 ordering information lead configurations s= straight; u= bent up; d= bent down package style t= top tab; z= z pack screening blank= industrial; e=extended reliability h=mil-prf 38534 class h output voltage 1.5=+1.5v; 1.7=+1.7v; 1.8=+1.8v; 1.9=+1.9v; 2.5=+2.5v; 3.3=+3.3v; 5.0=+5.0v; 12=+12.0v general part number msk5131-3.3 h t u the above example is a +3.3v, military regulator using the top tab package with leads bent up. note: all dimensions are 0.010 inches unless otherwise labeled. esd triangle indicates pin 1. weight = 7.5 grams typical.


▲Up To Search▲   

 
Price & Availability of MSK5131-19EZD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X