Part Number Hot Search : 
C1300 AGN2004H 2N3906N CA302000 TVS324SM 4742A 4742A 100E1
Product Description
Full Text Search
 

To Download LM2904DDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  february 2006 rev. 6 1/15 15 lm193, lm193a, lm293, lm293a, lm393, lm393a low power dual voltage comparators wide single-supply voltage range or dual supplies: +2v to +36v or 1v to 18v very low supply current (0.4ma) independent of supply voltage (1mw/comparator at +5v) low input bias current: 25na typ. low input offset current: 5na typ. low input offset voltage: 1mv typ. input common-mode voltage range includes ground low output saturation voltage: 250mv typ. (io = 4ma) differential input voltage range equal to the supply voltage ttl, dtl, ecl, mos, cmos compatible outputs description these devices consist of two independent low voltage comparators designed specifically to operate from a single supply over a wide range of voltages. operation from split power supplies is also possible. these comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage. n dip8 (plastic package) d so-8 (plastic micropackage) pin connections (top view) p tssop8 (thin shrink small outline package) s mini so-8 (plastic micropackage) 1 2 3 45 6 7 8 - + - + 1 - output 1 2 - inverting input 1 3 - non-inverting input 1 4 - v cc - 5 - non-inverting input 2 6 - inverting input 2 7 - output 2 8 - v cc + www.st.com
order codes lm193, lm193a, lm293, lm293a, lm393, lm393a 2/15 1 order codes part number temperature range package packing marking lm193ad/lm193adt -55c, +125c so-8 tube or tape & reel lm193an dip8 tube lm193d/lm193dt so-8 tube or tape & reel lm193n dip8 tube lm293ad/lm293adt -40c, +105c so-8 tube or tape & reel lm293an dip8 tube lm293d/lm293dt so-8 tube or tape & reel lm293n dip8 tube lm293pt tssop8 (thin shrink outline package) tape & reel lm293st mini so-8 tape & reel lm393ad/lm393adt 0c, +70c so-8 tube or tape & reel lm393d/lm393dt so-8 tube or tape & reel lm393n dip8 tube lm393pt tssop8 (thin shrink outline package) tape & reel lm393st mini so-8 tape & reel lm393ydt/yd -40c, +125c so-8 (automotive grade level) tube or tape & reel
lm193, lm193a, lm293, lm293a, lm393, lm393a schematic diagram (1/2 lm193) 3/15 2 schematic diagram (1/2 lm193) non-inverting input inverting input 3.5 a 100 a 3.5 a 100 a cc v cc v cc v cc v o v
absolute maximum ratings lm193, lm193a, lm293, lm293a, lm393, lm393a 4/15 3 absolute maximum ratings table 1. key parameters and their absolute maximum ratings symbol parameter value unit v cc supply voltage 18 or 36 v v id differential input voltage 36 v vi input voltage -0.3 to +36 v output short-circuit to ground - note (1) 1. short-circuits from the output to v cc + can cause excessive heating and eventual destruction. the maximum output current is approximately 20ma independent of the magnitude of v cc + . infinite p d power dissipation (2) dip-8 so-8 tssop8 mini so-8 2. pd is calculated with t amb = +25c, t j = +150c and r thja = 100c/w for dip8 package r thja = 175c/w for so-8 package r thja = 200c/w for tssop8 package r thja = 215c/w for mini so-8 package 1250 710 625 580 mw t stg storage temperature range -65 to +150 c table 2. operating conditions symbol parameter value unit v icm common mode input voltage range 0 to v cc + -1.5 v t oper operating free-air temperature range lm193, a lm293, a lm393, a -55 to +125 -40 to +105 0 to +70 c
lm193, lm193a, lm293, lm293a, lm393, lm393a electrical characteristics 5/15 4 electrical characteristics table 3. v cc + = +5v, v cc - = 0v, t amb = +25c (unless otherwise specified) symbol parameter lm193a - lm293a lm393a lm193- lm293 lm393 unit min. typ. max. min typ. max. v io input offset voltage - note (1) t amb = +25c t min t amb t max 1. at output switch point, v o 1.4v, r s = 0 with v cc + from 5v to 30v, and over the full common-mode range (0v to v cc + - 1.5v). 12 4 15 9 mv i io input offset current t amb = +25c t min t amb t max 325 100 550 150 na i ib input bias current (i + or i - ) - note (2) t amb = +25c t min t amb t max 2. the direction of the input current is out of the ic due to the pnp input stage. this current is essentially constant, independent of the state of the output, so no loading charge exists on the reference of input lines. 25 100 300 25 250 400 na a vd large signal voltage gain v cc = 15v, r l = 15k ?, v o = 1v to 11v 50 200 50 200 v/mv i cc supply current (all comparators) v cc = +5v, no load v cc = +30v, no load 0.4 1 1 2.5 0.4 1 1 2.5 ma v icm input common mode voltage range - note (3) v cc = 30v t amb = +25c t min t amb t max 3. the input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3v. the upper end of the common-mode voltage range is v cc + -1.5v, but either or both inputs can go to +30v without damage. 0 0 v cc + -1.5 v cc + -2 0 0 v cc + -1.5 v cc + -2 v v id differential input voltage -note (4) 4. the response time specified is for a 100mv input step with 5mv overdrive. for larger overdrive signals 300ns can be obtained. v cc + v cc + v ol low level output voltage v id = -1v, i sink = 4ma t amb = +25c t min t amb t max 250 400 700 250 400 700 mv i oh high level output current (v id = 1v) v cc = v o = 30v t amb = +25c t min t amb t max 0.1 1 0.1 1 na a i sink output sink current v id = 1v, v o = 1.5v 6 16 6 16 ma tre response time - note (5) r l = 5.1k ? connected to v cc + 5. positive excursions of input voltage may exceed the power supply level. as long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. the low input voltage state must not be less than - 0.3v (or 0.3v bellow the negative power supply, if used). 1.3 1.3 s trel large signal response time r l = 5.1k ? connected to v cc + , e l = ttl, v (ref) = +1.4v 300 300 ns
electrical characteristics lm193, lm193a, lm293, lm293a, lm393, lm393a 6/15 figure 1. supply current vs. supply voltage figure 2. input current vs. supply voltage figure 3. output saturation voltage vs. frequency figure 4. response time for various input overdrives - negative transition figure 5. response time for various input overdrives - positive transition supply current (ma) 1 0.8 0.6 0.4 0.2 0 10 20 30 40 supply voltage (v) t amb =+70c t amb = +125c t amb =0c r = t amb = +25c t amb =-55c inputcurrent(na) 20 10 20 30 40 supply voltage (v) t amb =+70c t amb = +125c t amb = -55c 40 60 80 0 t amb =0c t amb =+25c v=0v i r=10 ? i 9 t amb = +125c out of saturation 10 1 10 -3 10 -2 10 -1 10 0 saturation voltage (v) 10 -2 10 -1 10 0 10 1 10 2 output sink current (ma) out of saturation t amb =-55c t amb =+25c 5v 5.1k ? e o e i 6 5 4 3 2 0 0 -50 -100 input voltage (mv) output voltage (v) 0 0.5 1 1.5 2 time ( s) input overdrive : 5mv 20mv 1 100mv t amb =+25c 5v 5.1k ? e o e i 6 5 4 3 2 1 0 1 00 50 input voltage (mv) output voltage (v) 0 0.5 1 1.5 2 time ( s) 0 p in ut overdrive : 100mv t amb =+25c 5mv 20mv
lm193, lm193a, lm293, lm293a, lm393, lm393a electrical characteristics 7/15 4.1 typical applications figure 6. basic comparator figure 7. driving ttl figure 8. low frequency op-amp figure 9. driving cmos figure 10. low frequency op-amp figure 11. transducer amplifier v cc =5v 15k ? v o +v (ref) -v (ref) 1/2 lm193 5v 10k  +v (ref) -v (ref) & & 1/2 lm193 5v 15k  e o 0.5  f 100k  e i 1k  a = 100 v ~ 2n 2222 (e = 0v for e = 0v) i o 1/2 lm193 5v 100k  +v (ref) -v (ref) & 1/2 lm193 5v 15k  e o 0.5  f 100k  e i 1k  a = 100 v ~ 1/2 lm193 5v 10k  e o 20m  3k  magnetic pick-up 10k  1/2 lm193
electrical characteristics lm193, lm193a, lm293, lm293a, lm393, lm393a 8/15 figure 12. low frequency op-amp with offset adjust figure 13. zero crossing detector (single power supply) figure 14. limit comparator figure 15. crystal controlled oscillator figure 16. split-supply applications - zero crossing detector figure 17. comparator with a negative reference e i ~ 2n 2222 5v e o r1 100k  1k  5v 1m  100k  1m  offset adjust r s r i 15k  0.5  f r2 1/2 lm193 100k  10k  e i 20m  5v 5.1k  1n4148 5.1k  5.1k  100k  1/2 lm193 10k  e i ~ r s 2r s v (ref) high 2r s v (ref) low 2n 2222 (12v) v cc lamp 1/2 lm193 1/2 lm193 2k  0.1  f 200k  f = 100khz e o =15v v cc v cc 0 100k  200k  1/2 lm193 15v 5.1k  e o e i ~ 15v 1/2 lm193 15v 5.1k  e o e i ~ 15v 5v 1/2 lm193
lm193, lm193a, lm293, lm293a, lm393, lm393a electrical characteristics 9/15 figure 18. two-decade high-frequency vco v cc output 1 output 2 v cc 100k  3k  5.1k  v cc /2 v cc /2 0.01  f 500pf 100k  0.1  f 20k  50k  frequency control voltage input v control v cc =+30v +250mv v control +50v 700 hz f 100khz o 20k  3k  1/2 lm193 1/2 lm193 1/2 lm193
package mechanical data lm193, lm193a, lm293, lm293a, lm393, lm393a 10/15 5 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack ? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com . 5.1 dip8 package dim. mm. inch min. typ max. min. typ. max. a 3.3 0.130 a1 0.7 0.028 b 1.39 1.65 0.055 0.065 b1 0.91 1.04 0.036 0.041 b 0.5 0.020 b1 0.38 0.5 0.015 0.020 d 9.8 0.386 e 8.8 0.346 e 2.54 0.100 e3 7.62 0.300 e4 7.62 0.300 f 7.1 0.280 i 4.8 0.189 l 3.3 0.130 z 0.44 1.6 0.017 0.063 plastic dip-8 mechanical data p001f
lm193, lm193a, lm293, lm293a, lm393, lm393a package mechanical data 11/15 5.2 so8 package dim. mm. inch min. typ max. min. typ. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.04 0.010 a2 1.10 1.65 0.043 0.065 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.007 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 e 1.27 0.050 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 k ? (max.) ddd 0.1 0.04 so-8 mechanical data 0016023/c 8
package mechanical data lm193, lm193a, lm293, lm293a, lm393, lm393a 12/15 5.3 tssop8 package dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.006 a2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.008 d 2.90 3.00 3.10 0.114 0.118 0.122 e 6.20 6.40 6.60 0.244 0.252 0.260 e1 4.30 4.40 4.50 0.169 0.173 0.177 e 0.65 0.0256 k0? 8?0? 8? l 0.45 0.60 0.75 0.018 0.024 0.030 l1 1 0.039 tssop8 mechanical data 0079397/d
lm193, lm193a, lm293, lm293a, lm393, lm393a package mechanical data 13/15 5.4 miniso8 package
revision history lm193, lm193a, lm293, lm293a, lm393, lm393a 14/15 6 revision history table 4. document revision history date revision changes july 2002 1 first release jan. 2005 2 class a of the product included in the datasheet. may 2005 3 ppap references inserted in the datasheet see table 1 on page 2 . july 2005 4 modification on ppap references - errors on part numbers see table 1 on page 2 . nov. 2005 5 modification on table 3 on page 5 . lm293,a must be - 40/+105c instead of -40/+125c. feb. 2006 6 unit error for vol parameter see table 3 on page 5 .
lm193, lm193a, lm293, lm293a, lm393, lm393a revision history 15/15 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at an y time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorize representative of st, st products are not designed, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems, where failure or malfunction may result in personal injury, death, or severe property or environmental damage. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, an y liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of LM2904DDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X