document number: 34060 for tec hnical questions, contact: magnetics@vishay.com www.vishay.com revision: 12-apr-10 1 wirewound, surface mount, molded, shielded inductors isc-1210 vishay dale note (1) rated dc current based on the maximum temperature rise, not to exceed 40 c at + 85 c ambient features ? molded construction prov ides superior strength and moisture resistance ? tape and reel packaging for automatic handling, 2000/reel, eia-481 ? compatible with vapor ph ase, infrared and wave soldering methodsfio ? shielded construction minimizes coupling to other components ? compliant to rohs directive 2002/95/ec electrical specifications inductance range: 0.01 h to 100 h inductance tolerance: 20 % for 0.01 h to 0.82 h 10 % for 1.0 h to 100 h standard 5 %, 3 % available operating temperature: - 55 c to + 125 c coilform material: non-magnetic for 0.01 h to 0.10 h powdered iron for 0.12 h to 100 h test equipment ? h/p 4342a q meter with vishay dale test fixture or equivalent ? h/p 4191a rf impedance analyzer (for srf measurements) ? wheatstone bridge note (1) recommended minimum spac ing between components standard electrical specifications ind. ( h) tol. test freq. (mhz) q min. srf min. (mhz) dcr max. ( ) rated dc current (1) (ma) l & q 0.010 20 % 50 50 1000 0.10 810 0.012 20 % 50 50 1000 0.11 750 0.015 20 % 50 50 1000 0.12 720 0.018 20 % 50 50 1000 0.13 690 0.022 20 % 50 45 1000 0.15 640 0.027 20 % 50 45 1000 0.17 610 0.033 20 % 50 45 1000 0.18 585 0.039 20 % 50 40 1000 0.24 530 0.047 20 % 50 40 1000 0.26 495 0.056 20 % 50 40 1000 0.28 485 0.068 20 % 50 40 1000 0.35 475 0.082 20 % 50 38 900 0.45 460 0.10 20 % 50 36 700 0.50 450 0.12 20 % 25.2 40 500 0.20 630 0.15 20 % 25.2 40 470 0.20 600 0.18 20 % 25.2 40 400 0.24 580 0.22 20 % 25.2 40 330 0.30 565 0.27 20 % 25.2 40 310 0.33 500 0.33 20 % 25.2 40 280 0.36 475 0.39 20 % 25.2 40 230 0.40 465 0.47 20 % 25.2 40 220 0.44 460 0.56 20 % 25.2 40 200 0.46 455 0.68 20 % 25.2 40 180 0.48 450 0.82 20 % 25.2 40 160 0.50 450 1.0 10 % 7.96 30 120 0.60 400 1.2 10 % 7.96 30 110 0.65 390 1.5 10 % 7.96 30 90.0 0.75 370 1.8 10 % 7.96 30 85.0 0.85 350 2.2 10 % 7.96 30 65.0 0.90 320 2.7 10 % 7.96 30 60.0 1.00 290 3.3 10 % 7.96 30 60.0 1.10 270 3.9 10 % 7.96 30 58.0 1.20 250 4.7 10 % 7.96 30 52.0 1.25 220 5.6 10 % 7.96 30 50.0 1.40 210 6.8 10 % 7.96 30 40.0 1.60 205 8.2 10 % 7.96 30 35.0 1.65 195 10.0 10 % 2.52 30 30.0 2.00 185 12.0 10 % 2.52 30 24.0 2.30 175 15.0 10 % 2.52 30 20.0 2.50 165 18.0 10 % 2.52 30 17.0 2.70. 155 22.0 10 % 2.52 30 16.0 3.10 150 27.0 10 % 2.52 30 14.5 3.30 125 33.0 10 % 2.52 30 14.5 5.10 115 39.0 10 % 2.52 30 14.0 5.90 105 47.0 10 % 2.52 30 13.0 8.00 100 56.0 10 % 2.52 30 11.5 10.0 95 68.0 10 % 2.52 30 11.0 10.0 90 82.0 10 % 2.52 30 11.0 11.0 85 100.0 10 % 0.796 30 6.0 12.0 80 dimensions in inches [millimeters] part marking - vishay dale - inductance value - date code guidelines for parallel component printed circuit mounting pads on isc-1210 chip inductors 0.030 [0.762] typ. 0.098 0.008 [2.49 0.203] 0.040 [1.02] 0.020 (1) [0.508] 0.039 [1.0] 0.039 [1.0] 0.070 [1.8] 0.118 [3.0] 0.118 [3.0] 0.138 [3.5] 0.073 [1.85] ref. 0.087 0.008 [2.21 0.203] 0.126 0.008 [3.20 0.203] 0.028 0.004 [0.711 0.102] typ. 0.006 [0.152] ref. typ. description isc-1210 10 h 10 % er e3 model inductance value inductance tolerance package code jedec lead (pb)-free standard global part number isc 1210 er 100 k product family size package code inductance value tol.
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.
|