Part Number Hot Search : 
CLB764 L6671 M79C9 D7891 SZ6A200 EL4584C SG2644T 10300
Product Description
Full Text Search
 

To Download HS9-26CT32RH-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 file number 2930.3 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | copyright ? intersil corporation 2000 hs-26ct32rh radiation hardened quad differential line receiver the intersil hs-26ct32rh is a differential line receiver designed for digital data transmission over balanced lines and meets the requirements of eia standard rs-422. radiation hardened cmos processing assures low power consumption, high speed, and reliable operation in the most severe radiation environments. the hs-26ct32rh has an input sensitivity typically of 200mv over the common mode input voltage range of 7v. the receivers are also equipped with input fail safe circuitry, which causes the outputs to go to a logic ?1? when the inputs are open. enable and disable functions are common to all four receivers. specifications for rad hard qml devices are controlled by the defense supply center in columbus (dscc). the smd numbers listed here must be used when ordering. detailed electrical specifications for these devices are contained in smd 5962-95631. a ?hot-link? is provided on our homepage for downloading. http://www.intersil.com/spacedefense/space.htm logic diagram features  electrically screened to smd # 5962-95631  qml qualified per mil-prf-38535 requirements  1.2 micron radiation hardened cmos - total dose . . . . . . . . . . . . . . . . . . . .up to 300krad(si)  latchup free  eia rs-422 compatible outputs  ttl compatible inputs  input fail safe circuitry  high impedance inputs when disabled or powered down  low power dissipation standby (max). . . . . . . . . .138mw  single 5v supply  full military temperature range . . . . . . . -55 o c to 125 o c pinouts hs1-26ct32rh (sbdip) cdip2-t16 top view hs9-26ct32rh (flatpack) cdfp4-f16 top view ordering information ordering number internal mkt. number temp. range ( o c) 5962f9563101qec hs1-26ct32rh-8 -55 to 125 5962f9563101qxc hs9-26ct32rh-8 -55 to 125 5962f9563101v9a hs0-26ct32rh-q 25 5962f9563101vec hs1-26ct32rh-q -55 to 125 5962f9563101vxc HS9-26CT32RH-Q -55 to 125 hs1-26ct32rh/proto hs1-26ct32rh/proto -55 to 125 hs9-26ct32rh/proto hs9-26ct32rh/proto -55 to 125 enable enable aout bout cout din dout din cin cin bin bin ain ain +- +- +- +- 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 ain ain aout enable cout cin gnd cin vdd bin bout enable dout din din bin ain ain aout enable cout cin cin gnd 2 3 4 5 6 7 8 116 15 14 13 12 11 10 9 vdd bin bin bout enable dout din din data sheet october 1999 tle - t3 ) - ia- d- d er- al eiv tho - ds r- po- n, i- or, ia- d- , d, l, l- ,
2 all intersil semiconductor products are manufactured, assembled and tested under iso9000 quality systems certification. intersil semiconductor products are sold by description only. intersil corporation reserves the right to make changes in circui t design and/or specifications at any time with- out notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furn ished by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see web site http://www.intersil.com die characteristics die dimensions: 84 mils x 130 mils (2140 m x 3290 m) interface materials: glassivation: type: psg (phosphorus silicon glass) thickness: 10k ? 1k ? top metallization: m1: mo/tiw thickness: 5800 ? m2: al/si/cu thickness: 10k ? 1k ? substrate: avlsi1ra backside finish: silicon assembly related information: substrate potential: v dd (when powered up) additional information: worst case current density: <2.0 x 10 5 a/cm 2 transistor count: 240 bond pad size: 110 m x 100 m metallization mask layout hs-26ct32rh ain v dd bin ain (2) aout (3) enab (4) cout (5) cin (6) (8) (9) (14) bin (13) bout (12) enab (11) dout (10) din (1) (16) (15) (7) cin gnd din hs-26ct32rh


▲Up To Search▲   

 
Price & Availability of HS9-26CT32RH-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X