Part Number Hot Search : 
AVD05P DNK5307B 75M50 00390 BP160 10035 2SK3763 MPW1044
Product Description
Full Text Search
 

To Download G30060-3C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  class g fuseblocks bg series for bussmann sc fuses and g series 600 volt ac, 0 - 20 amp 480 volt ac, 25 - 60 amp form no. bg series page 1 of 1 bif doc #1106 bussmann the only controlled copy of this bif document is the electronic read-only version located on the bussmann network drive. all ot her copies of this document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with de sign applications. bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. bussmann also reserves the rig ht to change or update, without notice, any technical information con- tained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. 1-18-00 n99230 rev. a .200" .003 1.53" 0.425" 0.425" 3" ( 0.031) 1.22" 1.5" .360" 0.36" 0.86" 1.63" .765" .169 ? .210 typ. 2" 2.38" 1.38" 0.5" 0.22" 0.47" 0.29" diameter 0.38" c'bore 0.84" 1.78" 0.94" 4.25" 1.41" 1.69" 0.53" 2.125" 1.78" 3.56" 2.75" 0.22" diameter hole catalog symbol: bg series and g series class g fuseblocks ampere rating: 0-20 amperes, 600vac or less 25-60 amperes, 480 vac or less withstand rating: 100,000 amps rms sym. agency approvals: 1-30a: u.l. recognized, u.l. 512, guide izlt2, file e14853 35-60a: u.l. listed, u.l. 512, guide izlt, file e14853 csa certified, c22.2 no. 39, class 6225-01; file 47235 for use with class g fuses (bussmann sc) temperature rating (rti): bg series: 130? g series: 150? material: (1-30) thermoplastic (35-60) phenolic catalog data terminal type screw with pressure plate box box lug fig. amps quick-connect* w/quick connect* lug w/clip no. 1 1 bg3011sq bg3011pq bg3011b 1 to 2 bg3012sq bg3012pq bg3012b 2 15 3 bg3013sq bg3013pq bg3013b 3 1 bg3021sq bg3021pq bg3021b 1 20 2 bg3022sq bg3022pq bg3022b 2 3 bg3023sq bg3023pq bg3023b 3 25 1 bg3031s bg3031p bg3031b 1 to 2 bg3032s bg3032p bg3032b 2 30 3 bg3033s bg3033p bg3033b 3 35 1 g30060-1cr 4 to 2 g30060-2cr 5 60 3 G30060-3C G30060-3Cr 6 * quick connect only rated for 20a. dimensional data 1 to 30a figure 1. figure 2. figure 3. 35 to 60a figure 4. figure 5. figure 6. all other dimensions (?.015) ce logo denotes compliance with european union low voltage directive (50-1000 vac, 75-1500 vdc). refer to bif document #8002 or contact bussmann application engineering at 636-527-1270 for more information. poles


▲Up To Search▲   

 
Price & Availability of G30060-3C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X