Part Number Hot Search : 
CXA1396D MSC7170 20N03 ZM4756A TC16V 4SMAJ120 HCT08 6V3PE
Product Description
Full Text Search
 

To Download EB7S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 11 EB7S vishay dale document number 36004 revision 14-aug-02 for technical questions, contact connectors@vishay .com edgeboard connectors, single readout features ? 0.156" [3.96mm] c-c. ? bifurcated bellows contacts provide 2 flexing contact surfaces to assure positive contact under adverse conditions such as vibration or pc board irregularities. ? accepts pc board thickness of 0.054" - 0.071" [1.37mm - 1.80mm]. ? polarization between contact positions in all sizes. between contact polarization permits polarizing without loss of a contact position. ? selective gold plating. ? polarizing key is reinforced nylon, may be inserted by hand, requires no adhesive. ? protected entry, provided by recessed leading edge of contact, permits the card slot to straighten and align the board before electrical contact is made. prevents damage to contact which might be caused by warped or out of tolerance boards. ? recognized under the component program of underwriters laboratories, inc. listed under file e65524, project 77ch3889. electrical specifications current rating: 5 amps. test voltage between contacts: at sea level: 1800vrms. at 70,000 feet [21,336 meters]: 450vrms. insulation resistance: 5000 megohm minimum at 500vdc potential. contact resistance: 30 millivolts maximum at rated current (with gold plating). operating temperature: - 55 c to + 125 c. humidity: 96 hours at 90% relative humidity at + 40 c, dried at room temperature for 3 hours minimum, insulation resistance 5000 megohm. durability: (with gold plating.) after 500 cycles of insertion and withdrawal of 0.070" [1.78mm] thick steel test gauge, contact resistance less than 0.030v at 5 amps and individual contact retention force when measured with a 0.054" [1.37mm] thick steel test slug greater than 1/2 ounce. shock: three 50g shocks in each of 3 mutually perpendicular planes with no loss of continuity. vibration: 2 hours in each of 3 mutually perpendicular planes, frequency sweep 10 to 55cps at 0.06 double amplitude with no loss of continuity. physical specifications contact type: bifurcated bellows. number of contacts: 6, 10, 12, 15, 18 and 22 per side. contact spacing: 0.156" [3.96mm] center to center. card thickness: 0.054" to 0.071" [1.37mm to 1.80mm]. card slot depth: single readout = 0.300" [7.62mm]. applications for use with 0.062" [1.57mm] printed circuit boards requiring an edgeboard type connector on 0.156" [3.96mm] centers. material specifications body: (standard) glass-filled phenolic per mil-m-14, dark green, flame retardant (ul 94v-0). (optional - see ordering information): 1 glass-filled diallyl phthalate per mil-m-14, type sdg-f green, flame retardant (ul 94v-0). 3 thermoplastic polyester, glass-filled, black, flame retardant (ul 94v-0). contacts: phosphor bronze. polarizing key: glass reinforced nylon, flame retardant (ul94h-b). contact plating: gold (see ordering information). note: high temperature burn-in, edgeboard connectors, 0.156" [3.96mm] center to center are on page 20 of this catalog. sg = selective gold plating (0.00003" [0.000762mm] minimum thick) on contact area with gold flash on terminal. sgf = selective gold plating (0.00001" [0.000254mm] minimum thick) on contact area with gold flash on terminal. all gold plating over 0.00005" [0.00127mm] minimum nickel underplate. contact factory for additional plating options. ordering information a polarizing key positions key(s) are located to right of position(s) designated. required only when polarizing keys are to be factory installed. eb7 model optional body material 1 = diallyl phthalate 3 = glass-filled polyester omit for standard phenolic. 1 body material s single readout a or b a standard terminal variations 6, 10, 12, 15, 18 or 22 22 contacts sg contact plating x mounting variations
www.vishay.com 12 EB7S vishay dale document number 36004 revision 14-aug-02 for technical questions, contact connectors@vishay .com dimensions in inches [millimeters] polarizing key terminal variations in inches [millimeters] type ? pierced when ordering polarizing keys individually, specify model number: pk-7 between contacts. hand insertion tool, tpk-7, provided on request. type ? section c-c 0.328 0.010 [8.33 0.254] 0.016 [.410] 0.300 [7.62] depth of card insertion 0.054 - 0.071 [1.37 - 1.80] 0.030 [0.762] see table for contact variations 0.440 [11.18] 0.250 [6.35] 0.156 0.005 [3.96 0.127] non-cumulative see table for mounting variations c c a b d e 0.062 0.010 [1.57 0.254] r typ. type ? solder dip 0.220 0.015 [5.59 0.381] to fit 0.051 [1.30] dia. eyelet 0.220 0.015 [5.59 0.381] 0.086 [2.18] to fit 3, #22 awg wires 0.028 [.711] 0.230 [5.84] 0.245 [6.22] # of contact positions a b d e 6 1.78 [45.21] 1.531 [38.89] 1.218 [30.94] 1.100 [27.94] 10 2.41 [61.21] 2.156 [54.76] 1.843 [46.81] 1.724 [43.79] 12 2.72 [69.09] 2.468 [62.69] 2.156 [54.76] 2.036 [51.71] 15 3.19 [81.03] 2.937 [74.60] 2.624 [66.65] 2.504 [63.60] 18 3.66 [92.96] 3.406 [86.51] 3.093 [78.56] 2.972 [75.49] 22 4.28 [108.71] 4.031 [102.39] 3.717 [94.41] 3.596 [91.34] edgeboard connectors, single readout
www.vishay.com 13 EB7S vishay dale document number 36004 revision 14-aug-02 for technical questions, contact connectors@vishay .com mounting variations in inches [miilimeters] type ? clearance hole type ?i clearance hole no mounting pad type ? no mounting flange type ? clearance hole type ?i clearance hole no mounting pad type ? threaded insert type ? floating bushing radial float .047 [1.19] note: overall body length increased by .060 [1.52]. 0.250 [6.35] ref. 0.128 [3.25] dia. 0.116 [2.95] dia. 0.250 [6.35] ref. 0.270 [6.86] 0.250 [6.35] dia. 4-40 unc-2b 0.250 [6.35] ref. 0.218 [5.54] ref. 0.250 [6.35] ref. 0.142 [3.61] dia. 0.142 [3.61] dia. 0.250 [6.35] ref. 0.220 [5.59] ref. 0.010 [.254] 0.000 [.000] 0.250 [6.35] ref. 0.128 [3.25] dia. 0.220 [5.59] ref. edgeboard connectors, single readout


▲Up To Search▲   

 
Price & Availability of EB7S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X