Part Number Hot Search : 
H1209 IRG4PC50 AO3414L STP16 URF2060C CLP270M G3202 UC3842A
Product Description
Full Text Search
 

To Download APL1001P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power mos iv static electrical characteristics maximum ratings all ratings: t c = 25c unless otherwise specified. caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. APL1001P 1000v 18.0a 0.60 w hermetic package n - channel enhancement mode high voltage power mosfets g d s 050-5899 rev - 8-2001 parameter drain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 and inductive current clamped gate-source voltage total power dissipation @ t c = 25c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. APL1001P 1000 18 72 30 520 4.16 -55 to 150 300 characteristic / test conditions / part number drain-source breakdown voltage (v gs = 0v, i d = 250 a) on state drain current 2 (v ds > i d (on) x r ds (on) max, v gs = 8v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d [cont.]) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 2.5ma) min typ max 1000 18 0.60 25 250 100 24 unit volts amps volts watts w/c c unit volts amps ohms a na volts symbol v dss i d i dm , l lm v gs p d t j ,t stg t l symbol bv dss i d (on) r ds (on) i dss i gss v gs (th) usa 405 s.w. columbia street bend, oregon 97702 -1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 apt website - http://www.advancedpower.com thermal characteristics symbol r q jc r q cs characteristic junction to case case to sink (use high efficiency thermal joint compound and planar heat sink surface.) min typ max 0.24 0.06 unit c/w p-pack
dynamic characteristics APL1001P 1 repetitive rating: pulse width limited by maximum junction temperature. see transient thermal impedance curve. (fig.1) 2 pulse test: pulse width < 380 s, duty cycle < 2% 3 see mil-std-750 method 3471 safe operating area characteristics test conditions / part number v ds = 400 v, i ds = 0.813a, t = 20 sec., t c = 60c watts 050-5899 rev - 8-2001 symbol c iss c oss c rss t d (on) t r t d (off) t f min typ max 6000 7200 775 1080 285 430 14 28 14 28 60 92 14 20 unit pf ns symbol soa1 min typ max 325 unit characteristic safe operating area test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25c r g = 0.6 w characteristic input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time i d , drain current (amperes) i d , drain current (amperes) 40 30 20 10 0 40 30 20 10 0 020406080100 0 4 8 121620 v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics 6.0 v 5.0 v 5.5 v 4.5 v v gs = 15v, 10v, 8v, 7v & 6.5v 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.3 0.1 0.05 0.01 0.005 0.001 z q jc , thermal impedance (c/w) note: duty factor d = t 1 / t 2 peak t j = p dm x z q jc + t c t 1 t 2 p dm single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 6.0 v 5.0 v 5.5 v 4.5 v v gs =6.5v, 7.0v, 8.0v, 10v & 15v
i d , drain current (amperes) r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) (normalized) c, capacitance (pf) v gs (th), threshold voltage bv dss (on), drain-to-source breakdown r ds (on), drain-to-source on resistance (normalized) voltage (normalized) v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature (c) t j , junction temperature (c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature (c) t c , case temperature (c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage v ds > i d (on) x r ds (on)max. 250sec. pulse test @ <0.5 % duty cycle t j = -55c t j = +125c t j = +25c t j = -55c v gs =10v v gs =20v i d = 0.5 i d [cont.] v gs = 10v c rss c oss c iss 050-5899 rev - 8-2001 20 15 10 5 0 20 15 10 5 0 2.5 2.0 1.5 1.0 0.5 0.0 100 10 1 .1 100s 1ms 10ms 100ms dc operation here limited by r ds (on) t c =+25c t j =+150c single pulse 02468 010203040 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 1 10 100 1000 .01 .1 1 10 50 1.30 1.20 1.10 1.00 0.90 0.80 1.15 1.10 1.05 1.00 0.95 0.90 0.85 1.2 1.1 1.0 0.9 0.8 0.7 0.6 20,000 10,000 5,000 1,000 500 100 normalized to v gs = 10v @ 0.5 i d [cont.] APL1001P
apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 050-5899 rev - 8-2001 p-pack package outline 29.34 (1.155) 29.08 (1.145) 35.81 (1.41) 35.31 (1.39) 51.05 (2.01) 50.55 (1.99) 3.43 (.135) 2.92 (.115) (4-places) 11.63 (.458) 11.13 (.438) 12.45 (.490) 11.94 (.470) 35.18 (1.385) 34.67 (1.365) 41.53 (1.635) 41.02 (1.615) 3.43 (.135) 2.92 (.115) (4-places) 5.33 (.210) 4.83 (.190) 1.40 (.055) 1.02 (.040) 9.27 (.365) 8.64 (.340) .635 (.025) .381 (.015) 4.39 (.173) 4.14 (.163) (4 places) dimensions in millimeters and (inches) 28.70 (1.130) 28.45 (1.120) 4.06 (.160) 3.81 (.150) (5 places) 10.92 (.430) 10.67 (.420) drain gate source source sense APL1001P


▲Up To Search▲   

 
Price & Availability of APL1001P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X