Part Number Hot Search : 
13BRA S3P921F BAT54C STA353 JCS630 PC3508W CXD3400N IM100
Product Description
Full Text Search
 

To Download ADC1410S105HNC15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the adc1410s is a single-channel 14-bit anal og-to-digital converter (adc) optimized for high dynamic performance and low power consumption at sample rates up to 125 msps. pipelined architecture and output error correction ensure the adc1410s is accurate enough to guarantee zero missing codes over t he entire operating range. supplied from a single 3 v source, it can handle output logic levels from 1.8 v to 3.3 v in cmos mode, because of a separate digital output supply . it supports the low voltage differential signalling (lvds) double data rate (ddr ) output standard. an integrated serial peripheral interface (spi) allows the user to easily configure the adc. the device also includes a programmable full-scale spi to allow a flexible input voltage range from 1 v to 2 v (peak-to-peak). with excellent dynamic performance from the baseband to input frequencies of 170 mhz or more, the a dc1410s is ideal for us e in communications, imaging and medical applications. 2. features and benefits 3. applications adc1410s series single 14-bit adc; 65 msps, 80 msps, 105 msps or 125 msps; cmos or lvds ddr digital outputs rev. 4 ? 24 december 2010 product data sheet ? snr, 72 dbfs; sfdr, 86 dbc ? input bandwidth, 600 mhz ? sample rate up to 125 msps ? power dissipation, 430 mw at 80 msps ? 14-bit pipelined adc core ? serial peripheral interface (spi) ? clock input divided by 2 for less jitter ? duty cycle stabilizer ? single 3 v supply ? fast out of range (otr) detection ? flexible input voltage range: 1 v (p-p) to 2 v (p-p) ? cmos or lvds ddr digital outputs ? offset binary, two?s complement, gray code ? pin compatible wit h the adc1210s series and the adc1010s series ? power-down and sleep modes ? hvqfn40 package ? wireless and wired broadband communications ? portable instrumentation ? spectral analysis ? imaging systems ? ultrasound equipment ? software defined radio
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 2 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 4. ordering information 5. block diagram table 1. ordering information type number f s (msps) package name description version adc1410s125hn/c1 125 hvqfn40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 6 0.85 mm sot618-1 adc1410s105hn/c1 105 hvqfn40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 6 0.85 mm sot618-1 adc1410s080hn/c1 80 hvqfn40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 6 0.85 mm sot618-1 adc1410s065hn/c1 65 hvqfn40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 6 0.85 mm sot618-1 fig 1. block diagram adc1410s spi interface output drivers output drivers system reference and power management error correction and digital processing adc core 14-bit pipelined t/h input stage inp otr cs sdio/ods sclk/dfs pwd reft cmos: d13 to d0 or lvds/ddr: d12_d13_m to d0_d1_m d12_d13_p to d0_d1_p inm clock input stage and duty cycle control refb clkm clkp sense vref vcm 005aaa03 6 oe cmos: dav or lvds/ddr: davp davm
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 3 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 6. pinning information 6.1 pinning 6.2 pin description fig 2. pin configuration with cmos digital outputs selected fig 3. pin configuration with lvds ddr digital outputs selected adc1410s hvqfn40 d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 vdda inp inm agnd vdda vcm agnd reft refb vdda clkp clkm dec pwd d13 d12 d11 d10 vref sense sdio/ods sclk/dfs otr ognd vddo n.c. dav 10 21 9 22 8 23 7 24 6 25 5 26 4 27 3 28 2 29 1 30 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 agnd terminal 1 index area transparent top view 005aaa03 7 oe cs adc1410s hvqfn40 d8_d9_m d8_d9_p d6_d7_m d6_d7_p d4_d5_m d4_d5_p d2_d3_m d2_d3_p d0_d1_m d0_d1_p vdda inp inm agnd vdda vcm agnd reft refb vdda clkp clkm dec pwd d12_d13_m d12_d13_p d10_d11_m d10_d11_p vref sense sdio/ods sclk/dfs otr ognd vddo davp davm 10 21 9 22 8 23 7 24 6 25 5 26 4 27 3 28 2 29 1 30 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 agnd terminal 1 index area transparent top view 005aaa038 oe cs table 2. pin description (cmos digital outputs) symbol pin type [1] description refb 1 o bottom reference reft 2 o top reference agnd 3 g analog ground vcm 4 o common-mode output voltage vdda 5 p analog power supply agnd 6 g analog ground inm 7 i complementary analog input inp 8 i analog input agnd 9 g analog ground vdda 10 p analog power supply vdda 11 p analog power supply clkp 12 i clock input clkm 13 i complementary clock input dec 14 o regulator decoupling node oe 15 i output enable, active low pwd 16 i power-down, active high
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 4 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output [1] p: power supply; g: ground; i: input; o: output; i/o: input/output. d13 17 o data output bit 13 (most significant bit (msb)) d12 18 o data output bit 12 d11 19 o data output bit 11 d10 20 o data output bit 10 d9 21 o data output bit 9 d8 22 o data output bit 8 d7 23 o data output bit 7 d6 24 o data output bit 6 d5 25 o data output bit 5 d4 26 o data output bit 4 d3 27 o data output bit 3 d2 28 o data output bit 2 d1 29 o data output bit 1 d0 30 o data output bit 0 (least significant bit (lsb)) dav 31 o data valid output clock n.c. 32 - not connected vddo 33 p output power supply ognd 34 g output ground otr 35 o out of range sclk/dfs 36 i spi clock data format select sdio/ods 37 i/o spi data io output data standard cs 38 i spi chip select sense 39 i reference programming pin vref 40 i/o voltage reference input/output table 3. pin description (l vds/ddr) digital outputs) symbol pin [1] type [2] description d12_d13_m 17 o differential output data d12 and d13 multiplexed, complement d12_d13_p 18 o differential output data d12 and d13 multiplexed, true d10_d11_m 19 o differential output data d10 and d11 multiplexed, complement d10_d11_p 20 o differential output data d10 and d11 multiplexed, true d8_d9_m 21 o differential output data d8 and d9 multiplexed, complement d8_d9_p 22 o differential output data d8 and d9 multiplexed, true d6_d7_m 23 o differential output data d6 and d7 multiplexed, complement d6_d7_p 24 o differential output data d6 and d7 multiplexed, true d4_d5_m 25 o differential output data d4 and d5 multiplexed, complement d4_d5_p 26 o differential output data d4 and d5 multiplexed, true d2_d3_m 27 o differential output data d2 and d3 multiplexed, complement d2_d3_p 28 o differential output data d2 and d3 multiplexed, true d0_d1_m 29 o differential output data d0 and d1 multiplexed, complement table 2. pin description (cmos digital outputs) ?continued symbol pin type [1] description
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 5 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output [1] pins 1 to 16 and pins 33 to 40 are the same for both cmos and lvds ddr outputs (see table 2 ). [2] p: power supply; g: ground; i: input; o: output; i/o: input/output. 7. limiting values 8. thermal characteristics [1] value for six layers board in still ai r with a minimum of 25 thermal vias. d0_d1_p 30 o differential output data d0 and d1 multiplexed, true davm 31 o data valid output clock, complement davp 32 o data valid output clock, true table 3. pin description (l vds/ddr) digital outputs) ?continued symbol pin [1] type [2] description table 4. limiting values in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit v o output voltage pins d13 to d0 or pins d12_d13_m to d0_d1_m and pins d12_d13_p to d0_d1_p ? 0.4 +3.9 v v dda analog supply voltage ? 0.4 +3.9 v v ddo output supply voltage ? 0.4 +3.9 v t stg storage temperature ? 55 +125 c t amb ambient temperature ? 40 +85 c t j junction temperature - 125 c table 5. thermal characteristics symbol parameter conditions typ unit r th(j-a) thermal resistance from junction to ambient [1] 22.5 k/w r th(j-c) thermal resistance from junction to case [1] 11.7 k/w
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 6 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 9. static characteristics table 6. static characteristics [1] symbol parameter conditions min typ max unit supplies v dda analog supply voltage 2.85 3.0 3.4 v v ddo output supply voltage cmos mode 1.65 1.8 3.6 v lvds ddr mode 2.85 3.0 3.6 v i dda analog supply current f clk =125msps; f i =70mhz - 210 - ma i ddo output supply current cmos mode; f clk =125msps; f i =70mhz -14-ma lvds ddr mode: f clk =125msps; f i =70mhz -43-ma p power dissipation adc1410s125; analog supply only -630-mw adc1410s105; analog supply only -550-mw adc1410s080; analog supply only -430-mw adc1410s065; analog supply only -380-mw power-down mode - 14 - mw sleep mode - 40 - mw clock inputs: pins clkp and clkm low-voltage positive em itter-coupled logic (lvpecl) v i(clk)dif differential clock input voltage peak-to-peak - 1.6 - v sine wave v i(clk)dif differential clock input voltage peak - 3.0 - v low voltage complementary metal oxide semiconductor (lvcmos) v il low-level input voltage - - 0.3v dda v v ih high-level input voltage 0.7v dda --v logic inputs: pins pwd and oe v il low-level input voltage 0 - 0.8 v v ih high-level input voltage 2 - v dda v i il low-level input current - 55 - a i ih high-level input current - 65 - a serial peripheral interface: pins cs , sdio/ods, sclk/dfs v il low-level input voltage 0 - 0.3v dda v v ih high-level input voltage 0.7v dda -v dda v i il low-level input current ? 10 - +10 a i ih high-level input current ? 50 - +50 a c i input capacitance - 4 - pf
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 7 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 c and c l = 5 pf; minimum and maximum values are across the full temperature range t amb = ? 40 c to +85 c at v dda =3v, v ddo = 1.8 v; v inp ? v inm = ? 1 dbfs; internal reference mode; applied to cmos and lvds interface; unless otherwise specified. digital outputs: cmos mode - pins d13 to d0, otr, dav output levels, v ddo =3v v ol low-level output voltage ognd - 0.2v ddo v v oh high-level output voltage 0.8v ddo -v ddo v c o output capacitance high impedance; oe =high - 3 - pf output levels, v ddo = 1.8 v v ol low-level output voltage ognd - 0.2v ddo v v oh high-level output voltage 0.8v ddo -v ddo v digital outputs, lvds mode - pins d12_d13_p to d0_d1_p, d12_d13_m to d0_d1_m, davp and davm output levels, v ddo = 3 v only, r l = 100 v o(offset) output offset voltage outpu t buffer current set to 3.5 ma -1.2-v v o(dif) differential output voltage output buffer current set to 3.5 ma -350-mv c o output capacitance - 3 - pf analog inputs: pins inp and inm i i input current ? 5- +5 a r i(dif) differential input resistance - 19.8 - k c i(dif) differential input capacitance - 2.8 - pf v i(cm) common-mode input voltage v inp =v inm 1.1 1.5 2.5 v b i input bandwidth - 650 - mhz v i(dif) differential input voltage peak-to-peak 1 - 2 v common mode output voltage: pin vcm v o(cm) common-mode output voltage - v dda /2 - v i o(cm) common-mode output current - 4 - ma i/o reference voltage: pin vref v vref voltage on pin vref output 0.5 - 1 v input 0.5 - 1 v accuracy inl integral non-linearity - 5- lsb dnl differential non-linearity guaranteed no missing codes ? 0.95 0.5 +0.95 lsb e offset offset error - 2- mv e g gain error full-scale 0.5 % supply psrr power supply rejection ratio 200 mv (p-p) on v dda ; f i =dc - ? 54 - db table 6. static characteristics [1] ?continued symbol parameter conditions min typ max unit
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 8 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 10. dynamic characteristics 10.1 dynamic characteristics table 7. dynamic characteristics [1] symbol parameter conditions adc1410s065 adc1410s080 adc1410s105 adc1410s125 unit min typ max min typ max min typ max min typ max analog signal processing 2h second harmonic level f i =3mhz -87--87--86--88-dbc f i =30mhz -86- -86- -86- -87-dbc f i =70mhz -85- -85- -84- -85-dbc f i = 170 mhz - 82 - - 82 - - 81 - - 83 - dbc 3h third harmonic level f i =3mhz -86--86--85--87-dbc f i =30mhz -85- -85- -85- -86-dbc f i =70mhz -84- -84- -83- -84-dbc f i = 170 mhz - 81 - - 81 - - 80 - - 82 - dbc thd total harmonic distortion f i =3mhz -83--83--82--84-dbc f i =30mhz -82- -82- -82- -83-dbc f i =70mhz -81- -81- -80- -81-dbc f i = 170 mhz - 78 - - 78 - - 77 - - 79 - dbc enob effective number of bits f i =3mhz -11.7--11.7--11.6--11.6-bits f i = 30 mhz - 11.6 - - 11.5 - - 11.5 - - 11.5 - bits f i = 70 mhz - 11.5 - - 11.5 - - 11.4 - - 11.4 - bits f i =170mhz -11.4--11.4--11.3--11.3-bits snr signal-to-noise ratio f i = 3 mhz - 72.1 - - 72.0 - - 71.8 - - 71.4 - dbfs f i = 30 mhz - 71.3 - - 71.2 - - 71.8 - - 71.4 - dbfs f i = 70 mhz - 70.7 - - 70.7 - - 70.6 - - 70.5 - dbfs f i = 170 mhz - 70.2 - - 70.1 - - 70.0 - - 69.9 - dbfs sfdr spurious-free dynamic range f i =3mhz -86--86--85--87-dbc f i =30mhz -85- -85- -85- -86-dbc f i =70mhz -84- -84- -83- -84-dbc f i = 170 mhz - 81 - - 81 - - 80 - - 82 - dbc
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 9 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 c and c l = 5 pf; minimum and maximum values are ac ross the full temperature range t amb = ? 40 c to +85 c at v dda =3v, v ddo = 1.8 v; v inp ? v inm = ? 1 dbfs; internal reference mode; applied to cmos and lvds interface; unless otherwise specified. 10.2 clock and digital output timing imd intermodulation distortion f i1 = 1.5 mhz; f i2 =4.5mhz -89- -89- -88- -89-dbc f i1 =28.5mhz; f i2 =31.5mhz -88- -88- -88- -88-dbc f i1 =68.5mhz; f i2 =71.5mhz -87- -87- -86- -86-dbc f i1 = 168.5 mhz; f i2 =171.5mhz -84- -85- -83- -84-dbc table 7. dynamic characteristics [1] ?continued symbol parameter conditions adc1410s065 adc1410s080 adc1410s105 adc1410s125 unit min typ max min typ max min typ max min typ max table 8. clock input and digital output timing characteristics [1] symbol parameter conditions adc1410s065 adc1410s080 adc1410s105 adc1410s125 unit min typ max min typ max min typ max min typ max clock timing input: pins clkp and clkm f clk clock frequency 40 - 65 60 - 80 75 - 105 100 - 125 mhz t lat(data) data latency time - 13.5 - - 13.5 - - 13.5 - - 13.5 - clock cycles clk clock duty cycle dcs_en = logic 1 30 50 70 30 50 70 30 50 70 30 50 70 % dcs_en = logic 0 45 50 55 45 50 55 45 50 55 45 50 55 % t d(s) sampling delay time -0.8- -0.8- -0.8- -0.8-ns t wake wake-up time -76- -76- -76- -76- s cmos mode timing output: pins d13 to d0 and dav t pd propagation delay data 13.6 14.9 16.4 11.9 12.9 14.4 8.0 10.8 12.4 8.2 9.7 11.3 ns dav - 4.2 - - 3.6 - - 3.3 - - 3.4 - ns t su set-up time - 12.5 - - 9.8 - - 6.8 - - 5.6 - ns t h hold time - 3.4 - - 3.3 - - 3.1 - - 2.8 - ns
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 10 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 c and c l = 5 pf; minimum and maximum values are ac ross the full temperature range t amb = ? 40 c to +85 c at v dda =3v, v ddo = 1.8 v; v inp ? v inm = ? 1 dbfs; internal reference mode; applied to cmos and lvds interface; unless otherwise specified. [2] measured between 20 % to 80 % of v ddo . [3] rise time measured from ? 50 mv to +50 mv; fall time measured from +50 mv to ? 50 mv. t r rise time data [2] 0.39 - 2.4 0.39 - 2.4 0.39 - 2.4 0.39 - 2.4 ns dav 0.26- 2.40.26- 2.40.26- 2.40.26-2.4ns t f fall time data [2] 0.19 - 2.4 0.19 - 2.4 0.19 - 2.4 0.19 - 2.4 ns lvds ddr mode timing output: pi ns d12_d13_p to d0_d1_p, d12_d13_m to d0_d1_m, davp and davm t pd propagation delay data 3.3 5.1 7.6 2.9 4.6 7.1 2.5 4.2 6.8 2.2 4.0 6.6 ns dav - 2.8 - - 2.5 - - 2.3 - - 2.2 - ns t su set-up time - 5.4 - - 4.1 - - 2.6 - - 1.9 - ns t h hold time - 2.2 - - 2.0 - - 1.8 - - 1.7 - ns t r rise time data [3] 0.5 - 5 0.5 - 5 0.5 - 5 0.5 - 5 ns dav 0.18- 2.40.18- 2.40.18- 2.40.18-2.4ns t f fall time data [3] 0.15 - 1.6 0.15 - 1.6 0.15 - 1.6 0.15 - 1.6 ns table 8. clock input and digital output timing characteristics [1] ?continued symbol parameter conditions adc1410s065 adc1410s080 adc1410s105 adc1410s125 unit min typ max min typ max min typ max min typ max
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 11 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output fig 4. cmos mode and clock timing fig 5. lvds ddr mode and clock timing (n ? 12) t d(s) t clk n n + 1 n + 2 t clk t su t pd t h t pd clkp clkm data dav 005aaa06 0 (n ? 11) (n ? 13) (n ? 14) 005aaa061 (n ? 14) t d(s) t clk n n + 1 n + 2 clkp clkm davp davm t su t h t h t su t pd t pd d x _d x + 1 _p d x _d x + 1 _m d x d x + 1 d x + 1 d x + 1 d x + 1 d x + 1 d x d x d x d x (n ? 11) (n ? 12) (n ? 13) t clk
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 12 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 10.3 spi timings [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 c and c l = 5 pf; minimum and maximum values are across the full temperature range t amb = ? 40 c to +85 c at v dda =3v, v ddo =1.8v. table 9. spi timings characteristics [1] symbol parameter conditions min typ max unit t w(sclk) sclk pulse width - 40 - ns t w(sclkh) sclk high pulse width - 16 - ns t w(sclkl) sclk low pulse width - 16 - ns t su set-up time data to sclk high - 5 - ns cs to sclk high - 5 - ns t h hold time data to sclk high - 2 - ns cs to sclk high - 2 - ns f clk(max) maximum clock frequency - 25 - mhz fig 6. spi timing t su sdio sclk r/w w1 w0 a12 a11 d2 d1 d0 t su t h t h t w(sclk) 005aaa06 5 cs t w(sclkl) t w(sclkh)
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 13 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 10.4 typical characteristics fig 7. capacitance as a function of frequency fig 8. resistance as a function of frequency f (mhz) 50 550 450 250 350 150 001aam619 2.8 2.6 3.0 3.2 c (pf) 2.4 f (mhz) 50 550 450 250 350 150 001aam614 8 4 12 16 r (k ) 0 t=25 c; v dd =3v; f i = 170 mhz; f s = 125 msps (1) dcs on (2) dcs off t=25 c; v dd =3v; f i = 170 mhz; f s = 125 msps (1) dcs on (2) dcs off fig 9. sfdr as a function of duty cycle ( ) fig 10. snr as a function of duty cycle ( ) (%) 10 90 70 30 50 001aam616 40 60 20 80 100 sfdr (dbc) 0 (1) (2) (%) 10 90 70 30 50 001aam615 40 20 60 80 snr (dbfs) 0 (1) (2)
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 14 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output (1) t amb = ? 40 c/typical supply voltages (2) t amb =+25 c/typical supply voltages (3) t amb =+90 c/typical supply voltages (1) t amb = ? 40 c/typical supply voltages (2) t amb =+25 c/typical supply voltages (3) t amb =+90 c/typical supply voltages fig 11. sfdr as a function of duty cycle ( ) fig 12. snr as a function of duty cycle ( ) (%) 10 90 70 30 50 001aam617 84 88 92 sfdr (dbc) 80 (1) (2) (3) (%) 10 90 70 30 50 001aam618 40 60 80 snr (dbfs) 20 (1) (2) (3) fig 13. sfdr as a function of common-mode input voltage (v i(cm) ) fig 14. snr as a function of common-mode input voltage (v i(cm) ) v i(cm) (v) 3.5 2.5 0.5 3.0 2.0 1.0 0 1.5 001aam659 78 74 86 82 90 sfdr (dbc) 70 v i(cm) (v) 3.5 2.5 0.5 3.0 2.0 1.0 0 1.5 001aam660 69 67 73 71 75 snr (dbfs) 65
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 15 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 10.4.1 adc1410s080 10.4.2 adc1410s125 f i =4.43mhz f i =4.43mhz fig 15. inl error as a function of output code fig 16. dnl error as a function of output code output code 0 16384 12288 4096 8192 001aam593 0 ? 1 1 2 inl error (lsb) ? 2 output code 0 16384 12288 4096 8192 001aam594 0 ? 0.1 0.1 ? 0.3 0.3 0.5 dnl error (lsb) ? 0.5 f i =4.43mhz f i =4.43mhz fig 17. inl error as a function of output code fig 18. dnl error as a function of output code output code 0 16384 12288 4096 8192 001aam591 0 ? 1 1 2 inl error (lsb) ? 2 output code 0 16384 12288 4096 8192 001aam592 0 ? 0.1 0.1 ? 0.3 0.3 0.5 dnl error (lsb) ? 0.5
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 16 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11. application information 11.1 device control the adc1410s can be controlled via spi or dire ctly via the i/o pins (pin control mode). 11.1.1 spi and pin control modes the device enters pin control mode at power-up, and remains in this mode as long as pin cs is held high. in pin control mode, the spi pins sdio, cs and sclk are used as static control pins. spi control mode is enabled by forcing pin cs low. once spi control mode has been enabled, the device remains in this mode. th e transition from pin control mode to spi control mode is illustrated in figure 19 . when the device enters spi control mode, the output data standard and data format are determined by the level on pin sdio when a transition is triggered by a falling edge on cs . 11.1.2 operating mode selection the active adc1410s operating mode (power-u p, power-down or sleep) can be selected via the spi interface (see ta b l e 2 0 ) or by using pins pwd and oe in pin control mode (see table 10 ). 11.1.3 selecting the output data standard the output data standard (cmos or lvds ddr) can be selected via the spi interface (see table 23 ) or by using pin ods in pin control mode. lvds ddr is selected when ods is high, otherwise cmos is selected. fig 19. control mode selection r/w spi control mode pin control mode data format offset binary data format two's complement lvds ddr sdio/ods sclk/dfs w1 w0 a12 005aaa03 9 cmos cs table 10. operating mode selection via pin pwd and oe pin pwd pin oe operating mode output high-z low low power-up no low high power-up yes high low sleep yes high high power-down yes
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 17 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.1.4 selecting the output data format the output data format can be selected via the spi interface (offset binary, two?s complement or gray code; see ta b l e 2 3 ) or using pin dfs in pin control mode (offset binary or two?s complement). offset binary is selected when dfs is low. when dfs is high, two?s complement is selected. 11.2 analog inputs 11.2.1 input stage the analog input of the adc1410s supports a di fferential or a single-ended input drive. optimal performance is achieved using diff erential inputs with the common-mode input voltage (v i(cm) ) on pins inp and inm set to 0.5v dda . the full-scale analog input voltage range is configurable between 1 v (p-p) and 2 v (p-p) via a programmable internal reference (see section 11.3 and table 22 ). the equivalent circuit of the sample and hold input stage, including electrostatic discharge (esd) protection and circuit and package parasitics, is shown in figure 20 . the sample phase occurs when the internal clock (derived from the clock signal on pin clkp/clkm) is high. the voltage is then he ld on the sampling capacitors. when the clock signal goes low, the stage enters the hold phase and the voltage information is transmitted to the adc core. fig 20. input sampling circuit 005aaa04 3 inp package esd parasitics switch r on = 15 4 pf 4 pf sampling capacitor sampling capacitor switch r on = 15 inm 8 7 internal clock internal clock
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 18 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.2.2 anti-kickback circuitry anti-kickback circuitry (r-c filter in figure 21 ) is needed to counteract the effects of a charge injection generated by the sampling capacitance. the rc filter is also used to filter noise from the signal before it reaches the sampling stage. the value of the capacitor should be ch osen to maximize noise attenuation without degrading the settling time excessively. the component values are determined by the input frequency and should be selected so as not to affect the input bandwidth. 11.2.3 transformer the configuration of the transf ormer circuit is determined by the input frequency. the configuration shown in figure 22 would be suitable for a baseband application. fig 21. anti-kickback circuit table 11. rc coupling versus input frequency, typical values input frequency resistance capacitance 3mhz 25 12 pf 70 mhz 12 8pf 170 mhz 12 8pf 005aaa07 3 r r c inp inm fig 22. single transformer configuratio n suitable for baseband applications 005aaa04 4 100 nf 100 nf 100 nf 100 nf 25 25 25 25 12 pf inp inm vcm 100 nf analog input adt1-1wt 100 nf
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 19 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output the configuration shown in figure 23 is recommended for high frequency applications. in both cases, the choice of transformer is a compromise between cost and performance. 11.3 system reference and power management 11.3.1 internal/external references the adc1410s has a stable and accurate built-i n internal reference vo ltage to adjust the adc full-scale. this reference voltage can be se t internally via spi or with pins vref and sense (programmable in 1 db steps between 0 db and ? 6 db via control bits intref[2:0] when bit intref_en = logic 1; see ta b l e 2 2 ). see figure 25 to figure 28 . the equivalent reference circuit is shown in figure 24 . an external reference is also possible by providing a voltage on pin vref as described in figure 27 . fig 23. dual transformer configuration suitable for a high intermediate frequency application 005aaa04 5 100 nf 100 nf 100 nf 100 nf 12 12 8.2 pf inp inm vcm 50 50 50 50 adt1-1wt adt1-1wt analog input
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 20 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output if bit intref_en is set to logic 0, the reference voltage is determined either internally or externally as detailed in ta b l e 1 2 . [1] the voltage on pin vref is doubled internally to generate the internal reference voltage. fig 24. reference equivalent schematic table 12. reference selection selection spi bit intref_en sense pin vref pin full-scale (p-p) internal ( figure 25 ) 0 agnd 330 pf capacitor to agnd 2 v internal ( figure 26 ) 0 pin vref connected to pin sense and via a 330 pf capacitor to agnd 1 v external ( figure 27 ) 0v dda external voltage between 0.5 v and 1 v [1] 1 v to 2 v internal via spi ( figure 28 ) 1 pin vref connected to pin sense and via 330 pf capacitor to agnd 1 v to 2 v ext_ref ext_ref 005aaa164 reft refb sense vref selection logic bandgap reference adc core buffer reference amp
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 21 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output figure 25 to figure 28 illustrate how to conne ct the sense and vref pins to select the required reference voltage source. 11.3.2 programmable full-scale the full-scale is programmable between 1 v (peak-to-peak) to 2 v (pea k-to-peak) (see table 13 ). fig 25. internal reference, 2 v (p-p) full-scale fig 26. internal reference, 1 v (p-p) full-scale fig 27. external reference, 1 v (p-p) to 2 v (p-p) full-scale fig 28. internal reference vi a spi, 1 v (p-p) to 2 v (p-p) full-scale 330 pf vref sense 005aaa11 6 reference equivalent schematic 330 pf 005aaa11 7 vref sense reference equivalent schematic 0.1 f vdda v 005aaa11 9 vref sense reference equivalent schematic reference equivalent schematic 330 pf 005aaa11 8 vref sense table 13. reference spi gain control intref[2:0] full-scale (v (p-p)) 000 2 001 1.78 010 1.59 011 1.42 100 1.26 101 1.12 110 1 111 x
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 22 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.3.3 common-mode output voltage (v o(cm) ) a 0.1 f filter capacitor should be connected between pin vcm and ground to ensure a low-noise common-mode output voltage. when ac-coupled, pin vcm can then be used to set the common-mode reference for the analog inputs, for instance via a transformer middle point. 11.3.4 biasing the common-mode input voltage (v i(cm) ) on pins inp and inm should be set externally to 0.5v dda for optimal performance and should always be between 1.1 v and 2.5 v (see ta b l e 6 ). 11.4 clock input 11.4.1 drive modes the adc1410s can be driven di fferentially (lvpecl). it c an also be driven by a single-ended low voltage complementary metal oxide semiconductor (lvcmos) signal connected to pin clkp (pin clkm should be connected to ground via a capacitor) or pin clkm (pin clkp should be connected to ground via a capacitor). fig 29. equivalent schematic of the common-mode reference circuit 1.5 v vcm 0.1 f package esd parasitics 005aaa05 1 common-mode reference adc core a. rising edge lvcmos b. falling edge lvcmos fig 30. lvcmos single-ended clock input lvcmos clock input clkp clkm 005aaa17 4 005aaa05 3 lvcmos clock input clkp clkm
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 23 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.4.2 equivalent input circuit the equivalent circuit of the input clock buffer is shown in figure 32 . the common-mode voltage of the differential input stage is set via internal 5 k resistors. a. sine clock input b. sine clock input (with transformer) c. lvpecl clock input fig 31. differential clock input sine clock input clkp clkm 005aaa17 3 sine clock input clkp clkm 005aaa05 4 lvpecl clock input 005aaa17 2 clkp clkm v cm(clk) = common-mode voltage of the differential input stage. fig 32. equivalent input circuit clkp clkm 005aaa05 6 package esd parasitics 5 k 5 k v cm(clk) se_sel se_sel
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 24 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output single-ended or differential clock inputs c an be selected via the spi interface (see ta b l e 2 1 ). if single-ended is enabled, the input pin (clkm or clkp) is selected via control bit se_sel. if single-ended is implemented without settin g bit se_sel to the appropriate value, the unused pin should be connected to ground via a capacitor. 11.4.3 duty cycle stabilizer the duty cycle stabilizer can improve th e overall performance of the adc by compensating the duty cycle of the input clock signal. when the duty cycle stabilizer is active (bit dcs_en = logic 1; see ta b l e 2 1 ), the circuit can handle signals with duty cycles of between 30 % and 70 % (typical). when the duty cycle stabilizer is disabled (dcs_en = logic 0), the input clock signal s hould have a duty cycle of between 45 % and 55 %. 11.4.4 clock input divider the adc1410s contains an input clock divider that divides the incoming clock by a factor of 2 (when bit clkdiv = logic 1; see ta b l e 2 1 ). this feature allows the user to deliver a higher clock frequency with better jitter performance, leading to a better snr result once acquisition has been performed. 11.5 digital outputs 11.5.1 digital output buffers: cmos mode the digital output buffers can be configured as cmos by setting bit lvds_cmos to logic 0 (see ta b l e 2 3 ). each digital output has a dedicated output buffer. the equivalent circuit of the cmos digital output buffer is shown in figure 33 . the buffer is powered by a separate power supply, pins ognd and vddo, to ensure 1.8 v to 3.3 v compatibility and is isolated from the adc core. each buffer can be loaded by a maximum of 10 pf. fig 33. cmos digital output buffer vddo esd package parasitics ognd dx 005aaa057 50 logic driver
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 25 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output the output resistance is 50 and is the combination of an internal resistor and the equivalent output resistance of the buffer. there is no need for an external damping resistor. the drive strength of both data and dav buffers can be programmed via the spi in order to adjust the rise and fall times of the output digital signals (see ta b l e 3 0 ). 11.5.2 digital output buffers: lvds ddr mode the digital output buffers can be configured as lvds ddr by setting bit lvds_cmos to logic 1 (see ta b l e 2 3 ). each output should be terminated externally with a 100 resistor (typical) at the receiver side ( figure 34 ) or internally via spi contro l bits lvds_int_ter[2:0] (see figure 35 and ta b l e 3 2 ). the default lvds ddr output bu ffer current is set to 3.5 m a. it can be programmed via the spi (bits davi[1:0] and datai[1:0]; see ta b l e 3 1 ) in order to adjust the output logic voltage levels. fig 34. lvds ddr digital output buffer - externally terminated fig 35. lvds ddr digital output buffer - internally terminated vddo 3.5 ma typ d x p/d x + 1 p d x m/d x + 1 m ognd 100 ? 005aaa05 8 + ? + receiver vddo ognd 005aaa05 9 d x p/d x + 1 p d x m/d x + 1 m 100 3.5 ma typ + ? + ? receiver
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 26 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.5.3 data valid (dav) output clock a data valid output clock signal (dav) can be used to capture the data delivered by the adc1410s. detailed timing diagrams for cmos and lvds ddr modes are shown in figure 4 and figure 5 respectively. 11.5.4 out-of-range (otr) an out-of-range signal is provided on pin otr. the latency of otr is fourteen clock cycles. the otr response can be speeded up by enabling fast otr (bit fastotr = logic 1; see ta b l e 2 9 ). in this mode, the latency of otr is reduced to only four clock cycles. the fast otr detection threshold (below full-scale) can be programmed via bits fastotr_det[2:0]. 11.5.5 digital offset by default, the adc1410s delivers output code that corresponds to the analog input. however it is possible to add a digital offset to the output code via the spi (bits dig_offset[5:0]; see ta b l e 2 5 ). 11.5.6 test patterns for test purposes, the adc1410s can be configured to transmit one of a number of predefined test patterns (via bits testpat_sel[2:0]; see ta b l e 2 6 ). a custom test pattern can be defined by the user (testpat_user[13:0]; see ta b l e 2 7 and ta b l e 2 8 ) and is selected when testpat_sel[2:0] = 101. the selected test patte rn is transmitted regardless of the analog input. table 14. lvds ddr output register 2 lvds_int_ter[2:0] resistor value ( ) 000 no internal termination 001 300 010 180 011 110 100 150 101 100 110 81 111 60 table 15. fast otr register fastotr_det[2:0] detection level (db) 000 ? 20.56 001 ? 16.12 010 ? 11.02 011 ? 7.82 100 ? 5.49 101 ? 3.66 110 ? 2.14 111 ? 0.86
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 27 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.5.7 output codes versus input voltage 11.6 serial peripheral interface 11.6.1 register description the adc1410s serial interface is a synchronous serial communications port that allows easy interfacing with many commonly-used mi croprocessors. it provides access to the registers that control the operation of the chip. this interface is configured as a 3- wire type (sdio as bidirectional pin). pin sclk is the serial clock input and cs is the chip select pin. each read/write operation is initiated by a low level on pin cs . a minimum of three bytes is transmitted (two instructio n bytes and at least one data byte). the number of data bytes is determined by the value of bits w1 and w2 (see ta b l e 1 8 ). [1] bit r/w indicates whether it is a read (logic 1) or a write (logic 0) operation. [2] bits w1 and w0 indicate the number of bytes to be transferred after the instruction byte (see table 18 ). table 16. output codes v inp ? v inm offset binary two?s complement otr pin < ? 1 00 0000 0000 0000 10 0000 0000 0000 1 ? 1 00 0000 0000 0000 10 0000 0000 0000 0 ? 0.9998779 00 0000 0000 0001 10 0000 0000 0001 0 ? 0.9997559 00 0000 0000 0010 10 0000 0000 0010 0 ? 0.9996338 00 0000 0000 0011 10 0000 0000 0011 0 ? 0.9995117 00 0000 0000 0100 10 0000 0000 0100 0 .... .... .... 0 ? 0.0002441 01 1111 1111 1110 11 1111 1111 1110 0 ? 0.0001221 01 1111 1111 1111 11 1111 1111 1111 0 0 10 0000 0000 0000 00 0000 0000 0000 0 +0.0001221 10 0000 0000 0001 00 0000 0000 0001 0 +0.0002441 10 0000 0000 0010 00 0000 0000 0010 0 .... .... .... 0 +0.9995117 11 1111 1111 1011 01 1111 1111 1011 0 +0.9996338 11 1111 1111 1100 01 1111 1111 1100 0 +0.9997559 11 1111 1111 1101 01 1111 1111 1101 0 +0.9998779 11 1111 1111 1110 01 1111 1111 1110 0 +1 11 1111 1111 1111 01 1111 1111 1111 0 > +1 11 1111 1111 1111 01 1111 1111 1111 1 table 17. instruction bytes for the spi msb lsb bit 76543210 description r/w [1] w1 [2] w0 [2] a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 28 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output bits a12 to a0 indicate the address of the register being accessed. in the case of a multiple byte transfer, this address is the first register to be accessed. an address counter is increased to access subsequent addresses. the steps involved in a data transfer are as follows: 1. a falling edge on cs in combination with a rising edge on sclk determine the start of communications. 2. the first phase is the transfer of the 2-byte instruction. 3. the second phase is the transfer of the data which can vary in length but is always a multiple of 8 bits. the msb is always sent first (for instruction and data bytes). 4. a rising edge on cs indicates the end of data transmission. 11.6.2 default modes at start-up during circuit initialization it does not matter which output data standard has been selected. at power-up, the dev ice enters pin control mode. a falling edge on cs triggers a transition to spi control mode. when the adc1410s enters spi control mo de, the output data standard (cmo s/lvds ddr) is determined by the level on pin sdio (see figure 37 ). once in spi control mode, the output data standard can be changed via bit lvds_cmos in ta b l e 2 3 . when the adc1410s enters spi control mode, th e output data format (two?s complement or offset binary) is determined by the level on pin sclk (gray code can only be selected via the spi). once in spi control mode, the output data format can be changed via bit data_format[1:0] in ta b l e 2 3 . table 18. number of data bytes to be transferred after the instruction bytes w1 w0 number of bytes transmitted 001 byte 012 bytes 103 bytes 1 1 4 bytes or more fig 36. spi mode timing sclk sdio r/w w1 w0 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d3 d2 d1 d0 d0 d7 d6 d5 d4 instruction bytes register n (data) register n + 1 (data) 005aaa06 2 cs
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 29 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output fig 37. default mode at start-up: sclk low = offset binary; sdio high = lvds ddr fig 38. default mode at start-up: sclk high = two?s complement; sdio low = cmos cs sdio (cmos lvds ddr) sclk (data format) offset binary, lvds ddr default mode at start-up 005aaa06 3 sdio (cmos lvds ddr) sclk (data format) two's complement, cmos default mode at start-up 005aaa06 4 cs
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 30 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 11.6.3 register allocation map table 19. register allocation map addr hex register name r/w bit definition default bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 bin 0005 reset and operating mode r/w sw_rst reserved[2:0] - - op_mode[1:0] 0000 0000 0006 clock r/w - - - se_sel diff_se - clkdiv dcs_en 0000 0001 0008 internal reference r/w - - - - intref_en intref[2:0] 0000 0000 0011 output data standard r/w - - - lvds_cmos outbuf outbus_swap data_format[1:0] 0000 0000 0012 output clock r/w - - - - davinv davphase[2:0] 0000 1110 0013 offset r/w - - dig_offset[5:0] 0000 0000 0014 test pattern 1 r/w - - - - - testpat_sel[2:0] 0000 0000 0015 test pattern 2 r/w testpat_user[13:6] 0000 0000 0016 test pattern 3 r/w testpat_user[5:0] - - 0000 0000 0017 fast otr r/w - - - - fastotr fastotr_det[2:0] 0000 0000 0020 cmos output r/w - - - - dav_drv[1:0] data_drv[1:0] 0000 1110 0021 lvds ddr o/p 1 r/w - - davi_x2_ en davi[1:0] datai_x2_en datai[1:0] 0000 0000 0022 lvds ddr o/p 2 r/w - - - - bit_byte_ wise lvds_int_ter[2:0] 0000 0000
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 31 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output table 20. reset and operating mode control register (address 0005h) bit description default values are highlighted. bit symbol access value description 7 sw_rst r/w reset digital section 0 no reset 1 performs a reset of the spi registers 6 to 4 reserved[2:0] 000 reserved 3 to 2 - 00 not used 1 to 0 op_mode[1:0] r/w operating mode 00 normal (power-up) 01 power-down 10 sleep 11 normal (power-up) table 21. clock control register (address 0006h) bit description default values are highlighted. bit symbol access value description 7 to 5 - 000 not used 4 se_sel r/w single-ended clock input pin select 0clkm 1clkp 3 diff_se r/w differential/si ngle-ended clock input select 0 fully differential 1 single-ended 2 - 0 not used 1 clkdiv r/w clock input divide by 2 0 disabled 1 enabled 0 dcs_en r/w duty cycle stabilizer 0 disabled 1 enabled
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 32 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output table 22. internal reference control register (address 0008h) bit description default values are highlighted. bit symbol access value description 7 to 4 - 0 not used 3 intref_en r/w programmable internal reference enable 0 disable 1 active 2 to 0 intref[2:0] r/w programmable internal reference 000 fs = 2 v 001 fs = 1.78 v 010 fs = 1.59 v 011 fs = 1.42 v 100 fs = 1.26 v 101 fs = 1.12 v 110 fs = 1 v 111 reserved table 23. output data standard control register (address 0011h) bit description default values are highlighted. bit symbol access value description 7 to 5 - 000 not used 4 lvds_cmos r/w output data standard: lvds ddr or cmos 0cmos 1 lvds ddr 3 outbuf r/w output buffers enable 0 output enabled 1 output disabled (high-z) 2 outbus_swap 0 outbus swapping 0 no swapping 1 output bus is swapping (msb becomes lsb and vice versa) 1 to 0 data_format[1:0] r/w output data format 00 offset binary 01 two?s complement 10 gray code 11 offset binary
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 33 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output table 24. output clock register (address 0012h) bit description default values are highlighted. bit symbol access value description 7 to 4 - 0000 not used 3 davinv r/w output clock data valid (dav) polarity 0 normal 1 inverted 2 to 0 davphase[2:0] r/w dav phase select 000 output clock shifted (ahead) by 6/16 t clk 001 output clock shifted (ahead) by 5/16 t clk 010 output clock shifted (ahead) by 4/16 t clk 011 output clock shifted (ahead) by 3/16 t clk 100 output clock shifted (ahead) by 2/16 t clk 101 output clock shifted (ahead) by 1/16 t clk 110 default value as defined in timing section 111 output clock shifted (delayed) by 1/16 t clk table 25. offset register (add ress 0013h) bit description default values are highlighted. bit symbol access value description 7 to 6 - 00 not used 5 to 0 dig_offset[5:0] r/w digital offset adjustment 011111 +31 lsb ... ... 000000 0 ... ... 100000 ? 32 lsb table 26. test pattern register 1 (address 0014h) bit description default values are highlighted. bit symbol access value description 7 to 3 - 00000 not used 2 to 0 testpat_sel[2:0] r/w digital test pattern select 000 off 001 mid scale 010 ? fs 011 +fs 100 toggle ?1111..1111?/?0000..0 000? 101 custom test pattern 110 ?1010..1010.? 111 ?010..1010?
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 34 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output table 27. test pattern register 2 (address 0015h) bit description default values are highlighted. bit symbol access value description 7 to 0 testpat_user[13:6] r/w 0000 0000 custom digital test pattern (bits 13 to 6) table 28. test pattern register 3 (address 0016h) bit description default values are highlighted. bit symbol access value description 7 to 2 testpat_user[5:0] r/w 000000 custom digital test pattern (bits 5 to 0) 1 to 0 - 00 not used table 29. fast otr register (address 0017h) bit description default values are highlighted. bit symbol access value description 7 to 4 - 0000 not used 3 fastotr r/w fast out-of-range (otr) detection 0 disabled 1 enabled 2 to 0 fastotr_det[2:0] r/w se t fast otr detect level 000 ? 20.56 db 001 ? 16.12 db 010 ? 11.02 db 011 ? 7.82 db 100 ? 5.49 db 101 ? 3.66 db 110 ? 2.14 db 111 ? 0.86 db table 30. cmos output register (address 0020h) bit description default values are highlighted. bit symbol access value description 7 to 4 - 0000 not used 3 to 2 dav_drv[1:0] r/w drive strength for dav cmos output buffer 00 low 01 medium 10 high 11 very high 1 to 0 data_drv[1:0] r/w drive strength for data cmos output buffer 00 low 01 medium 10 high 11 very high
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 35 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output table 31. lvds ddr output register 1 (address 0021h) bit description default values are highlighted. bit symbol access value description 7 to 6 - 00 not used 5 davi_x2_en r/w double lvds current for dav lvds buffer 0 disabled 1 enabled 4 to 3 davi[1:0] r/w lvds current for dav lvds buffer 00 3.5 ma 01 4.5 ma 10 1.25 ma 11 2.5 ma 2 datai_x2_en r/w double lvds current for data lvds buffer 0 disabled 1 enabled 1 to 0 datai[1:0] r/w lvds current for data lvds buffer 00 3.5 ma 01 4.5 ma 10 1.25 ma 11 2.5 ma table 32. lvds ddr output register 2 (address 0022h) bit description default values are highlighted. bit symbol access value description 7 to 4 - 0000 not used 3 bit_byte_wise r/w ddr mode for lvds output 0 bit wise (even data bits output on dav rising edge/odd data bits output on dav falling edge) 1 byte wise (msb data bits output on dav rising edge/lsb data bits output on dav falling edge) 2 to 0 lvds_int_ter[2:0] r/w internal termination for lvds buffer (dav and data) 000 no internal termination 001 300 010 180 011 110 100 150 101 100 110 81 111 60
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 36 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 12. package outline fig 39. package outline sot618-1 (hvqfn40) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 6.1 5.9 d h 4.25 3.95 y 1 6.1 5.9 4.25 3.95 e 1 4.5 e 2 4.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot618-1 mo-220 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot618 -1 h vqfn40: plastic thermal enhanced very thin quad flat package; no leads; 4 0 terminals; body 6 x 6 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 11 20 40 31 30 21 10 1 x d e c b a e 2 01-08-08 02-10-22 terminal 1 index area 1/2 e 1/2 e a c c b v m w m note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) e (1)
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 37 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 13. revision history table 33. revision history document id release date data sheet status change notice supersedes adc1410s_ser v.4 20101224 product data sheet - adc1410s_ser_3 modifications: ? data sheet status changed from preliminary to product. ? text and drawings updated th roughout entire data sheet. ? sot618-6 changed to sot618-1. see table 1 ? ordering information ? and figure 39 ? package outline sot618-1 (hvqfn40) ? . ? section 10.4 ? typical characteristics ? added to the data sheet. adc1410s_ser_3 20100412 preliminary data sheet - adc1410s065_080_105_125_2 adc1410s065_080_105_125_2 20090604 objective data sheet - adc1410s065_080_105_125_1 adc1410s065_080_105_125_1 20090528 objective data sheet - -
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 38 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output 14. legal information 14.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 14.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 14.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
adc1410s_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 4 ? 24 december 2010 39 of 40 nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 14.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 15. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors adc1410s series single 14-bit adc; cmos or lvds ddr digital output ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 24 december 2010 document identifier: adc1410s_ser please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 16. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 thermal characteristics . . . . . . . . . . . . . . . . . . 5 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 10.1 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 10.2 clock and digital output timing . . . . . . . . . . . . . 9 10.3 spi timings . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 10.4 typical characteristics . . . . . . . . . . . . . . . . . . 13 10.4.1 adc1410s080 . . . . . . . . . . . . . . . . . . . . . . . . 15 10.4.2 adc1410s125 . . . . . . . . . . . . . . . . . . . . . . . . 15 11 application information. . . . . . . . . . . . . . . . . . 16 11.1 device control . . . . . . . . . . . . . . . . . . . . . . . . . 16 11.1.1 spi and pin control modes . . . . . . . . . . . . . . 16 11.1.2 operating mode selection. . . . . . . . . . . . . . . . 16 11.1.3 selecting the output data standard . . . . . . . . . 16 11.1.4 selecting the output data format. . . . . . . . . . . 17 11.2 analog inputs . . . . . . . . . . . . . . . . . . . . . . . . . 17 11.2.1 input stage . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 11.2.2 anti-kickback circuitry . . . . . . . . . . . . . . . . . . . 18 11.2.3 transformer . . . . . . . . . . . . . . . . . . . . . . . . . . 18 11.3 system reference and power management . . 19 11.3.1 internal/external references . . . . . . . . . . . . . . 19 11.3.2 programmable full-scale . . . . . . . . . . . . . . . . . 21 11.3.3 common-mode output voltage (v o(cm) ) . . . . . 22 11.3.4 biasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 11.4 clock input . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 11.4.1 drive modes . . . . . . . . . . . . . . . . . . . . . . . . . 22 11.4.2 equivalent input circuit . . . . . . . . . . . . . . . . . . 23 11.4.3 duty cycle stabilizer . . . . . . . . . . . . . . . . . . . . 24 11.4.4 clock input divider . . . . . . . . . . . . . . . . . . . . . 24 11.5 digital outputs . . . . . . . . . . . . . . . . . . . . . . . . . 24 11.5.1 digital output buffers: cmos mode . . . . . . . . 24 11.5.2 digital output buffers: lvds ddr mode . . . . . 25 11.5.3 data valid (dav) output clock . . . . . . . . . . . . 26 11.5.4 out-of-range (otr) . . . . . . . . . . . . . . . . . . . 26 11.5.5 digital offset . . . . . . . . . . . . . . . . . . . . . . . . . . 26 11.5.6 test patterns . . . . . . . . . . . . . . . . . . . . . . . . . . 26 11.5.7 output codes versus input voltage . . . . . . . . . 27 11.6 serial peripheral interface . . . . . . . . . . . . . . . 27 11.6.1 register description . . . . . . . . . . . . . . . . . . . . 27 11.6.2 default modes at start-up. . . . . . . . . . . . . . . . 28 11.6.3 register allocation map . . . . . . . . . . . . . . . . . 30 12 package outline. . . . . . . . . . . . . . . . . . . . . . . . 36 13 revision history . . . . . . . . . . . . . . . . . . . . . . . 37 14 legal information . . . . . . . . . . . . . . . . . . . . . . 38 14.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 38 14.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 14.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 38 14.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 39 15 contact information . . . . . . . . . . . . . . . . . . . . 39 16 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40


▲Up To Search▲   

 
Price & Availability of ADC1410S105HNC15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X