Part Number Hot Search : 
HDF2415D MT8870 EMICO 25LF02 SAA7201 2SJ6810 ML120G6 LM741W
Product Description
Full Text Search
 

To Download 735DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 40053 revision 17-oct-03 www.vishay.com 46 735d, 735DE, ct79 (cecc 30202) v ishay tansitor for technical questions, contact eurowettant@vishay.com ordering information packaging: the use of formed plastic trays for packaging this type of axial lead component is standard. tape and reel is not recommended due to the unit weight. ct79 735d 735DE model 2 style number 0 = bare case. 2 = outer plastic film insulation. 6 = high temperature film insulation (above + 125 c). a case code see table of dimensions. 226 capacitance x0 = 20% x9 = 10% x5 = 5% 025 dc voltage rating at + 85 c this is expressed in volts. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an "r" (6r3 = 6.3 volts). x0 capacitance t olerance this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved features for - 55 c to + 200 c operation all tantalum case glass to tantalum hermetic seal low esr high cv per unit volume extremely low leakage current high permissible ripple current ? volts reverse voltage capability approvals cecc-30202-001 style 735d cecc-30202-801 style 735DE cecc 30202-005 style ct79 applications designed specifically for the severe operating environment of aerospace applications, this capacitor was developed under partial sponsorship of the marshall space flight center, national aeronautics and space administration. to meet aerospace requirements, the capacitors have a high resistance to damage from shock and vibration. performance characteristics operating temperature: - 55 c to + 85 c. (to + 200 c with voltage derating.) capacitance tolerance: at 120 hz, + 25 c. 20% standard. 10%, 5% available as special. dc leakage current (dcl max.): at + 25 c and above: leakage current shall not exceed the values listed in the standard ratings tables.
www.vishay.com 47 735d, 735DE, ct79 (cecc 30202) v ishay tansitor document number: 40053 revision 17-oct-03 for technical questions, contact eurowettant@vishay.com standard ratings *for insulated parts, add 0.007" [0.178] to the diameter. the insulation shall lap over the ends of the capacitor body. dimensions in inches [millimeters] 0.0253 0.002 [0.64 0.05] dia. (no. 22 awg) tinned nickel leads solderable and weldable e e l 2 l 1 tantalum weld a b c d t1 t2 t3 t4 type 735d clr 79/81 equiv. d 0.188 0.016 [4.78 0.41] 0.281 0.016 [7.14 0.41] 0.375 0.016 [9.53 0.41] 0.375 0.016 [9.53 0.41] l1 0.453 + 0.031 - 0.016 [11.51 + 0.79 - 0.41] 0.641 + 0.031 - 0.016 [16.28 + 0.79 - 0.41] 0.766 + 0.031 - 0.016 [19.46 + 0.79 - 0.41] 1.062 + 0.031 - 0.016 [26.97 + 0.79 - 0.41] 0.734 [18.64] 0.922 [23.42] 1.047 [26.59] 1.343 [34.11] l2 (max.) 1.500 0.250 [38.10 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35] e case code d weight in grams (max.) 2.6 6.2 1 1.6 17.7 max df max imp. in a at max cap. change max rms case at + 20 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 20 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 6.3vdc at + 85 c, 4v at + 125 c, 3vdc at + 200 c 68 a 735d686x06r3a2 15 60 1.0 2.0 -40 +14 +16 960 120 a 735d127x06r3a2 21 81 1.5 3.0 -41 +15 +16 820 150 a 735d157x06r3a2 34 80 2.0 9.0 -42 +16 +16 820 220 b 735d227x06r3b2 40 30 1.0 6.5 -44 +16 +18 1370 470 b 735d477x06r3b2 90 46 2.0 10 -60 +20 +20 1285 560 b 735d567x06r3b2 106 48 2.0 10 -68 +20 +20 1255 560 c 735d567x06r3c2 50 25 2.0 16 -64 +18 +20 1900 1000 d 735d108x06r3d2 72 22 3.0 14 -80 +25 +25 2390 1500 c 735d158x06r3c2 172 36 5.0 20 -90 +25 +25 1615 2200 d 735d228x06r3d2 170 22 6.0 24 -90 +25 +25 2265 10vdc at + 85 c, 7vdc at + 125 c, 5vdc at + 200 c 47 a 735d476x0010a2 13 100 1.0 2.0 -36 +14 +16 855 68 a 735d686x0010a2 21 85 1.5 3.0 -40 +15 +16 820 82 a 735d826x0010a2 25 84 2.0 6.0 -40 +16 +16 820 100 a 735d107x0010a2 30 82 2.0 6.0 -40 +16 +16 820 150 b 735d157x0010b2 30 45 1.0 7.0 -32 +14 +16 1275 180 b 735d187x0010b2 30 40 1.0 7.0 -35 +14 +16 1300 330 b 735d337x0010b2 65 52 2.0 10 -54 +17 +18 1195 390 b 735d397x0010b2 74 54 2.0 10 -60 +19 +20 1195 470 c 735d477x0010c2 44 25 2.0 15 -65 +18 +20 1800 680 d 735d687x0010d2 46 20 3.0 16 -80 +25 +25 2490 820 d 735d827x0010d2 57 22 3.0 16 -80 +25 +25 2360 1000 c 735d108x0010c2 92 36 4.0 16 -80 +25 +25 1720 1200 c 735d128x0010c2 137 36 5.0 20 -80 +25 +25 1720 1500 d 735d158x0010d2 114 23 7.0 25 -88 +30 +30 2360 1800 d 735d188x0010d2 138 24 7.0 25 -88 +30 +30 2360 max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
document number: 40053 revision 17-oct-03 www.vishay.com 48 735d, 735DE, ct79 (cecc 30202) v ishay tansitor for technical questions, contact eurowettant@vishay.com standard ratings max df max imp. in a at max cap. change max rms case at + 20 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 20 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 16vdc at + 85 c, 10vdc at + 125 c, 8vdc at + 200 c 33 a 735d336x0016a2 10 90 1.0 2.0 -28 +14 +16 820 47 a 735d476x0016a2 20 100 1.5 3.0 -28 +16 +16 760 56 a 735d566x0016a2 22 100 1.5 3.0 -28 +16 +16 760 120 b 735d127x0016b2 25 50 1.0 7.0 -28 +14 +16 1230 220 b 735d227x0016b2 42 62 2.0 10 -35 +16 +16 1215 270 b 735d277x0016b2 55 60 2.0 12 -45 +18 +18 1215 330 c 735d337x0016c2 40 30 2.0 14 -58 +18 +20 1760 470 d 735d477x0016d2 37 24 3.0 18 -75 +25 +25 2100 560 d 735d567x0016d2 40 23 3.0 18 -80 +25 +25 2300 680 c 735d687x0016c2 80 42 5.0 20 -80 +25 +25 1585 820 c 735d827x0016c2 95 42 6.0 24 -80 +25 +25 1585 1000 d 735d108x0016d2 92 25 8.0 32 -82 +25 +25 2300 1200 d 736d128x0016d2 103 25 8.0 32 -84 +25 +30 2300 25vdc at + 85 c, 16vdc at + 125 c, 12vdc at + 200 c 22 a 735d226x0025a2 7 140 1.0 2.0 -20 +10 +12 800 27 a 735d276x0025a2 11 140 1.5 3.0 -20 +12 +12 715 33 a 735d336x0025a2 13 130 1.5 3.0 -24 +14 +14 715 39 a 735d396x0025a2 16 120 2.0 9.0 -28 +16 +16 715 100 b 735d107x0025b2 21 50 1.0 9.0 -28 +13 +15 1215 150 b 735d157x0025b2 35 62 2.0 10 -35 +15 +15 1130 180 b 735d187x0025b2 35 60 2.0 10 -48 +14 +15 1130 220 c 735d227x0025c2 35 33 2.0 13 -52 +18 +20 1615 330 d 735d337x0025d2 30 27 3.0 20 -60 +25 +25 1865 390 c 735d397x0025c2 48 48 7.0 28 -70 +25 +25 1400 390 d 735d397x0025d2 35 24 3.0 20 -68 +25 +25 2025 470 c 735d477x0025c2 48 48 7.0 28 -76 +25 +25 1400 560 c 735d567x0025c2 60 48 7.0 28 -80 +25 +25 1400 680 d 735d687x0025d2 60 24 8.0 32 -80 +25 +25 1940 820 d 735d827x0025d2 82 26 8.0 32 -80 +25 +25 1865 40vdc at + 85 c, 25vdc at + 125 c, 20vdc at + 200 c 15 a 735d156x0040a2 7 175 1.0 2.0 -20 +10 +12 660 18 a 735d186x0040a2 10 200 1.5 4.0 -20 +12 +12 580 22 a 735d226x0040a2 11 190 1.5 4.0 -24 +12 +12 580 68 b 735d686x0040b2 15 60 1.0 8.0 -24 +13 +15 1285 100 b 735d107x0040b2 25 60 2.0 10 -40 +15 +15 1285 120 b 735d127x0040b2 30 62 2.0 12 -32 +15 +15 1245 150 c 735d157x0040c2 23 35 2.0 12 -48 +14 +15 1525 220 d 735d227x0040d2 23 27 3.0 22 -58 +23 +23 1900 270 c 735d277x0040c2 37 52 7.0 28 -60 +25 +25 1375 330 c 735d337x0040c2 43 52 8.0 32 -65 +25 +25 1375 390 d 735d397x0040d2 43 30 8.0 32 -75 +25 +25 1900 470 d 735d477x0040d2 45 30 9.0 36 -80 +25 +25 1900 max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
www.vishay.com 49 735d, 735DE, ct79 (cecc 30202) v ishay tansitor document number: 40053 revision 17-oct-03 for technical questions, contact eurowettant@vishay.com standard ratings max df max imp. in a at max cap. change max rms case at + 20 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 20 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 63vdc at + 85 c, 40vdc at + 125 c, 31vdc at + 200 c 10 a 735d106x0063a2 4 250 1.0 2.0 -20 +8 +9 575 12 a 735d126x0063a2 7 233 2.0 4.0 -20 +8 +9 575 15 a 735d156xo063a2 8 220 2.0 9.0 -22 +9 +9 565 47 b 735d476x0063b2 13 70 1.0 9.0 -24 +13 +15 1150 56 b 735d566x0063b2 18 72 2.0 12 -26 +14 +15 1150 82 b 735d826x0063b2 22 70 2.0 12 -36 +15 +15 1150 100 c 735d107x0063c2 18 42 2.0 11 -37 +14 +15 1420 120 c 735d127x0063c2 20 49 3.0 18 -40 +18 +18 1420 150 d 735d157x0063d2 17 27 3.0 22 -45 +20 +20 1865 220 c 735d227x0063c2 37 55 8.0 32 -50 +25 +25 1345 270 d 735d277x0063d2 26 33 9.0 36 -70 +24 +25 1850 330 d 735d337x0063d2 32 31 10 40 -72 +25 +25 1850 75vdc at + 85 c, 50vdc at + 125 c, 37vdc at + 200 c 6.8 a 735d685x0075a2 3 300 1.0 2.0 -20 +8 +9 610 8.2 a 735d825x0075a2 6 280 1.5 3.0 -22 +9 +9 610 33 b 735d336x0075b2 10 90 1.0 9.0 -24 +10 +12 1079 47 b 735d476x0075b2 15 87 2.0 10 -30 +14 +14 1055 68 b 735d686x0075b2 21 86 2.0 12 -36 +15 +15 1055 68 c 735d686x0075c2 13 50 2.0 10 -30 +14 +15 1525 82 c 735d826x0075c2 15 45 2.0 10 -32 +15 +15 1335 100 c 735di07x0075c2 19 60 8.0 32 -36 +17 +18 1335 120 d 735di27x0075d2 12 28 3.0 24 -36 +20 +20 1915 150 c 735di57x0075c2 25 60 9.0 36 -40 +20 +20 1335 150 d 735dl57x0075d2 17 30 9.0 36 -48 +21 +22 1915 180 c 735di87x0075c2 28 60 9.0 36 -50 +22 +22 1335 220 d 735d227x0075d2 37 32 10 40 -60 +22 +22 1850 100vdc at + 85 c, 70vdc at + 125 c, 50vdc at + 200 c 4.7 a 735d475x0100a2 3 500 1.0 2.0 -16 +7 +8 565 5.6 a 735d565x0100a2 6 475 2.0 5.0 -17 +8 +8 530 22 b 735d226x0100b2 8 100 1.0 9.0 -16 +8 +8 1065 33 b 735d336x0100b2 14 95 3.0 15 -16 +8 +8 1065 33 c 735d336x0100c2 7 93 2.0 10 -16 +8 +8 1200 39 b 735d396x0100b2 10 92 2.0 12 -24 +12 +12 1065 39 c 735d396x0100c2 8 90 2.0 10 -16 +8 +8 1285 47 c 735d476x0100c2 9 70 2.0 10 -23 +10 +10 1390 56 c 735d566x0100c2 11 60 2.0 10 -28 +14 +15 1335 68 c 735d686x0100c2 15 60 10 40 -30 +15 +15 1335 68 d 735d686x0100d2 8 42 3.0 26 -24 +15 +15 1860 82 d 735d826x0100d2 10 39 3.0 24 -24 +18 +18 1860 100 d 735d107x0100d2 11 36 3.0 24 -35 +20 +20 1860 125vdc at + 85 c, 85vdc at + 125 c, 62vdc at + 200 c 2.7 a 735d275x0125a2 3 780 1.0 2.0 -16 +7 +8 455 3.3 a 735d335x0125a2 3 600 1.0 2.0 -16 +7 +8 495 3.9 a 735d395x0125a2 3.5 557 2.0 5.0 -16 +8 +8 495 15 b 735d156x0125b2 6 167 1.0 7.0 -16 +7 +8 1050 18 b 735d186x0125b2 8 133 2.0 10 -16 +8 +8 1065 39 c 735d396x0125c2 8 90 2.0 10 -16 +8 +8 1285 47 c 735d476x0125c2 9 70 2.0 10 -23 +10 +10 1285 68 d 735d686x0125d2 8 42 3.0 26 -24 +15 +15 1860 82 d 735d826x0125d2 10 39 3.0 24 -24 +18 +18 1860 max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
document number: 40053 revision 17-oct-03 www.vishay.com 50 735d, 735DE, ct79 (cecc 30202) v ishay tansitor for technical questions, contact eurowettant@vishay.com standard ratings to mil range clr79 max df max imp. in a at max cap. change max rms case at + 25 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 25 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 6vdc at + 85 c, 4v at + 125 c, 3vdc at + 200 c 30 a 735d306x0006a2 4.0 l00 0.75 1.5 -40 +12 +12 820 68 a 735d686x0006a2 2.9 60 0.75 1.5 -40 +16 +16 960 140 b 735d147x0006b2 2.2 40 1.0 3.0 -40 +16 +16 1200 160 a 735d167x0006a2 4.0 80 1.5 3.0 -42 +16 +16 820 270 b 735d277x0006b2 2.0 25 1.0 2.0 -44 +20 +20 1375 330 c 735d337x0006c2 1.4 20 2.0 6.0 -44 +16 +16 1800 560 b 735d567x0006b2 2.4 48 2.0 10 -68 +20 +20 1255 560 c 735d567x0006c2 1.3 25 2.0 6.0 -64 +20 +20 1900 1200 d 735d128x0006d2 0.9 20 3.0 12 -80 +25 +25 2388 1500 c 735d158x0006c2 1.8 36 3.0 15 -84 +25 +25 1615 2200 d 735d228x0006d2 1.0 22 4.0 15 -86 +25 +25 2265 8vdc at + 85 c, 5vdc at + 125 c, 4vdc at + 200 c 25 a 735d256x0008a2 4.0 100 0.75 1.5 -40 +12 +12 820 56 a 735d566x0008a2 3.3 59 0.75 1.5 -40 +16 +16 900 120 a 735d127x0008a2 4.0 80 1.0 2.0 -44 +20 +16 820 120 b 735d127x0008b2 2.6 50 1.0 2.0 -44 +20 +16 1230 220 b 735d227x0008b2 2.4 30 1.0 2.0 -44 +18 +20 1300 290 c 735d297x0008c2 1.8 25 2.0 6.0 -64 +20 +16 1745 430 b 735d437x0008b2 2.6 54 2.0 10 -64 +20 +20 1230 430 c 735d437x0008c2 1.4 25 2.0 6.0 -64 +20 +20 1825 850 d 735d857x0008d2 1.0 22 3.0 12 -80 +25 +25 2456 10vdc at + 85 c, 7vdc at + 125 c, 5vdc at + 200 c 20 a 735d206x0010a2 4.0 175 0.75 1.5 -32 +12 +12 820 100 b 735d107x0010b2 2.4 60 1.0 2.0 -35 +16 +16 1200 250 c 735d257x0010c2 1.8 30 2.0 6.0 -40 +16 +16 1720 300 b 735d307x0010b2 2.6 52 2.0 5.0 -54 +18 +18 1195 350 b 735d357x0010b2 2.6 52 2.0 5.0 -60 +18 +18 1195 390 c 735d397x0010c2 1.5 25 2.0 6.0 -64 +20 +20 1800 750 d 735d757x0010d2 0.9 22 3.0 12 -80 +25 +25 2487 850 c 735d857x0010c2 1.8 36 3.0 12 -84 +25 +25 1720 15vdc at + 85 c, 10vdc at + 125 c, 7vdc at + 200 c 15 a 735d156x0015a2 4.4 155 0.75 1.5 -24 +12 +12 780 33 a 735d336x0015a2 4.0 90 0.75 1.5 -28 +16 +16 820 47 a 735d476x0015a2 4.7 100 1.0 2.0 -28 +16 +16 760 56 a 735d566x0015a2 4.7 l00 1.0 2.0 -28 +16 +16 760 70 b 735d706x0015b2 2.8 75 1.0 2.0 -28 +16 +16 1150 120 b 735d127x0015b2 2.6 50 1.0 2.0 -28 +16 +16 1230 170 c 735d177x0015c2 2.4 35 2.0 6.0 -32 +16 +16 1480 220 b 735d227x0015b2 2.8 62 2.0 5.0 -35 +16 +16 1215 270 b 735d277x0015b2 2.8 60 2.0 5.0 -45 +18 +18 1215 270 c 735d277x0015c2 2.2 30 2.0 6.0 -56 +20 +20 1709 290 b 735d297x0015b2 2 8 65 2.0 5.0 -54 +18 +18 1215 540 d 735d547x0015d2 1.0 23 3.0 12 -80 +25 +25 2300 750 c 735d757x0015c2 2.1 42 3.0 15 -80 +25 +25 1582 850 d 735d857x0015d2 1.0 24 4.0 15 -80 +25 +25 2300 1200 d 735dl28x0015d2 1.0 25 4.0 15 -84 +25 +25 2300 max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
www.vishay.com 51 735d, 735DE, ct79 (cecc 30202) v ishay tansitor document number: 40053 revision 17-oct-03 for technical questions, contact eurowettant@vishay.com max df max imp. in a at max cap. change max rms case at + 25 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 25 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 25vdc at + 85 c, 15vdc at + 125 c, 12vdc at + 200 c 10 a 735d106x0025a2 5.3 220 0.75 1.5 -16 + 9 + 9 715 43 a 735d436x0025a2 5.3 120 1.5 3.0 -28 +16 +16 715 50 b 735d506x0025b2 3.0 70 1.0 2.0 -28 +15 +15 1130 120 c 735d127x0025c2 2.6 38 2.0 6 .0 -32 +15 +15 1420 160 b 735d167x0025b2 3.0 60 2.0 5 .0 -35 +15 +15 1130 180 c 735d187x0025c2 2.0 32 2.0 6 .0 -48 +15 +15 1531 350 d 735d357x0025d2 1.0 24 3.0 12 -64 +25 +25 2246 850 d 735d857x0025d2 1.3 26 4.0 15 -80 +25 +25 1970 30vdc at + 85 c, 20vdc at + 125 c, 15vdc at + 200 c 8.0 a 735d805x0030a2 6.6 275 0.75 1.5 -16 +12 +12 640 15 a 735d156x0030a2 6.2 175 0.75 1.5 -20 +12 +12 660 25 a 735d256x0030a2 6.6 160 1.5 3.0 -24 +12 +12 640 33 a 735d336x0030a2 6.6 160 1.5 3.0 -26 +12 +12 640 40 b 735d406x0030b2 3.7 65 1.0 2.0 -24 +12 +12 1065 68 b 735d686x0030b2 2.8 60 1.0 2.0 -24 +15 +15 1215 100 c 735d107x0030c2 2.6 40 2.0 6.0 -28 +12 +12 1477 120 b 735d127x0030b2 3.0 60 2.0 5.0 -32 +15 +15 1185 150 b 735d157x0030b2 3.0 60 2.0 6.0 -35 +15 +15 1185 150 c 735d157x0030c2 2.3 35 2.0 6.0 -48 +15 +15 1525 170 b 735d177x0030b2 3.0 65 2.0 7.0 -48 +15 +15 1185 300 c 735d307x0030c2 2.2 44 3.0 12 -60 +15 +15 1559 300 d 735d307x0030d2 1.2 31 3.0 12 -60 +25 +25 2100 330 c 735d337x0030c2 2.6 52 3.0 12 -65 +25 +25 1373 350 c 735d357x0030c2 2.6 52 3.0 15 -70 +25 +25 1477 390 c 735d397x0030c2 2.6 52 3.0 15 -75 +25 +25 1477 430 c 735d437x0030c2 2.6 54 3.0 15 -80 +25 +25 1477 560 d 735d567x0030d2 1.4 30 4.0 20 -80 +25 +25 1050 50vdc at + 85 c, 30vdc at + 125 c, 25vdc at + 200 c 5.0 a 735d505x0050a2 8.0 400 0.75 2.0 -16 + 6 + 6 580 10 a 735d106x0050a2 6.4 250 0.75 2.0 -20 + 9 + 9 640 18 a 735d186x0050a2 8.0 200 1.5 3.0 -24 +12 +12 580 22 a 735d226x0050a2 8.0 190 1.5 4.0 -24 +12 +12 580 25 b 735d256x0050b2 4.6 95 1.0 3.0 -20 +12 +12 1065 47 b 735d476x0050b2 3.7 70 1.0 3.0 -24 +15 +15 1215 60 c 735d606x0050c2 2.9 45 2.0 7.0 -16 +12 +12 1285 82 c 735d826x0050c2 2.3 45 2.0 7.0 -32 +15 +15 1460 100 b 735d107x0050b2 3.2 67 2.0 7.0 -40 +15 +15 1150 160 d 735d167x0050d2 1.3 27 3.0 16 -50 +23 +23 2040 270 c 735d277x0050c2 2.6 52 3.0 15 -60 +25 +25 1373 350 d 735d357x0050d2 1.5 30 4.0 20 -70 +25 +25 1900 390 d 735d397x0050d2 1.5 30 5.0 25 -75 +25 +25 1900 430 d 735d437x0050d2 1.5 31 5.0 25 -80 +25 +25 1900 max dcl standard ratings to mil range clr79 w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
document number: 40053 revision 17-oct-03 www.vishay.com 52 735d, 735DE, ct79 (cecc 30202) v ishay tansitor for technical questions, contact eurowettant@vishay.com standard ratings to mil range clr79 max df max imp. in a at max cap. change max rms case at + 25 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 25 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 60vdc at + 85 c, 40vdc at + 125 c, 30vdc at + 200 c 4.0 a 735d405x0060a2 9.3 550 0.75 2.0 -16 +6 +6 525 8.2 a 735d825x0060a2 6.6 275 0.75 2.0 -20 + 9 + 9 625 20 b 735d206x0060b2 4.0 105 1.0 4.0 -16 +12 +12 1026 39 b 735d396x0060b2 3.0 90 1.0 4.0 -24 +12 +12 1185 50 c 735d506x0060c2 2.6 50 2.0 7.0 -16 +12 +12 1341 68 c 735d686x0060c2 2.4 50 2.0 7.0 -30 +15 +15 1393 82 b 735d826x0060b2 3.2 70 2.0 7.0 -36 +15 +15 1150 140 d 735d147x0060d2 1.3 28 3.0 16 -40 +20 +20 1990 220 c 735d227x0060c2 2.6 55 3.0 15 -50 +25 +25 1341 270 d 735d277x0060d2 1.5 33 5.0 22 -70 +25 +25 1850 330 d 735d337x0060d2 1.5 31 5.0 25 -72 +25 +25 1850 75vdc at + 85 c, 50vdc at + 125 c, 37vdc at + 200 c 3.5 a 735d355x0075a2 9.5 650 1.0 2.0 -16 + 6 + 6 525 9.0 a 735d905x0075a2 8.2 280 2.0 5.0 -20 + 9 + 9 572 15 b 735d156x0075b2 5.0 150 1.0 4.0 -16 + 9 + 9 1000 40 c 735d406x0075c2 3.0 60 2.0 8.0 -16 +12 +12 1293 43 b 735d436x0075b2 3.8 89 2.0 8.0 -24 +12 +12 1051 56 b 735d566x0075b2 3.8 84 2.0 10 -30 +15 +15 1051 56 c 735d566x0075c2 2.4 60 2.0 8.0 -28 +15 +15 1396 110 d 735d117x0075d2 1.3 29 3.0 20 -35 +20 +20 1990 250 d 735d257x0075d2 1.5 33 5.0 22 -68 +25 +25 1850 100vdc at + 85 c, 70vdc at + 125 c, 50vdc at + 200 c 30 b 735d306x0100b2 3.7 99 2.0 12 -16 + 8 + 8 1065 30 c 735d306x0100c2 3.3 80 2.0 8.0 -16 + 8 + 8 1200 43 c 735d436x0100c2 2.4 70 2.0 8.0 -20 + 8 + 8 1389 86 d 735d866x0100d2 1.5 30 3.0 20 -24 +15 +15 1859 125vdc at + 85 c, 85vdc at + 125 c, 62vdc at + 200 c 3.6 a 735d365x0125a2 11.1 600 1.0 2.0 -16 + 8 + 8 495 14 b 735d146x0125b2 5.0 167 1.0 4.0 -16 + 8 + 8 1050 25 c 735d256x0125c2 2.6 93 2.0 8.0 -16 + 8 + 8 1335 56 d 735d556x0125d2 1.5 47 3.0 20 -25 +15 +15 1859 max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
www.vishay.com 53 735d, 735DE, ct79 (cecc 30202) v ishay tansitor document number: 40053 revision 17-oct-03 for technical questions, contact eurowettant@vishay.com max df max imp. in a at max cap. change max rms case at + 25 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 25 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 6.3vdc at + 85 c, 4vdc at + 125 c, 3vdc at + 200 c 68 a ct79686x06r3a2 15 72 1 12 -40 +14 +16 960 270 b ct79277x06r3b2 41 30 1 7 -44 +17.5 +20 1375 560 c ct79567x06r3c2 55 30 2 16 -64 +17.5 +20 1900 1200 d ct79128x06r3d2 94 24 4 16 -80 +25 +25 2265 10vdc at + 85 c, 6.3vdc at + 125 c, 5vdc at + 200 c 47 a ct79476x00l0a2 14 120 1 2 -36 +14 +16 855 180 b ct79187x00l0b2 29 48 1 7 -36 +14 +16 1300 390 c ct79397x00l0c2 44 30 2 16 -64 +17.5 +20 1800 820 d ct79827x00l0d2 65 28 4 16 -80 +25 +25 2360 16vdc at + 85 c, 10vdc at + 125 c, 8vdc at + 200 c 33 a ct79336x0016a2 10 108 1 2 -28 +14 +16 820 120 b ct79127x0016b2 24 60 1 9 -28 +17.5 +20 1230 270 c ct79277x0016c2 45 36 2 16 -56 +17.5 +20 1500 560 d ct79567x0016d2 44 28 6 24 -80 +25 +25 2300 25vdc at + 85 c, 16vdc at + 125 c, 12vdc at + 200 c 22 a ct79226x0025a2 7 168 1 2 -20 +10.5 +12 800 100 b ct79107x0025b2 21 60 1 10 -28 +13 +15 1215 180 c ct79187x0025c2 29 39 2 18 -48 +13 +15 1460 390 d ct79397x0025d2 40 29 7 28 -70 +25 +25 1970 40vdc at + 85 c, 25vdc at + 125 c, 20vdc at + 200 c 12 a ct79126x0040a2 6 234 1 2 -24 + 8 +10 660 56 b ct79566x0040b2 14 78 1 9 -28 +13 +15 1100 100 c ct79107x0040c2 18 48 2 17 -40 +13 +15 1400 220 d ct79227x0040d2 27 31 8 32 -55 +25 +25 1900 63vdc at + 85 c, 40vdc at + 125 c, 31vdc at + 200 c 8.2 a ct79825x0063a2 4.5 330 1 2 -24 + 8 + 9 625 39 b ct79396x0063b2 12 108 1 9 -28 +10.5 +12 1015 68 c ct79686x0063c2 13 60 2 16 -32 +10.5 +12 1365 150 d ct79157x0063d2 18 34 8 32 -40 +20 +20 1850 80vdc at + 85 c, 50vdc at + 125 c, 40vdc at + 200 c 6.8 a ct79685x0080a2 5 360 1 2 -20 + 8 + 9 610 33 b ct79336x0080b2 10 108 1 10 -24 +10.5 +15 1000 56 c ct79566x0080c2 11 72 2 17 -28 +10.5 +15 1350 100 d ct79107x0080d2 12 36 9 36 -35 +20 +20 1825 100vdc at + 85 c, 63vdc at + 125 c, 50vdc at + 200 c 4.7 a ct79475x0100a2 3 600 1 2 -16 + 7 + 8 565 22 b ct79226x0100b2 8 132 1 9 -16 + 7 + 8 935 47 c ct79476x0100c2 8 84 2 17 20 + 7 + 8 1335 82 d ct79826x0100d2 10 40 9 36 -25 +15 +15 1800 125vdc at + 85 c, 80vdc at + 125 c, 62vdc at + 200 c 3.9 a ct79395x0125a2 3.5 720 1 2 -16 + 7 + 8 495 15 b ct79156x0125b2 6 200 1 7 -16 + 7 + 8 860 27 c ct79276x0125c2 6 106 2 13 -16 + 7 + 8 1200 56 d ct79566x0125d2 7 58 10 40 -25 +15 +15 1800 ct79 standard ratings max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved
document number: 40053 revision 17-oct-03 www.vishay.com 54 735d, 735DE, ct79 (cecc 30202) v ishay tansitor for technical questions, contact eurowettant@vishay.com ct79 extended ratings max df max imp. in a at max cap. change max rms case at + 25 c at - 55 c+ 85 c & (%) at ripple current f code part number (%) ( ? )+ 25 c+ 125 c- 55 c+ 85 c+ 125 c 40khz (ma) 6.3vdc at + 85 c, 4vdc at + 125 c, 3vdc at + 200 c 150 a ct79157x06r3a2 34 80 2.0 9.0 -42 16 16 960 560 b ct79567x06r3b2 106 48 2.0 10 -68 20 20 1550 1500 c ct79158x06r3c2 172 36 5.0 20 -90 25 25 1930 2200 d ct79228x06r3d2 170 22 6.0 24 -90 25 25 2330 10vdc at + 85 c, 6.3vdc at + 125 c, 5vdc at + 200 c 100 a ct79107x0010a2 30 82 2.0 6.0 -40 16 16 930 390 b ct79397x0010b2 74 54 2.0 10 -60 19 20 1470 1200 c ct79128x0010c2 137 36 5.0 20 -80 25 25 1850 1800 d ct79188x00l0d2 138 24 7.0 25 -88 30 30 2300 16vdc at + 85 c, 10vdc at + 125 c, 8vdc at + 200 c 56 a ct79566x0016a2 22 100 1.5 3.0 -28 16 16 890 270 b ct79277x0016b2 55 60 2.0 12 -45 18 28 1430 820 c ct79827x0016c2 95 42 6.0 24 -80 25 25 1800 1200 d ct79128x0016d2 103 25 8.0 32 -84 25 30 2300 25vdc at + 85 c, 16vdc at + 125 c, 12vdc at + 200 c 39 a ct79396x0025a2 16 120 2.0 9.0 -28 16 16 820 180 b ct79187x0025b2 36 60 2.0 10 -48 14 15 1400 560 c ct79567x0025c2 60 48 7.0 28 -80 25 25 1750 820 d ct79827x0025d2 82 26 8.0 32 -80 25 25 2100 40vdc at + 85 c, 25vdc at + 125 c, 20vdc at + 200 c 22 a ct79226x0040a2 11 190 1.5 4.0 -24 12 12 745 120 b ct79127x0040b2 30 62 2.0 12 -32 15 15 1315 330 c ct79337x0040c2 43 52 8.0 32 -65 25 25 1640 470 d ct79477x0040d2 45 30 9.0 35 -80 25 25 2040 63vdc at + 85 c, 40vdc at + 125 c, 31vdc at + 200 c 15 a ct79156x0063a2 8.0 220 2.0 9.0 -22 9.0 9.0 650 82 b ct79826x0063b2 22 70 2.0 12 -36 15 15 1220 220 c ct79227x0063c2 37 55 8.0 32 -50 25 25 1520 330 d ct79337x0063d2 32 31 10.0 40 -72 25 25 1970 80vdc at + 85 c, 50vdc at + 125 c, 40vdc at + 200 c 8.2 a ct79825x0080a2 6.0 280 1.5 3.0 -22 9.0 9.0 610 68 b ct79686x0080b2 21 86 2.0 12 -36 15 15 1200 150 c ct79157x0080c2 25 60 9.0 36 -40 20 20 1490 220 d ct79227x0080d2 37 32 10 40 -60 22 22 1900 100vdc at + 85 c, 63vdc at + 125 c, 50vdc at + 200 c 5.6 a ct79565x0100a2 6.0 475 2.0 5.0 -17 8.0 8.0 565 39 b ct79396x0100b2 10 92 2.0 12 -24 12 12 1300 68 c ct79686x0100c2 15 60 10 40 -30 15 15 1600 100 d ct79107x0100d2 11 36 3.0 24 -35 20 20 1900 125vdc at + 85 c, 80vdc at + 125 c, 62vdc at + 200 c 18 b ct79186x0125b2 8.0 133 2.0 10 -16 8.0 8.0 1065 47 c ct79476x0125c2 9.0 70 2.0 10 -23 10 10 1500 82 d ct79826x0125d2 10.0 39 3.0 24 -24 18 18 1900 max dcl w et tantalum capacitors with glass to t antalum hermetic seal cecc 30202 approved


▲Up To Search▲   

 
Price & Availability of 735DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X