Part Number Hot Search : 
1N6003 CD4041B KL732AT WS628512 SMDA05C SBL3045C 7905CT LQH3C220
Product Description
Full Text Search
 

To Download SY58013U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 6ghz, 1:2 fanout buffer/translator w/400mv lvpecl outputs and internal input termination precision edge SY58013U rev.: b amendment: /0 issue date: may 2005 description  precision 1:2, 400mv lvpecl fanout buffer  guaranteed ac performance over temperature and voltage: > 6ghz f max clock < 80ps t r /t f times < 250ps t pd < 15ps max. skew  low jitter performance: < 10ps pp total jitter (clock) < 1ps rms random jitter (data) < 10ps pp deterministic jitter (data)  accepts an input signal as low as 100mv  unique input termination and v t pin accepts dc- coupled and ac-coupled differential inputs: lvpecl, lvds and cml  400mv lvpecl compatible outputs  power supply 2.5v 5% and 3.3v 10%  ?0 c to +85 c temperature range  available in 16-pin (3mm 3mm) mlf package features applications  all sonet and all gige clock distribution  fibre channel clock and data distribution  backplanes  data distribution: oc-48, oc-48+fec, xaui  high-end, low-skew, multiprocessor synchronous clock distribution the SY58013U is a 2.5v/3.3v precision, high-speed, fully differential 1:2 lvpecl fanout buffer. optimized to provide two identical output copies with less than 15ps of skew and less than 10ps (pk-pk) total jitter, the SY58013U can process clock signals as fast as 6ghz or data patterns up to 10.7gbps. the differential input includes micrel? unique, 3-pin input termination architecture that interfaces to lvpecl, lvds, and cml differential signals, (ac- or dc-coupled) as small as 100mv without any level-shifting or termination resistor networks in the signal path. for ac-coupled input interface applications, an on-board output reference voltage (v ref - ac ) is provided to bias the v t pin. the outputs are 400mv lvpecl compatible, with extremely fast rise/fall times guaranteed to be less than 80ps. the SY58013U operates from a 2.5v 5% supply or 3.3v 10% supply and is guaranteed over the full industrial temperature range (?0 c to +85 c). for applications that require greater output swing or cml compatible outputs, consider the sy58012u 1:2 fanout buffer with 800mv lvpecl outputs, or the sy58011u 1:2 fanout buffer with 400mv cml outputs. the SY58013U is part of micrel? high-speed, precision edge product line. data sheets and support documentation can be found on micrel? web site at www.micrel.com. functional block diagram precison edge is a registered trademark of micrel, inc. micro leadframe and mlf are trademarks of amkor technology, inc. in /in q1 /q1 q0 /q0 v t 50 ? 50 ? v ref -ac typical performance 2ghz output time (70ps/div.) output swing (100mv/div.) v cc = 3.3v 2ghz with 100mv input precision edge
2 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 package/ordering information pin number pin name pin function 1, 4 in, /in differential input: this input pair is the signal to be buffered. each pin is internally terminated with 50 ? to the v t pin. note that this input will default to an indeterminate state if left open. see input interface applications section. 2 vt input termination center-tap: each input terminates to this pin. the v t pin provides a center-tap for each input (in, /in) to a termination network for maximum interface flexibility. see input interface applications section. 3 vref-ac reference output voltage: this output biases to v cc 1.4v. it is used for ac-coupled inputs (in, /in). connect v ref -ac directly to the v t pin. bypass with 0.01 f low esr capacitor to v cc . maximum curent source or sink is 0.5ma. see input interface applications section. 5, 8, 13, 16 vcc positive power supply: bypass with 0.1 f//0.01 f low esr capacitors as close to the v cc pins as possible. 6, 7, 14, 15 gnd, ground. exposed pad must be connected to a ground plane that is the same potential (exposed pad) as the ground pin. 12, 11 q0, /q0, lvpecl differential output pairs: differential buffered output copy of the input signal. the 9, 10 q1, /q1 output swing is typically 400mv. unused output pairs may be left floating with no impact on jitter. see lvpecl output termination section. pin description 13 14 15 16 12 11 10 9 1 2 3 4 8 7 6 5 in vt vref-ac /in q0 /q0 /q1 q1 vcc gnd gnd vcc vcc gnd gnd vcc 16-pin mlf ordering information (1) package operating package lead part number type range marking finish SY58013Umi mlf-16 industrial 013u sn-pb SY58013Umitr (2) mlf-16 industrial 013u sn-pb SY58013Umg (3) mlf-16 industrial 013u with pb-free pb-free bar-line indicator nipdau SY58013Umgtr (2, 3) mlf-16 industrial 013u with pb-free pb-free bar-line indicator nipdau notes: 1. contact factory for die availability. dice are guaranteed at t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package recommended for new designs.
3 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 absolute maximum ratings (note 1) power supply voltage (v cc ) ....................... 0.5v to+4.0v input voltage (v in ) ......................................... 0.5v to v cc output current (i out ) continuous ............................................................. 50ma surge .................................................................... 100ma v t current source or sink current on v t pin ........................ 100ma input current source or sink current on (in, /in) ....................... 50ma v ref current source or sink current on v ref -ac, note 4 ........ 1.5ma soldering, (20 sec.) ................................................... 260 c storage temperature range (t store ) ....... 65 to +150 c operating ratings (note 2) power supply voltage (v cc ) ................. +2.375v to +3.60v operating temperature range (t a ) ........... 40 c to +85 c package thermal resistance, note 3 mlf ( ja ) still-air ............................................................. 60 c/w 500lpfm ............................................................ 54 c/w mlf ( jb ) ....................................................... 33 c/w t a = 40 c to +85 c symbol parameter condition min typ max units v cc power supply voltage 2.375 3.60 v i cc power supply current max. v cc , no load 75 90 ma v ih input high voltage in, /in, note 6 v cc 1.6 v cc v v il input low voltage in, /in 0 v ih 0.1 v v in input voltage swing in, /in; see figure 1a 0.1 1.7 v v diff_in differential input voltage in, /in; see figure 1b 0.2 3.4 v r in in to v t resistance 40 50 60 ? v ref -ac output reference voltage v cc 1.525 v cc 1.4 v cc 1.325 v in to v t 1.28 v dc electrical characteristics (note 5) v cc = 3.3v 10% or v cc = 2.5 5%; r l = 50 ? to v cc 2v; t a = 40 c to 85 c, unless otherwise stated. symbol parameter condition min typ max units v oh output high voltage q0, /q0, q1, /q1 v cc 1.145 v cc 1.020 v cc 0.895 v v ol output low voltage q0, /q0, q1, /q1 v cc 1.545 v cc 1.420 v cc 1.295 v v out output voltage swing q0, /q0, q1, /q1; see figure 1a 200 400 mv v diff_out differential output voltage swing q0, /q0, q1, /q1; see figure 1b 400 800 mv note 1. permanent device damage may occur if absolute maximum ratings are exceeded. this is a stress rating only and functional operat ion is not implied at conditions other than those detailed in the operational sections of this data sheet. exposure to absolute ma ximum ratings conditions for extended periods may affect device reliability. note 2. the data sheet limits are not guaranteed if the device is operated beyond the operating ratings. note 3. thermal performance assumes exposed pad is soldered (or equivalent) to the device s most negative potential on the pcb. note 4. due to the limited drive capability, use for input of the same package only. note 5. the circuit is designed to meet the dc specifications shown in the above table after thermal equilibrium has been established. note 6. v ih (min.) not lower than 1.2v. lvpecl dc electrical characteristics (note 5)
4 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 timing diagram /in in /q q t pd single-ended and differential swings v in , v out (typ. 400mv) figure 1a. single-ended voltage swing v diff_in , v diff_out (typ. 800mv) figure 1b. differential voltage swing v cc = 2.5v 5% or 3.3v 10%; t a = 40 c to +85 c; r l = 50 ? to v cc 2v, unless otherwise stated. symbol parameter condition min typ max units f max maximum operating frequency nrz data 10 gbps v out 200mv clock 6 ghz t pd propagation delay v in 100mv 100 180 250 ps t chan channel-to-channel skew note 8 415ps t skew part-to-part skew note 9 100 ps t jitter data random jitter (rj) note 10 1ps rms deterministic jitter (dj) note 11 10 ps pp clock cycle-to-cycle jitter note 12 1ps rms total jitter (tj) note 13 10 ps pp t r , t f output rise/fall time 20% to 80%, at full output swing 20 50 80 ps note 7. high frequency ac electricals are guaranteed by design and characterization. note 8. skew is measured between outputs of the same bank under identical transitions. note 9. skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs. note 10. rj is measured with a k28.7 comma detect character pattern, measured at 10.7gbps and 2.5gbps/3.2gbps. note 11. dj is measured at 10.7gbps and 2.5gbps/3.2gbps with both k28.5 and 2 23 1 prbs pattern note 12. cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, t n t n 1 where t is the time between rising edges of the output signal. note 13. total jitter definition: with an ideal clock input of frequency f max , no more than one output edge in 10 12 output edges will deviate by more than the specified peak-to-peak jitter value. ac electrical characteristics (note 7)
5 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 typical operating characteristics v cc = 3.3v, gnd = 0, v in = 100mv, t a = 25 c, unless otherwise stated. 0 1 2 3 4 5 6 7 8 9 10 -40 -20 0 20 40 60 80 100 within-device skew (ps) temperature ( c) within-device skew vs. temperature 155 160 165 170 175 180 185 190 0 200 400 600 800 1000 propagation delay (ps) input voltage swing (v) propagation delay vs. input volta g e swin g 135 140 145 150 155 160 165 170 175 180 185 190 195 -40 -20 0 20 40 60 80 100 propagation delay (ps) temperature ( c) propagation delay vs. temperature 250 300 350 400 450 0 1000 2000 3000 4000 5000 6000 amplitude (mv) frequency (mhz) frequency vs. amplitude
6 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 functional characteristics v cc = 3.3v, v ee = 0v, v in = 100mv, t a = 25 c, unless otherwise stated. 7ghz output time (20ps/div.) output swing (100mv/div.) 5ghz output time (25ps/div.) output swing (100mv/div.) 200mhz output time (600ps/div.) output swing (100mv/div.) 10.7gbps output time (25ps/div.) output swing (100mv/div.) (2 23 1 prbs pattern)
7 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 input interface applications lvpecl in /in vt SY58013U v cc r pd v cc v ref -ac nc 0.01 f note: for v cc = 2.5v system, r pd = 19 ? for v cc = 3.3v system, r pd = 50 ? figure 3a. dc-coupled lvpecl input interface lvpecl in /in vt SY58013U v cc v cc v cc 0.01 f r pd r pd v ref -ac note: for v cc = 2.5v, r pd = 50 ? for v cc = 3.3v, r pd = 100 ? figure 3b. ac-coupled lvpecl input interface lvds in /in vt nc SY58013U v cc v cc v ref -ac nc figure 3c. lvds input interface cml in /in vt nc SY58013U v cc v cc v ref -ac nc figure 3d. dc-coupled cml input interface (option: may connect v t to v cc ) input stage 50 ? 50 ? v cc gnd /in v t in figure 2. simplified differential input buffer cml in /in vt 0.01 f SY58013U v cc v cc v cc v ref -ac figure 3e. ac-coupled cml input interface
8 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 r2 82 ? r2 82 ? z o = 50 ? z o = 50 ? +3.3v +3.3v v t = v cc 2v r1 130 ? r1 130 ? +3.3v figure 5. parallel termination thevenin equivalent note 1. for +2.5v systems: r1 = 250 ? , r2 = 62.5 ? note 2. for +3.3v systems: r1 = 130 ? , r2 = 82 ? z = 50 ? z = 50 ? 50 ? 50 ? 50 ? +3.3v +3.3v source destination r b c1 0.01 f (optional) figure 6. three-resistor y termination note 1. power-saving alternative to thevenin termination. note 2. place termination resistors as close to destination inputs as possible. note 3. r b resistor sets the dc bias voltage, equal to v t . for +2.5v systems r b = 39 ? . for +3.3v systems r b = 46 ? to 50 ? . note 4. c1 is an optional bypass capacitor intended to compensate for any t r /t f mismatches. output termination recommendations lvpecl outputs have very low output impedance (open emitter), and small signal swing which results in low emi (electro-magnetic interference). the lvpecl is ideal for driving 50 ? and 100 ? controlled impedance transmission lines. in addition, lvpecl is compatible for driving standard pecl inputs since pecl inputs require only 100mv input swing. further, there are several techniques in terminating the lvpecl outputs, as shown in figure 5 through 7. +3.3v +3.3v z o = 50 ? r2 82 ? +3.3v +3.3v r1 130 ? r1 130 ? r2 82 ? v t = v cc 2v q /q r4 1k ? r3 1.6k ? v t = v cc 1.3v figure 7. terminating unused i/o note 1. unused output (/q) must be terminated to balance the output. note 2. for +2.5v systems: r1 = 250 ? , r2 = 62.5 ? , r3 = 1.25k ? , r4 = 1.2k ? . for +3.3v systems: r1 = 130 ? , r2 = 82 ? , r3 = 1k ? , r4 = 1.6k ? . note 3. unused output pairs (q and /q) may be left floating. part number function data sheet link sy58011u 7ghz, 1:2 cml fanout buffer/translator http://www.micrel.com/product-info/prod/ucts/sy58011u.shtml with internal i/o termination sy58012u 5ghz, 1:2 lvpecl fanout buffer/translator with http://www.micrel.com/product-info/products/sy58012u.shtml internal input termination SY58013U 6ghz, 1:2 fanout buffer/translator w/400mv http://www.micrel.com/product-info/products/SY58013U.shtml lvpecl outputs and internal input termination 16-mlf manufacturing guidelines www.amkor.com/products/notes_papers/mlf_appnote_0902.pdf exposed pad application note m-0317 hbw solutions http://www.micrel.com/product-info/as/solutions.shtml related micrel products and support documentation
9 precision edge SY58013U micrel, inc. m9999-051105 hbwhelp@micrel.com or (408) 955-1690 16 lead micro leadframe (mlf-16) package ep- exposed pad die compside island heat dissipation heavy copper plane heavy copper plane v ee v ee heat dissipation pcb thermal consideration for 16-pin mlf package (always solder, or equivalent, the exposed pad to the pcb) package notes: note 1. package meets level 2 qualification. note 2. all parts are dry-packaged before shipment. note 3. exposed pads must be soldered to a ground for proper thermal management. micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is as sumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2005 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY58013U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X