Part Number Hot Search : 
A3202 00050 SL611 01002 FM1520 SM7513SL VS2TRF W137H
Product Description
Full Text Search
 

To Download RP-2433D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ec 30 www.recom-international.com august 2002 en 60950 5.2kvdc isolation power sharing efficiency to 80% pin compatible with rh & rk series, sip dc-dc converters ul94v-0 package material selection guide econoline - dc/dc-converter rp series, 1 watt, sip7, isolation voltage 5.2 kvdc, en 60950 (single & dual output) specifications (core operating area) and operating temperature / derating-graph part input output output efficiency number voltage voltage current sip 7 (vdc) (vdc) (ma) (%) rp-xx3.3s 5, 9, 12, 15, 24 3.3 303 70 rp-xx05s 3.3, 5, 9, 12, 15, 24 5 200 70 rp-xx09s 3.3, 5, 9, 12, 15, 24 9 111 75 rp-xx12s 3.3, 5, 9, 12, 15, 24 12 84 75-80 rp-xx15s 3.3, 5, 9, 12, 15, 24 15 66 77-82 rp-xx24s 3.3, 5, 9, 12, 15, 24 24 42 80 rp-xx3.3d 5, 9, 12, 15, 24 ?.3 ?52 70 rp-xx05d 3.3, 5, 9, 12, 15, 24 ? ?00 73 rp-xx09d 3.3, 5, 9, 12, 15, 24 ? ?6 75 rp-xx12d 3.3, 5, 9, 12, 15, 24 ?2 42 75-84 rp-xx15d 3.3, 5, 9, 12, 15, 24 ?5 33 77-84 rp-xx24d 3.3, 5, 9, 12, 15, 24 ?4 21 80 input voltage ?0% input filter capacitor type output voltage accuracy ?% line voltage regulation 1,2%/1% v input load voltage regulation 3.3v output types 20% max. (10% to 100% full load) 5v output type 15% max. 9v, 12v, 15v, 24v output types 10% max. ripple and noise (20mhz limited) 100mvp-p max. efficiency at full load 70% min. isolation voltage 5.200vdc min. isolation resistance (viso = 500vdc) 20 g ? min. isolation capacitance 4pf min./10pf max. short circuit protection 1 second switching frequency at full load 100khz typ. operating temperature -40? to +85? (see graph) storage temperature -55? to +125? package weight 2.4g features output power (watts) 2.0 1.5 0.5 1.0 100 50 0 -40 85 125 150 operating temperature ?c safe operating area 0
www.recom-international.com ec 31 august 2002 econoline - dc/dc-converter rp series, 1 watt, sip7, isolation voltage 5.2 kvdc, en 60950 (single & dual output) package style and pinning (mm) 12 5 6 rp-0512d recom **** 7 dual output 12 5 rp-0512s recom **** 7 single output 1.27 0.25 15.24 2.0 12 5 6 7 7.05 19.65 0.51 typ. 4.10 10.20 rp-0512d recom **** 0.51 typ. 1.00 +0.15/? 2.54 2.54 xx.x 0.5 mm xx.xx 0.25 mm 3rd angle projection pin connections pin # single dual 1 +vin +vin 2 ?in ?in 5v out ?out 6nc com 7+v out +vout nc = no connection 7 pin sip package recommended footprint details


▲Up To Search▲   

 
Price & Availability of RP-2433D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X